Part Number Hot Search : 
CHN217 2SD386A F186M C244D L2500 B7758 LT1P53A 56F80
Product Description
Full Text Search
 

To Download LT1185 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LT1185 Low Dropout Regulator
FEATURES
s s s s s s s s s s
Low Resistance Pass Transistor: 0.25 Dropout Voltage: 0.75V at 3A 1% Reference Voltage Accurate Programmable Current Limit Shutdown Capability Internal Reference Available Standard 5-Lead Packages Full Remote Sense Low Quiescent Current: 2.5mA Good High Frequency Ripple Rejection
The LT1185 uses a saturation-limited NPN transistor as the pass element. This device gives the linear dropout characteristics of an FET pass element with significantly less die area. High efficiency is maintained by using special anti-saturation circuitry that adjusts base drive to track load current. The "on resistance" is typically 0.25. Accurate current limit is programmed with a single 1/8W external resistor, with a range of zero to three amperes. A second, fixed internal limit circuit prevents destructive currents if the programming current is accidentally overranged. Shutdown of the regulator output is guaranteed when the program current is less than 1A, allowing external logic control of output voltage. The LT1185 has all the protection features of previous LTC regulators, including power limiting and thermal shutdown. The 4-lead TO-3 package is specified for -55C to 150C operation and the 5-lead TO-220 is specified over 0C to 125C.
, LTC and LT are registered trademarks of Linear Technology Corporation.
DESCRIPTIO
The LT(R)1185 is a 3A low dropout regulator with adjustable current limit and remote sense capability. It can be used as a positive output regulator with floating input or as a standard negative regulator with grounded input. The output voltage range is 2.5V to 25V, with 1% accuracy on the internal reference voltage.
TYPICAL APPLICATI
5V, 3A Regulator with 3.5A Current Limit + +
C2 2F TANT RLIM* 4.3k REF GND FB R1 2.37k
+
VIN - VOUT (V)
VIN 6V TO 16V
-
VIN
LT1185 VOUT
*CURRENT LIMIT = 15k/RLIM = 3.5A
UO
U
+
R2 2.67k C1 2F TANT VOUT 5V AT 3A
LT1185 * TA01
Dropout Voltage
1.6 1.4 1.2 1.0 TJ = 25C 0.8 0.6 0.4 TJ = -55C 0.2 0 0 1 2 LOAD CURRENT (A)
LT1185 * TA02
TJ = 125C
-
3
4
1
LT1185 ABSOLUTE
(Note 1)
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
BOTTOM VIEW GND 1 FB
Input Voltage .......................................................... 35V Input-Output Differential ......................................... 30V FB Voltage ................................................................ 7V REF Voltage .............................................................. 7V Output Voltage ........................................................ 30V Output Reverse Voltage ............................................ 2V Operating Ambient Temperature Range LT1185C ............................................... 0C to 70C LT1185M ......................................... - 55C to 125C Operating Junction Temperature Range* Control Section LT1185C ............................................. 0C to 125C LT1185I .......................................... - 40C to 125C LT1185M ........................................ - 55C to 150C Power Transistor Section LT1185C ............................................. 0C to 150C LT1185I .......................................... - 40C to 150C LT1185M ........................................ - 55C to 175C Storage Temperature Range ................ - 65C to 150C Lead Temperature (Soldering, 10 sec)................ 300C
*See Application Section for details on calculating Operation Junction Temperature
ORDER PART NUMBER
VIN (CASE)
2 3
LT1185MK
4 VOUT
REF K PACKAGE 4-LEAD TO-3 METAL CAN
JC MAX = 2.5C/ W, JA = 35C/W
FRONT VIEW 5 4 3 2 1 TAB IS VIN T PACKAGE 5-LEAD PLASTIC TO-220
JC MAX = 2.5C/ W, JA = 50C/W
ORDER PART NUMBER
REF VOUT VIN FB GND
LT1185CT LT1185IT
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the operating temperature range, otherwise specifications are at TA = 25C. Adjustable version, VIN = 7.4V, VOUT = 5V, IOUT = 1mA, RLIM = 4.02k, unless otherwise noted. PARAMETER
Reference Voltage (At FB Pin) Reference Voltage Tolerance (At FB Pin) (Note 2) VIN - VOUT = 5V, VOUT = VREF 1mA IOUT 3A VIN - VOUT = 1.2V to VIN = 30V P 25W (Note 6), VOUT = 5V TMIN TJ TMAX (Note 9) Feedback Pin Bias Current Droput Voltage (Note 3) Load Regulation (Note 7) Line Regulation (Note 7) Minimum Input Voltage Internal Current Limit (See Graph for Guaranteed Curve) (Note 12) VOUT = VREF IOUT = 0.5A, VOUT = 5V IOUT = 3A, VOUT = 5V IOUT = 5mA to 3A VIN - VOUT = 1.5V to 10V, VOUT = 5V VIN - VOUT = 1V to 20V, VOUT = 5V IOUT = 1A (Note 4), VOUT = VREF IOUT = 3A 1.5V VIN - VOUT 10V VIN - VOUT = 15V VIN - VOUT = 20V VIN - VOUT = 30V
q q q q q
CONDITIONS
MIN
TYP
2.37 0.3 1
MAX
1 2.5
UNITS
V % %
q
0.7 0.20 0.67 0.05 0.002 4.0 4.3 3.3 3.1 2.0 1.0 0.2 3.6 3.0 1.7 0.4
2 0.37 1.00 0.3 0.01
4.2 4.4 4.2 2.6 1.0
2
U
A V V % %/V V V A A A A A
W
U
U
WW
W
LT1185
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the operating temperature range, otherwise specifications are at TA = 25C. Adjustable version, VIN = 7.4V, VOUT = 5V, IOUT = 1mA, RLIM = 4.02k, unless otherwise noted. PARAMETER
External Current Limit Programming Constant External Current Limit Error Quiescent Supply Current Supply Current Change with Load REF Pin Shutoff Current Thermal Regulation (See Applications Information) Reference Voltage Temperature Coefficient Thermal Resistance Junction to Case VIN - VOUT = 10V IOUT = 5mA to 2A (Note 8) TO-3 Control Area Power Transistor TO-220 Control Area Power Transistor
CONDITIONS
5k RLIM 15k, VOUT = 1V (Note 11) 1A ILIM 3A RLIM = 15k * A/ILIM IOUT = 5mA, VOUT = VREF 4V VIN 25V (Note 5) VIN - VOUT = VSAT (Note 10) VIN - VOUT 2V
q
MIN
TYP
15k 0.02 ILIM 0.04 ILIM 2.5 25 10
MAX
UNITS
A*
q q q q q
0.06 ILIM + 0.03 0.09 ILIM + 0.05 3.5 40 25 7 0.014 0.01 1 3 1 3
A A mA mA/A mA/A A %/W %/C C/W C/W C/W C/W
0.4
2 0.005 0.003
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: Reference voltage is guaranteed both at nominal conditions (no load, 25C) and at worst-case conditions of load, line, power and temperature. An intermediate value can be calculated by adding the effects of these variables in the actual application. See the Applications Information section of this data sheet. Note 3: Dropout voltage is tested by reducing input voltage until the output drops 1% below its nominal value. Tests are done at 0.5A and 3A. The power transistor looks basically like a pure resistance in this range so that minimum differential at any intermediate current can be calculated by interpolation; VDROPOUT = 0.25V + 0.25 * IOUT. For load current less than 0.5A, see graph. Note 4: "Minimum input voltage" is limited by base emitter voltage drive of the power transistor section, not saturation as measured in Note 3. For output voltages below 4V, "minimum input voltage" specification may limit dropout voltage before transistor saturation limitation. Note 5: Supply current is measured on the ground pin, and does not include load current, RLIM, or output divider current. Note 6: The 25W power level is guaranteed for an input-output voltage of 8.3V to 17V. At lower voltages the 3A limit applies, and at higher voltages the internal power limiting may restrict regulator power below 25W. See graphs.
Note 7: Line and load regulation are measured on a pulse basis with a pulse width of 2ms, to minimize heating. DC regulation will be affected by thermal regulation and temperature coefficient of the reference. See Applications Information section for details. Note 8: Guaranteed by design and correlation to other tests, but not tested. Note 9: TJMIN = 0C for the LT1185C, - 40C for LT1185I, and -55C for the LT1185M. Power transistor area and control circuit area have different maximum junction temperatures. Control area limits are TJMAX = 125C for the LT1185C and LT1185I and 150C for the LT1185M. Power area limits are 150C for LT1185C and LT1185I and 175C for LT1185M. Note 10: VSAT is the maximum specified dropout voltage; 0.25V + 0.25 * IOUT. Note 11: Current limit is programmed with a resistor from REF pin to GND pin. The value is 15k/ILIM. Note 12: For VIN - VOUT = 1.5V; VIN = 5V, VOUT = 3.5V. VOUT = 1V for all other current limit tests.
3
LT1185
TYPICAL PERFOR A CE CHARACTERISTICS
Internal Current Limit
5 12 10 8 6 4 VOUT = 5V 2 0 30 0 5 20 15 25 10 INPUT VOLTAGE (V) 30 35 ILOAD = 0 TJ = 25C *DOES NOT INCLUDE REF CURRENT OR OUTPUT DIVIDER CURRENT
4 OUTPUT CURRNT (A) GUARANTEED LIMIT 3 TYPICAL
GROUND PIN CURRENT (mA)
VOLTAGE (V)
2 GUARANTEED LIMIT TEST POINTS 0
1
0
25 5 15 20 10 INPUT-OUTPUT DIFFERENTIAL (V)
Ground Pin Current
160 TJ = 25C 140
RATIO VOUT/VIN (dB)
120
CURRENT (mA)
100 80 60 40 20 0 0 1 2 LOAD CURRENT (A)
LT1185 * TPC04
REGULATOR JUST AT DROPOUT POINT
Load Transient Response
10
COUT = 2.2F, ESR = 1
1
COUT = 2.2F, ESR = 2 VOUT = 5V IOUT = 1A ILOAD 0.1A tr,f 100ns
IMPEDANCE ()
100mV
0
2
4
4
UW
LT1185 * TPC01
Quiescent Ground Pin Current*
2.41 2.40 2.39 2.38 2.37 2.36 2.35 2.34
Feedback Pin Voltage Temperature Drift
2.33 -50 -25 0 25 50 75 100 125 150 JUNCTION TEMPERATURE (C)
LT1185 * TPC03
LT1185 * TPC02
Ripple Rejection vs Frequency
-100
-80 ALL OUTPUT VOLTAGES WITH 0.05F ACROSS R2 VOUT = 5V VIN - VOUT = 1.5V
-60
-40
VIN - VOUT = 5V
-20
3
4
0 100
1k
10k 100k FREQUENCY (Hz)
1M
LT1185 * TPC05
Output Impedance
OUTPUT IMPEDANCE IS SET BY OUTPUT CAPACITOR ESR IN THIS REGION
0.1
0.01 VOUT = 5V IOUT = 1A COUT = 2.2F 0.001 1k 10k 100k FREQUENCY (Hz) 1M
LT1183 * TPC07
6
8 10 TIME (s)
12
14
16
LT1185 * TPC06
LT1185
APPLICATIO S I FOR ATIO
Block Diagram
A simplified block diagram of the LT1185 is shown in Figure 1. A 2.37V bandgap reference is used to bias the input of the error amplifier A1, and the reference amplifier A2. A1 feeds a triple NPN pass transistor stage which has the two driver collectors tied to ground so that the main pass transistor can completely saturate. This topology normally has a problem with unlimited current in Q1 and Q2 when the input voltage is less than the minimum required to create a regulated output. The standard "fix" for this problem is to insert a resistor in series with Q1 and Q2 collectors, but this resistor must be low enough in value to supply full base current for Q3 under worst-case
VREF 2.37V
A2
D2
A5
-
+
I1 2A D1
300mV VIN
U
conditions, resulting in very high supply current when the input voltage is low. To avoid this situation, the LT1185 uses an auxiliary emitter on Q3 to create a drive limiting feedback loop which automatically adjusts the drive to Q1 so that the base drive to Q3 is just enough to saturate Q3, but no more. Under saturation conditions, the auxiliary emitter is acting like a collector to shunt away the output current of A1. When the input voltage is high enough to keep Q3 out of saturation, the auxiliary emitter current drops to zero even when Q3 is conducting full load current.
GND RLIM (EXTERNAL) REF FB
W
UU
+ -
-
A1 Q4
+
Q1 D4 D3 Q2 Q3 A4 A3
VOUT
+
R1 350
-
+
-
R2 0.055
LT1185 * BD
200mV
Figure 1. Block Diagram
5
LT1185
APPLICATIO S I FOR ATIO
Amplifier A2 is used to generate an internal current through Q4 when an external resistor is connected from the REF pin to ground. This current is equal to 2.37V divided by RLIM. It generates a current limit sense voltage across R1. The regulator will current limit via A4 when the voltage across R2 is equal to the voltage across R1. These two resistors essentially form a current "amplifier" with a gain of 350/0.055 = 6,360. Good temperature drift is inherent because R1 and R2 are made from the same diffusions. Their ratio, not absolute value, determines current limit. Initial accuracy is enhanced by trimming R1 slightly at wafer level. Current limit is equal to 15k/RLIM. D1 and I1 are used to guarantee regulator shutdown when REF pin current drops below 2A. A current less than 2A through Q4 causes the +input of A5 to go low and shut down the regulator via D2. A3 is an internal current limit amplifier which can override the external current limit. It provides "goof proof" protection for the pass transistor. Although not shown, A3 has a nonlinear foldback characteristic at input-output voltages above 12V to guarantee safe area protection for Q3. See the graph, Internal Current Limit in the Typical Performance Characteristics of this data sheet. Setting Output Voltage The LT1185 output voltage is set by two external resistors (see Figure 2). Internal reference voltage is trimmed to 2.37V so that a standard 1% 2.37k resistor (R1) can be used to set divider current at 1mA. R2 is then selected from: R2 = (VOUT - 2.37) R1 VREF
for R1 = 2.37k and VREF = 2.37V, this reduces to: R2 = VOUT - 2.37k suggested values of 1% resistors are shown.
VOUT
5V 5.2V 6V 12V 15V
R2 WHEN R1 = 2.37k
2.67k 2.87k 3.65k 9.76k 12.7k
6
U
Output Capacitor The LT1185 has a collector output NPN pass transistor, which makes the open-loop output impedance much higher than an emitter follower. Open-loop gain is a direct function of load impedance, and causes a main-loop "pole" to be created by the output capacitor, in addition to an internal pole in the error amplifier. To ensure loop stability, the output capacitor must have an ESR (effective series resistance) which has an upper limit of 2, and a lower limit of 0.2 divided by the capacitance in F. A 2F output capacitor, for instance, should have a maximum ESR of 2, and a minimum of 0.2/2 = 0.1. These values are easily encompassed by standard solid tantalum capacitors, but occasionally a solid tantalum unit will have abnormally high ESR, especially at very low temperatures. The suggested 2F value shown in the circuit applications should be increased to 4.7F for - 40C and - 55C designs if the 2F units cannot be guaranteed to stay below 2 at these temperatures. Although solid tantalum capacitors are suggested, other types can be used if they meet the ESR requirements. Standard aluminum electrolytic capacitors need to be upward of 25F in general to hold 2 maximum ESR, especially at low temperatures. Ceramic, plastic film, and monolithic capacitors have a problem with ESR being too low. These types should have a 1 carbon resistor in series to guarantee loop stability. The output capacitor should be located close to the regulator ( 3") to avoid excessive impedance due to lead inductance. A six inch lead length (2 * 3") will generate an extra 0.8 inductive reactance at 1MHz, and unity-gain frequency can be up to that value. For remote sense applications, the capacitor should still be located close to the regulator. Additional capacitance can be added at the remote sense point, but the remote capacitor must be at least 2F solid tantalum. It cannot be a low ESR type like ceramic or mylar unless a 0.5 to 1 carbon resistor is added in series with the capacitor. Logic boards with multiple low ESR bypass capacitors should have a solid tantalum unit added in parallel whose value is approximately five times the combined value of low ESR capacitors.
W
UU
LT1185
APPLICATIO S I FOR ATIO
Large output capacitors (electrolytic or solid tantalum) will not cause the LT1185 to oscillate, but they will cause a damped "ringing" at light load currents where the ESR of the capacitor is several orders of magnitude lower than the load resistance. This ringing only occurs as a result of transient load or line conditions and normally causes no problems because of its low amplitude ( 25mV). Heat Sinking The LT1185 will normally be used with a heat sink. The size of the heat sink is determined by load current, input and output voltage, ambient temperature, and the thermal resistance of the regulator, junction-to-case (JC). The LT1185 has two separate values for JC: one for the power transistor section, and a second, lower value for the control section. The reason for two values is that the power transistor is capable of operating at higher continuous temperature than the control circuitry. At low power levels, the two areas are at nearly the same temperature, and maximum temperature is limited by the control area. At high power levels, the power transistor will be at a significantly higher temperature than the control area and its maximum operating temperature will be the limiting factor. To calculate heat sink requirements, you must solve a thermal resistance formula twice, one for the power transistor and one for the control area. The lowest value obtained for heat sink thermal resistance must be used. In these equations, two values for maximum junction temperature and junction-to-case thermal resistance are used, as given in Electrical Specifications. (T - TAMAX) HS = JMAX - JC - CHS. P HS = Maximum heat sink thermal resistance JC = LT1185 junction-to-case thermal resistance CHS = Case-to-heat sink (interface) thermal resistance, including any insulating washers TJMAX = LT1185 maximum operating junction temperature TAMAX = Maximum ambient temperature in customers application P = Device dissipaton I = (VIN - VOUT) (IOUT) + OUT (VIN) 40
U
Example: A commercial version of the LT1185 in the TO-220 package is to be used with a maximum ambient temperature of 60C. Output voltage is 5V at 2A. Input voltage can vary from 6V to 10V. Assume an interface resistance of 1C/W. First solve for control area, where the maximum junction temperature is 125C for the TO-220 package, and JC = 1C/W:
W
UU
P = (10V - 5V) (2A) + 2A (10V) = 10.5W 40 HS = 125C - 60C - 1C/W - 1C/W = 4.2C/W 10.5W
Next, solve for power transistor limitation, with TJMAX = 150C, JC = 3C/W:
HS = 150 - 60 - 3 - 1 = 4.6C/W 10.5
The lowest number must be used, so heat sink resistance must be less than 4.2C/W. Some heat sink data sheets show graphs of heat sink temperature rise vs power dissipation instead of listing a value for thermal resistance. The formula for HS can be rearranged to solve for maximum heat sink temperature rise: THS = TJMAX - TAMAX - P(JC + CHS) Using numbers from the previous example: THS = 125C - 60 - 10.5(1 + 1) = 44C control section THS = 150C - 60 - 10.5(3 + 1) = 48C power transistor The smallest rise must be used, so heat sink temperature rise must be less than 44C at a power level of 10.5W. For board level applications, where heat sink size may be critical, one is often tempted to use a heat sink which barely meets the requirements. This is permissible if correct assumptions were made concerning maximum ambient temperature and power levels. One complicating
7
LT1185
APPLICATIO S I FOR ATIO
factor is that local ambient temperature may be somewhat higher because of the point source of heat. The consequences of excess junction temperature include poor reliability, especially for plastic packages, and the possibility of thermal shutdown or degraded electrical characteristics. The final design should be checked in situ with a thermocouple attached to the regulator case under worstcase conditions of high ambient, high input voltage and full load. What About Overloads? IC regulators with thermal shutdown, like the LT1185, allow heat sink designs which concentrate on worst-case "normal" conditions and ignore "fault" conditions. An output overload or short may force the regulator to exceed its maximum junction temperature rating, but thermal shutdown is designed to prevent regulator failure under these conditions. A word of caution however; thermal shutdown temperatures are typically 175C in the control portion of the die and 180C to 225C in the power transistor section. Extended operation at these temperatures can cause permanent degradation of plastic encapsulation. Designs which may be subjected to extended periods of overload should either use the hermetic TO-3 package or increase heat sink size. Foldback current limiting can be implemented to minimize power levels under fault conditions. External Current Limit The LT1185 requires a resistor to set current limit. The value of this resistor is 15k divided by the desired current limit (in amps). The resistor for 2A current limit would be 15k/2A = 7.5k. Tolerance over temperature is 10%, so current limit is normally set 15% above maximum load current. Foldback limiting can be employed if short-circuit current must be lower than full load current (see Typical Applications). The LT1185 has internal current limiting which will override external current limit if power in the pass transistor is
8
U
excessive. The internal limit is 3.6A with a foldback characteristic which is dependent on input-output voltage, not output voltage per se (see Typical Performace Characteristics). Ground Pin Current Ground pin current for the LT1185 is approximately 2mA plus IOUT/40. At IOUT = 3A, ground pin current is typically 2mA + 3/40 = 77mA. Worst case guarantees on the ratio of IOUT to ground pin current are contained in the Electrical Specifications. Ground pin current can be important for two reasons. It adds to power dissipation in the regulator and it can affect load/line regulation if a long line is run from the ground pin to load ground. The additional power dissipation is found by multiplying ground pin current by input voltage. In a typical example, with VIN = 8V, VOUT = 5V and IOUT = 2A, the LT1185 will dissipate (8V - 5V)(2A) = 6W in the pass transistor and (2A/40)(8V) = 0.4W in the internal drive circuitry. This is only a 1.5% efficiency loss, and a 6.7% increase in regulator power dissipation, but these values will increase at higher output voltages. Ground pin current can affect regulation as shown in Figure 2. Parasitic resistance in the ground pin lead will create a voltage drop which increases output voltage as load current is increased. Similarly, output voltage can decrease as input voltage increases because the "IOUT/40" component of ground pin current drops significantly at higher input-output differentials. These effects are small enough to be ignored for local regulation applications, but for remote sense applications, they may need to be considered. Ground lead resistance of 0.4 would cause an output voltage error of up to (3A/40)(0.4) = 30mV, or 0.6% at VOUT = 5V. Note that if the sense leads are connected as shown in Figure 2, with ra 0, this error is a fixed number of millivolts, and does not increase as a function of DC output voltage.
W
UU
LT1185
APPLICATIO S I FOR ATIO
+
VIN
RLIM REF GND FB
-
VIN
LT1185 VOUT
*R1 SHOULD BE CONNECTED DIRECTLY TO GROUND LEAD, NOT TO THE LOAD, SO THAT ra 0. THIS LIMITS THE OUTPUT VOLTAGE ERROR TO (IGND)(rb). ERRORS CREATED BY ra ARE MULTIPLIED BY (1 + R2/R1). NOTE THAT VOUT INCREASES WITH INCREASING GROUND PIN CURRENT. R2 SHOULD BE CONNECTED DIRECTLY TO LOAD FOR REMOTE SENSING
Figure 2. Proper Connection of Positive Sense Lead
Shutdown Techniques The LT1185 can be shut down by open-circuiting the REF pin. The current flowing into this pin must be less than 0.4A to guarantee shutdown. Figure 3 details several ways to create the "open" condition, with various logic levels. For variations on these schemes, simply remember that the voltage on the REF pin is 2.4V negative with respect to the ground pin. Output Overshoot Very high input voltage slew rate during start-up may cause the LT1185 output to overshoot. Up to 20% overshoot could occur with input voltage ramp-up rate exceeding 1V/s. This condition cannot occur with normal 50Hz to 400Hz rectified AC inputs because parasitic resistance and inductance will limit rate of rise even if the power switch is closed at the peak of the AC line voltage. This assumes that the switch is in the AC portion of the circuit.
U
PARASITIC LEAD RESISTANCES ra - rb + IGND R1* 2.37k LOAD VOUT
W
UU
+
R2
-
LT1185 * F02
If instead, a switch is placed directly in the regulator input so that a large filter capacitor is precharged, fast input slew rates will occur on switch closure. The output of the regulator will slew at a rate set by current limit and output capacitor size; dVdt = ILIM/COUT. With ILIM = 3.6A and COUT = 2.2F, the output will slew at 1.6V/s and overshoot can occur. This overshoot can be reduced to a few hundred millivolts or less by increasing the output capacitor to 10F and/or reducing current limit so that output slew rate is held below 0.5V/s. A second possibility for creating output overshoot is recovery from an output short. Again, the output slews at a rate set by current limit and output capacitance. To avoid overshoot, the ratio ILIM/COUT should be less than 0.5 x 106. Remember that load capacitance can be added to COUT for this calculation. Many loads will have multiple supply bypass capacitors that total more than COUT.
9
LT1185
APPLICATIO S I FOR ATIO
+
5V Logic, Positive Regulated Output
RLIM 4k REF GND FB LT1185 VOUT VIN
VIN
R7 2.4k
R6 30k
-
*CMOS LOGIC FOR HIGHER VALUES OF RLIM, MAKE R7 = (RLIM)(0.6)
5V Logic, Negative Regulated Output
5V
R4 33k
VIN
-
Figure 3. Shutdown Techniques
10
U
+ VOUT
R1
*
W
UU
5V
+
R2 R5 300k
Q1 2N3906
LT1185 * F3a
"HI" = OUTPUT "OFF" 3 EA 1N4148
Q1 2N3906 RLIM REF GND FB VIN LT1185 VOUT
LT1185 * F03b
LT1185
APPLICATIO S I FOR ATIO
Thermal Regulation
IC regulators have a regulation term not found in discrete designs because the power transistor is thermally coupled to the reference. This creates a shift in the output voltage which is proportional to power dissipation in the regulator. VOUT = P(K1 + K2 JA) = (IOUT)(VIN - VOUT)(K1 + K2 JA) K1 and K2 are constants. K1 is a fast time constant effect caused by die temperature gradients which are established within 50ms of a power change. K1 is specified on the data sheet as thermal regulation, in percent per watt. K2 is a long time constant term caused by the temperature drift of the regulator reference voltage. It is also specified, but in percent per degree centigrade. It must be multiplied by overall thermal resistance, junction-to-ambient, JA. As an example, assume a 5V regulator with an input voltage of 8V, load current of 2A, and a total thermal resistance of 4C/W, including junction-to-case, (use control area specification), interface, and heat sink resistance. K1 and K2, respectively, from the data sheet are 0.014%/W and 0.01%/C. VOUT = (2A)(8V - 5V)(0.014 + 0.01 * 4) = 0.32%
U
This shift in output voltage could be in either direction because K1 and K2 can be either positive or negative. Thermal regulation is already included in the worst case reference specification. Output Voltage Reversal Some IC regulators suffer from a latch-up state when their output is forced to a reverse voltage of as little as one diode drop. The latch-up state can be triggered without a fault condition when the load is connected to an opposite polarity supply instead of to ground. If the second supply is turned on first, it will pull the output of the first supply to a reverse voltage through the load. The first supply may then latch off when turned on. This problem is particularly annoying because the diode clamps which should always be used to protect against polarity reversal do not usually stop the latch-up problem. The LT1185 is designed to allow output reverse polarity of several volts without damage or latch-up, so that a simple diode clamp can be used.
W
UU
11
LT1185
TYPICAL APPLICATIO S
Foldback Current Limiting
+
R3 15k R4 5.36k R1 2.37k
VIN
2F TANT GND
VOUT (NORMALIZED)
+
Q1 2N3906
REF FB
-
VIN
LT1185 VOUT
LT1185 * TA03a
Auxiliary + 12V Low Dropout Regulator for Switching Supply
* RLIM R1 2.37k GND FB VIN LT1185 VOUT R2 9.76k 12V REGULATED AUXILIARY
PRIMARY
*DIODE CONNECTION INDICATES A FLYBACK SWITCHING TOPOLOGY, BUT FORWARD CONVERTERS MAY ALSO BE USED
12
U
+
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 ISHORT-CIRCUIT = 15k R3 IOUT
LT1185 * TA03b
IFULL LOAD = 15k + 10.8k R4 R3
+
2F TANT
VOUT
R2 2.61k
-
0
+
REF
+
*
5V MAIN OUTPUT
+
5V CONTROL
LT1185 * TA04
LT1185
TYPICAL APPLICATIO S
Low Input Voltage Monitor Tracks Dropout Characteristics
+ +
VIN C2 2.2F TANT R3 360k 4k REF R5* 0.01 R4** 1k VIN LT1185 VOUT GND FB R2 2.6k R1 2.37k
-
R6** 1k
OPTIONAL HYSTERSIS 2M
3
+
LT1006 + V 7 - V- 4
LT1185 * TA05
2
Time Delayed Start-Up
+
D3 R3** 15k D2 RLIM*** R1 2.37k
VIN
D1
TIME CONSTANTS (t)*
+ -
Q1** C2 2.2F C3* VIN
REF
LT1185 VOUT
ALL DIODES 1N4148 *SEE CHART FOR DELAY TIME VERSUS (C3)(R3//RLIM) PRODUCT **FOR LONG DELAY TIMES, REPLACE D2 WITH 2N3906 TRANSISTOR AND USE R3 ONLY FOR CALCULATING DELAY TIME. R3 CAN INCREASE TO 100k ***ILIM IS 11k/RLIM, INSTEAD OF 15k, BECAUSE OF VOLTAGE DROP IN D1. TEMPERATURE COEFFICIENT OF ILIM WILL BE 0.11%/C, SO ADEQUATE MARGIN MUST BE ALLOWED FOR COLD OPERATION D3 PROVIDES FAST RESET OF TIMING. INPUT MUST DROP TO A LOW VALUE TO RESET TIMING
U
+
*3" #26 WIRE **R4 DETERMINES TRIP POINT AT IOUT = 0 R6 DETERMINES INCREASE OF TRIP POINT AS IOUT INCREASES TRIP POINT FOR VIN = VOUT 1 + R4 * R7 + IOUT R5 * R7 R6 R3 * R6 FOR VALUES SHOWN, TRIP POINT FOR VIN IS: VOUT + 0.37V AT IOUT = 0 AND VOUT = 1.18V AT IOUT = 3A DO NOT SUBSTITUTE. OP AMP MUST HAVE COMMON MODE RANGE EQUAL TO NEGATIVE SUPPLY
+
C1 2.2F VOUT TANT
(
)
-
R7 27k
"LOW" FOR LOW INPUT OUTPUT SWINGS FROM VIN+ TO VIN-
Delay Time
+
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 5 10 20 15 INPUT VOLTAGE (V) 25 30
+
GND FB
C1 2.2F TANT
VOUT
R2
-
LT1185 * TA06
R3 * RLIM *t = (R3//RLIM)(C3) = (C3) R3 + RLIM
(
)
LT1185 * TA07
13
REF GND
LT1185
R15 4k R17 6k R16 1k R7 500 R18 2k Q18 Q19 R12 2k R13 2k R14 3.2k
R1 5.5k
C1 10pF
Q6 R8 6.5k Q17 Q9 Q15 Q16 Q7 Q8
R2 3k
R3 3k
SCHE ATIC DIAGRA
Q1 R9 2.7k Q11 Q12 Q53
Q2
Q20 R19 20k D4 Q48 Q13 Q14 R53 10k Q46 C2 Q31 Q45 Q43 Q44 R52 10k Q42 Q52 Q28 R23 80 Q23 R24 6k Q24 VOUT Q30 Q29 Q22 R11 220 Q21 FB
R4 520
Q5
Q3
Q4
R5 600
R54 4k
Q49
Q47
Q41 D1 Q51 R49 700 Q36 R50 160 Q40 Q37 R46 8k R47 4k R48 2k Q35 Q34 Q32 R42 50k R40 1k R43 50k R39 1k Q33 R45 1.3k C3 30pF R44 5k
C4 10pF
R35 20k
R34 300
R26 1k C5 10pF Q27 Q26 Q25
Q39
R36 20k
R55 30k
R38 20k R31 200 R38 400 R37 1k R28 0.055 VIN
LT1185 * SD
Q50
R56 600
10k
W
W
14
500 R6 750
LT1185
PACKAGE DESCRIPTIO U
Dimensions in inches (millimeters) unless otherwise noted.
K Package 4-Lead TO-3 Metal Can
(LTC DWG # 05-08-1311)
1.177 - 1.197 (29.90 - 30.40) 0.320 - 0.350 (8.13 - 8.89) 0.760 - 0.775 (19.30 - 19.69) 0.060 - 0.135 (1.524 - 3.429) 0.470 TP P.C.D. 0.655 - 0.675 (16.64 - 19.05) 0.151 - 0.161 (3.84 - 4.09) DIA 2 PLC 0.167 - 0.177 (4.24 - 4.49) R 0.038 - 0.043 (0.965 - 1.09) 18 72 0.495 - 0.525 (12.57 - 13.34) R
K4(TO-3) 0695
0.420 - 0.480 (10.67 - 12.19)
T Package 5-Lead Plastic TO-220 (Standard)
(LTC DWG # 05-08-1421)
0.390 - 0.415 (9.906 - 10.541)
0.147 - 0.155 (3.734 - 3.937) DIA 0.230 - 0.270 (5.842 - 6.858)
0.165 - 0.180 (4.191 - 4.572)
0.045 - 0.055 (1.143 - 1.397)
0.460 - 0.500 (11.684 - 12.700)
0.570 - 0.620 (14.478 - 15.748) 0.330 - 0.370 (8.382 - 9.398) 0.700 - 0.728 (17.78 - 18.491)
0.620 (15.75) TYP
0.152 - 0.202 0.260 - 0.320 (3.861 - 5.131) (6.60 - 8.13)
0.095 - 0.115 (2.413 - 2.921)
0.013 - 0.023 (0.330 - 0.584) 0.057 - 0.077 (1.448 - 1.956) 0.028 - 0.038 (0.711 - 0.965) 0.135 - 0.165 (3.429 - 4.191) 0.155 - 0.195 (3.937 - 4.953)
T5 (TO-220) 0398
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of circuits as described herein will not infringe on existing patent rights.
15
LT1185
TYPICAL APPLICATIO S
Logic Controlled 3A Low-Side Switch with Fault Protection
5V
+
+
VIN
-
NOTE: C3 IMPOVES HIGH FREQUENCY RIPPLE REJECTION BY 6dB AT VOUT = 5V, AND BY 14dB AT VOUT = 12V. C1 IS INCREASED TO 4.7F TO ENSURE GOOD STABILTITY WHEN C3 IS USED
RELATED PARTS
PART NUMBER LT1085 LT1117 LT1120A LT1129 LT1175 LT1585 DESCRIPTION 7.5A Low Dropout Regulator 800mA Low Dropout Regulator with Shutdown Micropower Regulator with Comparator and Shutdown 200mA Micropower Low Dropout Regulator 500mA Negative Low Dropout Micropower Regulator 4.6A Low Dropout Fast Transient Response Regulator COMMENTS 1V Dropout Voltage Reverse Voltage and Reverse Current Protection 20A Supply Current, 2.5V Reference Output 400mV Dropout Voltage, 50A Supply Current 45A Supply Current, Adjustable Current Limit For High Performance Microprocessors
16
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX: (408) 434-0507 q www.linear-tech.com
U
RLIM 4k REF GND LOAD 1N4001 ADD FOR INDUCTIVE LOADS
FB
LT1185
VOUT
VIN
LT1185 * TA08
Improved High Frequency Ripple Rejection
+
C2 2.2F TANT RLIM R1 2.37k GND FB VIN LT1185 VOUT
LT1185 * TA09
REF
C1 4.7F TANT R2 C3 0.05F
VOUT
-
1185fd LT/GP 0499 2K REV D * PRINTED IN USA
(c) LINEAR TECHNOLOGY CORPORATION 1994


▲Up To Search▲   

 
Price & Availability of LT1185

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X