Part Number Hot Search : 
ZMC16 T1621 74LCX0 S20K275 AA119 ZUMT918 M25P40 74LCX0
Product Description
Full Text Search
 

To Download KTD1411 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
GENERAL PURPOSE DARLINGTON TRANSISTOR. FEATURES
High DC Current Gain : hFE=3000(Min.) (VCE=2V, IC=1A)
C
KTD1411
EPITAXIAL PLANAR NPN TRANSISTOR
A B E F G D
H
MAXIMUM RATING (Ta=25
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current
)
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg RATING 80 60 10 4 0.5 15 150 -55 150 UNIT V V V A A W
N
J K L
M O 1 2 3
P
Collector Power Dissipation (Tc=25 ) Junction Temperature Storage Temperature Range
1. EMITTER 2. COLLECTOR 3. BASE
DIM A B C D E F G H J K L M N O P
MILLIMETERS 8.3 MAX 5.8 0.7 _ 3.2 + 0.1 3.5 _ 11.0 + 0.3 2.9 MAX 1.0 MAX 1.9 MAX _ 0.75 + 0.15 _ 15.50 + 0.5 _ 2.3 + 0.1 _ 0.65 + 0.15 1.6 3.4 MAX
TO-126
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current Collector-Emitter Breakdown Voltage DC Current Gain Collector-Emitter Base-Emitter
)
TEST CONDITION VCB=80V, IE=0 VEB=10V, IC=0 IC=10mA, IB=0 VCE=2V, IC=1A VCE=2V, IC=3A IC=3A, IB=30mA IC=3A, IB=30mA MIN. 60 3000 1000 TYP. MAX. 20 100 1.5 2.0 V UNIT A A V ICBO IEBO
SYMBOL
V(BR)CEO hFE(1) hFE(2) VCE(sat) VBE(sat)
Saturation Voltage
2003. 7. 24
Revision No : 2
1/2
KTD1411
h FE - I C
VCE =2V
VCE(sat) - I C
SATURATION VOLTAGE VCE(sat) (V) 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.1 0.3 0.5 1 3 5 10
COMMON EMITTER I C /I B =100
30k DC CURRENT GAIN h FE
10k 5k 3k
1k 500 0.1 0.3 0.5 1 3 5 10
COLLECTOR CURRENT I C (A)
COLLECTOR CURRENT I C (A)
SAFE OPERATING AREA I C - V BE
COLLECTOR CURRENT I C (A) 4 COLLECTOR CURRENT I C (A)
VCE =3V
10
I C MAX.(PULSED)*
S 100
5 3
I C MAX.(CONTINUOUS)
D O TI RA C PE 5 O =2 C Tc
10m
*
1m
3
S*
S*
N
2
1 0.5 0.3
* SINGLE NONREPETITIVE PULSE Tc=25 C CURVES MUST BE DERATED LINEARLY WITH INCREASE IN TEMPERATURE
0
0
0.5
1
1.5
2
0.1 1 3 5 10 30 50 100 COLLECTOR-EMITTER VOLTAGE V CE (V)
BASE EMITTER VOLTAGE VBE (V)
COLLECTOR POWER DISSIPATION PC (W)
P C - Ta
18 16 14 12 10 8 6 4 2 0 0 25 50 75 100 125 150 175 200
Tc=Ta INFINITE HEAT SINK
AMBIENT TEMPERATURE Ta ( C)
2003. 7. 24
Revision No : 2
VCEO MAX.
1
2/2


▲Up To Search▲   

 
Price & Availability of KTD1411

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X