Part Number Hot Search : 
HD74LS1 PE1400 G3297 HD10M25 QX2303 2N1925 RLM682M3 FMMT4
Product Description
Full Text Search
 

To Download IDT7099S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
Integrated Device Technology, Inc.
IDT7099S
FEATURES:
* High-speed clock-to-data output times -- Military: 20/25/30ns (max.) -- Commercial: 15/20/25ns (max.) * Low-power operation -- IDT7099S Active: 900 mW (typ.) Standby: 50 mW (typ.) * Architecture based on Dual-Port RAM cells -- Allows full simultaneous access from both ports -- Independent bit/byte Read and Write inputs for control functions * Synchronous operation -- 4ns setup to clock, 1ns hold on all control, data, and address inputs -- Data input, address, and control registers -- Fast 15ns clock to data out -- 20ns cycle times, 50MHz operation * Clock enable feature * Guaranteed data output hold times * Available in 68-pin PGA, 68-pin PLCC, and 80-pin TQFP * Military product compliant to MIL-STD-883, Class B * Industrial temperature range (-40C to +85C) is available, tested to military electrical specifications
DESCRIPTION:
The IDT7099 is a high-speed 4K x 9 bit synchronous DualPort RAM. The memory array is based on Dual-Port memory cells to allow simultaneous access from both ports. Registers on control, data, and address inputs provide low set-up and hold times. The timing latitude provided by this approach allow systems to be designed with very short realized cycle times. With an input data register, this device has been optimized for applications having unidirectional data flow or bi-directional data flow in bursts. Changing data direction from reading to writing normally requires one dead cycle. These Dual-Ports typically operate on only 900mW of power at maximum high-speed clock-to-data output times as fast as 15ns. An automatic power down feature, controlled by CE, permits the on-chip circuitry of each port to enter a very low standby power mode. The IDT7099 is packaged in a 68-pin PGA, 68-pin PLCC, and a 80-pin TQFP. Military grade product is manufactured in compliance with the latest revision of MIL-STD-883, Class B, making it ideally suited to military temperature applications demanding the highest level of performance and reliability.
FUNCTIONAL BLOCK DIAGRAM
REGISTER REGISTER
I/O8L I/O0-7L
WRITE LOGIC SENSE AMPS
MEMOR MEMORY Y ARRAY ARRAY DECODER DECODER
WRITE LOGIC SENSE AMPS
I/O8R I/O0-7R
BIT OEL BYTE OEL CLKL
REG en
REG en
BIT OER BYTE OER CLKR
CLKEN
BIT R/WL BYTE R/WL REG A0L-A11L A0R-A11R Write Control Logic Write Control Logic
CLKENR
BIT R/WR REG BYTE R/WR
CEL
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
CER
3007 drw 01
MILITARY AND COMMERCIAL TEMPERATURE RANGES
(c)1996 Integrated Device Technology, Inc. For latest information contact IDT's web site at www.idt.com or fax-on-demand at 408-492-8391.
OCTOBER 1996
DSC-3007/3
6.23
1
IDT7099S HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS (1,2)
A0R A1R A2R A3R A4R A5R A6R
59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
A5L A4L A3L A2L A1L A0L
INDEX
9
8
7
6
5
4
3
CLKL CLKR
2 1
A6L A7L A8L A9L A10L A11L BYTE OEL BIT OEL VCC BYTE R/WL BIT R/WL N/C
CEL
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26
68 67 66 65 64 63 62 61 60
CLKEN R
CLKENL
IDT7099 J68-1 68-Pin PLCC Top View (3)
A7R A8R A9R A10R A11R BYTE OER BIT OER GND GND BYTE R/WR BIT R/WR N/C
CER
GND I/O8L I/O7L I/O6L
GND I/O8R I/O7R I/O6R
3007 drw 03
A A
53
0R 1R
51
50
N/C I/O5L VCC I/O4L I/O3L I/O2L I/O1L I/O0L GND GND I/O0R I/O1R I/O2R I/O3R VCC I/O4R I/O5R
48 46 44 42 40 38 36
A5L
52
A4L
49
A2L
47
A0L
45
CLKL
43
CLKENR
41
A1R
39
A3R
37
A5R
35 34
A7L
55 54
A6L
A3L
A1L
CLKENL
CLKR
A0R
A2R
A4R
A6R
32 33
A7R
A9L
57 56
A8L
A9R
30
A8R
31
A11L
59 58
A10L
A11R
28
A10R
29
OEL
61
BIT
BYTE
OEL
60
IDT7099 G68-1 68-Pin PGA Top View (3)
OER
26
BIT
BYTE
OER
27
BYTE R/WL
63 62
VCC
GND
24
GND
25
NC
65
BIT R/WL
64
BIT R/WR
22
BYTE R/WR
23
GND
67 66
CEL
I/O8L
1 3 5 7 9 11 13 15
CER
20 21
NC
I/O7L
68
I/O8R
18
GND
19
I/O6L
2
NC
4
VCC
6
I/O3L
8
I/O1L
GND
10
I/O0R
12
I/O2R
14
VCC
16
I/O6R
17
I/O7R
I/O5L INDEX A B
I/O4L C
I/O2L D
I/O0L E
GND F
I/O1R G
I/O3R H
I/O4R J
I/O5R K L
3007 drw 02
NOTES: 1. All VCC pins must be connected to power supply. 2. All ground pins must be connected to ground supply. 3. This text does not indicate orientation of the actual part-marking.
6.23
2
IDT7099S HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS (CONT'D) (1,2)
N/C N/C A5L A4L A3L A2L A1L A0L CLKL CLKR
Reference
CLKENL CLKEN R
N/C A6L A7L A8L A9L A10L A11L N/C BYTE OE L BIT OEL VCC BYTE R/WL BIT R/WL N/C
CE L
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 60 59 58 57 56 55 54
A0R A1R A2R A3R A4R A5R A6R N/C
53 52 51 50 49 48 47 46 45 44 43 42 41
IDT7099 PN80-1 80-Pin TQFP Top View (3)
N/C A7R A8R A9R A10R A11R N/C BYTE OE R BIT OE R GND GND BYTE R/WR BIT R/WR N/C
CE R
GND I/O8L I/O7L I/O6L N/C
GND I/O8R I/O7R I/O6R N/C
3007 drw 04
NOTES: 1. All VCC pins must be connected to power supply. 2. All ground pins must be connected to ground supply. 3. This text does not indicate the orientaion of the actual part-marking.
N/C N/C I/O5L VCC I/O4L I/O3L I/O2L I/O1L I/O0L GND GND I/O0R I/O1R I/O2R I/O3R VCC I/O4R I/O5R N/C N/C
RECOMMENDED OPERATING TEMPERATURE AND SUPPLY VOLTAGE
Grade Military Commercial Ambient Temperature -55C to +125C 0C to +70C GND 0V 0V VCC 5.0V 10% 5.0V 10%
3007 tbl 02
ABSOLUTE MAXIMUM RATINGS
Symbol VTERM(2) Rating Terminal Voltage with Respect to GND Terminal Voltage Operating Temperature Temperature Under Bias Storage Temperature DC Output Current Commercial
(1)
Military
Unit V
-0.5 to +7.0 -0.5 to +7.0
RECOMMENDED DC OPERATING CONDITIONS
Symbol VCC Parameter Supply Voltage Supply Voltage Input High Voltage Input Low Voltage Min. 4.5 0 2.2 -0.5(1) Typ. 5.0 0 -- -- Max. 5.5 0 6.0 (2) 0.8 Unit V V V V
3007 tbl 03
VTERM TA
(3)
-0.5 to VCC -0.5 to VCC 0 to +70 -55 to +125
V C C C mA
GND VIH VIL
TBIAS TSTG IOUT
-55 to +125 -65 to +135 -55 to +125 -65 to +150 50 50
NOTES: 1. VIL > -1.5V for pulse width less than 10ns. 2. VTERM must not exceed Vcc + 0.5V.
CAPACITANCE(1)
(TA = +25C, F = 1.0MHZ) TQFP ONLY
Symbol Parameter CIN COUT Input Capacitance Output Capacitance Condition(2) VIN = 3dV VOUT = 3dV Max. Unit 9 10 pF pF
NOTES: 3007 tbl 01 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VTERM must not exceed Vcc + 0.5V for more than 25% of the cycle time or 10ns maximum, and is limited to < 20mA for the period of VTERM > Vcc + 0.5V.
3007 tbl 04 NOTES: 1. These parameters are determined by device characterization, but are not production tested. 2. 3dV references the interpolated capacitance when the input and output switch from 0V to 3V or from 3V to 0V.
6.23
3
IDT7099S HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS OVER THE OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE (VCC = 5.0V 10%)
IDT7099S Symbol |ILI| |ILO| VOL VOH Parameter Input Leakage Current Output Low Voltage Output High Voltage
(1)
Test Condition VCC = 5.5V, VIN = 0V to VCC
Min. -- -- -- 2.4
Max. 10 10 0.4 --
Unit A A V V
3007 tbl 05
Output Leakage Current
CE = VIH, VOUT = 0V to VCC
IOL = 4mA IOL = -4mA
NOTE: 1. Input leakages are undefined at VCC 2.0V.
DC ELECTRICAL CHARACTERISTICS OVER THE OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(4) (VCC = 5V 10%)
IDT7099S15 Com'l. Only Symbol ICC Parameter Test Conditions Version Typ. Mil. Com'l. Mil. Com'l. Mil. Com'l. Mil. Com'l. Mil. Com'l. -- 180 -- 90 -- 160 -- 10 -- 155 Max. -- 300 -- 140 -- 210 -- 15 -- 200 Typ. 170 170 85 85 150 150 10 10 145 145 Max. 310 290 140 130 210 200 20 -- 200 190 Typ. 160 160 80 80 140 140 10 10 135 135 Max. 290 270 130 110 200 180 20 -- 190 170 Dynamic CE = VIL Operating Outputs Open Current (Both f = fmAX(1) Ports Active) Standby CEL and Current (Both CER = VIH Ports--TTL f = fmAX(1) Level Inputs) Standby Current (One Port--TTL Level Inputs) Full Standby Current (Both Ports--CMOS Level Inputs) Full Standby Current (One Port--CMOS Level Inputs) IDT7099S20 IDT7099S25 IDT7099S30 Mil Only Typ. 160 -- 80 -- 140 -- 10 -- 135 -- 170 --
3007 tbl 06
Max. 270 -- 110 -- 180 -- 20
Unit mA
ISB1
mA
ISB2
CE'A' = VIL and CE'B' = VIH (3)
Active Port Outputs Open, f = fmAX(1) Both Ports CER and CEL VCC - 0.2V VIN VCC - 0.2V or VIN 0.2V, f = 0(2) -0.2V(3), VIN VCC - 0.2V or VIN 0.2V, Active Port Outputs Open, f = fmAX(1)
mA
ISB3
mA
ISB4
CE'A'<0.2V and CE'B '> VCC
mA
NOTES: 1. At f = fmax, address and control lines (except Output Enable) are cycling at the maximum frequency clock cycle of the 1/tCLK, using "AC TEST CONDITIONS" of input levels of GND to 3V. 2. f = 0 means no address, clock, or control lines change. Applies only to input at CMOS level standby. 3. Port "A" may be either left or right port. Port "B" is the opposite from port "A". 4. Vcc = 5V, TA = 25C for Typ, and are not production tested. ICC DC = 150mA (Typ).
AC TEST CONDITIONS
Input Pulse Levels Input Rise/Fall Times Input Timing Reference Levels Output Reference Levels Output Load GND to 3.0V 3ns 1.5V 1.5V Figures 1, 2, and 3
3007 tbl 07
6.23
4
IDT7099S HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
8
5V 893 DATAOUT 347 30pF DATAOUT 347 5pF 5V 893
7 6 tCD (Typical, ns) 5 4 3 2
- 10pF is the I/O capacitance of this device, and 3pF is the AC Test Load Capacitance
3007 drw 05
3007 drw 06
Figure 1. AC Output Test load.
Figure 2. Output Test Load (For tCLZ, tCHZ, tOLZ, and tOHZ). Including scope and jig.
1 0 -1 20 40 60 80 100 120 140 160 180 200 Capacitance (pF)
3007 drw 07
Figure 3. Typical Output Derating (Lumped Capacitive Load).
AC ELECTRICAL CHARACTERISTICS OVER THE OPERATING TEMPERATURE RANGE -- (READ AND WRITE CYCLE TIMING)
(Commercial: VCC = 5V 10%, TA = 0C to +70C; Military: VCC = 5V 10%, TA = -55C to +125C)
Commercial 7099S15 Symbol tCYC tCH tCL tCD tS tH tDC tCKLZ tCKHZ tOE tOLZ tOHZ tSCK tHCK tCWDD Parameter Clock Cycle Time Clock High Time Clock Low Time Clock High to Output Valid Registered Signal Set-up Time Registered Signal Hold Time Data Output Hold After Clock High Clock High to Output Low-Z(1,2) Clock High to Output High-Z(1,2) Output Enable to Output Valid Output Enable to Output Low-Z
(1,2)
Military 7099S25 25 10 10 -- 6 1 3 2 -- -- 0 -- 6 2 -- -- -- -- 25 -- -- -- -- 12 12 -- 11 -- -- 45 7099S20 20 8 8 -- 5 2 3 2 -- -- 0 -- 5 3 -- -- -- -- 20 -- -- -- -- 9 10 -- 9 -- -- 35 7099S25 25 10 10 -- 6 2 3 2 -- -- 0 -- 6 3 -- -- -- -- 25 -- -- -- -- 12 12 -- 11 -- -- 45 7099S30 Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
3007 tbl 08
7099S20 20 8 8 -- 5 1 3 2 -- -- 0 -- 5 2 -- -- -- -- 20 -- -- -- -- 9 10 -- 9 -- -- 35
Min. Max. Min. Max. 20 6 6 -- 4 1 3 2 -- -- 0 -- 4 2 -- -- -- -- 15 -- -- -- -- 7 8 -- 7 -- -- 30
Min. Max. Min. Max.
Min. Max. Min. Max. 30 12 12 -- 7 2 3 2 -- -- 0 -- 7 3 -- -- -- -- 30 -- -- -- -- 15 15 -- 14 -- -- 55
Output Disable to Output High-Z(1,2) Clock Enable, Disable Set-up Time Clock Enable, Disable Hold Time Write Port Clock High to Read Data Delay
Port-to-Port Delay
NOTES: 1. Transition is measured +/-200mV from Low or High-impedance voltage with the Output Test Load (Figure 2). 2. This parameter is guaranteed by device characterization, but is not production tested.
6.23
5
IDT7099S HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TIMING WAVEFORM OF READ CYCLE, EITHER SIDE
tCYC CLK tCH tCL tSCK tHCK tSCK
CLKEN
tS tH
CE
BYTE R/W or BIT R/W
ADDRESS
An tCD
An + 1 tDC Qn
An + 2
An + 3 tCKHZ(1)
DATAOUT
tCKLZ(1)
Qn + 1 tOHZ
(1)
Qn + 1 tOLZ tOE
3007 drw 08
(1)
BYTE OE or BIT OE
NOTE: 1. Transition is measured +/-200mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
TIMING WAVEFORM OF WRITE WITH PORT-TO-PORT READ (1,2,3)
CLK "A"
R/W "A"
(4)
ADDR "A"
MATCH
NO MATCH
DATAIN "A"
VALID
CLK "B"
R/W "B"
ADDR "B"
MATCH
NO MATCH
tCWDD DATAOUT "B"
VALID
tCD
VALID
NOTES: 1. CEL = CER = VIL, CLKENL = CLKENR = VIL 2. OE = VIL for the reading port, port 'B'. 3. All timing is the same for left and right ports. Ports "A" may be either the left or right port. Port "B" is opposite from port "A". 4. R/W'A' was active (VIL) during the previous CLK'A', when enabled the write path.
tDC
3007 drw 09
6.23
6
IDT7099S HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TIMING WAVEFORM OF READ-TO-WRITE CYCLE NO. 1, CE = VIH (2)
tCYC CLK tCH tCL tCH tCYC tCL
CLKEN
tS tH
CE
BYTE R/W or BIT R/W
ADDRESS
An
An + 1
An + 2
An + 3
DATAIN
(3)
Dn + 2 tCD tCKHZ Qn
Dn + 3
DATAOUT tCKLZ
(3)
3007 drw 10
TIMING WAVEFORM OF READ-TO-WRITE CYCLE NO. 2, CE = VIL(2)
tCYC CLK tCH tCL tCH tCYC tCL
CLKEN
tS tH
CE
BYTE R/W or BIT R/W
(1)
ADDRESS
An
An + 1
An + 1
(1)
An + 2
DATAIN
(3)
Dn + 1 tCD tCKHZ Qn
(1)
Dn + 2
DATAOUT tCKLZ
(3)
3007 drw 11
NOTES: 1. During dead cycle, if CE = VIL, then invalid data will be written into array. The An+1 must be rewritten on the following cycle. 2. OE low throughout. 3. Transition is measured +/-200mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
6.23
7
IDT7099S HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
FUNCTIONAL DESCRIPTION
The IDT7099 provides a true synchronous Dual-Port Static RAM interface. Registered inputs provide very short set-up and hold times on address, data, and all critical control inputs. All internal registers are clocked on the rising edge of the clock signal. An asynchronous output enable is provided to ease asynchronous bus interfacing. The internal write pulse width is dependent on the low to high transitions of the clock signal allowing the shortest possible realized cycle times. Clock enable inputs are provided to stall the operation of the address and data input registers without introducing clock skew for very fast interleaved memory applications. The data inputs are gated to control on-chip noise in bussed applications. The user must guarantee that the BYTE R/W and BIT R/W pins are low for at least one clock cycle before any write is attempted. A High on the CE input for one clock cycle will power down the internal circuitry to reduce static power consumption. The device has separate Bit Write, Byte Write, Bit Enable, and Byte Enable pins to allow for independent control.
TRUTH TABLE I - READ/WRITE CONTROL(1)
Inputs Synchronous CLK
(3)
Asynchronous Bit R/W W h h l l h h l l l h h h h Byte OE X X X X X X L H X L H L H Bit OE X X X X L H X X X L L H H
Outputs I/O0-7 High-Z DATAIN High-Z DATAIN DATAIN High-Z DATAIN I/O8 High-Z High-Z DATAIN DATAIN High-Z DATAIN DATAIN Mode Deselected, Power Down, Data I/O Disabled Deselected, Power Down, Byte Data Input Enabled Deselected, Power Down, Bit Data Input Enabled Deselected, Power Down, Data Input Enabled Write Byte, Read Bit Write Byte Only Read Byte, Write Bit Write Bit Only Write Byte, Write Bit Read Byte, Read Bit Read Bit Only Read Byte Only Data I/O Disabled
3007 tbl 09
CE
h h h h l l l l l l l l l
Byte R/W W h l h l l l h h l h h h h
DATAIN DATAOUT DATAOUT DATAIN
DATAOUT DATAOUT High-Z DATAOUT DATAOUT High-Z High-Z High-Z
TRUTH TABLE II - CLOCK ENABLE FUNCTION TABLE
Inputs Operating Mode Load "1" Load "0" Hold (do nothing) X CLK(3)
(1)
Register Outputs ADDR H L NC NC DATAOUT H L NC NC
Register Inputs
CLKEN(2)
l l h H
ADDR h l X X
DATAIN h l X X
NOTES: 3007 tbl 10 1. 'H' = High voltage level steady state, 'h' = High voltage level one set-up time prior to the low-to-high clock transition, 'L' = Low voltage level steady state 'l' = Low voltage level one set-up time prior to the Low-to-High clock transition, 'X' = Don't care, 'NC' = No change 2. CLKEN = VIL must be clocked in during Power-Up. 3. Control signals are initialted and terminated on the rising edge of the CLK, depending on their input level. When R/W and CE are low, a write cycle is initiated on the low-to-high transition of the CLK. Termination of a write cycle is done on the next low-to-high transistion of the CLK.
6.23
8
IDT7099S HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
ORDERING INFORMATION
IDT XXXX Device Type A Power 999 Speed A Package A Process/ Temperature Range Blank B J G PF 15 20 25 30 S 7099 Commercial (0C to +70C) Military (-55C to +125C) Compliant to MIL-STD-883, Class C 68-pin PLCC (J68-1) 68-pin PGA (G68-1) 80-pin TQFP (PN80-1) Commercial Only Speed in nanoseconds Military Only Standard Power 36K (4K x 9-Bit) Synchronous Dual-Port RAM
3007 drw 12
6.23
9


▲Up To Search▲   

 
Price & Availability of IDT7099S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X