Part Number Hot Search : 
90CLI AX6603 4CBTLV3 TLOH16TP 4CBTLV3 SB803G MC33067P MC14530
Product Description
Full Text Search
 

To Download HT7660 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMOS Switched-Capacitor Voltage Converter
Features
* * * *
HT7660
Simple conversion of VDD to -VDD Cascade connection (two devices are connected, VOUT= -2 VDD) Boost pin for higher switching frequency Easy to use - Requires only two external capacitors
* * * *
No external diode required Typically with no load voltage conversion, 99.9% efficiency Typical power efficiency is 98% Wide operating voltage range: 3V to 12V
Applications
* * *
RS-232 power supply On board negative supply for dynamic RAMS Supply voltage splitter, VO= VDD/2
* * *
Operation amplifier supply Data acquisition systems Positive voltage doubler
General Description
HT7660 is a monolithic CMOS switched-capacitor voltage converter. HT7660 is designed to complete a voltage conversion from positive to negative. The only required external components are two low cost electrolytic capacitors. HT7660 includes a voltage regulator, an RC oscillator and four output power MOS switches. The frequency of an RC oscillator can be lowered by adding an external capacitor between VDD and the OSC pin, or an external clock can be connected to the OSC pin to replace the original oscillator. The LV terminal may be tied to VSS to disable the voltage regulator. By doing this, low voltage operation can be improved.
Block Diagram
VDD OSC BOOST RC Oscillator Voltage Level Shifter CAP+ CAP
VOUT LV Voltage Regulator Logic Network
VSS
1
November 30, 1999
HT7660
Pin Assignment
BOO CA V CA ST P+ SS P1 8 2 7 3 6 4 5 VDD OSC LV VOUT
H T7660 8 D IP /S O P
Pin Description
Pin No. 1 2 3 4 5 Pin Name BOOST CAP+ VSS CAPVOUT I/O I O 3/4 O O Internal Connection CMOS Pull-low CMOS 3/4 NMOS NMOS Description Higher switching frequency selection input This pin is connected to the positive terminal of Capacitor C1 for a charge pump Negative power supply, ground This pin is connected to the negative terminal of Capacitor C1 for a charge pump This pin is connected to the negative terminal of Capacitor C2 for charge reservoir. Output voltage pass through this pin Floating this pin enables the voltage regulator. Connect this pin to VSS (Ground) to bypass voltage regulator and improve low voltage operation
6
LV
I
3/4
7 8
OSC VDD
I/O 3/4
External clock input pin. This pin can be connected Transmission with an external capacitor to reduce switching freGate quency 3/4 Positive power supply
2
November 30, 1999
HT7660
Absolute Maximum Ratings
Supply Voltage ..............................-0.3V to 13V Storage Temperature.................-50C to 125C Note: These are stress ratings only. Stresses exceeding the range specified under Absolute Maximum Ratings may cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability. Operating Temperature ..............-40C to 85C
Electrical Characteristics
Symbol VDD ISTB fOSC ROUT VCON-EFF PEFF Parameter Operating Voltage Standby Current System Frequency Output Source Resistance Voltage Conversion Efficiency Power Efficiency Test Conditions VDD 3/4 3V 5V 3V 5V 3V 5V 3V 5V 3V 5V Conditions 3/4 No load 3/4 IOUT=10mA IOUT=20mA No load RL=5kW Min. 3 3/4 3/4 2.5 5 3/4 3/4 99 99 96 96
Ta=25C Typ. Max. Unit 3/4 26 80 4 10 97 60 3/4 99.9 3/4 98 12 100 160 3/4 3/4 150 100 3/4 3/4 3/4 3/4 V mA kHz W % %
3
November 30, 1999
HT7660
Functional Description
HT7660 needs only two external polarized electrolytic capacitors to complete a negative voltage converter. HT7660 has four MOS power switches: S1, S2, S3 and S4. For the first half cycle, when S2 and S4 are open, Capacitor C1 is charged to a voltage VDD through S1 and S3. During the second half cycle, when S1 and S3 are open, the charge on Capacitor C1 is shifted to Capacitor C2 through S2 and S4. Thereby, the voltage across Capacitor C2 is VDD. Because the positive terminal of C2 is connected to VSS, we get a -VDD voltage at VOUT pin.
V V
DD
For high voltage operation, the LV pin is left floating to enable the voltage regulator. This can reduce the current consumption of the RC oscillator, and thus get a fixed switching frequency Fosc with high voltage range. For low voltage operation, the LV pin is connected to VSS to bypass the voltage regulator of which inherent voltage drop can degrade the operation at low voltages. A capacitor may be connected between VDD and pin OSC to lower the switching Fosc, and an external clock may be added to replace the built-in RC oscillator.
S2
S1
CAP+ C1
SS
V C2 S3 CAPS4 V
SS
OUT
= -V
DD
The operating mode of HT7660
4
November 30, 1999
HT7660
Application Circuits
Simple negative voltage converter
V
DD
V 1 2 BOOST CAP+ VDD LV 4 3 CAPVSS VOUT 8 6 5
DD
10mF
V
OUT
= -V
DD
HT7660
10mF
Simple voltage multiplier
V VDD 8 2 5 10mF 4 3 CAPVSS VOUT 5 V 10mF
OUT DD
2 10mF 4 3
CAP+
CAP+
VDD
8
CAPVSS VOUT
= -2V
DD
HT7660
HT7660
10mF
5
November 30, 1999
HT7660
External switching frequency
V VDD OSC 4 3 CAPVSS VOUT 5 V 10mF 8 V 7 1kW
DD
2 10mF
CAP+
DD
CMOS G a te
OUT
HT7660
Lower switching frequency
V VDD OSC 4 3 CAPVSS VOUT 5 V 10mF 8 7 C
OSC
DD
2 10mF
CAP+
OUT
HT7660 N o te : C
OSC
is te n s o f p ic o fa r a d
6
November 30, 1999
HT7660
Positive voltage doubler
V VDD 8 D1 5 D2 V 10mF
DD
2 3
CAP+ VSS
VOUT
OUT
= 2V
DD
-2V
D
HT7660
10mF
N o te : V
D
is fo r w a r d v o lta g e d r o p o f d io d e D 1 a n d D 2
Voltage splitter
V R
L1 DD
47mF V = V 2 2 47mF 4 3 47mF CAPVSS VDD CAP+ LV VOUT 6 5 8
V R
OUT L2
DD-
EE
HT7660
V
EE
7
November 30, 1999
HT7660
Combined negative voltage converter and positive voltage doubler
V VDD 8 V D1 5 10mF
DD
2 10mF 4 3
OUT
CAP+
= -V
DD
CAPVSS
VOUT
HT7660
10mF
D2 V 10mF
OUT
= 2V
DD
-2V
D
N o te : V
D
is fo r w a r d v o lta g e d r o p o f d io d e D 1 a n d D 2
8
November 30, 1999
HT7660
Holtek Semiconductor Inc. (Headquarters) No.3 Creation Rd. II, Science-based Industrial Park, Hsinchu, Taiwan, R.O.C. Tel: 886-3-563-1999 Fax: 886-3-563-1189 Holtek Semiconductor Inc. (Taipei Office) 5F, No.576, Sec.7 Chung Hsiao E. Rd., Taipei, Taiwan, R.O.C. Tel: 886-2-2782-9635 Fax: 886-2-2782-9636 Fax: 886-2-2782-7128 (International sales hotline) Holtek Semiconductor (Hong Kong) Ltd. RM.711, Tower 2, Cheung Sha Wan Plaza, 833 Cheung Sha Wan Rd., Kowloon, Hong Kong Tel: 852-2-745-8288 Fax: 852-2-742-8657 Copyright O 1999 by HOLTEK SEMICONDUCTOR INC. The information appearing in this Data Sheet is believed to be accurate at the time of publication. However, Holtek assumes no responsibility arising from the use of the specifications described. The applications mentioned herein are used solely for the purpose of illustration and Holtek makes no warranty or representation that such applications will be suitable without further modification, nor recommends the use of its products for application that may present a risk to human life due to malfunction or otherwise. Holtek reserves the right to alter its products without prior notification. For the most up-to-date information, please visit our web site at http://www.holtek.com.tw.
9
November 30, 1999


▲Up To Search▲   

 
Price & Availability of HT7660

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X