Part Number Hot Search : 
DM631 U1000 78M12CDT 3842D S9015 TMP87 00AXC TSOP484
Product Description
Full Text Search
 

To Download HFA06TB120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD -2.382 rev. D 12/00
HFA06TB120
HEXFRED
TM
Ultrafast, Soft Recovery Diode
Features
* * * * * Ultrafast Recovery Ultrasoft Recovery Very Low IRRM Very Low Qrr Specified at Operating Conditions
BASE CATHODE
VR = 1200V VF(typ.)* = 2.4V IF(AV) = 6.0A Qrr (typ.)= 116nC
4
2
IRRM(typ.) = 4.4A
3 ANODE 2
Benefits
* Reduced RFI and EMI * Reduced Power Loss in Diode and Switching Transistor * Higher Frequency Operation * Reduced Snubbing * Reduced Parts Count
1 CATHODE
trr(typ.) = 26ns di(rec)M/dt (typ.)* = 100A/s
Description
International Rectifier's HFA06TB120 is a state of the art ultra fast recovery diode. Employing the latest in epitaxial construction and advanced processing techniques it features a superb combination of characteristics which result in performance which is unsurpassed by any rectifier previously available. With basic ratings of 1200 volts and 6 amps continuous current, the HFA06TB120 is especially well suited for use as the companion diode for IGBTs and MOSFETs. In addition to ultra fast recovery time, the HEXFRED product line features extremely low values of peak recovery current (IRRM) and does not exhibit any tendency to "snap-off" during the tb portion of recovery. The HEXFRED features combine to offer designers a rectifier with lower noise and significantly lower switching losses in both the diode and the switching transistor. These HEXFRED advantages can help to significantly reduce snubbing, component count and heatsink sizes. The HEXFRED HFA06TB120 is ideally suited for applications in power supplies and power conversion systems (such as inverters), motor drives, and many other similar applications where high speed, high efficiency is needed.
TO-220AC
Absolute Maximum Ratings
VR IF @ TC = 100C IFSM IFRM PD @ TC = 25C PD @ TC = 100C TJ TSTG Parameter Cathode-to-Anode Voltage Continuous Forward Current Single Pulse Forward Current Maximum Repetitive Forward Current Maximum Power Dissipation Maximum Power Dissipation Operating Junction and Storage Temperature Range Max. 1200 8.0 80 24 62.5 25 -55 to +150 Units V A
W
C
* 125C
1
HFA06TB120
Bulletin PD-2.382 rev. D 12/00
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter VBR Cathode Anode Breakdown Voltage VFM Max. Forward Voltage --- --- --- IRM Max. Reverse Leakage Current --- --- CT LS Junction Capacitance Series Inductance --- --- 2.7 3.5 2.4 3.0 3.9 2.8 A pF nH V IF = 6.0A IF = 12A IF = 6.0A, TJ = 125C VR = VR Rated TJ = 125C, VR = 0.8 x VR RatedD R VR = 200V
Rated
Min. Typ. Max. Units 1200 --- --- V
Test Conditions IR = 100A
0.26 5.0 110 500 9.0 8.0 14 ---
Measured lead to lead 5mm from pkg body
Dynamic Recovery Characteristics @ TJ = 25C (unless otherwise specified)
Parameter trr trr1 trr2 IRRM1 IRRM2 Qrr1 Qrr2 di(rec)M/dt1 di(rec)M/dt2 Peak Rate of Recovery Current During tb Reverse Recovery Charge Peak Recovery Current Reverse Recovery Time Min. Typ. Max. Units --- --- --- --- --- --- --- --- --- 26 53 87 4.4 5.0 116 233 180 100 --- 80 130 8.0 9.0 320 585 --- --- A/s nC A ns Test Conditions IF = 1.0A, dif/dt = 200A/s, VR = 30V TJ = 25C TJ = 125C TJ = 25C TJ = 125C TJ = 25C TJ = 125C TJ = 25C TJ = 125C dif/dt = 200A/s VR = 200V IF = 6.0A
Thermal - Mechanical Characteristics
Parameter Tlead ! RthJC RthJA " RthCS$ Wt Lead Temperature Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Thermal Resistance, Case to Heat Sink Weight Min. ---- ---- ---- ---- ---- ---- Mounting Torque 6.0 5.0
! 0.063 in. from Case (1.6mm) for 10 sec "#Typical Socket Mount $ Mounting Surface, Flat, Smooth and Greased
Typ. ---- ---- ---- 0.5 2.0 0.07 ---- ----
Max. 300 2.0 80 ---- ---- ---- 12 10
Units C
K/W
g (oz) Kg-cm lbf*in
2
HFA06TB120
Bulletin PD-2.382 rev. D 12/00
100
1000
TJ = 150C
100
Reverse Current - IR (A)
125C 100C
10
1
25C
10
Instantaneous Forward Current - IF (A)
0.1
0.01 0 200 400 600 800 1000 1200 1400
Reverse Voltage - VR (V)
100
1
T = 150C J T = 125C J T = 25C J
Junction Capacitance - CT (pF)
T = 25C J
10
0.1 0 2 4 Forward Voltage Drop - VFM (V) 6
1 1 10 100 1000 10000
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
Fig. 1 - Typical Forward Voltage Drop Characteristics
10
Thermal Impedance ZthJC (C/W)
1
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01 Single Pulse (Thermal Resistance)
PDM
t1 t2
0.1
Notes: 1. Duty factor D = 1 / t t2 2. Peak TJ = PDM x ZthJC + T C
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
100
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
3
HFA06TB120
Bulletin PD-2.382 rev. D 12/00
110 100 90 80
trr - ( nC )
IF = 6 A IF = 4 A
25
20
VR = 200V TJ = 125C TJ = 25C
IF = 6 A IF = 4 A
15
Irr - ( A)
70 60 50 40 30 20 100
dif /dt - (A/s ) Fig. 5 - Typical Reverse Recovery Vs. dif /dt
VR = 200V TJ = 125C TJ = 25C
10
5
1000
0 100
dif /dt - (A/s )
1000
Fig. 6 - Typical Recovery Current Vs. dif /dt
1000
VR = 200V TJ = 125C TJ = 25C
10000
800
IF = 6 A IF = 4 A
Qrr - ( nC )
600
400
di(REC) M/dt - (A/s )
1000
IF = 6 A IF = 4 A
100
VR = 200V TJ = 125C TJ = 25C
200
0 100
dif /dt - (A/s )
1000
10 100
dif /dt - (A/s )
1000
Fig. 8 - Typical Stored Charge vs. dif /dt
Fig. 7 - Typical di(REC) M/dt vs. dif /dt
4
HFA06TB120
Bulletin PD-2.382 rev. D 12/00
REVERSE RECOVERY CIRCUIT
VR = 200V
0.01 L = 70H D.U.T. dif/dt ADJUST D G IRFP250 S
Fig. 9- Reverse Recovery Parameter Test Circuit
3
IF 0
t rr ta tb
4
2
Q rr I RRM
0.5 I RRM di(rec)M/dt 0.75 I RRM
5
1
di f /dt
1. dif/dt - Rate of change of current through zero crossing 2. IRRM - Peak reverse recovery current
4. Qrr - Area under curve defined by trr and IRRM
trr X IRRM 3. trr - Reverse recovery Qrr = time measured from zero 2 crossing point of negative going IF to point where a line 5. di(rec)M/dt - Peak rate of passing through 0.75 IRRM change of current during tb and 0.50 IRRM portion of trr extrapolated to zero current
Fig. 10 - Reverse Recovery Waveform and Definitions
5
HFA06TB120
Bulletin PD-2.382 rev. D 12/00
Outline Table
Conforms to JEDEC Outline TO-220AC Dimensions in millimeters and inches
Ordering Information Table
Device Code
HF
1 1 2 Hexfred Family Process Designator A = A subs. elec. irrad. B = B subs. Platinum 3 4 5 -
A
2
06
3
TB 120
4 5
Average Current: Code 06 = 6 AMPS Package Outline: Code TB = TO-220 2 Lead Voltage code : Code 120 = 1200 V
6
HFA06TB120
Bulletin PD-2.382 rev. D 12/00
WORLD HEADQUARTERS: EUROPEAN HEADQUARTERS: IR CANADA: IR GERMANY: IR ITALY: IR FAR EAST: IR SOUTHEAST ASIA: IR TAIWAN: http://www.irf.com
233 Kansas St., El Segundo, California 90245 U.S.A. Tel: (310) 322 3331. Fax: (310) 322 3332. Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020. Fax: ++ 44 1883 733408. 15 Lincoln Court, Brampton, Markham, Ontario L6T3Z2. Tel: (905) 453 2200. Fax: (905) 475 8801. Saalburgstrasse 157, 61350 Bad Homburg. Tel: ++ 49 6172 96590. Fax: ++ 49 6172 965933. Via Liguria 49, 10071 Borgaro, Torino. Tel: ++ 39 11 4510111. Fax: ++ 39 11 4510220. K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171. Tel: 81 3 3983 0086. 1 Kim Seng Promenade, Great World City West Tower,13-11, Singapore 237994. Tel: ++ 65 838 4630. 16 Fl. Suite D.207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan. Tel: 886 2 2377 9936. Fax-On-Demand: +44 1883 733420 Data and specifications subject to change without notice. 7


▲Up To Search▲   

 
Price & Availability of HFA06TB120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X