Part Number Hot Search : 
CDP1855 TDA3654 PD84002 Z5226B HC224 DB102 TC89102 HC224
Product Description
Full Text Search
 

To Download HAT1038R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HAT1038R/HAT1038RJ
Silicon P Channel Power MOS FET High Speed Power Switching
ADE-208-663C (Z) 4th. Edition February 1999 Features
* * * * For Automotive Application ( at Type Code "J ") Low on-resistance Capable of 4 V gate drive High density mounting
Outline
SOP-8
8 5 76
3 12 78 DD 56 DD
4
2 G
4 G
S1
S3
1, 3 Source 2, 4 Gate 5, 6, 7, 8 Drain
MOS1
MOS2
HAT1038R/HAT1038RJ
Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body-drain diode reverse drain current Avalanche current HAT1038R HAT1038RJ Avalanche energy HAT1038R HAT1038RJ Channel dissipation Channel dissipation Channel temperature Storage temperature Note: 1. 2. 3. 4. Pch Pch Tch Tstg
Note2 Note3
Symbol VDSS VGSS ID I D(pulse) I DR I AP
Note4 Note1
Ratings - 60 20 - 3.5 - 28 - 3.5 -- - 3.5
Unit V V A A A -- A -- mJ W W C C
EAR
Note4
-- 1.05 2 3 150 - 55 to + 150
PW 10 s, duty cycle 1 % 1 Drive operation : When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW 10 s 2 Drive operation : When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW 10 s Value at Tch = 25C, Rg 50
2
HAT1038R/HAT1038RJ
Electrical Characteristics (Ta = 25C)
Item Drain to source breakdown voltage Gate to source breakdown voltage Gate to source leak current Zero gate voltage drain current Zero gate voltage drain current HAT1038R Symbol Min V(BR)DSS V(BR)GSS I GSS I DSS - 60 20 -- -- -- -- -- - 1.2 -- -- 3 -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- -- -- -- 0.12 0.16 4.5 600 290 75 11 30 100 55 Max -- -- 10 -1 - 0.1 -- -10 - 2.2 0.15 0.23 -- -- -- -- -- -- -- -- Unit V V A A A A A V S pF pF pF ns ns ns ns IF = - 3. 5 A, VGS = 0 Note5 IF = - 3. 5 A, VGS = 0 diF/ dt = 50A/s VDS = - 48 V, VGS = 0 Ta=125C VDS = - 10 V, I D = - 1 mA I D = - 2 A, VGS = - 10 V Note5 I D = - 2 A, VGS = - 4 V Note5 I D = - 2 A, VDS = - 10 V Note5 VDS = -10 V VGS = 0 f = 1MHz VGS = -10 V, ID = - 2 A VDD - 30 V Test Conditions I D = - 10 mA, VGS = 0 I G = 100 A, VDS = 0 VGS = 16 V, VDS = 0 VDS = - 60 V, VGS = 0
HAT1038RJ I DSS HAT1038R I DSS
HAT1038RJ I DSS VGS(off) RDS(on) RDS(on) |yfs| Ciss Coss Crss t d(on) tr t d(off) tf VDF t rr
Gate to source cutoff voltage Static drain to source on state resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body-drain diode forward voltage Body-drain diode reverse recovery time Note: 5. Pulse test
- 0.98 - 1.28 V 70 -- ns
3
HAT1038R/HAT1038RJ
Main Characteristics
4.0
Power vs. Temperature Derating Test Condition : When using the glass epoxy board (FR4 40x40x1.6 mm), PW < 10 s
-100 -30
Maximum Safe Operation Area
Pch (W)
10 s
I D (A)
3.0
-10 -3
PW
DC Op
10
1
= 10
0
s
m
s
Channel Dissipation
Drain Current
2 Dr
2.0
-1
ms
ive ion at er Op
1
1.0
Dr
-0.3 -0.1
ive
Op
er
at
at ion Operation in (P this area is WN < ote limited by R DS(on) 1 0
er
ion
150 200
-0.03
0
50
100
-0.01 -0.1 -0.3
Ta = 25 C 1 shot pulse -1 -3 -10
s) 6
-30
-100
Ambient Temperature
Ta (C)
Drain to Source Voltage
V DS (V)
Note 6 : When using the glass epoxy board (FR4 40x40x1.6 mm)
Typical Output Characteristics -10 -10 V -5 V -4 V -10 -3.5 V Pulse Test
Typical Transfer Characteristics V DS = 10 V Pulse Test
I D (A)
ID
-3 V
(A) Drain Current
-8
-8
-6
-6
Drain Current
-4
-4 Tc = 75 C -2 -25 C 0 -1 -2 -3 Gate to Source Voltage -4 -5 V GS (V) 25 C
-2
VGS = -2.5 V
0
-2 -4 -6 Drain to Source Voltage
-8 -10 V DS (V)
4
HAT1038R/HAT1038RJ
Drain to Source Saturation Voltage vs. Gate to Source Voltage Static Drain to Source on State Resistance vs. Drain Current 1 Pulse Test 0.5 0.2 0.1
Drain to Source Saturation Voltage V DS(on) (V)
Pulse Test
-0.4
Drain to Source On State Resistance R DS(on) ( )
-0.5
-0.3 I D = -2 A -0.2 -1 A -0.1 -0.5 A
VGS = -4 V -10 V
0.05
0.02 0.01
-0.1 -0.3 -1 -3 -10 -30 -100
0
-4 -8 -12 Gate to Source Voltage
-16 -20 V GS (V)
Drain Current
I D (A)
Static Drain to Source on State Resistance R DS(on) ( )
Forward Transfer Admittance |y fs | (S)
Static Drain to Source on State Resistance vs. Temperature 0.5 Pulse Test 0.4 I D = -2 A -1 A -0.5 A 0.2 V GS = -4 V -2 A -0.5, -1 A
20 10 5 2 1 0.5
Forward Transfer Admittance vs. Drain Current V DS = 10 V Pulse Test Ta = -25 C 25 C 75 C
0.3
0.1 0 -40
-10 V
0 40 80 120 160 Case Temperature Tc (C)
0.2 -0.5 -1 -2 -5 -0.1 -0.2 Drain Current I D (A)
-10
5
HAT1038R/HAT1038RJ
Body-Drain Diode Reverse Recovery Time 500 2000 1000 200 100 50 VGS = 0 f = 1 MHz Ciss 500 200 100 50 Crss 10 di / dt = 50 A / s VGS = 0, Ta = 25 C 20 10 0 -10 -20 -30 -40 -50 Drain to Source Voltage V DS (V) Coss Typical Capacitance vs. Drain to Source Voltage
Reverse Recovery Time trr (ns)
20
5 -0.1 -0.2 -0.5 -1 -2 -5 -10 Reverse Drain Current I DR (A)
Capacitance C (pF)
0
Dynamic Input Characteristics V DD = -10 V -25 V -50 V I D = -3.5 A
Switching Characteristics 0 1000
V DS (V)
V GS (V)
Switching Time t (ns)
-20
-4
300 100 tf 30 10 3 1 -0.1 -0.2
V GS = -10 V, V DD = -30 V Pw = 5 s, duty < 1 % t d(off)
Drain to Source Voltage
-40 V DS V DD = -50 V -25 V -10 V V GS
-8
Gate to Source Voltage
-60
-12
tr
t d(on)
-80 -100 0
-16 -20 40
32 8 16 24 Gate Charge Qg (nc)
-0.5 -1 -2 -5 Drain Current I D (A)
-10
6
HAT1038R/HAT1038RJ
Reverse Drain Current vs. Source to Drain Voltage -10
Reverse Drain Current I DR (A) Repetive Avalanche Energy E AR (mJ)
Maximun Avalanche Energy vs. Channel Temperature Derating 2.5 I AP = -3.5 A V DD = -25 V L = 100 H duty < 0.1 % Rg > 50
-8
2.0
-6 -10 V -4 V GS = 0, 5 V -5 V
1.5
1.0
-2 Pulse Test 0 -0.4 -0.8 -1.2 -1.6 -2.0 Source to Drain Voltage V SD (V)
0.5 0 25
50 75 100 125 150 Channel Temperature Tch (C)
Avalanche Test Circuit EAR =
Avalanche Waveform 1 2 * L * I AP * 2 VDSS VDSS - V DD
V DS Monitor
L I AP Monitor
V (BR)DSS I AP VDD ID V DS
Rg Vin -15 V
D. U. T
50 0 Switching Time Test Circuit Switching Time Waveform Vin Monitor D.U.T. RL 90% Vin -10 V 50 V DD = -30 V Vout td(on) 90% 10% tr td(off) 90% 10% tf Vout Monitor Vin 10% VDD
7
HAT1038R/HAT1038RJ
Normalized Transient Thermal Impedance vs. Pulse Width (1 Drive Operation) 10 Normalized Transient Thermal Impedance s (t)
1
D=1 0.5
0.2
0.1
0.1 0.05
0.02
0.01
0.01
p ot uls e
ch - f(t) = s (t) * ch - f ch - f = 125 C/W, Ta = 25 C When using the glass epoxy board (FR4 40x40x1.6 mm)
PDM PW T
0.001
1s
h
D=
PW T
0.0001 10
100
1m
10 m
100 m
1
10
100
1000
10000
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width (2 Drive Operation) 10 Normalized Transient Thermal Impedance s (t)
1
D=1 0.5
0.2
0.1
0.1 0.05
0.02
0.01
0.01
e uls tp ho
ch - f(t) = s (t) * ch - f ch - f = 166 C/W, Ta = 25 C When using the glass epoxy board (FR4 40x40x1.6 mm)
PDM PW T
0.001
1s
D=
PW T
0.0001 10
100
1m
10 m
100 m 1 10 Pulse Width PW (S)
100
1000
10000
8
HAT1038R/HAT1038RJ
Package Dimensions
Unit: mm
5.0 Max 8 5
1
4
4.0 Max
1.75 Max
6.2 Max 0.25 Max
0 - 8 1.27 0.51 Max 0.25 Max 1.27 Max
0.15 0.25 M Hitachi code EIAJ JEDEC FP-8DA -- MS-012AA
9
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Hitachi, Ltd.
Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109
URL
NorthAmerica : http:semiconductor.hitachi.com/ Europe : http://www.hitachi-eu.com/hel/ecg Asia (Singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm Asia (Taiwan) : http://www.hitachi.com.tw/E/Product/SICD_Frame.htm Asia (HongKong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm Japan : http://www.hitachi.co.jp/Sicd/indx.htm For further information write to:
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223 Hitachi Europe GmbH Electronic components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 778322 Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 049318 Tel: 535-2100 Fax: 535-1533 Hitachi Asia Ltd. Taipei Branch Office 3F, Hung Kuo Building. No.167, Tun-Hwa North Road, Taipei (105) Tel: <886> (2) 2718-3666 Fax: <886> (2) 2718-8180 Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Tsim Sha Tsui, Kowloon, Hong Kong Tel: <852> (2) 735 9218 Fax: <852> (2) 730 0281 Telex: 40815 HITEC HX
Copyright ' Hitachi, Ltd., 1999. All rights reserved. Printed in Japan.


▲Up To Search▲   

 
Price & Availability of HAT1038R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X