Part Number Hot Search : 
XXXBA N54LS 5SMC48A 5SMC48A SPF0021 EFSDXXXX GP60K LC822152
Product Description
Full Text Search
 

To Download GT12M-201DP-CV87R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Interface Portions and In-line Portions of the Various Units and Devices
GT12 Series
-- 2 mm Pitch, Miniature ECU Connectors --
Features
2 mm pitch type connector Low insertion and removal force compared with the Hirose Electric GT10 Series. Built to solve the problem of terminal deformation at time of wire crimping.
2003.7
F Connectors
Board Type
Housing Insulator Outer terminal
Anchor pin Terminal Center terminal
Use tapping screw of diameter 2mm.
BRecommended PCB Mounting Pattern
BRecommended Panel Cut-out
Board
Panel
Board Hole for anchor pin Panel
Part Number
CL No.
GT12M-20/1DS-DS
762-0001-7
Item Housing Terminal Insulation Inner terminal Outer terminal
Material PBT Copper alloy PBT Brass Brass
Finish Color: Black Tin plating Color: Dark gray Tin plating Tin plating
2
M Connectors
Terminals
Part Number GT12-2022PCF GT12-2428PCF
CL No. 762-0007-3 762-0005-8
Conductor Size (AWG) Outer Diameter #20 to 22 1.1 to 1.3 #24 to 28 0.8 to 1.1
Material Brass
Finish
Packaging
Tin plating 10,000 pcs. per reel
Housing (GT12 Series Hybrid Type)
Combination Cable Type (20 Signal Lines + 1 Coaxial Cable)
BDiagram of Attached Cover
Contact
Contact Part Number CL No. Material Color GT12M-20/1DP-HU 762-0002-0 PBT Black Note 1: Terminal for the coaxial cable are the GT5 Series. Note 2: This product is used in conjunction with the cover.
Plug-in Type (20 Signal Lines + 1 Coaxial Cable)
BRecommended Panel Cut-out
Panel
Contact
Side View
BMounted and fully mated connector assemblies
Contact
Use tapping screw of diameter 3mm.
Part Number CL No. Material Color GT12M-20/1DPP-HU 762-0004-5 PBT Black Note: Terminal for the coaxial cable are the GT5 Series.
Top View
3
Cover
Cover A Part Number CL No. Material GT12M-20/1DP-CV8.7R 762-0003-2 PBT Color Black
Cover B
Note 1: This product suits cables having an outside diameter of 8.6 to 8.8 mm. Note 2: This product is sold as a set of cover and screws.
Cable Clamp Terminal
Part Number GT12M-8.7CP
CL No. Material 762-0008-6 Brass
Note: This terminal suits cables having an outside diameter of 8.6 to 8.8 mm.
4


▲Up To Search▲   

 
Price & Availability of GT12M-201DP-CV87R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X