Part Number Hot Search : 
02F5F K1400E70 KBPC350 LM610 IRF7704 IRF7704 MDS70 SFM9214
Product Description
Full Text Search
 

To Download FZT1151A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ISSUE 1 - JANUARY 1997 FEATURES * VCEO= -40V * 3 Amp Continuous Current * 5 Amp Pulse Current * Low saturation Voltage * High Gain
FZT1151A
C
E C B SOT223
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Base Current Power Dissipation at T amb=25C SYMBOL V CBO V CEO V EBO I CM IC IB P tot T j:T stg VALUE -45 -40 -5 -5 -3 -500 2.5 -55 to +150 UNIT V V V A A mA W C
Operating and Storage Temperature Range
The power which can be dissipated assuming the device is mounted in a typical manner on a P.C.B. with copper equal to 2 inches x 2 inches
FZT1151A
ELECTRICAL CHARACTERISTICS (at Tamb = 25C).
VALUE
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Collector-Emitter Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current
SYMBOL MIN. V (BR)CBO V CES V CEO V CEV V (BR)EBO I CBO -45 -40 -40 -40 -5 TYP. -95 -90 -85 -90 -8.5 -0.3 -0.3 -0.3 -60 -120 -140 -170 -200 -985 -850 270 250 180 100 450 400 300 190 45 145 40 170 460 -100 -100 -100 -90 -180 -220 -260 -300 -1100 -1000 MAX.
UNIT V V V V V nA nA nA mV mV mV mV mV mV mV
CONDITIONS. I C=-100A I C =-100A I C =-10mA * I C =-100A, V EB=+1V I E=-100A V CB=-36V V EB=-4V V CE =-32V I C=-0.1A, I B=-1.0mA* I C=-0.5A, I B=-5mA* I C=-1A, I B=-20mA* I C=-1.8A, I B=-70mA* I C=-3A, I B=-250mA* I C=-3A, I B=-250mA* I C =-3A, V CE=-2V* I C=-10mA, V CE=-2V* I C=-0.5A, V CE=-2V* I C=-2A, V CE=-2V* I C=-3A, V CE=-2V* I C=-5A, V CE=-2V*
Emitter Cut-Off Current I EBO Collector Emitter Cut-Off Current Collector-Emitter Saturation Voltage I CES V CE(sat)
Base-Emitter Saturation Voltage Base-Emitter Turn-On Voltage Static Forward Current Transfer Ratio
V BE(sat) V BE(on) h FE
800
Transition Frequency Output Capacitance Switching Times
fT C cb t on t off
MHz pF ns ns
I C=-50mA, V CE=-10V f=50MHz V CB=-10V, f=1MHz I C=-2A, I B=-20mA, V CC=-30V I C=-2A, I B=20mA, V CC=-30V
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2%.
FZT1151A
TYPICAL CHARACTERISTICS
1.0
+25C
1.0
IC/IB=100
0.8
0.8
VCE(sat) - (V)
VCE(sat) - (V)
0.6 0.4 0.2 0 1m 10m
IC/IB=10 IC/IB=50 IC/IB=100 IC/IB=200
0.6 0.4 0.2 0
-55C +25C +100C
100m
1
10
1m
10m
100m
1
10
IC - Collector Current (A)
IC - Collector Current (A)
VCE(sat) v IC
VCE(sat) v IC
750
VCE=2V
1.4
IC/IB=100
1.2
hFE - Typical Gain
500
VBE(sat) - (V)
1.0 0.8 0.6 0.4 0.2 0
-55C +25C +100C
250
+100C +25C -55C
0 1m 10m 100m 1 10
1m
10m
100m
1
10
IC - Collector Current (A)
IC - Collector Current (A)
hFE v IC
VBE(sat) v IC
1.2
VCE=2V
10
0.9
IC - Collector Current (A)
VBE(on) - (V)
1
DC 1s 100ms 10ms 1ms 100us
0.6
100m
0.3
-55C +25C +100C
0 1m 10m 100m 1 10
10m 100m
1
10
100
IC - Collector Current (A)
VCE - Collector Emitter Voltage (V)
VBE(on) v IC
Safe Operating Area
FZT1151A
THERMAL CHARACTERISTICS
4
Thermal Resistance (C/W)
50 40
D=1
t1
D=t1 tP tP
Max Power Dissipation - (Watts)
3
30 20 10 0 100s
D=0.5 D=0.2 D=0.1 D=0.05 Single Pulse
2
1
0 0 20 40 60 80 100 120 140 160
1ms
10ms 100ms
1s
10s
100s
Pulse Width
T - Ambient Temperature (C)
Transient Thermal Resistance
Derating curve
SPICE PARAMETERS *ZETEX FZT1151A Spice model Last revision 12/12/96 * .MODEL FZT1151A PNP IS =1.7e-12 NF =1.004 ISE=1.02e-13 + NE =1.55 BF =562 VAF=26.01 IKF=3.5 NR =.97 + ISC= 1.5e-13 NC =1.3 BR =38 VAR=2.41 IKR=0.3 + RE =25.37e-3 RB =250e-3 RC =25e-3 CJE=440e-12 + CJC=160e-12 VJC=1.058 MJC= 0.5678 TF =0.8e-9 TR =55.5e-9 *
(c) 1995 ZETEX PLC
The copyright in this model and the design embodied belong to Zetex PLC ("Zetex"). It is supplied free of charge by Zetex for the purpose of research and design and may be used or copied intact (including this notice) for that purpose only. All other rights are reserved. The model is believed accurate but no condition or warranty as to its merchantability or fitness for purpose is given and no liability in respect of any use is accepted by Zetex PLC, its distributors or agents.


▲Up To Search▲   

 
Price & Availability of FZT1151A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X