Part Number Hot Search : 
1601B 30K6A1A PQ600 93C56N 34L153C P5630 T4001 62004
Product Description
Full Text Search
 

To Download FMMT723 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SuperSOT SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS
ISSUE 3 JUNE 1996 FEATURES
FMMT717 FMMT718 FMMT720 FMMT722 FMMT723
*
* * * * *
625mW POWER DISSIPATION
C B E
IC CONT 2.5A IC Up To 10A Peak Pulse Current Excellent hfe Characteristics Up To 10A (pulsed) Extremely Low Saturation Voltage E.g. 10mV Typ. Exhibits extremely low equivalent on-resistance; RCE(sat)
DEVICE TYPE FMMT717 FMMT718 FMMT720 FMMT722 FMMT723
COMPLEMENT FMMT617 FMMT618 FMMT619 FMMT624
PARTMARKING 717 718 720 722 723
RCE(sat) 72m at 2.5A 97m at 1.5A 163m at 1.5A -
ABSOLUTE MAXIMUM RATINGS
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current** Continuous Collector Current Base Current Power Dissipation at Tamb=25C* Operating and Storage Temperature Range SYMBOL VCBO VCEO VEBO ICM IC IB Ptot Tj:Tstg FMMT 717 -12 -12 -5 -10 -2.5 FMMT 718 -20 -20 -5 -6 -1.5 FMMT 720 -40 -40 -5 -4 -1.5 -500 625 -55 to +150 FMMT 722 -70 -70 -5 -3 -1.5 FMMT 723 -100 -100 -5 -2.5 -1 UNIT V V V A A mA mW C
*Maximum power dissipation is calculated assuming that the device is mounted on a ceramic substrate measuring 15x15x0.6mm **Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% Spice parameter data is available upon request for these devices
3 - 159
FMMT722 FMMT723
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER SYMBOL
FMMT722
MIN. -70 -70 TYP. -150 -125 -100 -100 -5 -100 -100 -100 -35 -135 -140 -175 -50 -200 -220 -260 -1.05 -1.0 300 300 250
FMMT723
TYP. -200 -160 -8.8 MAX.
MAX. MIN.
UNIT CONDITIONS. V V V nA nA nA nA nA mV mV mV mV mV mV V V IC =-100A IC =-10mA* IE=-100A VC B=-60V VC B=-80V VEB=-4V VC ES=-60V VC ES=-80V IC =-0.1A, IB=-10mA* IC =-0.5A, IB=-20mA* IC =-0.5A, IB=-50mA* IC =-1A, IB=-100mA* IC =-1A, IB=-150mA* IC =-1.5A, IB=-200mA* IC =-1A, IB=-150mA* IC =-1.5A, IB=-200mA* IC =-1A, VC E=-10V* IC =-1.5A, VC E=-5V* IC =-10mA, VC E=-5V* IC =-10mA, VC E=-10V* IC =-0.1A, VC E=-5V* IC =-0.1A, VC E=-10V* IC =-0.5A, VC E=-10V* IC =-1A, VC E=-5V* IC =-1A, VC E=-10V* IC =-1.5A, VC E=-5V* IC =-1.5A, VC E=-10V* IC =-3A, VC E=-5V* MHz IC =-50mA, VC E=-10V f=100MHz VC B=-10V, f=1MHz VC C =-50V, IC =-0.5A IB1 =IB2 =-50mA
Collector-Base V(BR) CBO Breakdown Voltage Collector-Emitter V(BR) CEO Breakdown Voltage Emitter-Base V(BR)EBO Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector Emitter Cut-Off Current Collector-Emitter Saturation Voltage IC BO IEBO IC ES VC E( sat)
-5
-8.8
-100 -100
-100 -50 -125 -210 -0.89 -0.71 -80 -200 -330 -1.0 -1.0
Base-Emitter Saturation Voltage Base-Emitter Turn-On Voltage Static Forward Current Transfer Ratio
VBE( sat) VBE(on) hFE 300 300 175 40
-0.94 -0.78 470 450 275 60 10
475 450 375 250 30
Transition Frequency
fT
150
200
150 20
200 13 50 760 20
Output Capacitance Cob o Turn-On Time Turn-Off Time t(on) t(off)
14 40
700
pF ns ns
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2%
3 - 165
FMMT722
TYPICAL CHARACTERISTICS
0.6 0.5 0.4 0.3 0.2 0.1 0.0 1mA 10mA 100mA 1A 10A
I+/I*=50 I+/I*=20 I+/I*=10 I+/I*=5 25C
0.6 0.5 0.4 0.3 0.2 0.1
I+/I*=10
100C 25C -55C
0.0 1mA
10mA
100mA
1A
10A
Collector Current
Collector Current
VBE(SAT) vs IC
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 1mA 10mA 100mA 1A 10A
-55C 25C 100C
VCE(SAT) vs IC
1.2 1.0 450 0.8 0.6 225 0.4 0.2 0.0 1mA
-55C 25C 100C
V+-=5V
I+/I*=5
10mA
100mA
1A
10A
Collector Current
Collector Current
hFE vs IC
VBE(SAT) vs IC
10 SINGLE PULSE TEST Tamb = 25 deg C
1.0 0.8 0.6 0.4 0.2
V+-=5V
-55C
25C
1.0
D.C. 1s 100ms 10ms 1ms 100s
100C
0.1
0.0 1mA
10mA
100mA
1A
10A
0.01
0.1
1
10
100
Collector Current
VCE (VOLTS)
VBE(ON) vs IC
3 - 166
Safe Operating Area
FMMT617 FMMT624 FMMT618 FMMT625 FMMT619
SuperSOT Series
FMMT717 FMMT722 FMMT718 FMMT723 FMMT720
THERMAL CHARACTERISTICS AND DERATING INFORMATION
DERATING CURVE
MAXIMUM TRANSIENT THERMAL RESISTANCE * Reference above figures, Devices were mounted on a 15mmx15mm ceramic substrate
3 - 158


▲Up To Search▲   

 
Price & Availability of FMMT723

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X