|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR ISSUE 3 - OCTOBER 1995 7 FEATURES * Low equivalent on-resistance; RCE(sat) 210m at 1A FMMT491 E C COMPLEMENTARY TYPE PARTMARKING DETAIL FMMT591 491 SOT23 SYMBOL VCBO VCEO VEBO IC ICM Ptot Tj:Tstg MIN. 80 60 5 100 100 100 0.25 0.50 1.1 1.0 100 100 80 30 150 10 300 MHz pF MAX. VALUE 80 60 5 1 2 500 -55 to +150 UNIT V V V nA nA nA V V V V UNIT V V V A A mW C B ABSOLUTE MAXIMUM RATINGS. PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Continuous Collector Current Peak Pulse Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range PARAMETER SYMBOL V(BR)CBO VCEO(sus) V(BR)EBO ICBO ICES IEBO VCE(sat) VBE(sat) VBE(on) hFE ELECTRICAL CHARACTERISTICS (at Tamb = 25C). Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Collector Cut-Off Current Emitter Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Turn On Voltage Static Forward Current Transfer Ratio Transition Frequency Collector-Base Breakdown Voltage CONDITIONS. IC=100A IC=10mA* IE=100A VCB=60V VCES=60V VEB=4V IC=500mA, IB=50mA* IC=1A, IB=100mA* IC=1A, IB=100mA* IC=1A, VCE=5V* IC=1mA, VCE=5V IC=500mA, VCE=5V* IC=1A, VCE=5V* IC=2A, VCE=5V* IC=50mA, VCE=10V f=100MHz VCB=10V, f=1MHz fT Cobo *Measured under pulsed conditions. Pulse width=300s. Duty cycle 2% 3 - 115 FMMT491 TYPICAL CHARACTERISTICS 0.6 0.5 0.4 0.3 0.2 0.1 0 1mA 10mA 100mA 1A 10A I+/I*=10 I+/I*=50 +25 C 0.6 0.5 0.4 0.3 0.2 0.1 0 I+/I*=10 -55 C +25 C +100 C 1mA 10mA 100mA 1A 10A IC-Collector Current IC-Collector Current VCE(sat) v IC VCE(sat) v IC 400 300 V+-=5V I+/I*=10 1.0 +100 C 0.8 +25 C 200 0.6 0.4 -55 C +25 C +100 C 100 -55 C 0.2 10mA 100mA 1A 10A 0 1mA 10mA 100mA 1A 10A 0 1mA IC-Collector Current IC-Collector Current hFE V IC 1.2 1.0 0.8 0.6 0.4 0.2 0 1mA 10mA 100mA 1A 10A 0.01 0.1V -55 C +25 C +100 C V+-=5V VBE(sat) v IC 10 1 DC 1s 100ms 10ms 1ms 100us 0.1 1V 10V 100V IC-Collector Current VCE - Collector Emitter Voltage (V) VBE(on) v IC Safe Operating Area 3 - 116 |
Price & Availability of FMMT491 |