|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Transistors Digital transistors (built-in resistors) DTD113ZK / DTD113ZU / DTD113ZS FFeatures 1) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). 2) The bias resistors consist of thinfilm resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. 3) Only the on / off conditions need to be set for operation, making device design easy. FExternal dimensions (Units: mm) FStructure NPN digital transistor (Built-in resistor type) FEquivalent circuit (96-356-D113Z) 449 Transistors FAbsolute maximum ratings (Ta = 25_C) DTD113ZK / DTD113ZU / DTD113ZS FElectrical characteristics (Ta = 25_C) FPackaging specifications 450 Transistors FElectrical characteristic curves DTD113ZK / DTD113ZU / DTD113ZS 451 |
Price & Availability of DTD113Z |