Part Number Hot Search : 
TCD15 18120 03001 74HCT45 U52C4V LM431 PF0310A LZ1H2
Product Description
Full Text Search
 

To Download DTA123EKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Digital transistors (built-in resistors)
* Features 1) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). 2) The bias resistors consist of thinfilm resistors with complete isola-tion to allow positive biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. 3) Only the on/ off conditions need to be set for operation, making device design easy. * Equivalent circuit
2.9 + 0.2 1.9+ 0.2 0.95+ 0.95 (1) (2)
2.8+ 0.2
+ 0.2 - 0.1
DTA123EKA
1.1
+ 0.2 - 0.1
IN
R1 R2
OUT
0.8 + 0.1
0 ~ 0.1
GND(+)
0.4
+ 0.1 - 0.05
0.15 -
+ 0.1 0.06
All terminals have same dimensions
EIAJ: SC-- 59
*
Absolute maximum ratings(Ta=25 C)
Parameter symbol V cc V IN IO I C(Max.) Pd Tj T stg limits -50 -12~+10 -100 -100 200 150 -55~+150 unit V V mA mW C C
Supply voltage Input voltage Output current Power dissipation Junction temperature Storage temperature
* Elecrical characteristics(T =25C)
a
Parameter Input voltage Output Voltage Input current Output current DC current gain
symbol V I(off) V I(on) V O(on) II I O(off) GI
Min. -- -3 -- -- -- 20 1.54 0.8 --
Typ. -- -- -0.1 -- -- -- 2.2 1 250
Max. -0.5 -- -0.3 -3.8 -0.5 -- 2.86 1.2 --
Unit V V mA
Conditions VCC= - 5V,IO= -100A VO= - 0.3V,IO= - 20mA IO/II= -10mA/-0.5mA VI= - 5V VCC= - 50V,VI= 0 V VO= - 5V,IO= - 20mA -- -- VCE= - 10V,IE= 5 mA,f=100MHz*
A
-- K -- MHz
Input resistance R1 Resistance ratio R 2/ R 1 Transition frequency fT *Transition frequency of the device
0.3 ~ 0.6
IN
OUT
(3) (1) GND (2) IN (3) OUT
1.6
GND(+)
P6-1/2
LESHAN RADIO COMPANY, LTD.
DTA123EKA
ELECTRICAL CHARACTERISTIC CURVES
100 50
V O = - 0.3V
10m 5m
V
CC
=-5V
INPUT VOLTAGE: V I(on) ( V )
20 10 5 2
OUTPUT CURRENT: I O ( A )
2m 1m 500 200 100 50 20 10 5 2 1 0 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0
T A = -40C 25C 100C
T A = 100C 25C -40C
1 0.5 0.2
0.1 -100-200 -500 -1m -2m -5m -10m -20m -50m -100m
OUTPUT CURRENT: I O (A)
INPUT VOLTAGE: V I(ON) (V)
Figure 1. Input voltage vs.output current (ON characteristics)
Figure 2. Output current vs.input voltage (OFF characteristics)
1.0
1K 500
V O= - 5 V
0.5
I O / I I = 20
OUTPUT VOLTAGE: V O(on) ( V )
0.2
200
DC CURRENT GAIN: G I
100 50 20
0.1 0.05 0.02
T A = 100C 25C -40C
T A = 100C 25C -40C
10 5 2 1 -100-200 -500 -1m -2m -5m -10m -20m -50m -100m
0.01 .005 .002
.001 -100-200 -500 -1m -2m -5m -10m -20m -50m -100m
OUTPUT CURRENT: I O (A)
OUTPUT CURRENT: I O (A)
Figure 3. DC current gain vs.output current
Figure 4. Output voltage vs.output current
P6-2/2


▲Up To Search▲   

 
Price & Availability of DTA123EKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X