Part Number Hot Search : 
TS29151 LXT325NE 13210 KTA1705 12000 U74HC32 6X315 IR2213S
Product Description
Full Text Search
 

To Download BYT44C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYT44
Vishay Telefunken
Super Fast Soft Recovery Rectifier
Features
D D D D
Miniature axial leaded Glass passivated Hermetically sealed glass envelope Low reverse current
Applications
95 10526
High frequency circuits Freewheeling diodes in SMPS
Absolute Maximum Ratings
Tj = 25_C Parameter Reverse voltage g =Repetitive peak reverse voltage Test Conditions Type BYT44A BYT44B BYT44C BYT44D Symbol VR =VRRM Value 50 100 150 200 30 1.5 -55...+175 Unit V V V V A A
Peak forward surge current Average forward current Junction and storage temperature range
tp=8.3 ms, half sinewave Lead length l = 10 mm, TL = 25C
IFSM IFAV Tj=Tstg
C
Maximum Thermal Resistance
Tj = 25_C Parameter Junction ambient Test Conditions Lead length l = 10 mm, TL = constant on PC board with spacing 25mm Symbol RthJA RthJA Value 60 110 Unit K/W K/W
Electrical Characteristics
Tj = 25_C Parameter Forward voltage Reverse current Test Conditions IF =1A VR=VRRM VR=VRRM, Tj=150C Reverse breakdown voltage IR=100mA g m Type Symbol VF IR IR V(BR)R V(BR)R V(BR)R V(BR)R trr Min Typ Max 1.1 5 150 Unit V
mA mA
V V V V ns
BYT44A BYT44B BYT44C BYT44D
50 100 150 200 25
Reverse recovery time
IF=0.5A, IR=1A, iR=0.25A
Document Number 86027 Rev. 3, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 1 (4)
BYT44
Vishay Telefunken Characteristics (Tj = 25_C unless otherwise specified)
R thJA - Therm. Resist. Junction / Ambient ( K/W ) 120 100 80 60 l 40 20 0 0 5 10 15 TL=constant 20 25 30
96 12150
1000 VR = VRRM I R - Reverse Current ( mA )
100
l
10
1 25
50
75
100
125
150
175
96 12151
l - Lead Length ( mm )
Tj - Junction Temperature ( C )
Figure 1. Max. Thermal Resistance vs. Lead Length
Figure 4. Max. Reverse Current vs. Junction Temperature
100.000
1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 20 40 60
I FAV- Average Forward Current ( A )
VR = VR RM fv1kHz RthJA PC Board
I F - Forward Current ( A )
v110K/W
10.000 Tj = 175C 1.000 Tj = 25C 0.100 0.010 0.001
80 100 120 140 160 180
96 12147
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
96 12148
Tamb - Ambient Temperature ( C )
VF - Forward Voltage ( V )
Figure 2. Max. Average Forward Current vs. Ambient Temperature
1.6 1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0
96 12149
Figure 5. Max. Forward Current vs. Forward Voltage
I FAV- Average Forward Current ( A )
VR = VR RM fv1kHz RthJA l=10mm
v60K/W
20
40
60
80 100 120 140 160 180
Tamb - Ambient Temperature ( C )
Figure 3. Max. Average Forward Current vs. Ambient Temperature
www.vishay.de * FaxBack +1-408-970-5600 2 (4)
Document Number 86027 Rev. 3, 24-Jun-98
BYT44
Vishay Telefunken Dimensions in mm
Standard Glass Case DOT 30 B Weight max. 0.5 g 3 max. Cathode Identification
95 10524 technical drawings according to DIN specifications
0.82 max.
26 min.
4.2 max.
26 min.
Document Number 86027 Rev. 3, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 3 (4)
BYT44
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
www.vishay.de * FaxBack +1-408-970-5600 4 (4)
Document Number 86027 Rev. 3, 24-Jun-98


▲Up To Search▲   

 
Price & Availability of BYT44C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X