Part Number Hot Search : 
02A10 2SA1831 3D2R6C ISL6605 74ALS102 S1002 2SA1831 N7040A
Product Description
Full Text Search
 

To Download BULT118D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BULT118D
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
s s
s s s
s
NPN TRANSISTOR INTEGRATED ANTIPARALLEL COLLECTOR-EMITTER DIODE HIGH VOLTAGE CAPABILITY LOW SPREAD OF DYNAMIC PARAMETERS MINIMUM LOT-TO-LOT SPREAD FOR RELIABLE OPERATION VERY HIGH SWITCHING SPEED
3 2 1
APPLICATIONS: s ELECTRONIC BALLASTS FOR FLUORESCENT LIGHTING s FLYBACK AND FORWARD SINGLE TRANSISTOR LOW POWER CONVERTERS DESCRIPTION The device is manufactured using high voltage Multi Epitaxial Planar technology for high switching speeds and medium voltage capability. It uses a Cellular Emitter structure with planar edge termination to enhance switching speeds while maintaining the wide RBSOA. The device is designed for use in lighting applications and low cost switch-mode power supplies.
SOT-32
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CES V CEO V EBO IC I CM IB I BM P t ot T stg Tj Parameter Collector-Emitter Voltage (V BE = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current (tp < 5 ms) Base Current Base Peak Current (t p < 5 ms) Total Dissipation at T c = 25 o C St orage Temperature Max. Operating Junction Temperature Value 700 400 9 2 4 1 2 45 -65 to 150 150 Uni t V V V A A A A W
o o
C C
June 1997
1/7
BULT118D
THERMAL DATA
R t hj-ca se R t hj- amb Thermal Resistance Junction-Case Thermal Resistance Junction-Ambient Max Max 2.77 80
o o
C/W C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symb ol I CES V EBO V CEO(sus) I CEO V CE(sat ) Parameter Collector Cut-off Current (V BE = 0) Emitter-Base Voltage Collector-Emitter Sustaining Voltage Collector-Emitter Leakage Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current G ain Test Cond ition s V CE = 700 V V CE = 700 V I E = 10 mA I C = 100 mA V CE = 400 V I C = 0.5 A IC = 1 A IC = 2 A I C = 0.5 A IC = 1 A IC = 2 A I C = 10 mA I C = 0.5 A IC = 2 A V CC = 125 V I B1 = 0.2 A IC = 1 A V BE = -5 V V c la mp = 300 V IB = 0.1 A IB = 0.2 A IB = 0.4 A IB = 0.1 A IB = 0.2 A IB = 0.4 A V CE = 5 V VCE = 5 V VCE = 5 V IC = 1 A IB2 = -0.2 A IB1 = 0.2 A L = 50 mH 10 10 8 0.4 3.2 0.25 0.8 0.16 L = 25 mH Tj = 125 o C 9 400 250 0.5 1 1.5 1.0 1.2 1.3 50 Min. Typ . Max. 100 500 Un it A A V V A V V V V V V
V BE(s at)
h FE
tr ts tf ts tf
RESISTIVE LO AD Rise Time Storage Time Fall T ime INDUCTIVE LOAD Storage Time Fall T ime
0.7 4.5 0.4
s s s s s
Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
2/7
BULT118D
Safe Operating Areas Derating Curve
DC Current Gain
DC Current Gain
Collector Emitter Saturation Voltage
Base Emitter Saturation Voltage
3/7
BULT118D
Inductive Fall Time Inductive Storage Time
Resistive Fall Time
Resistive Load Storage Time
Reverse Biased SOA
4/7
BULT118D
Figure 1: Inductive Load Switching Test Circuits.
1) Fast electronic switch 2) Non-inductive Resistor 3) Fast recovery rectifier
Figure 2: Resistive Load Switching Test Circuits.
1) Fast electronic switch 2) Non-inductive Resistor
5/7
BULT118D
SOT-32 (TO-126) MECHANICAL DATA
mm MIN. A B b b1 C c1 D e e3 F G H H2 2.15 3 4.15 3.8 3.2 2.54 0.084 0.118 7.4 10.5 0.7 0.49 2.4 1.0 15.4 2.2 4.65 0.163 0.150 0.126 0.100 TYP. MAX. 7.8 10.8 0.9 0.75 2.7 1.3 16.0 MIN. 0.291 0.413 0.028 0.019 0.040 0.039 0.606 0.087 0.183 inch TYP. MAX. 0.307 0.445 0.035 0.030 0.106 0.050 0.629
DIM.
H2
0016114
6/7
BULT118D
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1997 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada- China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A . ..
7/7


▲Up To Search▲   

 
Price & Availability of BULT118D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X