Part Number Hot Search : 
00221 07024 SBR5035 NM60FD F1405ZS RF160A 31HTTPL1 CLR5101
Product Description
Full Text Search
 

To Download BULT118 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BULT118
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
s
s s s s
s
STMicroelectronics PREFERRED SALESTYPE NPN TRANSISTOR HIGH VOLTAGE CAPABILITY LOW SPREAD OF DYNAMIC PARAMETERS MINIMUM LOT-TO-LOT SPREAD FOR RELIABLE OPERATION VERY HIGH SWITCHING SPEED
3 2
1
APPLICATIONS: s ELECTRONIC BALLASTS FOR FLUORESCENT LIGHTING s FLYBACK AND FORWARD SINGLE TRANSISTOR LOW POWER CONVERTERS DESCRIPTION The device is manufactured using high voltage Multi Epitaxial Planar technology for high switching speeds and medium voltage capability. It uses a Cellular Emitter structure with planar edge termination to enhance switching speeds while maintaining the wide RBSOA. The device is designed for use in lighting applications and low cost switch-mode power supplies.
SOT-32
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CES V CEO V EBO IC I CM IB I BM P t ot T stg Tj Parameter Collector-Emitter Voltage (V BE = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current (tp < 5 ms) Base Current Base Peak Current (t p < 5 ms) Total Dissipation at T c = 25 C St orage Temperature Max. Operating Junction Temperature
o
Value 700 400 9 2 4 1 2 45 -65 to 150 150
Uni t V V V A A A A W
o o
C C
June 2000
1/7
BULT118
THERMAL DATA
R t hj-ca se R t hj- amb Thermal Resistance Junction-Case Thermal Resistance Junction-Ambient Max Max 2.77 80
o o
C/W C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symb ol I CES V EBO Parameter Collector Cut-off Current (V BE = 0) Emitter-Base Voltage Test Cond ition s V CE = 700 V V CE = 700 V I E = 10 mA I C = 100 mA L = 25 mH Tj = 125 C 9 400
o
Min.
Typ .
Max. 100 500
Un it A A V V
V CEO(sus ) Collector-Emitter Sustaining Voltage (I B = 0) I CEO V CE(sat ) Collector-Emitter Leakage Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current G ain
V CE = 400 V I C = 0.5 A IC = 1 A IC = 2 A I C = 0.5 A IC = 1 A IC = 2 A I C = 10 mA I C = 0.5 A IC = 2 A V CC = 125 V I B1 = 0.2 A IC = 1 A V BE = -5 V V c la mp = 300 V IB = 0.1 A IB = 0.2 A IB = 0.4 A IB = 0.1 A IB = 0.2 A IB = 0.4 A V CE = 5 V VCE = 5 V VCE = 5 V IC = 1 A IB2 = -0.2 A IB1 = 0.2 A L = 50 mH 10 10 8 0.4 3.2 0.25 0.8 0.16
250 0.5 1 1.5 1.0 1.2 1.3 50
A V V V V V V
V BE(s at)
h FE
tr ts tf ts tf
RESISTIVE LO AD Rise Time Storage Time Fall T ime INDUCTIVE LOAD Storage Time Fall T ime
0.7 4.5 0.4
s s s s s
Pulsed: Pulse duration = 300 ms, duty cycle 1.5 %
2/7
BULT118
Safe Operating Areas Derating Curve
DC Current Gain
DC Current Gain
Collector Emitter Saturation Voltage
Base Emitter Saturation Voltage
3/7
BULT118
Inductive Fall Time Inductive Storage Time
Resistive Fall Time
Resistive Load Storage Time
Reverse Biased SOA
4/7
BULT118
Figure 1: Inductive Load Switching Test Circuits.
1) Fast electronic switch 2) Non-inductive Resistor 3) Fast recovery rectifier
Figure 2: Resistive Load Switching Test Circuits.
1) Fast electronic switch 2) Non-inductive Resistor
5/7
BULT118
SOT-32 (TO-126) MECHANICAL DATA
mm MIN. A B b b1 C c1 D e e3 F G H 3 4.15 3.8 3.2 2.54 0.118 7.4 10.5 0.7 0.49 2.4 1.0 15.4 2.2 4.65 0.163 0.150 0.126 0.100 TYP. MAX. 7.8 10.8 0.9 0.75 2.7 1.3 16.0 MIN. 0.291 0.413 0.028 0.019 0.040 0.039 0.606 0.087 0.183 inch TYP. MAX. 0.307 0.445 0.035 0.030 0.106 0.050 0.629
DIM.
H2 c1
0016114
6/7
BULT118
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2000 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com
7/7


▲Up To Search▲   

 
Price & Availability of BULT118

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X