|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
(R) BTA40 and BTA/BTB41 Series 40A TRIACS STANDARD MAIN FEATURES: Symbol IT(RMS) V DRM/VRRM IGT (Q1) Value 40 600 and 800 50 Unit A V mA G G A2 A1 A1 A2 DESCRIPTION Available in high power packages, the BTA/ BTB40-41 series is suitable for general purpose AC power switching. They can be used as an ON/ OFF function in applications such as static relays, heating regulation, water heaters, induction motor starting circuits, welding equipment... or for phase control operation in high power motor speed controllers, soft start circuits... Thanks to their clip assembly technique, they provide a superior performance in surge current handling capabilities. By using an internal ceramic pad, the BTA series provides voltage insulated tab (rated at 2500 V RMS) complying with UL standards (File ref.: E81734). ABSOLUTE MAXIMUM RATINGS Symbol IT(RMS) RMS on-state current (full sine wave) Parameter RD91 (BTA40) A2 A1 A2 G A1 A2 G TOP3 Insulated (BTA41) TOP3 (BTB41) Value RD91 TOP3 TOP3 Ins. F = 60 Hz F = 50 Hz tp = 10 ms F = 120 Hz tp = 10 ms tp = 20 s Tj = 125C Tj = 25C Tj = 125C Tj = 125C Tc = 80C Tc = 70C t = 16.7 ms t = 20 ms 420 400 880 50 V DRM/VRRM + 100 Unit A 40 A ITSM It dI/dt Non repetitive surge peak on-state current (full cycle, Tj initial = 25C) I t Value for fusing Critical rate of rise of on-state current IG = 2 x IGT , tr 100 ns As A/s V A W C 1/6 VDSM/VRSM Non repetitive surge peak off-state voltage IGM PG(AV) Tstg Tj Peak gate current Average gate power dissipation Storage junction temperature range Operating junction temperature range 8 1 - 40 to + 150 - 40 to + 125 October 2001 - Ed: 4 BTA40 and BTA/BTB41 Series ELECTRICAL CHARACTERISTICS (Tj = 25C, unless otherwise specified) Symbol IGT (1) VD = 12 V VGT V GD IH (2) IL dV/dt (2) VD = VDRM R L = 3.3 k IT = 500 mA IG = 1.2 IGT VD = 67 % VDRM gate open Tj = 125C Tj = 125C I - III - IV II MIN. MIN. (dV/dt)c (2) (dI/dt)c = 20 A/ms Tj = 125C Test Condition s R L = 33 Quadrant I - II - III IV ALL ALL MAX. MAX. MIN. MAX. MAX. Value 50 100 1.3 0.2 80 70 160 500 10 V/s V/s Unit mA V V mA mA STATIC CHARACTERISTICS Symbol VTM (2) Vto (2) Rd (2) I DRM I RRM Note 1: minimum IGT is guaranted at 5% of IGT max. Note 2: for both polarities of A2 referenced to A1 Test Conditions ITM = 60 A tp = 380 s Tj = 25C Tj = 125C Tj = 125C Tj = 25C Tj = 125C MAX. MAX. MAX. MAX. Value 1.55 0.85 10 5 5 Unit V V m A mA Threshold voltage Dynamic resistance VDRM = VRRM THERMAL RESISTANCES Symbol Rth(j-c) Junction to case (AC) Parameter RD91 (Insulated) TOP3 TOP3 Insulated R th(j-a) Junction to ambient TOP3 TOP3 Insulated Value 0.9 1.2 50 C/W Unit C/W PRODUCT SELECTOR Voltage (xxx) Part Number 600 V BTA40-xxxB BTA/BTB41-xxxB BTB: Non insulated TOP3 package Sensitivity 800 V X X 50 mA 50 mA Type Package RD91 TOP3 X X Standard Standard 2/6 BTA40 and BTA/BTB41 Series ORDERING INFORMATION BT A 40 TRIAC SERIES INSULATION: A: insulated B: non insulated CURRENT: 40: 40A in RD91 41: 40A in TOP3 600 B SENSITIVITY: B: 50mA VOLTAGE: 600: 600V 800: 800V OTHER INFORMATION Part Number BTA40-xxxB BTA/BTB41-xxxB Note: xxx= voltage Marking BTA40xxxB BTA/BTB41xxxB Weight 20.0 g 4.5 g Base quantity 25 120 Packing mode Bulk Bulk Fig. 1: Maximum power dissipation versus RMS on-state current (full cycle). P (W) 50 40 30 20 10 IT(RMS) (A) 0 0 5 10 15 20 25 30 35 40 Fig. 2: RMS on-state current versus case temperature (full cycle). IT(RMS) (A) BTA40/BTB41 45 40 35 30 25 20 15 10 5 0 BTA41 Tc(C) 0 25 50 75 100 125 3/6 BTA40 and BTA/BTB41 Series Fig. 3: Relative variation of thermal impedance versus pulse duration. K=[Zth/Rth] 1E+0 Zth(j-c) Fig. 4: values). ITM (A) 400 100 On-state characteristics (maximum Tj max 1E-1 Zth(j-a) BTA/BTB41 1E-2 tp (s) 1E-3 1E-3 1E-2 1E-1 1E+0 1E+1 1E+2 5E+2 10 Tj=25C VTM (V) 1 0.5 1.0 1.5 2.0 2.5 3.0 3.5 Tj max.: Vto = 0.85 V Rd = 10 m 4.0 4.5 5.0 Fig. 5: Surge peak on-state current versus number of cycles. Fig. 6: Non-repetitive surge peak on-state current for a sinusoidal pulse with width tp < 10 ms, and corresponding value of I t. ITSM (A),I t (A s) 3000 ITSM ITSM (A) 450 400 350 300 250 200 150 100 50 0 t=20ms Non repetitive Tj initial=25C One cycle 1000 dI/dt limitation: 50A/s It Repetitive Tc=70C Number of cycles 1 10 100 1000 100 0.01 0.10 tp (ms) 1.00 Tj initial=25C 10.00 Fig. 7: Relative variation of gate trigger current, holding current and latching current versus junction temperature (typical values). IGT,IH,IL[Tj] / IGT,IH,IL [Tj=25C] 2.5 2.0 IGT Fig. 8: Relative variation of critical rate of decrease of main current versus (dV/dt)c (typical values). (dI/dt)c [(dV/dt)c] / Specified (dI/dt)c 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 80 100 120 140 0.4 0.1 1.5 IH & IL 1.0 0.5 Tj(C) 0.0 -40 -20 0 20 40 60 (dV/dt)c (V/s) 1.0 10.0 100.0 4/6 BTA40 and BTA/BTB41 Series Fig. 9: Relative variation of critical rate of decrease of main current versus junction temperature. (dI/dt)c [Tj] / (dI/dt)c [Tj specified] 6 5 4 3 2 1 0 0 25 50 Tj (C) 75 100 125 PACKAGE MECHANICAL DATA RD91 (Plastic) DIMENSIONS L2 A2 L1 REF. Millimeters Min. Max. 40.00 30.30 22.00 27.00 16.50 24.00 14.00 3.50 3.00 0.90 4.50 13.60 3.50 1.90 43 38 Min. Inches Max. 1.575 1.193 0.867 1.063 0.650 0.945 0.551 0.138 0.118 0.035 0.177 0.535 0.138 0.075 43 38 B2 C B1 C2 A1 C1 N2 N1 B F E3 I A A A1 A2 B B1 B2 C C1 C2 E3 F I L1 L2 N1 N2 29.90 1.177 13.50 0.531 1.95 0.70 4.00 11.20 3.10 1.70 33 28 0.077 0.027 0.157 0.441 0.122 0.067 33 28 5/6 BTA40 and BTA/BTB41 Series PACKAGE MECHANICAL DATA TOP3 Ins.(Plastic) DIMENSIONS REF. Millimeters Min. A B C D E F G H J K L P R 4.4 1.45 14.35 0.5 2.7 15.8 20.4 15.1 5.4 3.4 4.08 1.20 4.60 Typ. Max. 4.6 1.55 15.60 0.7 2.9 16.5 21.1 15.5 5.65 3.65 4.17 1.40 Min. 0.173 0.057 0.565 0.020 0.106 0.622 0.815 0.594 0.213 0.134 0.161 0.047 0.181 Inches Typ. Max. 0.181 0.061 0.614 0.028 0.114 0.650 0.831 0.610 0.222 0.144 0.164 0.055 Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A http ://www.st.com 6/6 |
Price & Availability of BTA40 |