Part Number Hot Search : 
82C55AZ DTC123 HAT2116H MIC25 PD100F2 ZMM27HCA 0JFLL MMBTA
Product Description
Full Text Search
 

To Download BTA10-600B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BTA/BTB10 Series
10A TRIACS
SNUBBERLESSTM & STANDARD
MAIN FEATURES:
Symbol IT(RMS) VDRM/VRRM IGT (Q1) Value 10 600 and 800 25 to 50 Unit A V mA
G
A2
A1
A2
DESCRIPTION Available either in standard or snubberless version, the BTA/BTB10 triac series is suitable for general purpose AC switching. They can be used as an ON/OFF function in applications such as static relays, heating regulation, induction motor starting circuits... or for phase control operation in light dimmers, motor speed controllers, ... The snubberless version (W suffix) is specially recommended for use on inductive loads, thanks to their high commutation performances. By using an internal ceramic pad, the BTA series provides voltage insulated tab (rated at 2500 V RMS) complying with UL standards (File ref.: E81734). ABSOLUTE MAXIMUM RATINGS
Symbol IT(RMS) RMS on-state current (full sine wave) Non repetitive surge peak on-state current (full cycle, Tj initial = 25C) It Value for fusing Critical rate of rise of on-state current IG = 2 x IGT , tr 100 ns Parameter
A1 A2 G
A1 A2 G
TO-220AB Insulated (BTA10)
TO-220AB (BTB10)
Value TO-220AB Tc = 105C 10 Tc = 95C t = 16.7 ms t = 20 ms 105 100 55 Tj = 125C Tj = 25C Tj = 125C Tj = 125C 50 VDRM/VRRM
+ 100
Unit A
TO-220AB Ins. F = 60 Hz F = 50 Hz tp = 10 ms F = 120 Hz tp = 10 ms tp = 20 s
ITSM
A
I t dI/dt
A s A/s V A W C 1/6
VDSM/VRSM Non repetitive surge peak off-state voltage IGM PG(AV) Tstg Tj Peak gate current Average gate power dissipation Storage junction temperature range Operating junction temperature range
4 1 - 40 to + 150 - 40 to + 125
April 2002 - Ed: 5A
BTA/BTB10 Series
ELECTRICAL CHARACTERISTICS (Tj = 25C, unless otherwise specified)
s
SNUBBERLESSTM (3 Quadrants)
Symbol Test Conditions Quadrant BTA/BTB10 CW IGT (1) VGT VGD IH (2) IL dV/dt (2) (dI/dt)c (2) VD = 12 V VD = VDRM IT = 500 mA IG = 1.2 IGT VD = 67 % VDRM gate open Tj = 125C Without snubber Tj = 125C I - III II MIN. MIN. RL = 33 RL = 3.3 k Tj = 125C I - II - III I - II - III I - II - III MAX. MAX. MIN. MAX. MAX. 35 50 60 500 5.5 35 1.3 0.2 50 70 80 1000 9.0 V/s A/ms BW 50 mA V V mA mA Unit
s
STANDARD (4 Quadrants)
Symbol Test Conditions Quadrant BTA/BTB10 C IGT (1) VGT VGD IH (2) IL dV/dt (2) VD = VDRM IT = 500 mA IG = 1.2 IGT VD = 67 %VDRM gate open Tj = 125C Tj = 125C I - III - IV II MIN. MIN. (dV/dt)c (2) (dI/dt)c = 4.4 A/ms RL = 3.3 k Tj = 125C VD = 12 V RL = 33 I - II - III IV ALL ALL MAX. MAX. MIN. MAX. MAX. 25 40 80 200 5 25 50 1.3 0.2 50 50 100 400 10 V/s V/s B 50 100 mA V V mA mA Unit
STATIC CHARACTERISTICS
Symbol VTM (2) Vto (2) Rd (2) IDRM IRRM
Note 1: minimum IGT is guaranted at 5% of IGT max. Note 2: for both polarities of A2 referenced to A1
Test Conditions ITM = 14 A tp = 380 s Tj = 25C Tj = 125C Tj = 125C Tj = 25C Tj = 125C MAX. MAX. MAX. MAX.
Value 1.55 0.85 40 5 1
Unit V V m A mA
Threshold voltage Dynamic resistance VDRM = VRRM
2/6
BTA/BTB10 Series
THERMAL RESISTANCES
Symbol Rth(j-c) Rth(j-a) Junction to case (AC) Junction to ambient Parameter TO-220AB TO-220AB Insulated TO-220AB TO-220AB Insulated Value 1.5 2.4 60 C/W Unit C/W
PRODUCT SELECTOR
Voltage (xxx) Part Number 600 V BTA/BTB10-xxxB BTA/BTB10-xxxBW BTA/BTB10-xxxC BTA/BTB10-xxxCW
BTB: Non insulated TO-220AB package
Sensitivity 800 V X X X X 50 mA 50 mA 25 mA 35 mA X X X X
Type Standard Snubberless Standard Snubberless
Package TO-220AB TO-220AB TO-220AB TO-220AB
ORDERING INFORMATION
BT A 10 TRIAC SERIES INSULATION: A: insulated B: non insulated CURRENT: 10A
600
BW
(RG)
PACKING MODE Blank: Bulk RG: Tube
VOLTAGE: 600: 600V 800: 800V
SENSITIVITY & TYPE B: 50mA STANDARD BW: 50mA SNUBBERLESS C: 25mA STANDARD CW: 35mA SNUBBERLESS
OTHER INFORMATION
Part Number BTA/BTB10-xxxyz BTA/BTB10-xxxyzRG Marking BTA/BTB10xxxyz BTA/BTB10-xxxyz Weight 2.3 g 2.3 g Base quantity 250 50 Packing mode Bulk Tube
Note: xxx = voltage, y = sensitivity, z = type
3/6
BTA/BTB10 Series
Fig. 1: Maximum power dissipation versus RMS on-state current (full cycle).
P (W) 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Fig. 2: RMS on-state current versus case temperature (full cycle).
IT(RMS) (A) 12 11 10 9 8 7 6 5 4 3 2 1 0
BTB
BTA
IT(RMS) (A) 0 1 2 3 4 5 6 7 8 9 10
Tc(C) 0 25 50 75 100 125
Fig. 3: Relative variation of thermal impedance versus pulse duration.
K=[Zth/Rth] 1E+0
Zth(j-c)
Fig. 4: values).
ITM (A) 100
On-state
characteristics
(maximum
Tj max. Vto = 0.85 V Rd = 40 mW
Tj max
1E-1
Zth(j-a)
10
Tj=25C
tp (s) 1E-2 1E-3 1E-2 1E-1 1E+0 1E+1 1E+2 5E+2
VTM (V) 1 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
Fig. 5: Surge peak on-state current versus number of cycles.
Fig. 6: Non-repetitive surge peak on-state current for a sinusoidal pulse with width tp < 10ms, and corresponding value of It.
ITSM (A), It (As) 1000
Tj initial=25C
ITSM (A) 110 100 90 80 70 60 50 40 30 20 10 0
t=20ms
Non repetitive Tj initial=25C
One cycle
dI/dt limitation: 50A/s
ITSM
100
It
Repetitive Tc=95C
Number of cycles 1 10 100 1000
10 0.01 0.10
tp (ms) 1.00 10.00
4/6
BTA/BTB10 Series
Fig. 7: Relative variation of gate trigger current, holding current and latching current versus junction temperature (typical values).
IGT,IH,IL[Tj] / IGT,IH,IL [Tj=25C] 2.5 2.0
IGT
Fig. 8: Relative variation of critical rate of decrease of main current versus (dV/dt)c (typical values).
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c 2.0 1.8 1.6 1.4
B C
1.5
IH & IL
1.2 1.0 0.8 0.6
BW/CW
1.0 0.5 Tj(C) 0.0 -40 -20 0 20 40 60 80 100 120 140
(dV/dt)c (V/s) 1.0 10.0 100.0
0.4 0.1
Fig. 9: Relative variation of critical rate of decrease of main current versus junction temperature.
(dI/dt)c [Tj] / (dI/dt)c [Tj specified] 6 5 4 3 2 1 0 0 25 50 Tj (C) 75 100 125
5/6
BTA/BTB10 Series
PACKAGE MECHANICAL DATA TO-220AB (Plastic)
DIMENSIONS
B C
REF.
Millimeters Min. Typ. 3.75 Max. Min.
Inches Typ. 0.147 Max. 0.625
b2
L F I A
l4
a1
c2
l3
l2 a2
b1 e
M c1
A a1 a2 B b1 b2 C c1 c2 e F I I4 L l2 l3 M
15.20
15.90 0.598
13.00 14.00 0.511 0.551 10.00 10.40 0.393 0.409 0.61 0.88 0.024 0.034 1.23 1.32 0.048 0.051 4.40 4.60 0.173 0.181 0.49 0.70 0.019 0.027 2.40 2.72 0.094 0.107 2.40 2.70 0.094 0.106 6.20 6.60 0.244 0.259 3.75 3.85 0.147 0.151 15.80 16.40 16.80 0.622 0.646 0.661 2.65 2.95 0.104 0.116 1.14 1.70 0.044 0.066 1.14 1.70 0.044 0.066 2.60 0.102
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Isreal - Italy - Japan - Malaysia - Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
6/6


▲Up To Search▲   

 
Price & Availability of BTA10-600B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X