Part Number Hot Search : 
300CA 0SERI U10A40 2N1552 ON1437 CP00H 74LVQ273 TCMZ13V
Product Description
Full Text Search
 

To Download BT134 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Triacs
BT134 series
GENERAL DESCRIPTION
Glass passivated triacs in a plastic envelope, intended for use in applications requiring high bidirectional transient and blocking voltage capability and high thermal cycling performance. Typical applications include motor control, industrial and domestic lighting, heating and static switching.
QUICK REFERENCE DATA
SYMBOL PARAMETER BT134BT134BT134Repetitive peak off-state voltages RMS on-state current Non-repetitive peak on-state current MAX. MAX. MAX. UNIT 500 500F 500G 500 4 25 600 600F 600G 600 4 25 800 800F 800G 800 4 25
VDRM IT(RMS) ITSM
V A A
PINNING - SOT82
PIN 1 2 3 tab DESCRIPTION main terminal 1
PIN CONFIGURATION
SYMBOL
T2
main terminal 2 gate main terminal 2
1 2 3
T1
G
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134). SYMBOL VDRM IT(RMS) ITSM PARAMETER Repetitive peak off-state voltages RMS on-state current Non-repetitive peak on-state current I2t for fusing Repetitive rate of rise of on-state current after triggering full sine wave; Tmb 107 C full sine wave; Tj = 25 C prior to surge t = 20 ms t = 16.7 ms t = 10 ms ITM = 6 A; IG = 0.2 A; dIG/dt = 0.2 A/s T2+ G+ T2+ GT2- GT2- G+ CONDITIONS MIN. -40 -500 5001 MAX. -600 6001 4 25 27 3.1 50 50 50 10 2 5 5 0.5 150 125 -800 800 UNIT V A A A A2s A/s A/s A/s A/s A V W W C C
I2t dIT/dt
IGM VGM PGM PG(AV) Tstg Tj
Peak gate current Peak gate voltage Peak gate power Average gate power Storage temperature Operating junction temperature
over any 20 ms period
1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may switch to the on-state. The rate of rise of current should not exceed 3 A/s. August 1997 1 Rev 1.200
Philips Semiconductors
Product specification
Triacs
BT134 series
THERMAL RESISTANCES
SYMBOL Rth j-mb Rth j-a PARAMETER CONDITIONS MIN. TYP. 100 MAX. 3.0 3.7 UNIT K/W K/W K/W Thermal resistance full cycle junction to mounting base half cycle Thermal resistance in free air junction to ambient
STATIC CHARACTERISTICS
Tj = 25 C unless otherwise stated SYMBOL IGT PARAMETER Gate trigger current CONDITIONS BT134VD = 12 V; IT = 0.1 A T2+ G+ T2+ GT2- GT2- G+ VD = 12 V; IGT = 0.1 A T2+ G+ T2+ GT2- GT2- G+ VD = 12 V; IGT = 0.1 A IT = 5 A VD = 12 V; IT = 0.1 A VD = 400 V; IT = 0.1 A; Tj = 125 C VD = VDRM(max); Tj = 125 C MIN. TYP. ... 0.25 5 8 11 30 7 16 5 7 5 1.4 0.7 0.4 0.1 35 35 35 70 20 30 20 30 15 MAX. ...F 25 25 25 70 20 30 20 30 15 1.70 1.5 0.5 ...G 50 50 50 100 30 45 30 45 30 mA mA mA mA mA mA mA mA mA V V V mA UNIT
IL
Latching current
IH VT VGT ID
Holding current On-state voltage Gate trigger voltage Off-state leakage current
DYNAMIC CHARACTERISTICS
Tj = 25 C unless otherwise stated SYMBOL dVD/dt PARAMETER Critical rate of rise of off-state voltage Critical rate of change of commutating voltage Gate controlled turn-on time CONDITIONS BT134VDM =67% VDRM(max); Tj = 125 C; exponential waveform; gate open circuit VDM = 400 V; Tj = 95 C; IT(RMS) = 4 A; dIcom/dt = 1.8 A/ms; gate open circuit ITM = 6 A; VD = VDRM(max); IG = 0.1 A; dIG/dt = 5 A/s; ... 100 MIN. ...F 50 ...G 200 TYP. 250 MAX. UNIT V/s
dVcom/dt
-
-
10
50
-
V/s
tgt
-
-
-
2
-
s
August 1997
2
Rev 1.200
Philips Semiconductors
Product specification
Triacs
BT134 series
8 7 6 5 4 3 2 1 0
Ptot / W
BT136
Tmb(max) / C
101 104
5
IT(RMS) / A
BT136
1
= 180 120 90 60 30
4
107 110 113 116 119
107 C
3
2
1
122 0 1 2 3 IT(RMS) / A 4 125 5
0 -50
0
50 Tmb / C
100
150
Fig.1. Maximum on-state dissipation, Ptot, versus rms on-state current, IT(RMS), where = conduction angle.
Fig.4. Maximum permissible rms current IT(RMS) , versus mounting base temperature Tmb.
BT136
1000
ITSM / A
BT136 IT T ITSM
12 10
time
IT(RMS) / A
Tj initial = 25 C max 100 dIT /dt limit
8 6 4
T2- G+ quadrant
2
10 10us
100us
1ms T/s
10ms
100ms
0 0.01
0.1 1 surge duration / s
10
Fig.2. Maximum permissible non-repetitive peak on-state current ITSM, versus pulse width tp, for sinusoidal currents, tp 20ms.
Fig.5. Maximum permissible repetitive rms on-state current IT(RMS), versus surge duration, for sinusoidal currents, f = 50 Hz; Tmb 107C.
VGT(Tj) VGT(25 C)
30 25 20 15 10 5 0
ITSM / A
BT136
1.6
IT T I TSM time
BT136
1.4 1.2 1 0.8 0.6 0.4 -50
Tj initial = 25 C max
1
10 100 Number of cycles at 50Hz
1000
0
50 Tj / C
100
150
Fig.3. Maximum permissible non-repetitive peak on-state current ITSM, versus number of cycles, for sinusoidal currents, f = 50 Hz.
Fig.6. Normalised gate trigger voltage VGT(Tj)/ VGT(25C), versus junction temperature Tj.
August 1997
3
Rev 1.200
Philips Semiconductors
Product specification
Triacs
BT134 series
3 2.5 2 1.5 1 0.5
IGT(Tj) IGT(25 C)
BT136 T2+ G+ T2+ GT2- GT2- G+
12 10
IT / A Tj = 125 C Tj = 25 C
Vo = 1.27 V Rs = 0.091 ohms
BT136 typ max
8 6 4 2 0
0 -50
0
50 Tj / C
100
150
0
0.5
1
1.5 VT / V
2
2.5
3
Fig.7. Normalised gate trigger current IGT(Tj)/ IGT(25C), versus junction temperature Tj.
IL(Tj) IL(25 C)
Fig.10. Typical and maximum on-state characteristic.
3 2.5
TRIAC
10
Zth j-mb (K/W)
BT136 unidirectional bidirectional
1
2 1.5 1 0.5 0 -50
0.01 10us 0.1ms 1ms 10ms tp / s 0.1s 1s 0.1
P D tp
t
0
50 Tj / C
100
150
10s
Fig.8. Normalised latching current IL(Tj)/ IL(25C), versus junction temperature Tj.
IH(Tj) IH(25C)
Fig.11. Transient thermal impedance Zth j-mb, versus pulse width tp.
dVcom/dt (V/us) off-state dV/dt limit
BT134...G SERIES BT134 SERIES
3 2.5 2 1.5 1 0.5
TRIAC
1000
100
BT134...F SERIES
10
dIcom/dt = 5.1 A/ms
3.9 50
3
2.3
1.8 100
1.4 150
0 -50
0
50 Tj / C
100
150
1
0
Tj / C
Fig.9. Normalised holding current IH(Tj)/ IH(25C), versus junction temperature Tj.
Fig.12. Typical commutation dV/dt versus junction temperature, parameter commutation dIT/dt. The triac should commutate when the dV/dt is below the value on the appropriate curve for pre-commutation dIT/dt.
August 1997
4
Rev 1.200
Philips Semiconductors
Product specification
Triacs
BT134 series
MECHANICAL DATA
Dimensions in mm Net Mass: 0.8 g
mounting base
2.8 2.3
7.8 max
3.75 3.1 2.5 11.1 max
1) 2.54 max
1.2 15.3 min
1 4.58 0.5
2
3 2.29
1) Lead dimensions within this zone uncontrolled.
0.88 max
Fig.13. SOT82; pin 2 connected to mounting base.
Notes 1. Refer to mounting instructions for SOT82 envelopes. 2. Epoxy meets UL94 V0 at 1/8".
August 1997
5
Rev 1.200
Philips Semiconductors
Product specification
Triacs
BT134 series
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1997 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
August 1997
6
Rev 1.200


▲Up To Search▲   

 
Price & Availability of BT134

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X