Part Number Hot Search : 
AO540 914BT MAX31 TLR2120 1001A WHM102 XRT71D03 ASI10525
Product Description
Full Text Search
 

To Download APT6045SVR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT6045SVR
600V 15A 0.450
POWER MOS V (R)
D3PAK
Power MOS is a new generation of high voltage N-Channel enhancement mode power MOSFETs. This new technology minimizes the JFET effect, increases packing density and reduces the on-resistance. Power MOS V(R) also achieves faster switching speeds through optimized gate layout.
V(R)
* Faster Switching * Lower Leakage
* 100% Avalanche Tested * Surface Mount D3PAK Package
G
D
S
MAXIMUM RATINGS
Symbol VDSS ID IDM VGS VGSM PD TJ,TSTG TL IAR EAR EAS Parameter Drain-Source Voltage Continuous Drain Current @ TC = 25C Pulsed Drain Current
1
All Ratings: TC = 25C unless otherwise specified.
APT6045SVR UNIT Volts Amps
600 15 60 30 40 250 2 -55 to 150 300 15 30
4
Gate-Source Voltage Continuous Gate-Source Voltage Transient Total Power Dissipation @ TC = 25C Linear Derating Factor Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Current
1
Volts Watts W/C C Amps mJ
(Repetitive and Non-Repetitive)
1
Repetitive Avalanche Energy
Single Pulse Avalanche Energy
960
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS ID(on) RDS(on) IDSS IGSS VGS(th) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, ID = 250A) On State Drain Current
2
MIN
TYP
MAX
UNIT Volts Amps
600 15 0.45 25 250 100 2 4
(VDS > I D(on) x R DS(on) Max, VGS = 10V)
2
Drain-Source On-State Resistance
(VGS = 10V, 0.5 ID[Cont.])
Ohms A nA Volts
050-5537 Rev B
Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 1.0mA)
APT Website - http://www.advancedpower.com
Bend, Oregon 97702-1035 F-33700 Merignac - France Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
USA
405 S.W. Columbia Street
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
EUROPE
Avenue J.F. Kennedy Bat B4 Parc Cadera Nord
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
3
APT6045SVR
Test Conditions VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 0.5 VDSS ID = ID[Cont.] @ 25C VGS = 15V VDD = 0.5 VDSS ID = ID[Cont.] @ 25C RG = 1.6 MIN TYP MAX UNIT
2600 305 125 115 15 52 10 9 38 6
3120 425 180 170 25 75 20 18 50 12
ns nC pF
Gate-Source Charge Gate-Drain ("Miller ") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol IS ISM VSD t rr Q rr Characteristic / Test Conditions Continuous Source Current (Body Diode) Pulsed Source Current Diode Forward Voltage
1 2
MIN
TYP
MAX
UNIT Amps Volts ns C
15 60 1.3 400 6
(Body Diode) (VGS = 0V, IS = -ID[Cont.])
Reverse Recovery Time (IS = -ID[Cont.], dl S/dt = 100A/s) Reverse Recovery Charge (IS = -ID[Cont.], dl S/dt = 100A/s)
THERMAL CHARACTERISTICS
Symbol RJC RJA Characteristic Junction to Case Junction to Ambient MIN TYP MAX UNIT C/W
0.50 40
3 See MIL-STD-750 Method 3471 4 Starting T = +25C, L = 8.53mH, R = 25, Peak I = 15A j G L
1 Repetitive Rating: Pulse width limited by maximum junction
temperature. 2 Pulse Test: Pulse width < 380 S, Duty Cycle < 2%
APT Reserves the right to change, without notice, the specifications and information contained herein.
0.5 D=0.5 , THERMAL IMPEDANCE (C/W) 0.2 0.1 0.05 0.1 0.05 0.02 0.01 0.005 0.01 SINGLE PULSE Note:
PDM
t1 t2
JC
050-5537 Rev B
Duty Factor D = t1/t2 Peak TJ = PDM x ZJC + TC
Z 0.001 10-5
10-3 10-2 10-1 1.0 10 RECTANGULAR PULSE DURATION (SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
10-4
APT6045SVR
30 ID, DRAIN CURRENT (AMPERES) 30 VGS=6V, 7V, 10V & 15V ID, DRAIN CURRENT (AMPERES) 24 VGS=15V VGS=7V, 10V 5.5V 18 6V
24 5.5V 18
12
5V
12
5V
6
4.5V 4V
6
4.5V 4V
0 50 100 150 200 250 300 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 2, TYPICAL OUTPUT CHARACTERISTICS RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE 30 ID, DRAIN CURRENT (AMPERES)
VDS> ID (ON) x RDS (ON)MAX. 250SEC. PULSE TEST @ <0.5 % DUTY CYCLE
0
0 5 10 15 20 25 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 3, TYPICAL OUTPUT CHARACTERISTICS 1.5
V
GS
0
NORMALIZED TO = 10V @ 0.5 I [Cont.]
D
24
1.4 1.3 1.2 1.1 1.0
18
12 TJ = +125C TJ = +25C 0 TJ = -55C
VGS=10V VGS=20V
6
0 2 4 6 8 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) FIGURE 4, TYPICAL TRANSFER CHARACTERISTICS 16 ID, DRAIN CURRENT (AMPERES)
0.9
0
6 12 18 24 30 36 ID, DRAIN CURRENT (AMPERES) FIGURE 5, RDS(ON) vs DRAIN CURRENT
BVDSS, DRAIN-TO-SOURCE BREAKDOWN VOLTAGE (NORMALIZED) 25
I = 0.5 I [Cont.]
D D
1.15
1.10
12
1.05
8
1.00
4
0.95
50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE (NORMALIZED) 2.5
V
0
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE 1.2 VGS(TH), THRESHOLD VOLTAGE (NORMALIZED)
0.90
-50
GS
= 10V
2.0
1.1 1.0 0.9 0.8 0.7 050-5537 Rev B
1.5
1.0
0.5
0.0 -50
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 8, ON-RESISTANCE vs. TEMPERATURE
-25 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE
0.6
-50
APT6045SVR
100 ID, DRAIN CURRENT (AMPERES) 50
OPERATION HERE LIMITED BY RDS (ON)
10,000 10S 100S C, CAPACITANCE (pF) 5,000 Ciss
10 1mS 5 10mS 1 0.5 TC =+25C TJ =+150C SINGLE PULSE 100mS DC
1,000 Coss 500 Crss
100 50
0.1
1 5 10 50 100 600 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 10, MAXIMUM SAFE OPERATING AREA
I = I [Cont.]
D D
.01 .1 1 10 50 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE IDR, REVERSE DRAIN CURRENT (AMPERES) 50
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
20
16
VDS=120V VDS=300V
TJ =+150C 10 5
TJ =+25C
12 VDS=480V 8
1 .5
4
50 100 150 200 250 Qg, TOTAL GATE CHARGE (nC) FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
0
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS) FIGURE 13, TYPICAL SOURCE-DRAIN DIODE FORWARD VOLTAGE
.1
D PAK Package Outline
Drain (Heat Sink)
4.98 (.196) 5.08 (.200) 1.47 (.058) 1.57 (.062) 15.95 (.628) 16.05 (.632) 13.41 (.528) 13.51 (.532)
3
1.04 (.041) 1.15 (.045)
Revised 4/18/95
13.79 (.543) 13.99 (.551)
Revised 8/29/97
11.51 (.453) 11.61 (.457)
0.46 (.018) 0.56 (.022) {3 Plcs} 0.020 (.001) 0.178 (.007) 2.67 (.105) 2.84 (.112) 1.98 (.078) 2.08 (.082)
1.27 (.050) 1.40 (.055)
1.22 (.048) 1.32 (.052)
3.81 (.150) 4.06 (.160) (Base of Lead)
5.45 (.215) BSC {2 Plcs.}
Heat Sink (Drain) and Leads are Plated
050-5537 Rev B
Source Drain Gate Dimensions in Millimeters (Inches)
APT's devices are covered by one or more of the following U.S.patents: 4,895,810 5,256,583 5,045,903 4,748,103 5,089,434 5,283,202 5,182,234 5,231,474 5,019,522 5,434,095 5,262,336 5,528,058


▲Up To Search▲   

 
Price & Availability of APT6045SVR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X