Part Number Hot Search : 
230D1 1595MNR2 230D1 RF205 MBRS130 R2001 MMG3007 M65AF
Product Description
Full Text Search
 

To Download APT6040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D
TO-247
G S
APT6040BN 600V
(R)
18.0A 0.40 17.0A 0.45
POWER MOS IV
MAXIMUM RATINGS
Symbol VDSS ID IDM VGS PD TJ,TSTG TL Parameter Drain-Source Voltage
APT6045BN 600V
N - CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
All Ratings: TC = 25C unless otherwise specified.
APT 6040BN APT 6045BN UNIT Volts Amps
600 18 72 30 310 2.48
600 17 68
Continuous Drain Current @ TC = 25C Pulsed Drain Current Gate-Source Voltage Total Power Dissipation @ TC = 25C Linear Derating Factor Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec.
1
Volts Watts W/C C
-55 to 150 300
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS Characteristic / Test Conditions / Part Number Drain-Source Breakdown Voltage (VGS = 0V, ID = 250 A) On State Drain Current
2
MIN APT6040BN APT6045BN APT6040BN APT6045BN APT6040BN APT6045BN
TYP
MAX
UNIT Volts
600 600 18
Amps
ID(ON)
(VDS > I D(ON) x R DS(ON) Max, VGS = 10V) Drain-Source On-State Resistance (VGS = 10V, 0.5 ID [Cont.]) Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V)
2
17 0.40
Ohms
RDS(ON)
0.45 250 1000 100 2 4
A nA Volts
IDSS IGSS VGS(TH)
Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 1.0mA)
THERMAL CHARACTERISTICS
Symbol RJC RJA Characteristic Junction to Case Junction to Ambient MIN TYP MAX UNIT C/W
050-6007 Rev B
0.40 40
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
USA
405 S.W. Columbia Street Bend, Oregon 97702 -1035 F-33700 Merignac - France Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15 FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
EUROPE
Avenue J.F. Kennedy Bat B4 Parc Cadera Nord
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
3
APT6040/6045BN
Test Conditions VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C VGS = 15V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C RG = 1.8 MIN TYP MAX UNIT
2400 436 154 87 11 46 14 23 63 23
2950 610 230 130 16 69 28 46 95 46
ns nC pF
Gate-Source Charge Gate-Drain ("Miller ") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol IS ISM VSD t rr Q rr Characteristic / Test Conditions / Part Number Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage
1
MIN APT6040BN APT6045BN APT6040BN APT6045BN
TYP
MAX
UNIT
18 17 72 68 1.3 334 5 668 10
Volts ns C Amps
2
(VGS = 0V, IS = -ID [Cont.])
Reverse Recovery Time (IS = -ID [Cont.], dl S/dt = 100A/s) Reverse Recovery Charge (IS = -ID [Cont.], dl S/dt = 100A/s)
SAFE OPERATING AREA CHARACTERISTICS
Symbol SOA1 SOA2 ILM Characteristic Safe Operating Area Safe Operating Area Inductive Current Clamped Test Conditions / Part Number VDS = 0.4 VDSS, IDS = PD / 0.4 VDSS, t = 1 Sec. IDS = ID [Cont.], VDS = PD / ID [Cont.], t = 1 Sec. APT6040BN APT6045BN MIN TYP MAX UNIT Watts
310 310 72 68
Amps
1 Repetitive Rating: Pulse width limited by maximum junction temperature. See Transient Thermal Impedance Curve. (Fig.1) 2 Pulse Test: Pulse width < 380 S, Duty Cycle < 2% 3 See MIL-STD-750 Method 3471 APT Reserves the right to change, without notice, the specifications and information contained herein. 1.0 , THERMAL IMPEDANCE (C/W) 0.5 D=0.5 0.1 0.05 0.2 0.1 0.05 0.01 0.005 SINGLE PULSE 0.001 10-5
PDM
0.02 0.01
Note:
t1 t2 2 Peak TJ = PDM x ZJC + TC Duty Factor D = t1/t
050-6007 Rev B
Z
JC
10-3 10-2 10-1 1.0 10 RECTANGULAR PULSE DURATION (SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
10-4
APT6040/6045BN
20 ID, DRAIN CURRENT (AMPERES) ID, DRAIN CURRENT (AMPERES) 10 V 16 V =6V 8 6V 6 5V 4 =10V GS 5.5V
GS
12 5.5V 8 5V 4 4.5V 4V 0 50 100 150 200 250 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 2, TYPICAL OUTPUT CHARACTERISTICS 0 20 T = -55C J
2
4.5V
4V 0 1 2 3 4 5 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 3, TYPICAL OUTPUT CHARACTERISTICS 0 RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE 2.5
T = 25C
J
ID, DRAIN CURRENT (AMPERES)
T = +25C J T = +125C J
2 SEC. PULSE TEST NORMALIZED TO
15
V
> I (ON) x R (ON)MAX. DS D DS 230 SEC. PULSE TEST
2.0
V
GS
= 10V @ 0.5 I [Cont.]
D
V
=10V GS
10
1.5
V
=20V GS
5 T = +125C J T = +25C J 0 T = -55C J
1.0
0 2 4 6 8 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) FIGURE 4, TYPICAL TRANSFER CHARACTERISTICS 20 ID, DRAIN CURRENT (AMPERES)
0.5
0
10 20 30 40 50 ID, DRAIN CURRENT (AMPERES) FIGURE 5, RDS(ON) vs DRAIN CURRENT
BVDSS(ON), DRAIN-TO-SOURCE BREAKDOWN VOLTAGE (NORMALIZED) VGS(TH), THRESHOLD VOLTAGE (NORMALIZED)
1.2
16 APT6040BN 12 APT6045BN 8
1.1
1.0
0.9
4
0.8
50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE (NORMALIZED) 2.5
I = 0.5 I [Cont.]
D D
0
25
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE 1.4
0.7 -50
V
GS
= 10V
2.0
1.2
1.5
1.0
1.0
0.8
0.5
0.6 050-6007 Rev B
0.0 -50
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 8, ON-RESISTANCE vs. TEMPERATURE
-25 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE
0.4 -50
APT6040/6045BN
100 ID, DRAIN CURRENT (AMPERES)
APT6040BN APT6045BN
OPERATION HERE LIMITED BY R (ON) DS
10S C C, CAPACITANCE (pF) 100S iss
APT6040BN APT6045BN
10 1mS 10mS 1 100mS TC =+25C TJ =+150C SINGLE PULSE DC
C
oss rss
C
1 5 10 50 100 600 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 10, MAXIMUM SAFE OPERATING AREA VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) 20
I = I [Cont.]
D D
.1
0 10 20 30 40 50 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE IDR, REVERSE DRAIN CURRENT (AMPERES)
V V
=120V DS
16
=320V DS V =480V DS
12
T = +150C J
T = +25C J
8
4
40 80 120 160 200 Qg, TOTAL GATE CHARGE (nC) FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
0
0
0 .5 1.0 1.5 2.0 VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS) FIGURE 13, TYPICAL SOURCE-DRAIN DIODE FORWARD VOLTAGE
TO-247AD Package Outline
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC
15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
Drain
20.80 (.819) 21.46 (.845) 3.55 (.140) 3.81 (.150)
4.50 (.177) Max. 0.40 (.016) 0.79 (.031)
2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084)
19.81 (.780) 20.32 (.800) 1.01 (.040) 1.40 (.055)
Gate Drain Source
050-6007 Rev B
2.21 (.087) 2.59 (.102)
5.45 (.215) BSC 2-Plcs.
Dimensions in Millimeters and (Inches)


▲Up To Search▲   

 
Price & Availability of APT6040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X