Part Number Hot Search : 
SSM2211S MAX5909 TFPT1206 FLZ4V3B 01M10 MR100FF3 EPA3592G NTRLPB
Product Description
Full Text Search
 

To Download ACT5101-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ACT5101-1 HIGH VOLTAGE 3-PHASE BRUSHLESS DC MOTOR DRIVE
Features
* * * * * * * 500 VDC RATING 40 AMP CONTINUOUS CURRENT (UP TO 85C) PACKAGE SIZE 3.0" X 2.1" X 0.39" 4 QUADRANT CONTROL 6 STEP TRAPEZOIDAL DRIVE CAPABILITY MILITARY PROCESSING AVAILABLE MIL-PRF-38534 COMPLIANT CIRCUITS AVAILABLE * ISOLATED UPPER AND LOWER GATE DRIVERS * FULL MILITARY (-55C TO +125C) TEMPERATURE RANGE
CIRCUIT TECHNOLOGY
www.aeroflex.com
General Description
The ACT5101-1 high voltage 3 phase brushless DC motor drive combines a 500 VDC, 40A high power output stage along with low power digital input and gate drive stages. A digital lock-out feature protects the output stage from accidental cross-conduction thus preventing shoot-through conditions. The ACT5101-1 also includes a floating gate drive design for each upper and lower transistor. On-board gate drive supplies provide a continuous floating voltage for each upper and lower transistor, even during a motor stall. The high power output stage rated at 500 VDC, 40A is capable of delivering over 20 kW to the load even after derating. This is accomplished through the use of high power IGBTS with ultra-fast recovery rectifiers in parallel. The ACT5101-1 utilizes power hybrid technology to provide the highest levels of reliability and lightest weight while requiring the smallest amount of board space. The ACT5101-1 is available with military processing and operates over the full -55 to +125 degrees C temperature range. This makes the ACT5101-1 ideal for all military, space,and commercial avionics' applications. These include electro-hydrostatic actuators [EHA's] and electro-mechanical actuators [EMA's] for flight surface control, missile fin actuators, thrust vector control, electric brakes, fuel and cooling pumps.
+15V +15V DC / AC Converter
+15V
SD +15V Optical Isolation XFMR & Rect
Phase V+
Ux Phase OUT
+15V
XFMR & Rect
Lx Phase RTN
To Other Sections
FIGURE 1 - BLOCK DIAGRAM
eroflex Circuit Technology - Motor Driver Modules For The Future (c) SCD5101-1 REV D 5/14/01
Additional applications include environmental conditioning blowers, radar positioning, solar panel positioning, and cryogenic cooler pumps. The ACT5101-1 is therefore especially suitable for use in applications for all military tank upgrades, helicopters, planes and new commercial avionics using 270 VDC as the main power.
Ux INPUTS
50%
50%
LX INPUTS td on
90%
td off
td on
td off
PHASE OUTPUTS 50%
10% tr tf tr tf
SD
50%
tSDU
H PHASE OUTPUTS Z
tSDL
UPPER TRANSISTOR BEING SHUTDOWN LOWER TRANSISTOR BEING SHUTDOWN
Z L
FIGURE 2 - TIMING DIAGRAM
Aeroflex Circuit Technology
2
SCD5101-1 REV D 5/14/01 Plainview NY (516) 694-6700
Table I - Absolute Maximums
(TC = +25C unless otherwise specified) PARAMETER SUPPLY VOLTAGE (PINS 3,7,11) +15 V SUPPLY (PIN 12) OUTPUT CURRENT CONTINUOUS PULSED CASE OPERATING TEMPERATURE CASE STORAGE TEMPERATURE RANGE JUNCTION TEMPERATURE lo lop TC TCS TJ 40 60 -55 to +125 -55 to 150 150 A A
C C C
SYMBOL V+A,V+B,V+C +15V
RANGE 500 18
UNITS V DC V DC
Table II - Normal Operating Conditions
(TC = +25C unless otherwise specified) PARAMETERS POWER OUTPUT STAGE Output Current Continuous Supply Voltage Output Voltage Drop (each IGBT) Instantaneous Forward Voltage (flyback diode) Reverse Recovery Time (flyback diode) Reverse Leakage Current at Tc=25 C Reverse Leakage Current at Tc=125 C lo V+A,V+B,V+C VCE(SAT) VF trr lr lr See Note 2 lo = 40A lop = 40A (See Note 1) 15 270 40 500 3.4 2.4 35 0.25 8 A V DC V DC V DC nsec mA mA SYMBOL TEST CONDITIONS MIN TYP MAX UNIT
LOGIC INPUT SIGNALS (INTERNALLY PULLED UP) (V+ = 15V) Input Voltage Low Input Voltage High Input Current Low VINL VINH IINH 6.8 3.75 4 V DC V DC mA
Aeroflex Circuit Technology
3
SCD5101-1 REV D 5/14/01 Plainview NY (516) 694-6700
Table II - Normal Operating Conditions (Continued)
(TC = +25C unless otherwise specified) PARAMETERS SWITCHING CHARACTERISTICS Upper Drive: Turn-on propagation delay Turn-off propagation delay Shut-down propagation delay Turn-on Transition Time Turn-off Transition Time Lower Drive: Turn-on propagation delay Turn-off propagation delay Shut-down propagation delay Turn-on Transition Time Turn-off Transition Time SWITCHING ENERGY LOSSES (At I = 40A, V = 480V) Turn-on Energy Turn-off Energy DEAD TIME THERMAL Junction-Case Thermal Resistance (IGBT) Junction-Case Thermal Resistance (DIODE) Maximum Lead Soldering Temp Junction Temperature Range Case Operating Temperature Case Storage Temperature NOTES: 1. Pulse width 300 usec duty cycle 2% 2. V+ = 480 V, Inputs = logic "1" 3. Solder 1/8" from case for 5 seconds maximum
jcIGBT jcDIODE Eon Eoff
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td (on) td (off) tSDU tr tf
700 2 3.5 100 250
nsec sec sec nsec nsec
td (on) td (off) tSDL tr tf Tc = +125C
600 2 3.5 250 200
nsec sec sec nsec nsec
4 6 500
mJ mJ nsec
tdt
each transistor each diode See Note 3 -55 -55 -55
.45 .85 250 150 125 150
C/W C/W C C C C
TS TJ TC Tcs
Aeroflex Circuit Technology
4
SCD5101-1 REV D 5/14/01 Plainview NY (516) 694-6700
FUNCTION V+ A V+ B V+ C +15V GND RTN A RTN B RTN C PHASE A PHASE B PHASE C UA LA UB LB UC LC SD N/C
PIN # 11 7 3 12 19,22,26 8 5 1 9 6 2 18 17 21 20 25 24 23 4,10,13-16
DESCRIPTION
High Voltage D.C. Bus, Phase A High Voltage D.C. Bus, Phase B High Voltage D.C. Bus, Phase C +15 VDC input required to power gate drive supply and gate drive circuitry of all three phases. Reference for LOGIC supply, +15V supply, and digital inputs. Return for High Voltage Bus, Phase A. Return for High Voltage Bus, Phase B Return for High Voltage Bus, Phase C Output to motor winding Phase A Output to motor winding Phase B Output to motor winding Phase C Digital input to Phase A upper transistor Digital input to Phase A lower transistor Digital input to Phase B upper transistor Digital input to Phase B lower transistor Digital input to Phase C upper transistor Digital input to Phase C lower transistor Digital shut-down input to enable / disable all six gate drives No connection Internally
DIGITAL INPUT STAGE
The ACT5101-1 offers complete flexibility by allowing the user to turn on/off each of the 6 IGBTS in any order or combination desired which enables the hybrid to be commutated in a 6 step trapezoidal mode. The only unacceptable combination would be to turn on an upper and lower transistor of the same phase. This is not a desirable condition for normal operation and is therefore not allowed. The ACT5101-1 has a digital lockout feature that prevents turn-on of two in-line transistors. Damage to one or both of the transistors would occur if this protection circuitry was not present in the hybrid. As a safety precaution, it is still recommended that a 500 nsec dead time be installed between commands at the inputs of the upper and lower transistors of the same phase. This will compensate for any lag in transistor turn-off due to the inductive load. The SD input allows the user to enable/disable the drive stage of the ACT5101-1 on demand. This input can be incorporated into the user's temperature or current monitoring circuitry to shutdown the hybrid if excessive current or case temperatures are sensed. The digital input circuits are of the Schmitt trigger type with hystersesis of at least 1.6 volts, thus greatly enhancing the input noise immunity. The inputs are internally pulled up to 15 volts so that an uncommitted input is sensed as "OFF", providing a measure of protection against an accidental input disconnect.
GATE DRIVE
The ACT5101-1 includes a gate drive supply which provides a floating voltage for each upper and lower transistor. This constant voltage allows the motor to be operated at very low duty cycles or driven into a stall without any loss of upper or lower gate drive. This performance could not be obtained with only a conventional boot strap design.
Aeroflex Circuit Technology
5
SCD5101-1 REV D 5/14/01 Plainview NY (516) 694-6700
POWER OUTPUT STAGE
IGBTS [insulated gate bipolar transistors] are technically similar to bipolars and MOSFETS. An IGBT is a composite of a transistor with an N-channel MOSFET connected to the base of a PNP transistor. Like the MOSFET, it offers high input impedance and requires low input drive current. IGBT conduction losses are low, as with bipolar technology, and IGBT voltage drops are much lower compared with those of MOSFETs. Consequently, the IGBT offers a high current density. With a smaller die size than the MOSFET, it can handle the same current rating. Unlike MOSFETS, IGBTS have no intrinsic body diode. The ACT5101-1 includes 35 nsec fast recovery rectifiers in parallel across each of the 6 IGBTS to carry the reverse current when the IGBT is turned off. It is important for the user to observe the Absolute Maximum ratings of the ACT5101-1 so that the voltage and current rating is not exceeded. If over-voltage/over-current protection is desired it must be implemented external to the ACT5101-1. Figure 3 shows the ACT5101-1 output current capability vs. case temperature.
45 Output Current IO (A) 40 35 30 25 20 15 10 0 20 40 60 80 100 120 140
Case Temperature TC (C)
FIGURE 3 - OUTPUT CURRENT VS. CASE TEMPERATURE
POWER DISSIPATION
Power dissipation in the ACT5101-1 is composed of three elements: IGBT conduction losses, IGBT switching losses, and commutation diode conduction losses. It is important that the user calculates power dissipations over the full range of operating conditions of the hybrid, and uses these dissipations to compute the worst case junction temperatures both for the IGBTs and diodes. The 150 C maximum junction temperature shown in Table 2 must not be exceeded. Additionally, program specific derating and reliability constraints may require lower junction temperatures than the 150 C maximum. Calculating IGBT conduction losses requires the user to determine load profiles for the hybrid both in current and time duration. IGBT collector-emitter voltage drops are shown in Figure 4.
Aeroflex Circuit Technology 6 SCD5101-1 REV D 5/14/01 Plainview NY (516) 694-6700
2.8 2.6 2.4 TJ = 150C
VCE (V)
2.2 2.0 1.8 1.6 1.4 1.2 1.0 10 20 30 40 50 60 70 80 TJ = 25C
IC (A)
FIGURE 4 - IGBT COLLECTOR-TO-EMITTER VOLTAGE VS. COLLECTOR CURRENT
Based upon this voltage drop and the conduction duty cycle a conduction power loss may be calculated as:
P c = S PWM V CE I C
where: pc =
s = PWM =
Conduction IGBT Power Dissipation Switch Duty Cycle, (.33 for brushless drives in run condition, 1 in stall) PWM on/off ratio Collector Emitter voltage from Figure 4 for a particular collector current Collector current
VCE = IC =
Switching losses are dependent upon the operating frequency, collector current and again duty cycle as:
IC P s = S [ E on + Eoff ] fo ----40
where: Ps = Eon = Eoff = fo = IC = Switching IGBT Power Dissipation Turn on energy loss from Table 2 Turn off energy loss from Table 2 Pulse width modulation frequency Collector current
Commutation diode losses are calculated as:
Pd = s [ 1 - PWM ] Vf I f
Aeroflex Circuit Technology
7
SCD5101-1 REV D 5/14/01 Plainview NY (516) 694-6700
where: Pd = Vf = If = Commutation diode losses Commutation diode forward voltage from Figure 5 Commutation diode current
1.8 1.6 1.4
TJ = 25C
Vf (V)
TJ = 150C
1.2 1.0 0.8 0.6 0
10
20
30
40
50
60
70
80
If (A)
FIGURE 5 - DIODE VOLTAGE DROP VS. FORWARD CURRENT
Once the dissipations are calculated the junction temperatures may then be computed by summing the conduction losses and switching losses for the IGBT and the commutation diode loss and multiplying these dissipations by the respective junction to case thermal resistance as shown below:
TjIGBT = [ P c + P s ] jcIGBT + T C T jDIODE = P d jcDIODE + TC
where: TjIGBT = TjDIODE =
jcIGBT = jcDIODE =
IGBT Junction Temperature Commutation Diode Junction Temperature IGBT Thermal resistance from Table 2 Diode Thermal resistance from Table 2 Case temperature
Tcase =
It is important that the user calculate junction temperatures over the full range of operating conditions, including maximum load and stall conditions. Typically, hybrid losses peak at just maximum load with duty cycles approaching, but just under, unity. Single transistor and diode losses peak under stall conditions since power is dissipated in just one channel. EXAMPLE As a typical application consider a 10 HP brushless DC motor operating off a 270V line in a pump application. The drive is trapezoidal, and the nominal load current will be 30 A. The system current limit is set to roll back the PWM to maintain a maximum load current of 25 amperes in the event of a stall. Maximum case temperature will be 85 C. Duty cycles may approach unity, but at stall it will be approximately 0.1. PWM frequency is 20 kHz.
Aeroflex Circuit Technology 8 SCD5101-1 REV D 5/14/01 Plainview NY (516) 694-6700
At a run condition each transistor will be on for 120 degrees; then
P c = S PWM VCE I C S = 0.33 PWM = 1 V CE = 1.6 V I C = 30 A P c = 0.33 1.6 30 P c = 15.8 W
IC Ps = S [ Eon + E off ] f o ----40 E on = 0.004 J Eoff = 0.006 J f o = 20000 Hz 30 Ps = 0.33 [ 0.004 + 0.006 ] 20000 ----40 Ps = 49.5 W T jIGBT = [ Pc + P s ] jcIGBT + T C jcIGBT = 0.45C/W T C = 85 C T jIGBT = [ 15.8 + 49.5 ] 0.45 + 85 T jIGBT = 114.4 C
Maximum hybrid dissipation is:
PHYBRID = 6 [ Ps + P c ] PHYBRID = 6 [ 49.5 + 15.8 ] PHYBRID = 391.8 W
Aeroflex Circuit Technology
9
SCD5101-1 REV D 5/14/01 Plainview NY (516) 694-6700
At stall only two elements will be on, and they will be on full time.
P c = S PWM VCE IC S = 1 PWM = 0.1 VCE = 1.6 V IC = 25 A P c = 1 0.1 1.6 25 P c = 4.0 W
IC P s = S [ E on + Eoff ] fo ----40 Eon = 0.004 J E off = 0.006 J f o = 20000 Hz 25 P s = 1 [ 0.004 + 0.006 ] 20000 ----40 P s = 125 W P d = s [ 1 - PWM ] V f If V f = 1.3 V I F = 25 A P d = 1 [ 1 - 0.1 ] 1.3 25 P d = 29.25 W
TjIGBT = [ Pc + Ps ] jcIGBT + TC jcIGBT = 0.45C/W TC = 85 C TjIGBT = [ 4 + 125 ] 0.45 + 85 TjIGBT = 143 C
Aeroflex Circuit Technology
10
SCD5101-1 REV D 5/14/01 Plainview NY (516) 694-6700
T jDIODE = [ P d ] jcDIODE + T C jcDIODE = 0.85C/W T C = 85 C T jDIODE = 29.25 0.85 + 85 T jDIODE = 109.9 C
Maximum hybrid dissipation will be:
P HYBRID = 2 [ P s + Pc + Pd ] P HYBRID = 2 [ 125 + 4 + 29.25 ] P HYBRID = 316.5 W
MECHANICAL
The ACT5101-1 construction utilizes only the highest quality materials and manufacturing available to ensure a high reliability, robust power hybrid design. The case is selected for best thermal conductivity, hermeticity, and voltage/current carrying capability. The case is electrically isolated from the circuit and can withstand 1500 VAC from pin to case, and input pins to output pins, therefore no insulating pads or washers are required for mounting. In order to remove the heat being generated from the ACT5101-1, it must be bolted down to the motor, a heat sink or the actual system chassis such as a missile structure or aircraft wing rib for example. Thermally conductive grease or a "Sil-pad" is recommended between the hybrid case baseplate and its mounting surface to fill in any surface imperfections and improve the heat transfer from case-to-heat sink. It is important to keep the temperature at this interface no greater than +125 degrees C in order to maintain safe semi-conductor junction temperatures. The leads of the ACT5101-1 can be formed upward, away from the baseplate, so that a PC board can be mounted directly above it. A wiring harness can also be hand-wired and soldered directly to the leads of the ACT5101-1 if this is preferred.
Aeroflex Circuit Technology
11
SCD5101-1 REV D 5/14/01 Plainview NY (516) 694-6700
CIRCUIT TECHNOLOGY
Power Package Outline
Chamfer .035-.065 X 45 4X .128 -.005,+.002 THRU
INPUTS UA 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0
See note 3 12X .200
OUTPUTS LC 1 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 0 0 1 0 1 X SD 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 PHASE A PHASE B PHASE C Z L L Z L L L L L H H H H H Z H H Z Z L H Z L Z L H H H H H Z Z L L L L L H Z H Z L H Z H H H L Z L H Z H L Z L H Z H L L L Z L H Z
UB UC LA 1 1 1 0 0 0 0 0 0 1 1 1 1 1 1 0 0 0 1 1 0 X 0 0 0 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 1 1 0 X 1 0 0 1 0 0 0 0 0 1 1 1 1 1 0 1 1 0 1 0 1 X
LB 0 1 0 1 1 1 1 1 0 1 0 0 0 0 0 1 0 1 1 0 1 X
1
26
3.000
2.750
0 0 1 1 0 X
13
14
.120 .250
.300 1.860
.125
H=high level, L=low level, X=irrelevant, Z=high impedance (off)
PIN
1.600 2.100
FUNCTION RTN C PHASE C V+C N/C RTN B PHASE B V+B RTN A PHASE A N/C V+A +15 V N/C
PIN 26 25 24 23 22 21 20 19 18 17 16 15 14
FUNCTION GND UC LC SD GND UB LB GND UA LA N/C N/C N/C
1 2 3 4 5
.003IN/IN .54-.58 .330 .003IN/IN
2.010 .057 .020
26X
.048 - .052
6 7 8 9 10 11 12 13
.165
.050
Notes: 1. Package contains BeO substrate. 2. Dimensions Tolerance: .005, unless otherwise noted. 3. Pin Tolerance: non-cumulative
The information contained in this data sheet is believed to be accurate; however, Aeroflex Laboratories Incorporated assumes no responsibility for its use, and no license or rights are granted by implication or othewise in connection therewith. Specifications subject to change without notice
Aeroflex Circuit Technology 35 South Service Road Plainview New York 11803
Aeroflex Circuit Technology 12
Telephone: (516) 694-6700 FAX: (516) 694-6715 Toll Free Inquiries: 1-(800) 843-1553
SCD5101-1 REV D 5/14/01 Plainview NY (516) 694-6700


▲Up To Search▲   

 
Price & Availability of ACT5101-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X