Part Number Hot Search : 
2SC411 CA3290E ADR366B AQY22 AQY22 ILC6382 2SC411 AK4116
Product Description
Full Text Search
 

To Download AAT4610 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AAT4610
Current Limited Load Switch in SOT-23 Package General Description
The AAT4610 SmartSwitchTM is a member of AnalogicTech's Application Specific Power MOSFETTM (ASPMTM) product family. It is a Current Limited P-channel MOSFET power switch designed for high-side load-switching applications. This switch operates with inputs ranging from 2.7V to 5.5V, making it ideal for both 3V and 5V systems. An integrated current-limiting circuit protects the input supply against large currents which may cause the supply to fall out of regulation. The AAT4610 is also protected from thermal overload which limits power dissipation and junction temperatures. It can be used to control loads that require up to 1 A. Current limit threshold is programmed with a resistor from SET to ground. The quiescent supply current is typically a low 15A max. In shutdown mode, the supply current decreases to less than 1A. The AAT4610 is available in a 5 pin SOT-23 specified over -40 to 85C. The AAT4600 Series is a family of adjustable and fixed SmartSwitchTM with a range of current handling capabilities. Available are single versions in adj. current limit (AAT4600, AAT4601) as well as in fixed current limit (AAT4602, AAT4625). Dual versions (AAT4620, AAT4626) are also available.
Features
* * * * *
SmartSwitchTM
* * * * * * * *
2.7V to 5.5V Input voltage range Programmable over current threshold Fast transient response: <1s response to short circuit Low quiescent current * 15A typical * 1A max with Switch off 160m typical R DS(ON) Only 2.5V needed for ON/OFF Control Undervoltage Lockout Thermal shutdown Temp range -40 to 85C 4kV ESD Rating UL Approved--File No. E217765 5 pin SOT-23 package
Preliminary Information
Applications
* * * * Peripheral ports Notebook computers Personal communication devices Hot swap supplies
UL Recognized Component
Typical Application
INPUT
5
IN
AAT4610
SOT-23
1
OUTPUT
OUT
ON (ON)
4
3
ON/(ON) GND
2
SET RSET
1F
0.47F
GND
GND
4610.2001.9.0.97
1
AAT4610
Current Limited Load Switch in SOT-23 Package Pin Configuration
5-Pin SOT-23 (Top View)
OUT GND SET
1 2 3
5
IN
4
ON
Pin Descriptions
Pin #
1 2 3 4 5
Symbol
OUT GND SET ON IN
Function
P-channel MOSFET drain. Connect 0.47F capacitor from OUT to GND. Ground connection Current-Limit Set Input. A resistor from SET to ground sets the current limit for the switch. Enable Input. Two versions are available, active-high and active-low. See ordering information for details. P-channel MOSFET source. Connect 1F capacitor from IN to GND.
2
4610.2001.9.0.97
AAT4610
Current Limited Load Switch in SOT-23 Package Absolute Maximum Ratings
Symbol
VIN VON VSET, VOUT IMAX TJ TLEAD VESD
(TA=25C unless otherwise noted) Value
-0.3 to 6 -0.3 to VIN+0.3 -0.3 to VIN+0.3 2 -40 to 150 300 4000
Description
IN to GND ON(ON) to GND SET, OUT to GND Maximum Continuous Switch Current Operating Junction Temperature Range Maximum Soldering Temperature (at Leads) ESD Rating1 - HBM
Units
V V V A C C V
Note: Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions specified is not implied. Only one Absolute Maximum rating should be applied at any one time. Note 1: Human body model is a 100pF capacitor discharged through a 1.5k resistor into each pin.
Thermal Characteristics
Symbol
JA PD
Description
Thermal Resistance Power Dissipation2
2
Value
150 667
Units
C/W mW
Note 2: Mounted on a demo board.
Electrical Characteristics
are at TA=25C) Symbol
VIN IQ IQ(OFF) ISD(OFF) VUVLO RDS(ON) ILIM ILIM(MIN) VON(L) VON(H) ION(SINK) TRESP TOFF TON
(VIN = 5V, TA = -40 to 85C unless otherwise noted. Typical values
Description
Operation Voltage Quiescent Current Off Supply Current Off Switch Current Undervoltage Lockout On-Resistance Current Limit Minimum Current Limit ON (ON) Input Low Voltage ON (ON) Input High Voltage ON (ON) Input leakage Current Limit Response Time Turn-Off Time Turn-On Time
Conditions
VIN = 5V, ON (ON) = active, IOUT = 0 ON (ON) =inactive, VIN = 5.5V ON (ON) = inactive, VIN = 5.5V, VOUT = 0 Rising edge, 1% hysteresis, VIN=5.0V VIN=4.5V VIN=3.0V RSET = 6.8k
Min
2.7
Typ
15 .03 2.3 160 165 195 1 150
Max
5.5 30 1 15 2.7 180 230 1.25 0.8
Units
V
A A A
V m m m A mA V V V
2.0
.75
VIN=2.7V to 3.6V VIN=4.5V to 5.5V VON = 5.5V VIN=5V VIN=5V, RL=10 VIN=5V, RL=10
2.0 2.4 0.01 0.8 0.4 40 1 2 200
A s s s
4610.2001.9.0.97
3
AAT4610
Current Limited Load Switch in SOT-23 Package Typical Characteristics
(Unless otherwise noted, VIN = 5V, TA = 25C)
Quiescent Current vs. Temperature
Quiescent Current (A)
25 20 15 10 5 0 -40 -20 0 20 40 60 80 100 120
Quiescent Current
40
Input ( A )
30
20
10
0 2.5 3 3.5 4 4.5 5 5.5
Temperature (C)
Input ( V )
Output Current vs VOUT
0.6
RDS(ON) vs. Temperature
250 200
Output Current ( A)
Input = 3 V Input = 5V
0.4
RDS(ON) (m)
150 100 50 0 -40 -20 0 20 40
RSET =16 k
0.2
0 0 1 2 3 4 5
60
80
100
Te mperature (C)
Vout ( V )
Off-Supply Current vs. Temperature
Off-Supply Current (A) Off-Switch Current (A)
10
10
Off-Switch Current vs. Temperature
1
1
0.1
0.1
0.01
0.01 -40
-20
0
20
40
60
80
100
120
0.001 -40
-20
0
20
40
60
80
100
120
Temperature (C )
Temperature (C )
4
4610.2001.9.0.97
AAT4610
Current Limited Load Switch in SOT-23 Package
(Unless otherwise noted, VIN = 5V, TA = 25C)
Turn-ON vs. Temperature
80 0.45
Turn-OFF vs. Temperature
Turn-OFF Time (s)
Turn-ON Time (s)
70 60 50 40 30 20 10 0 - 40 - 20 0 20 40 60 80 100
0.4 0.35 0.3 0.25 0.2 0.15 0.1 0.05 0 - 40
Vin=3V
Vin = 3V
Vin = 5V
Vin=5V
- 20
0
20
40
60
80
100
Temperature ( C )
Temperature (C )
Turn-On RL = 10, CL = 0.47F
6 5 6
Turn-Off RL = 10
5
I OUT =I LIMIT
Voltage ( V )
Voltage ( V )
4 3 2 1 0 -1 - 20
ON
Output
4 3 2 1 0 -1 - 0.5
IOUT =I LIMIT
ON
Output
0
20
40
60
0
0.5
1
Time (s)
Time (s)
Short Circuit through 0.3
8 12 8
Short Circuit through 0.6
9
Input and Output (V)
Input and Output (V)
6
Input Voltage Output Current
8
6
Input Voltage
6
Output (A)
4
4
4
Output Current
3
2
0
2
0
Output Voltage
0 0 1 2 3 -4
Output Voltage
0 0 1 2 3 -3
Time (s)
Time (s)
4610.2001.9.0.97
5
Output (A)
AAT4610
Current Limited Load Switch in SOT-23 Package
(Unless otherwise noted, VIN = 5V, TA = 25C)
RSET vs ILIM
100 10
RSET coefficent vs I LIM
R SET I LIM Product ( kV )
9 8 7 6 5
R SET (k)
10
1 0.1
1
10
0
0.5
1
1.5
2
I LIM (A)
I LIM (A)
Current Limit v. Temperature
6%
Current Limit (%)
4% 2% 0% -2% -4% -6% -50
RSET = 22.1k V IN -VOUT=0.5V
- 25
0
25
50
75
100
Temperature (C)
6
4610.2001.9.0.97
AAT4610
Current Limited Load Switch in SOT-23 Package Functional Block Diagram
IN
OUT
Undervoltage Lockout
Over-Temp Protection
ON (ON)
1.2V Reference Current Limit
SET
RSET GND
4610.2001.9.0.97
7
AAT4610
Current Limited Load Switch in SOT-23 Package Applications Information
Setting Current Limit
In most applications, the variation in ILIM must be taken into account when determining RSET. The ILIM variation is due to processing variations from part to part, as well as variations in the voltages at IN (pin 5) and OUT (pin 3), plus the operating temperature. See charts "Current Limit vs. Temperature", and "Output Current vs. VOUT". Together these three factors add up to a 25% tolerance (see ILIM specification in Electrical Characteristics section). In the figure below, a cold device with a statistically higher current limit, and a hot device with a statistically lower current limit, both with RSET equal to 10.5k are shown. While the chart, "RSET vs. ILIM" indicates an ILIM of 0.7A with an RSET of 10.5k , this figure shows that the actual current limit will be at least 0.525A, and no greater than 0.880A.
Current Limit Using 10.5 k
1.2
that is less than or equal to it. For greater precision, the value of RSET may also be calculated using the ILIM RSET product found in the chart "RSET coefficient vs. ILIM". The maximum current is derived by multiplying the typical current for the chosen RSET in the chart by 1.25. A few standard resistor values are listed in the table "Current Limit RSET Values".
Current Limit RSET Values
RSET (k) Current Limit typ (mA) 200 250 300 350 400 450 500 550 600 700 800 900 1000 1100 1200 1300 1400 Device will not current limit below: (mA) 150 188 225 263 300 338 375 413 450 525 600 675 750 825 900 975 1050 Device always current limits below: (mA) 250 313 375 438 500 563 625 688 750 875 1000 1125 1250 1375 1500 1625 1750
1
0.88 A
Device with high current limit at -40 C
0.8
0.6
0.4
0.525 A Device with low current limit at 85 C
0.2
40.2 30.9 24.9 22.1 19.6 17.8 16.2 14.7 13.0 10.5 8.87 7.50 6.81 6.04 5.49 4.99 4.64
I LIM (A)
0 0 1 2 3 4 5
Vout (V )
To determine RSET, start with the maximum current drawn by the load, and multiply it by 1.33. (typical_ILIM = minimum_ILIM / 0.75) This is the typical current limit value. Next, refer to "RSET vs. ILIM" and find the RSET that corresponds to the typical current limit value. Choose the largest resistor available
Example: A USB port requires 0.5A. 0.5A multiplied by 1.33 is 0.665A. From the chart named "RSET vs. ILIM", RSET should be less than 11k. 10.5 k is a standard value that is a little less than 11k but very close. The chart reads approximately 0.700A as a typical ILIM value for 10.5k . Multiplying 0.700A by 0.75 and 1.25 shows that the AAT4610 will limit the load current to greater than 0.525A but less than 0.875A.
8
4610.2001.9.0.97
AAT4610
Current Limited Load Switch in SOT-23 Package
Overload Operation
1 0.75 0.5
Output ( V )
0.25 0 5 4 3 2 1 0 -0.05 0 0.05 0.1 0.15 0.2 0.25 0.3
Output Current 1 load is turned on at time = 0 Output Voltage
Tim e ( s )
Operation in Current Limit
When a heavy load is applied to the output of the AAT4610, the load current is limited to the value of ILIM determined by RSET. See the figure "Overload Operation". Since the load is demanding more current than ILIM, the voltage at the output drops. This causes the AAT4610 to dissipate a larger than normal quantity of power, and its die temperature to increase. When the die temperature exceeds an over temperature limit, the AAT4610 will shut down until is has cooled sufficiently, at which point it will startup again. The AAT4610 will continue to cycle on and off until the load is removed, power is removed, or until a logic high level is applied to ON (pin 4).
Enable Input
In many systems, power planes are controlled by integrated circuits which run at lower voltages than the power plane itself. The enable input ON (pin 4) of the AAT4610 has low and high threshold voltages that accommodate this condition. The threshold voltages are compatible with 5 volt TTL, and 2.5 volt to 5 volt CMOS.
Reverse Voltage
The AAT4610 is designed to control current flowing from IN to OUT. If a voltage is applied to OUT which is greater than the voltage on IN, large currents may flow. This could cause damage to the AAT4610.
4610.2001.9.0.97
Output (A)
9
AAT4610
Current Limited Load Switch in SOT-23 Package Ordering Information
Package SOT-23-5 SOT-23-5 Enable ON (active low) ON (active high) Marking Part Number Bulk N/A N/A Tape and Reel AAT4610IGV-T1 AAT4610IGV-1-T1
Package Information
SOT-23-5
e S1
Dim A A1 A2 b c D E e H L S S1
E
H
D
A A1 S b
I
c L
Millimeters Min Max 0.95 1.45 0.05 0.15 0.90 1.30 0.35 0.50 0.08 0.20 2.84 3.00 1.50 1.70 1.90 2.60 3.00 0.35 0.55 0.47 0.55 .95 0 10
Inches Min Max 0.037 0.057 0.002 0.006 0.035 0.051 0.014 0.019 0.003 0.078 0.112 0.112 0.059 0.067 0.0748 0.102 0.118 .0137 .0216 0.019 .0216 0.037 0 10
Advanced Analogic Technologies, Inc.
1250 Oakmead Parkway, Suite 310, Sunnyvale, CA 94086 Phone (408) 524-9684 Fax (408) 524-9689 10
4610.2001.9.0.97


▲Up To Search▲   

 
Price & Availability of AAT4610

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X