Part Number Hot Search : 
338Q007 P6KE75CA IRFB422 1C5C1 H1032 MBT44 1212E 01060
Product Description
Full Text Search
 

To Download 74ALVT16821 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74ALVT16821 20-bit bus-interface D-type flip-flop; positive-edge trigger (3-State)
Product specification Supersedes data of 1997 May 01 IC24 Data Handbook 1998 Feb 13
Philips Semiconductors
Philips Semiconductors
Product specification
2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger (3-State)
74ALVT16821
FEATURES
* 20-bit positive-edge triggered register * 5V I/O Compatible * Multiple VCC and GND pins minimize switching noise * Live insertion/extraction permitted * Power-up reset * Power-up 3-State * Output capability: +64mA/-32mA * Latch-up protection exceeds 500mA per Jedec Std 17 * ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The 74ALVT16821 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive. It is designed for VCC operation at 2.5V or 3.3V with I/O compatibility to 5V. The 74ALVT16821 has two 10-bit, edge triggered registers, with each register coupled to a 3-State output buffer. The two sections of each register are controlled independently by the clock (nCP) and Output Enable (nOE) control gates. Each register is fully edge triggered. The state of each D input, one set-up time before the Low-to-High clock transition, is transferred to the corresponding flip-flop's Q output. The 3-State output buffers are designed to drive heavily loaded 3-State buses, MOS memories, or MOS microprocessors. The active Low Output Enable (nOE) controls all ten 3-State buffers independent of the register operation. When nOE is Low, the data in the register appears at the outputs. When nOE is High, the outputs are in high impedance "off" state, which means they will neither drive nor load the bus.
* Bus hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
QUICK REFERENCE DATA
SYMBOL tPLH tPHL CIN COUT ICCZ PARAMETER Propagation delay nCP to nQ Input capacitance Output capacitance Total supply current CONDITIONS Tamb = 25C CL = 50pF VI = 0V or VCC VO = 0 or VCC Outputs disabled TYPICAL UNIT 2.5V 2.6 2.7 3 9 40 3.3V 1.7 1.8 3 9 70 ns pF pF A
ORDERING INFORMATION
PACKAGES 56-Pin Plastic SSOP Type III 56-Pin Plastic TSSOP Type II TEMPERATURE RANGE -40C to +85C -40C to +85C OUTSIDE NORTH AMERICA 74ALVT16821 DL 74ALVT16821 DGG NORTH AMERICA AV16821 DL AV16821 DGG DWG NUMBER SOT371-1 SOT364-1
1998 Feb 13
2
853-1869 18962
Philips Semiconductors
Product specification
2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger (3-State)
74ALVT16821
LOGIC SYMBOL
56 54 52 51 49 48 47 45 44 43
PIN CONFIGURATION
1OE 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 1CP 1D0 1D1 GND 1D2 1D3 VCC 1D4 1D5 1D6 GND 1D7 1D8 1D9 2D0 2D1 2D2 GND 2D3 2D4 2D5 VCC 2D6 2D7 GND 2D8 2D9 2CP
1D0 1D1 1D2 1D3 1D4 1D5 1D6 56 1 1CP 1OE
1D7 1D8
1D9
1Q0 1Q1 GND 1Q2 1Q3
1Q0 1Q1 1Q2 1Q3 1Q4 1Q5 1Q6 1Q7 1Q8 1Q9
2 42
3 41
5 40
6 38
8 37
9 36
10 34
12 33
13 31
14 30
VCC 1Q4 1Q5
2D0 2D1 2D2 2D3 2D4 2D5 2D6 29 28 2CP 2OE
2D7 2D8
2D9
1Q6 GND 1Q7 1Q8 1Q9 2Q0
2Q0 2Q1 2Q2 2Q3 2Q4 2Q5 2Q6 2Q7 2Q8 2Q9
15
16
17
19
20
21
23
24
26
27 2Q1
SH00002
2Q2 GND 2Q3 2Q4 1OE 1CP 2OE 2CP 1D0 1D1 1D2 1D3 1D4 1D5 1D6 1D7 1D8 1D9 2D0 2D1 2D2 2D3 2D4 2D5 2D6 2D7 2D8 2D9 1 56 28 29 55 54 52 51 49 48 47 45 44 43 42 41 40 38 37 36 34 33 31 30 3D 4 EN2 C1 EN4 C3 1D 2 2 3 5 6 8 9 10 12 13 14 15 16 17 19 20 21 23 24 26 27 1Q0 1Q1 1Q2 1Q3 1Q4 1Q5 1Q6 1Q7 1Q8 1Q9 2Q0 2Q1 2Q2 2Q3 2Q4 2Q5 2Q6 2Q7 2Q8 2Q9 2Q5 VCC 2Q6 2Q7 GND 2Q8 2Q9 2OE
LOGIC SYMBOL (IEEE/IEC)
SH00001
SH00003
1998 Feb 13
3
Philips Semiconductors
Product specification
2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger (3-State)
74ALVT16821
PIN DESCRIPTION
PIN NUMBER 56, 54, 52, 51, 49, 48, 47, 45, 44, 43, 42, 41, 40, 38, 37, 36, 34, 33, 31, 30 2, 3, 5, 6, 8, 9, 10, 12, 13, 14, 15, 16, 17, 19, 20, 21, 23, 24, 26, 27 1, 28 56, 29 4, 11, 18, 25, 32, 39, 46, 53 7, 22, 35, 50 SYMBOL 1D0 - 1D9 2D0 - 2D9 FUNCTION
FUNCTION TABLE
INPUTS nOE Data inputs L L L 1Q0 - 1Q9 2Q0 - 2Q9 Data outputs nCP nDx l h X INTERNAL REGISTER L H NC OUTPUTS nQ0 - nQ9 L H NC OPERATING MODE Load and read register Hold
1OE, 2OE 1CP, 2CP GND VCC
Output enable inputs (active-Low) Clock pulse inputs (active rising edge) Ground (0V) Positive supply voltage
H X NC Z Disable H Dn Dn Z outputs H = High voltage level h = High voltage level one set-up time prior to the Low-to-High clock transition L = Low voltage level l = Low voltage level one set-up time prior to the Low-to-High clock transition NC= No change X = Don't care Z = High impedance "off" state = Low to High clock transition = Not a Low-to-High clock transition
LOGIC DIAGRAM
nD0 nD1 nD2 nD3 nD4 nD5 nD6 nD7 nD8 nD9
D
D
D
D
D
D
D
D
D
D
CP Q
CP Q
CP Q
CP Q
CP Q
CP Q
CP Q
CP Q
CP Q
CP Q
nCP
nOE nQ0 nQ1 nQ2 nQ3 nQ4 nQ5 nQ6 nQ7 nQ8 nQ9
SH00004
1998 Feb 13
4
Philips Semiconductors
Product specification
2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger (3-State)
74ALVT16821
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL VCC IIK VI IOK VOUT IO OUT Tstg PARAMETER DC supply voltage DC input diode current DC input voltage3 DC output diode current DC output voltage3 DC output current Output in High state Storage temperature range -64 -65 to 150 C VO < 0 Output in Off or High state Output in Low state VI < 0 CONDITIONS RATING -0.5 to +4.6 -50 -1.2 to +7.0 -50 -0.5 to +7.0 128 mA UNIT V mA V mA V
NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150C. 3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL VCC VI VIH VIL IOH IOL t/v Tamb DC supply voltage Input voltage High-level input voltage Input voltage High-level output current Low-level output current Low-level output current; current duty cycle 50%; f 1kHz Input transition rise or fall rate; Outputs enabled Operating free-air temperature range -40 PARAMETER 2.5V RANGE LIMITS MIN 2.3 0 1.7 0.7 -8 8 24 10 +85 -40 MAX 2.7 5.5 3.3V RANGE LIMITS MIN 3.0 0 2.0 0.8 -32 32 64 10 +85 MAX 3.6 5.5 UNIT V V V V mA mA ns/V C
1998 Feb 13
5
Philips Semiconductors
Product specification
2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger (3-State)
74ALVT16821
DC ELECTRICAL CHARACTERISTICS (3.3V "0.3V RANGE)
LIMITS SYMBOL VIK VOH PARAMETER Input clamp voltage High-level out ut voltage output TEST CONDITIONS VCC = 3.0V; IIK = -18mA VCC = 3.0 to 3.6V; IOH = -100A VCC = 3.0V; IOH = -32mA VCC = 3.0V; IOL = 100A VOL Low-level out ut voltage output VCC = 3.0V; IOL = 16mA VCC = 3.0V; IOL = 32mA VCC = 3.0V; IOL = 64mA VRST Power-up output low voltage6 VCC = 3.6V; IO = 1mA; VI = VCC or GND VCC = 3.6V; VI = VCC or GND II In ut Input leakage current VCC = 0 or 3.6V; VI = 5.5V VCC = 3.6V; VI = VCC VCC = 3.6V; VI = 0V IOFF IHOLD Off current Bus Hold current Data inputs7 Current into an output in the High state when VO > VCC Power up/down 3-State output current3 3-State output High current 3-State output Low current Quiescent supply current Additional supply current per input pin2 VCC = 0V; VI or VO = 0 to 4.5V VCC = 3V; VI = 0.8V VCC = 3V; VI = 2.0V VCC = 0V to 3.6V; VCC = 3.6V VO = 5.5V; VCC = 3.0V VCC 1.2V; VO = 0.5V to VCC; VI = GND or VCC OE/OE = Don't care VCC = 3.6V; VO = 3.0V; VI = VIL or VIH VCC = 3.6V; VO = 0.5V; VI = VIL or VIH VCC = 3.6V; Outputs High, VI = GND or VCC, IO = 0 VCC = 3.6V; Outputs Low, VI = GND or VCC, IO = 0 VCC = 3.6V; Outputs Disabled; VI = GND or VCC, IO = 05 VCC = 3V to 3.6V; One input at VCC-0.6V, Other inputs at VCC or GND 75 -75 500 10 1 0.5 0.5 0.07 5.1 0.07 0.04 125 100 5 -5 0.1 7 0.1 0.4 mA mA A A A A Data pins4 ins Control pins 0.1 0.1 0.5 0.1 0.1 130 -140 A VCC-0.2 2.0 Temp = -40C to +85C MIN TYP1 -0.85 VCC 2.3 0.07 0.25 0.3 0.4 0.2 0.4 0.5 0.55 0.55 1 10 1 -5 100 A A V V MAX -1.2 V V UNIT
IEX IPU/PD IOZH IOZL ICCH ICCL ICCZ ICC
NOTES: 1. All typical values are at VCC = 3.3V and Tamb = 25C. 2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND 3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 3.3V 0.2V a transition time of 100sec is permitted. This parameter is valid for Tamb = 25C only. 4. Unused pins at VCC or GND. 5. ICCZ is measured with outputs pulled up to VCC or pulled down to ground. 6. For valid test results, data must not be loaded into the flip-flops (or latches) after applying power. 7. This is the bus hold overdrive current required to force the input to the opposite logic state.
AC CHARACTERISTICS (3.3V "0.3V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500; Tamb = -40C to +85C. LIMITS SYMBOL PARAMETER WAVEFORM MIN fMAX tPLH tPHL tPZH tPZL Maximum clock frequency Propagation delay nCP to nQx Output enable time to High and Low level 1 1 3 4 3 4 150 0.5 0.5 1.0 0.5 1.5 1.5 1.7 1.8 2.1 1.4 2.9 2.4 3.2 3.5 3.5 2.4 4.2 3.4 Tamb = -40 to +85oC VCC = +3.3V TYP MAX MHz ns ns ns UNIT
tPHZ Output disable time tPLZ from High and Low level NOTE: 1. All typical values are at VCC = 3.3V and Tamb = 25C. 1998 Feb 13
6
Philips Semiconductors
Product specification
2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger (3-State)
74ALVT16821
AC SETUP REQUIREMENTS (3.3V "0.3V RANGE)
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500 LIMITS SYMBOL PARAMETER WAVEFORM Tamb = -40 to +85oC VCC = +3.3V 0.3V MIN ts(H) ts(L) th(H) th(L) tw(H) tw(L) Setup time, High or Low nDx to nCP Hold time, High or Low nDx to nCP nCP pulse width High or Low 2 2 1 1.5 1.5 0.5 0.5 1.5 1.5 TYP 0.1 0.1 0.1 0.1 ns ns ns UNIT
DC ELECTRICAL CHARACTERISTICS (2.5V "0.2V RANGE)
LIMITS SYMBOL VIK VOH PARAMETER Input clamp voltage High-level out ut voltage output TEST CONDITIONS VCC = 2.3V; IIK = -18mA VCC = 2.3 to 3.6V; IOH = -100A VCC = 2.3V; IOH = -8mA VCC = 2.3V; IOL = 100A VOL VRST Low-level output voltage Power-up output low voltage7 VCC = 2.3V; IOL = 24mA VCC = 2.3V; IOL = 8mA VCC = 2.7V; IO = 1mA; VI = VCC or GND VCC = 2.7V; VI = VCC or GND II In ut Input leakage current VCC = 0 or 2.7V; VI = 5.5V VCC = 2.7V; VI = VCC VCC = 2.7V; VI = 0 IOFF IHOLD IEX IPU/PD IOZH IOZL ICCH ICCL ICCZ ICC Additional supply current per input pin2 Quiescent supply current Off current Bus Hold current Data inputs6 Current into an output in the High state when VO > VCC Power up/down 3-State output current3 3-State output High current 3-State output Low current VCC = 0V; VI or VO = 0 to 4.5V VCC = 2.3V; VI = 0.7V VCC = 2.3V; VI = 1.7V VO = 5.5V; VCC = 2.3V VCC 1.2V; VO = 0.5V to VCC; VI = GND or VCC OE/OE = Don't care VCC = 2.7V; VO = 2.3V; VI = VIL or VIH VCC = 2.7V; VO = 0.5V; VI = VIL or VIH VCC = 2.7V; Outputs High, VI = GND or VCC, IO = 0 VCC = 2.7V; Outputs Low, VI = GND or VCC, IO = 0 VCC = 2.7V; Outputs Disabled; VI = GND or VCC, IO = 05 VCC = 2.3V to 2.7V; One input at VCC-0.6V, Other inputs at VCC or GND Data pins4 ins Control pins 0.1 0.1 0.1 0.1 0.1 90 -10 10 1 0.5 0.5 0.04 2.3 0.04 0.04 125 "100 5 -5 0.1 4.5 0.1 0.4 mA mA VCC-0.2 1.8 Temp = -40C to +85C MIN TYP1 -0.85 VCC 2.1 0.07 0.3 0.2 0.5 0.4 0.55 1 10 1 -5 "100 A A A A A A A V V MAX -1.2 V V UNIT
NOTES: 1. All typical values are at VCC = 2.5V and Tamb = 25C. 2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND 3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 2.5V 0.3V a transition time of 100sec is permitted. This parameter is valid for Tamb = 25C only. 4. Unused pins at VCC or GND. 5. ICCZ is measured with outputs pulled up to VCC or pulled down to ground. 6. Not guaranteed. 7. For valid test results, data must not be loaded into the flip-flops (or latches) after applying power.
1998 Feb 13
7
Philips Semiconductors
Product specification
2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger (3-State)
74ALVT16821
AC CHARACTERISTICS (2.5V "0.2V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500; Tamb = -40C to +85C. LIMITS SYMBOL PARAMETER WAVEFORM MIN fMAX tPLH tPHL tPZH tPZL Maximum clock frequency Propagation delay nCP to nQx Output enable time to High and Low level 1 1 3 4 3 4 150 1.0 1.0 1.5 1.0 1.5 1.0 2.6 2.7 2.8 1.8 2.7 2.1 4.0 4.4 4.6 3.0 4.1 3.3 Tamb = -40 to +85oC VCC = +2.5V 0.2V TYP MAX MHz ns ns ns UNIT
tPHZ Output disable time tPLZ from High and Low level NOTE: 1. All typical values are at VCC = 3.3V and Tamb = 25C.
AC SETUP REQUIREMENTS (2.5V "0.2V RANGE)
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500 LIMITS SYMBOL PARAMETER WAVEFORM Tamb = -40 to +85oC VCC = +2.5 0.2V MIN ts(H) ts(L) th(H) th(L) tw(H) tw(L) Setup time, High or Low nDx to nCP Hold time, High or Low nDx to nCP nCP pulse width High or Low 2 2 1 1.5 2.0 0.3 0.5 1.5 1.5 TYP 0.1 0.5 -0.5 -0.1 ns ns ns UNIT
AC WAVEFORMS
VM = 1.5V at VCC w 3.0V; VM = VCC/2 at VCC v 2.7V VX = VOL + 0.3V at VCC w 3.0V; VX = VOL + 0.15V at VCC v 2.7V VY = VOH - 0.3V at VCC w 3.0V; VY = VOH - 0.15V at VCC v 2.7V
VM ts(H) CP VM th(H) VM ts(L) VM th(L) 3.0V or VCC whichever is less 0V 3.0V or VCC whichever is less 0V
1/fMAX nCP
nDx 3.0V or VCC whichever is less 0V tPLH VOH
VM tw(H) tPHL
VM tw(L)
VM
VM
VM
nQx
VM
VM VOL
SH00006
SH00005
Waveform 2. Data Setup and Hold Times
Waveform 1. Propagation Delay, Clock Input to Output, Clock Pulse Width, and Maximum Clock frequency
1998 Feb 13
8
Philips Semiconductors
Product specification
2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger (3-State)
74ALVT16821
nOE VM tPZH VM tPHZ VOH VM nQx VY
3.0V or VCC whichever is less 0V
nOE VM tPZL nQx VM VX VOL VM tPLZ
3.0V or VCC whichever is less 0V
3.0V or VCC
0V
0V
SH00007
SH00008
Waveform 3. 3-State Output Enable Time to High Level and Output Disable Time from High Level
Waveform 4. 3-State Output Enable Time to Low Level and Output Disable Time from Low Level
TEST CIRCUIT AND WAVEFORM
VCC
6.0V or VCC x 2 90%
tW VM 10% tTHL (tF) 10% VM
90%
VIN
Open
VIN PULSE GENERATOR RT D.U.T. CL RL VOUT RL
GND
NEGATIVE PULSE
0V tTLH (tR) tTHL (tF) VIN VM 10% tW 0V
tTLH (tR) 90% 90% POSITIVE PULSE 10%
Test Circuit for 3-State Outputs
VM
SWITCH POSITION
TEST tPLZ/tPZL tPLH/tPHL tPHZ/tPZH SWITCH 6V or VCC x 2 Open GND INPUT PULSE REQUIREMENTS FAMILY Amplitude Rep. Rate tW 500ns tR tF
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value. CL = Load capacitance includes jig and probe capacitance: See AC CHARACTERISTICS for value. RT = Termination resistance should be equal to ZOUT of pulse generators.
74ALVT16
3.0V or VCC whichever v10MHz is less
v2.5ns v2.5ns
SW00025
1998 Feb 13
9
Philips Semiconductors
Product specification
20-bit bus-interface D-type flip-flop; positive-edge trigger (3-State)
74ALVT16821
SSOP56: plastic shrink small outline package; 56 leads; body width 7.5 mm
SOT371-1
1998 Feb 13
10
Philips Semiconductors
Product specification
20-bit bus-interface D-type flip-flop; positive-edge trigger (3-State)
74ALVT16821
TSSOP56: plastic thin shrink small outline package; 56 leads; body width 6.1mm
SOT364-1
1998 Feb 13
11
Philips Semiconductors
Product specification
20-bit bus-interface D-type flip-flop; positive-edge trigger (3-State)
74ALVT16821
NOTES
1998 Feb 13
12
Philips Semiconductors
Product specification
20-bit bus-interface D-type flip-flop; positive-edge trigger (3-State)
74ALVT16821
Data sheet status
Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make chages at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 05-96 9397-750-03574
Philips Semiconductors
yyyy mmm dd 13


▲Up To Search▲   

 
Price & Availability of 74ALVT16821

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X