Part Number Hot Search : 
DSPIC AD8644AR 6034246 DTA114TK S1500 74000 PT10912 NLSX5014
Product Description
Full Text Search
 

To Download 1PMT5920BT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by 1PMT5913BT3/D
Product Preview
2.5 Watt Plastic Surface Mount Silicon Zener Diodes Powermite(R) Package
This complete new line of zener/tvs diodes offers a 2.5 watt series in a micro miniature, space saving surface mount package. The Powermite zener/tvs diodes are designed for use as a tvs or a regulation device in automotive and telecommunication applications where efficiency, low leakage, size/height and profile are important. Features: * Voltage Range - 3.3 to 91 V * ESD Rating of Class 3 (> 16 kV) per Human Body Model * Low Profile - maximum height of 1.1mm * Integral Heat Sink/Locking Tabs * Full metallic bottom eliminates flux entrapment * Small Footprint - Footprint area of 8.45mm2 * Supplied in 12mm tape and reel - 12,000 units per reel * Powermite is JEDEC Registered as DO-216AA
1
1PMT5913BT3 through 1PMT5948BT3
PLASTIC SURFACE MOUNT ZENER DIODES 2.5 WATTS 3.3-91 VOLTS
1
2 CASE 457-01 PLASTIC
2 1: CATHODE 2: ANODE
MAXIMUM RATINGS
Rating DC Power Dissipation @ TL = 75C, Measured at Zero Lead Length Derate above 75C DC Power Dissipation @ TA = 25C(1) Derate above 25C Thermal Resistance from Junction to Lead Thermal Resistance from Junction to Ambient Operating and Storage Junction Temperature Range Typical Ppk Dissipation @ TL < 25C, (PW-10/1000 s per Figure 8)(2) Typical Ppk Dissipation @ TL < 25C, (PW-8/20 s per Figure 9)(2) Symbol PD PD RJL RJA TJ, Tstg Ppk Ppk Value 2.5 40 380 2.8 26 324 - 65 to +150 200 1000 Unit Watts mW/C mW mW/C C/W C/W C Watts Watts
(1)FR4 Board, within 1" to device, using Motorola minimum recommended footprint, as shown in case 403A outline dimensions spec. (2)Non-repetitive current pulse.
This document contains preview information only and is subject to change without notice.
Powermite is a registered trademark of Microsemi Corporation. Thermal Clad is a trademark of the Bergquist Company.
(c) Motorola, Inc. 1996
1PMT5913BT3 through 1PMT5948BT3
MOTOROLA 1
ELECTRICAL CHARACTERISTICS (VF = 1.5 Volts Max @ IF = 200 mAdc for all types.)
Nominal Zener Voltage VZ @ IZT Volts (Note 1) 3.3 3.6 3.9 4.3 Test Current IZT mA 113.6 104.2 96.1 87.2 Max Zener Impedance (Note 2) ZZT @ IZT Ohms 10 9 7.5 6 ZZK Ohms 500 500 500 500 @ IZK mA 1 1 1 1 Max Reverse Leakage Current IR A 100 75 25 5 @ VR Volts 1 1 1 1 Maximum DC Zener Current IZM mAdc 454 416 384 348
Device* 1PMT5913BT3 1PMT5914BT3 1PMT5915BT3 1PMT5916BT3
Device Marking 913B 914B 915B 916B
1PMT5917BT3 1PMT5918BT3 1PMT5919BT3 1PMT5920BT3
1PMT5921BT3 1PMT5922BT3 1PMT5923BT3 1PMT5924BT3
4.7 5.1 5.6 6.2
6.8 7.5 8.2 9.1
79.8 73.5 66.9 60.5
55.1 50 45.7 41.2
5 4 2 2
2.5 3 3.5 4
500 350 250 200
200 400 400 500
1 1 1 1
1 0.5 0.5 0.5
5 5 5 5
5 5 5 5
1.5 2 3 4
5.2 6.8 6.5 7
319 294 267 241
220 200 182 164
917B 918B 919B 920B
921B 922B 923B 924B
1PMT5925BT3 1PMT5926BT3 1PMT5927BT3 1PMT5928BT3 1PMT5929BT3 1PMT5930BT3 1PMT5931BT3 1PMT5932BT3
1PMT5933BT3 1PMT5934BT3 1PMT5935BT3 1PMT5936BT3 1PMT5937BT3 1PMT5938BT3 1PMT5939BT3 1PMT5940BT3 1PMT5941BT3 1PMT5942BT3 1PMT5943BT3 1PMT5944BT3 1PMT5945BT3 1PMT5946BT3 1PMT5947BT3 1PMT5948BT3
10 11 12 13 15 16 18 20
22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91
37.5 34.1 31.2 28.8 25 23.4 20.8 18.7
17 15.6 13.9 12.5 11.4 10.4 9.6 8.7 8 7.3 6.7 6 5.5 5 4.6 4.1
4.5 5.5 6.5 7 9 10 12 14
17.5 19 23 26 33 38 45 53 67 70 86 100 120 140 160 200
500 550 550 550 600 600 650 650
650 700 700 750 800 850 900 950 1000 1100 1300 1500 1700 2000 2500 3000
0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
5 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
8 8.4 9.1 9.9 11.4 12.2 13.7 15.2
16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56 62.2 69.2
150 136 125 115 100 93 83 75
68 62 55 50 45 41 38 34 31 29 26 24 22 20 18 16
925B 926B 927B 928B 929B 930B 931B 932B
933B 934B 935B 936B 937B 938B 939B 940B 941B 942B 943B 944B 945B 946B 947B 948B
* TOLERANCE AND VOLTAGE DESIGNATION
Tolerance designation -- The type numbers listed indicate a tolerance of 5%.
Devices listed in bold, italic are Motorola preferred devices.
MOTOROLA 2
1PMT5913BT3 through 1PMT5948BT3
TYPICAL CHARACTERISTICS
P D, MAXIMUM POWER DISSIPATION (WATTS) 6 5 4 3 2 1 TA 0 0 25 50 75 100 125 150 T, TEMPERATURE (C) TL 1000 PPK , PEAK SURGE POWER (WATTS) RECTANGULAR NONREPETITIVE WAVEFORM
100
10 0.1
1 10 PW, PULSE WIDTH (ms)
100
Figure 1. Steady State Power Derating
Figure 2. Maximum Surge Power
10 Ippm, PEAK PULSE CURRENT (%) NONREPETITIVE EXPONENTIAL PULSE WAVEFORM TJ = 25C 1
120 = 10 s 100 80 60 40 20 0 PEAK VALUE Ippm TA = 25C PW (ID) IS DEFINED AS THE POINT WHERE THE PEAK CURRENT DECAYS TO 50% OF Ipp.
PPK , PEAK POWER (kW)
HALF VALUE - Ipp/2 10/1000 s WAVEFORM AS DEFINED BY R.E.A. td 0 1 2 3 t, TIME (ms) 4 5
0.1 0.001
0.01
0.1 Tp, PULSE WIDTH (ms)
1
10
Figure 3. Maximum Surge Power
VZ , TEMPERATURE COEFFICIENT (mV/ C) 10 8 6 4 2 0 -2 -4 VZ @ IZT 200
Figure 4. Pulse Waveform 10/1000
VZ , TEMPERATURE COEFFICIENT (mV/ C)
100 70 50 30 20
VZ @ IZT
2
4
6 8 VZ, ZENER VOLTAGE (VOLTS)
10
12
10 10
20
30 50 70 100 VZ, ZENER VOLTAGE (VOLTS)
200
Figure 5. Zener Voltage - To 12 Volts
Figure 6. Zener Voltage - 14 To 200 Volts
NOTE 1. ZENER VOLTAGE (VZ) MEASUREMENT Nominal zener voltage is measured with the device junction in thermal equilibrium with ambient temperature at 25C
1PMT5913BT3 through 1PMT5948BT3
MOTOROLA 3
100 50 30 20 10 5 3 2 1 0.5 0.3 0.2 0.1 0 1 2 3 4 5 6 7 VZ, ZENER VOLTAGE (VOLTS) 8 9 10
100 50 30 20 10 5 3 2 1 0.5 0.3 0.2 0.1 0 10 20 30 40 50 60 70 80 VZ, ZENER VOLTAGE (VOLTS) 90 100
Figure 7. VZ = 3.3 thru 10 Volts
200 IZ(dc) = 1mA ZZ , DYNAMIC IMPEDANCE (OHMS) ZZ , DYNAMIC IMPEDANCE (OHMS) 100 70 50 30 20 10 7 5 3 2 10mA 1k 500 200 100 50 20 10 5 2 1 0.5 1 2
IZ , ZENER CURRENT (mA)
IZ, ZENER CURRENT (mA)
Figure 8. VZ = 12 thru 82 Volts
TJ = 25C iZ(rms) = 0.1 IZ(dc) VZ =150V 91V 62V
22V 12V 5 10 20 50 100 IZ, ZENER TEST CURRENT (mA) 200 6.8V 500
20mA 5 7 10
iZ(rms) = 0.1 IZ(dc) 20 30 50 VZ, ZENER VOLTAGE (VOLTS) 70 100
Figure 9. Effect of Zener Voltage
Figure 10. Effect of Zener Current
NOTE 2. ZENER IMPEDANCE (ZZ) DERIVATION ZZT and ZZK are measured by dividing the ac voltage drop across the device by the ac current applied. The specified limits are for IZ(ac) = 0.1 IZ(dc) with the ac frequency = 60 Hz.
MOTOROLA 4
1PMT5913BT3 through 1PMT5948BT3
INFORMATION FOR USING THE POWERMITE SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total design. The footprint for the semiconductor packages must be the correct size to insure proper solder connection interface between the board and the package. With the correct pad geometry, the packages will self align when subjected to a solder reflow process.
0.025 0.635 0.030 0.762
0.105 2.67
0.100 2.54
0.050 1.27
inches mm
POWERMITE POWERMITE POWER DISSIPATION
The power dissipation of the Powermite is a function of the drain pad size. This can vary from the minimum pad size for soldering to a pad size given for maximum power dissipation. Power dissipation for a surface mount device is determined by T J(max), the maximum rated junction temperature of the die, RJA, the thermal resistance from the device junction to ambient, and the operating temperature, TA . Using the values provided on the data sheet for the Powermite package, PD can be calculated as follows: PD = TJ(max) - TA RJA
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated temperature of the device. When the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. Therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. * Always preheat the device. * The delta temperature between the preheat and soldering should be 100C or less.* * When preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. When using infrared heating with the reflow soldering method, the difference shall be a maximum of 10C. * The soldering temperature and time shall not exceed 260C for more than 10 seconds. * When shifting from preheating to soldering, the maximum temperature gradient shall be 5C or less. * After soldering has been completed, the device should be allowed to cool naturally for at least three minutes. Gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. * Mechanical stress or shock should not be applied during cooling. * Soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device.
The values for the equation are found in the maximum ratings table on the data sheet. Substituting these values into the equation for an ambient temperature TA of 25C, one can calculate the power dissipation of the device which in this case is 386 milliwatts. PD = 150C - 25C 324C/W = 386 milliwatts
The 324C/W for the Powermite package assumes the use of the recommended footprint on a glass epoxy printed circuit board to achieve a power dissipation of 386 milliwatts. There are other alternatives to achieving higher power dissipation from the Powermite package. Another alternative would be to use a ceramic substrate or an aluminum core board such as Thermal CladTM. Using a board material such as Thermal Clad, an aluminum core board, the power dissipation can be doubled using the same footprint.
1PMT5913BT3 through 1PMT5948BT3
MOTOROLA 5
OUTLINE DIMENSIONS
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. MILLIMETERS INCHES MIN MAX MIN MAX 1.75 2.15 0.069 0.081 1.75 2.15 0.069 0.086 0.85 1.15 0.033 0.045 0.40 0.65 0.016 0.026 0.70 1.00 0.028 0.039 -0.05 +0.10 -0.002 +0.004 0.10 0.25 0.004 0.010 3.60 4.15 0.142 0.163 0.50 0.80 0.020 0.031 1.20 1.50 0.047 0.059 0.50 REF 0.020
-A-
C J S
F 0.08 (0.003)
M
TB
S
C
S
TERM. 1 CATHODE
-B- K
TERM. 2 ANODE
R L J H -T- 0.08 (0.003)
M
DIM A B C D F H J K L R S
D TB
S
C
S
CASE 457-01 ISSUE O
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MOTOROLA 6
*1PMT5913BT3/D*
1PMT5913BT3 through 1PMT5948BT3
1PMT5913BT3/D


▲Up To Search▲   

 
Price & Availability of 1PMT5920BT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X