Part Number Hot Search : 
L4004D3 OR2C10A MB2245 NDL5422P YBAMU UT2306 PM8313 141K1
Product Description
Full Text Search
 

To Download ZMU180 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZMU100 THRU ZMU180
SILICON PLANAR POWER ZENER DIODES
Features
Silicon Planar Power Zener Diodes for use in stabilizing and clipping circuits with higher power rating. The Zener voltage are graded according to the international E12 standard. Smaller voltage tolerances on request. These diodes are also available in DO-41 case with the type designation ZPU100 thru ZPU180. These diodes are delivered taped. Details see Taping. Weight approx. : 0.25g
DIMENSIONS DIM A B C inches Min. 0.189 0.092 0.016 Max. 0.205 0.100 Min. 4.8 2.35 0.4 mm Max. 5.2 2.55 Note
Absolute Maximum Ratings
(Ta=25
)
Symbols Values Units
Zener current see Table "Characteristics" Power dissipation at Tamb=25 Junction Temperature Storage temperature range
Note: (1) Valid provided that electrodes are kept at ambient temperature.
Ptot Tj TS
1
1)
W
175 -55 to +175
Characteristics
Thermal resistance junction to ambient Air
at Tamb=25
Symbols Min. Typ. Max. Units
RthA
-
-
170
1)
K/W
Note: (1) Valid provided that electrodes are kept at ambient temperature.
1
Zener voltage at IZT Type VZ V ZMU100 ZMU120 ZMU150 ZMU180 88 ... 110 107 ... 134 130 ... 165 160 ... 200
2)
Dynamic resistance at IZT f=1KHz rZj
Temp. coeff. of Zener Volt. at IZT
Test current
Reverse voltage at IR=0.5uA VR V >75 >90 >112 >134
Admissible Zener current 1) at Tamb=25 IZM mA 7 6 5 4
VZ
IZT mA 5 5 5 5
10 /K
-4
140(<300) 170(<330) 200(<360) 220(<380)
+9 ... +13 +9 ... +13 +9 ... +13 +9 ... +13
Notes: (1) Valid provided that electrodes are kept at ambient temperature. (2) Tested with pulses tp=20ms.
2
RATINGS AND CHARACTERISTIC CURVES
3


▲Up To Search▲   

 
Price & Availability of ZMU180

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X