Part Number Hot Search : 
TKP7A IR3892 SA30A D5116 FXT449 2SC32 8109B 80L95
Product Description
Full Text Search
 

To Download VTP8551 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VTP Process Photodiodes
VTP8551
PACKAGE DIMENSIONS inch (mm)
CASE 22 MINI-DIP CHIP ACTIVE AREA: .012 in2 (7.45 mm2)
PRODUCT DESCRIPTION
Planar silicon photodiode in a transparent molded plastic package. Suitable for direct mounting to P.C.B. Arrays can be formed by positioning these devices side by side. These diodes exhibit low dark current under reverse bias and fast speed of response.
ABSOLUTE MAXIMUM RATINGS
Storage Temperature: Operating Temperature: -40C to 85C -40C to 85C
ELECTRO-OPTICAL CHARACTERISTICS @ 25C (See also VTP curves, page 46)
VTP8551
SYMBOL ISC TC ISC VOC TC VOC ID RSH CJ Re SR range p VBR 1/2 NEP D* CHARACTERISTIC Short Circuit Current ISC Temperature Coefficient Open Circuit Voltage VOC Temperature Coefficient Dark Current Shunt Resistance Junction Capacitance Responsivity Sensitivity Spectral Application Range Spectral Response - Peak Breakdown Voltage Angular Resp. - 50% Resp. Pt. Noise Equivalent Power Specific Detectivity 33 TEST CONDITIONS Min. H = 100 fc, 2850 K 2850 K H = 100 fc, 2850 K 2850 K H = 0, VR = 10 V H = 0, V = 10 mV H = 0, V = 3 V 940 nm @ Peak 400 925 140 50 1.8 x 10-13 (Typ.) 1.5 x 10 12 (Typ.) .05 .55 1150 .15 50 50 Typ. 70 .20 350 -2.0 30 Max. A %/C mV mV/C nA G pF A/(W/cm2) A/W nm nm V Degrees W Hz cm Hz / W UNITS
PerkinElmer Optoelectronics, 10900 Page Ave., St. Louis, MO 63132 USA
Phone: 314-423-4900 Fax: 314-423-3956 Web: www.perkinelmer.com/opto
63


▲Up To Search▲   

 
Price & Availability of VTP8551

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X