Part Number Hot Search : 
QVA21314 ZTB947E 40002 2NC81A22 BAS70W 1N519 BSTL4960 TA0245A
Product Description
Full Text Search
 

To Download U2FWJ44N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 U2FWJ44N
TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
U2FWJ44N
HIGH SPEED RECTIFIER APPLICATIONS
Low Forward Voltage Average Forward Current Repetitive Peak Reverse Voltage : VFM = 0.37V (Max) : IF (AV) = 2.0A : VRRM = 30V Unit: mm
MAXIMUM RATINGS (Ta = 25C)
CHARACTERISTIC Repetitive Peak Reverse Voltage Average Forward Current Peak One Cycle Surge Forward Current (Non-Repetitive) Junction Temparature Storage Temparature Range SYMBOL VRRM IF (AV) IFSM Tj Tstg RATING 30 2.0 80 (50Hz) -40~125 -40~125 UNIT V A A C C
JEDEC JEITA TOSHIBA
3-4D1A
ELECTRICAL CHARACTERISTICS (Ta = 25C)
CHARACTERISTIC Peak Forward Voltage Repetitive Peak Reverse Current Junction Capacitance SYMBOL VFM IRRM Cj TEST CONDITION IFM = 2.0A VRRM = 30V VR = 10V, f = 1MHz
Weight: 0.06g
MIN
TYP. 130
MAX 0.37 3.0
UNIT V mA pF
MARKING
Abbreviation Code 2F Part No. U2FWJ44N
STANDARD SOLDERING PAD
1
2004-07-01
U2FWJ44N
Handling Precaution
Schottky barrier diodes have reverse current characteristic compared to the other diodes. There is a possibility SBD may cause thermal runaway when it is used under high temperature or high voltage. This device is VF-IRRM trade-off type, lower VF higher IRRM; therefore, thermal runaway might occur when voltage is applied. Please take forward and reverse loss into consideration during design. The maximum ratings denote the absolute maximum ratings, which are rated values and must not be exceeded during operation, even for an instant. The following are the general derating methods that we recommend when you design a circuit with a device. VRRM: Use this rating with reference to the above. VRRM has a temperature coefficient of 0.1%/C. Take this temperature coefficient into account designing a device at low temperature. We recommend that the worst case current be no greater than 80% of the maximum rating of IF(AV) and Tj be below 100C. When using this device, take the margin into consideration by using an allowable Tamax-IF(AV) curve. This rating specifies the non-repetitive peak current. This is only applied for an abnormal operation, which seldom occurs during the lifespan of the device. Derate this rating when using a device in order to ensure high reliability. We recommend that the device be used at a Tj of below 100C.
IF(AV):
IFSM:
Tj:
Thermal resistance between junction and ambient fluctuates depending on the device's mounting condition. When using a device, please design a circuit board and a soldering land size to match the appropriate thermal resistance value. Please refer to the Rectifiers databook for further information.
2
2004-07-01
U2FWJ44N
3
2004-07-01
U2FWJ44N
4
2004-07-01
U2FWJ44N
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
030619EAA
* The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations.
5
2004-07-01


▲Up To Search▲   

 
Price & Availability of U2FWJ44N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X