Part Number Hot Search : 
KF5N50FS C2SC2 MSM832 2SK2846 24AA014H CMX661D4 LT3032 CMX661D4
Product Description
Full Text Search
 

To Download U1GWJ2C49 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 U1GWJ2C49
TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
U1GWJ2C49
SWITCHING MODE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
l Average Output Rectified Current l Repetitive Peak Reverse Voltage : IO = 1A : VRRM = 40V Unit: mm
l Low Switching Losses and Output Noise.
POLARITY
MAXIMUM RATINGS (Ta = 25C)
CHARACTERISTIC Repetitive Peak Reverse Voltage Average Output Rectified Current Peak One Cycle Surge Forward Current (Sine Wave) Junction Temperature Storage Temperature Range SYMBOL VRRM IO IFSM Tj Tstg RATING 40 1 15 (50Hz) 16.5 (60Hz) -40~125 -40~150 UNIT V A A C C
JEDEC JEITA TOSHIBA Weight: 0.05g
12-5B1A
ELECTRICAL CHARACTERISTICS (Ta = 25C)
CHARACTERISTIC Peak Forward Voltage (Note 1) SYMBOL VFM IRRM Cj Rth (j-a) TEST CONDITION IFM = 0.5A VRRM = 40V VR = 10V, f = 1MHz DC (250mm *0.8mm Ceramic) TYP. 25 MAX 0.55 0.5 125 UNIT V mA pF C / W
Repetitive Peak Reverse Current (Note 1) Junction Capacitance Thermal Resistance (Junction to Ambient) (Note 1)
Note 1: A value of one cell.
MARKING
1
2001-07-11
U1GWJ2C49
2
2001-07-11
U1GWJ2C49
3
2001-07-11
U1GWJ2C49
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
4
2001-07-11


▲Up To Search▲   

 
Price & Availability of U1GWJ2C49

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X