Part Number Hot Search : 
SER2009 MSMA012 8008TBN 102M2 AV945 ALD4701A 8008TBN 76PRB05S
Product Description
Full Text Search
 

To Download TYN1025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TN25 and TYNx25 Series
25A SCRs
STANDARD
MAIN FEATURES:
Symbol IT(RMS) VDRM/VRRM IGT Value 25 600 to 1000 40 Unit
G
A
A
K
V
A
A
mA
KA G
K
A
DESCRIPTION The TYN / TN25 SCR Series is suitable for general purpose applications. Using clip assembly technology, they provide a superior performance in surge current capabilities.
D2PAK (TN25-G)
G
TO-220AB (TYN)
ABSOLUTE RATINGS (limiting values)
Symbol IT(RMS) T(AV) ITSM Parameter RMS on-state current (180 conduction angle) Average on-state current (180 conduction angle) Non repetitive surge peak on-state current It Value for fusing Critical rate of rise of on-state current IG = 2 x IGT , tr 100 ns Peak gate current Average gate power dissipation Storage junction temperature range Operating junction temperature range Maximum peak reverse gate voltage tp = 8.3 ms Tj = 25C tp = 10 ms tp = 10 ms F = 60 Hz tp = 20 s Tj = 25C Tj = 125C Tj = 125C Tj = 125C 300 450 50 4 1 - 40 to + 150 - 40 to + 125 5 A2S A/s A W C V Tc = 100C Tc = 100C Value 25 16 314 A Unit A A
I t dI/dt IGM PG(AV) Tstg Tj VRGM
April 2002 - Ed: 4A
1/7
TN25 and TYNx25 Series
ELECTRICAL CHARACTERISTICS (Tj = 25C, unless otherwise specified)
Symbol IGT VD = 12 V VGT VGD IH IL dV/dt VTM Vt0 Rd IDRM IRRM VD = VDRM IT = 500 mA IG = 1.2 IGT VD = 67 % VDRM ITM = 50 A Gate open Tj = 125C Tj = 25C Tj = 125C Tj = 125C Tj = 25C Tj = 125C RL = 3.3 k Gate open Tj = 125C RL = 33 Test Conditions MIN. MAX. MAX. MIN. MAX. MAX. MIN. MAX. MAX. MAX. MAX. Value 4 40 1.3 0.2 50 90 1000 1.6 0.77 14 5 4 Unit mA V V mA mA V/s V V m A mA
tp = 380 s
Threshold voltage Dynamic resistance VDRM = VRRM
THERMAL RESISTANCES
Symbol Rth(j-c) Rth(j-a) Junction to case (DC) Junction to ambient (DC) S = 1 cm
S = Copper surface under tab
Parameter
Value 1.0 TO-220AB
Unit C/W C/W
60 45
D PAK
PRODUCT SELECTOR
Part Number 600 V TN2540-xxxG TYNx25 X X Voltage (xxx) 800 V X X 1000 V X X 40 mA 40 mA DPAK TO-220AB Sensitivity Package
2/7
TN25 and TYNx25 Series
ORDERING INFORMATION
TN 25 40 - 600 G (-TR)
STANDARD SCR SERIES CURRENT: 25A SENSITIVITY: 40: 40mA VOLTAGE: 600: 600V 800: 800V 1000: 1000V PACKAGE: 2 G: D PAK PACKING MODE: Blank: Tube -TR: Tape & Reel
TYN
STANDARD SCR SERIES
6
VOLTAGE: 6: 600V 8: 800V 10: 1000V
25
(RG)
PACKING MODE Blank: Bulk RG: Tube CURRENT: 25A
OTHER INFORMATION
Part Number TN2540-x00G TN2540-x00G-TR TYNx25 TYNx25RG
Note: x = voltage
Marking TN2540x00G TN2540x00G TYNx25 TYNx25
Weight 1.5 g 1.5 g 2.3 g 2.3 g
Base Quantity 50 1000 250 50
Packing mode Tube Tape & reel Bulk Tube
3/7
TN25 and TYNx25 Series
Fig. 1: Maximum average power dissipation versus average on-state current.
P(W) 24 22 20 18 16 14 12 10 8 6 4 2 0
= 180
Fig. 2-1: Average and D.C. on-state current versus case temperature.
IT(av)(A) 28 26 24 22 20 18 16 14 12 10 8 6 4 2 0
D.C.
= 180
360
IT(av)(A) 0 2 4 6 8 10 12
Tcase(C) 0 25 50 75 100 125
14
16
Fig. 2-2: Average and D.C. on-state current versus ambient temperature (copper surface under tab: S = 1 cm (for DPAK).
IT(av)(A) 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 25 50 Tamb(C) 75 100 125
= 180 D.C.
Fig. 3: Relative variation of thermal impedance versus pulse duration.
K = [Zth/Rth] 1.00
Zth(j-c)
0.10
Zth(j-a)
tp(s) 0.01 1E-3 1E-2 1E-1 1E+0 1E+1 1E+2 5E+2
Fig. 4: Relative variation of gate trigger current, holding current and latching current versus junction temperature.
IGT,IH,IL [Tj] / IGT ,IH,IL [Tj = 25 C] 2.5 2.0
IGT
Fig. 5: Surge peak on-state current versus number of cycles.
ITSM(A) 350 300
tp = 10ms
250 200
1.5 1.0 0.5 Tj(C) 0.0 -40 -20 0 20 40 60 80 100 120 140
IH & IL
Non repetitiv e Tj initial = 25 C
One cycle
150 100 50 0 1
Repetitive Tcase = 100 C
Number of cycles 10 100 1000
4/7
TN25 and TYNx25 Series
Fig. 6: Non-repetitive surge peak on-state current for a sinusoidal pulse with width tp < 10 ms, and corresponding values of It.
ITSM(A),I 2t(A2s) 2000 1000
Tj initial = 25 C
Fig. 7: values).
On-state
characteristics
(maximum
ITM(A) 300 100
ITSM Tj = Tj max. I2t Tj max.: Vto = 0.77V Rd = 14m
dI/dt limitattion
10
Tj = 25C
tp(ms) 100 0.01 0.10 1.00 10.00 1 0.0 0.5 1.0 1.5
VTM(V) 2.0 2.5 3.0 3.5 4.0 4.5
Fig. 8: Thermal resistance junction to ambient versus copper surface under tab (Epoxy printed circuit board FR4, copper thickness: 35 m) (D2PAK).
Rth(j-a)( C/W) 80 70 60 50 40 30 20 10 0 0 4 8 12 16 S(cm 2) 20 24 28 32 36 40
5/7
TN25 and TYNx25 Series
PACKAGE MECHANICAL DATA D2PAK (Plastic)
DIMENSIONS
A E L2 C2
REF.
Millimeters Min. Typ. Max. 4.60 2.69 0.23 0.93 Min.
Inches Typ. Max.
D L L3 A1 B2 B G A2 2.0 MIN. FLAT ZONE V2 C R
A A1 A2 B B2 C C2 D E G L L2 L3 R V2
4.30 2.49 0.03 0.70 1.25 0.45 1.21 8.95 10.00 4.88 15.00 1.27 1.40 0
1.40
0.40
0.169 0.181 0.098 0.106 0.001 0.009 0.027 0.037 0.048 0.055 0.60 0.017 0.024 1.36 0.047 0.054 9.35 0.352 0.368 10.28 0.393 0.405 5.28 0.192 0.208 15.85 0.590 0.624 1.40 0.050 0.055 1.75 0.055 0.069 0.016 8 0 8
FOOTPRINT DIMENSIONS (in millimeters) D2PAK (Plastic)
16.90
10.30 1.30
5.08
3.70 8.90
6/7
TN25 and TYNx25 Series
PACKAGE MECHANICAL DATA TO-220AB (Plastic)
DIMENSIONS
B C
REF.
Millimeters Min. Typ. 3.75 Max. Min.
Inches Typ. 0.147 Max. 0.625
b2
L F I A
l4
a1
c2
l3
l2 a2
b1 e
M c1
A a1 a2 B b1 b2 C c1 c2 e F I I4 L l2 l3 M
15.20
15.90 0.598
13.00 14.00 0.511 0.551 10.00 10.40 0.393 0.409 0.61 0.88 0.024 0.034 1.23 1.32 0.048 0.051 4.40 4.60 0.173 0.181 0.49 0.70 0.019 0.027 2.40 2.72 0.094 0.107 2.40 2.70 0.094 0.106 6.20 6.60 0.244 0.259 3.75 3.85 0.147 0.151 15.80 16.40 16.80 0.622 0.646 0.661 2.65 2.95 0.104 0.116 1.14 1.70 0.044 0.066 1.14 1.70 0.044 0.066 2.60 0.102
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Isreal - Italy - Japan - Malaysia - Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
7/7


▲Up To Search▲   

 
Price & Availability of TYN1025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X