Part Number Hot Search : 
SMDA24C M24C64 72001 VNH3SP AH180N IRFR220 T45DB AN79M24F
Product Description
Full Text Search
 

To Download TS971 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TS971 TS972 TS974 OUTPUT RAIL TO RAIL VERY LOW NOISE OPERATIONAL AMPLIFIERS
PIN CONNECTIONS (top view)
TS971ILT
. . . . . . . .
RAIL TO RAIL OUTPUT VOLTAGE SWING (2.4V @ VCC = 2.5V) VERY LOW NOISE LEVEL : 4nV/ Hz ULTRA LOW DISTORTION : 0.003% HIGH DYNAMIC FEATURES (12MHz, 4V/s) OPERATING RANGE : 2.7V to 12V ESD PROTECTION (2kV) LATCH-UP IMMUNITY AVAILABLE IN SOT23-5 MICROPACKAGE
Output
1
5
V CC
VDD
2
Non-inverting input 3
4
Inve rting input
DESCRIPTION The TS97x family operational amplifiers is able to operate with voltages as low as 1.35V and featuring output Rail to Rail signal swing. The TS97x boasts characteristics that make them particularly well suited for portable and battery-supplied equipment. Very low noise and low distortion charact e r is t ic s ma k e t h em id e a l f o r a ud io pre-amplification. The TS971 is housed in the space-saving 5 pins SOT23 package which simplifies the board design because of the ability to be placed everywhere (outside dimensions are 2.8mm x 2.9mm) APPLICATIONS Portable equipments (CD players, PDA) Portable communications (cell phones, pagers) Instrumentation & sensoring Professional audio circuits
Ou tpu t 1 Inve rting Inp u t 1 Non -inve rting Inp u t 1
TS971ID
N.C .
1
+
8 N.C. 7 VCC 6 Output 2 5 N.C.
Inve rting Inpu t 1 2 Non-inve rting Inpu t 1
3
V DD 4
TS972IN-TS972ID-TS972IPT
. . . .
1 2 3
+ +
8 VCC 7 Output 2 6 Inve rting Input 2 5 Non-inve rting Inp ut 2
VDD 4
ORDER CODES
Package Part Temperature Number Range NDPL TS971I TS972I TS974I -40, +125 C -40, +125 C -40, +125 C
o o o
SOT23 Marking K120 TS974IN-TS974ID-TS974IPT
Output 1 1 Inve rting Inp ut 1 2 Non-inv ert ing Inp ut 1 3 + + 14 Output 4 13 In verting Inp ut 4 12 Non-in verting Inp ut 4 11 VDD + + 10 Non-in verting Inp ut 3 9 8 In verting Inp ut 3 Output 3
* * * * * * *
*
N = Dual in Line Package (DIP) D = Small Outline Package (SO) - also available in Tape & Reel P = Thin Shrink Small Outline Package (TSSOP) - only available in Tape & Reel (PT) L = Tiny Package (SOT23-5) - only available in Tape & Reel (LT)
VCC 4 Non-inve rting In put 2 5 In verting Inp ut 2 6 Output 2 7
August 1999
1/12
TS971-TS972-TS974
ABSOLUTE MAXIMUM RATINGS
Symbol VCC Vid Vin Toper Tstg Tj R thjc Supply Voltage - note 1 Differential Input Voltage - note 2 Input Voltage Range - note 3 Operating Free Air Temperature Range Storage Temperature Range Maximum Junction Temperation Thermal Resistance Junction to Case - note 4 SOT23-5 SO8 SO14 TSSOP8 TSSOP14 Thermal Resistance Junction to Ambient Human Body Model Lead Temperature (soldering, 10sec)
Notes: 1. 2. 3. 4. All voltages values, except differential voltage are with respect to network ground terminal. Differential voltages are non-inverting input terminal with respect to the inverting input terminal. The magniture of input and output voltages must never exceed VCC +0.3V. Short-circuits can cause excessive heating and destructive dissipation.
Parameter
Value 12 VCC -0.3 to 12.3 -40 to +125 -65 to +150 150
Unit V V V
o o o o
C C C
C/W
81 28 22 26 21 256 2 260
o
Rthja ESD
C/W kV
o
C
OPERATING CONDITIONS
Symbol VCC Vicm Parameter Supply Voltage Range Common Mode Input Voltage Range Value 2.7 to 12 VDD + 1.15 to VCC - 1.15 Unit V V
2/12
TS971-TS972-TS974
ELECTRICAL CHARACTERISTICS VCC = 2.5V, VDD = -2.5V, Tamb = 25oC (unless otherwise specified)
Symbol Vio DVio Iio Iib Input Offset Voltage Tmin. < Tamb < Tmax. Input Offset Voltage Drift Vicm = 0V, Vo = 0V Input Offset Current Vicm = 0V, Vo = 0V Input Bias Current Vicm = 0V, Vo = 0V Tmin. < Tamb < Tmax. Common Mode Input Voltage Range Common Mode Rejection Ratio Vicm = 1.35V Supply Voltage Rejection Ratio VCC = 2V to 3V Large Signal Voltage Gain High Level Output Voltage Low Level Output Voltage Output Source Current Output Sink Current Supply Current Unity gain - no load Gain Bandwidth Product f = 100kHz Slew Rate AV = 1, Vin = 1V Phase Margin at Unity Gain Gain Margin Equivalent Input Noise Voltage f = 100kHz Total Harmonic Distortion f = 1kHz, A V = -1 R L = 10k R L = 2k, CL = 100pF R L = 2k, CL = 100pF R L = 2k, CL = 100pF 8.5 2.8 R L = 2k R L = 2k RL = 2k -1.35 60 60 70 2 Parameter Min. Typ. 1 Max. 5 7 Unit mV V/ C nA 10 200 200 1.5 85 dB 70 80 2.4 -2.4 1.5 100 2 12 V/s 4 60 10 4 0.003 Degrees dB nV Hz % 2.8 MHz -2 dB V V mA mA mA 150 nA 750 1000 1.35 V dB
o
5
Vicm CMR SVR Avd VOH VOL Isource Isink ICC GBP SR m Gm en THD
3/12
TS971-TS972-TS974
INPUT OFFSET VOLTAGE DISTRIBUTION VOLTAGE GAIN & PHASE vs FREQUENCY
VOLTAGE GAIN & PHASE vs FREQUENCY
THD vs Vout
THD vs Vout
THD vs FREQUENCY
4/12
TS971-TS972-TS974
NOISE VOLTAGE vs FREQUENCY GAIN BANDWIDTH PRODUCT vs Iout
PHASE MARGIN vs Iout
PHASE MARGIN vs VCC
PHASE MARGIN vs VCC
GAIN MARGIN vs VCC
5/12
TS971-TS972-TS974
TS972IN
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC DIP
Dimensions A a1 B b b1 D E e e3
Min. 0.51 1.15 0.356 0.204 7.95
Millimeters Typ. 3.32
Max.
Min. 0.020 0.045 0.014 0.008 0.313
Inches Typ. 0.131
Max.
1.65 0.55 0.304 10.92 9.75 2.54 7.62
0.065 0.022 0.012 0.430 0.384 0.100 0.300
6/12
TS971-TS972-TS974
TS971ID - TS972ID
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC MICROPACKAGE (SO)
Dimensions A a1* a2 a3 b b1 C c1 D E e e3 F L M S
Min. 0.1 0.65 0.35 0.19 0.25 4.8 5.8
Millimeters Typ.
Max. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 45 (typ.) 5.0 6.2
o
Min. 0.004 0.026 0.014 0.007 0.010 0.189 0.228
Inches Typ.
Max. 0.069 0.010 0.065 0.033 0.019 0.010 0.020 0.197 0.244
1.27 3.81 3.8 0.4 4.0 1.27 0.6 8 (max.)
o
0.050 0.150 0.150 0.016 0.157 0.050 0.024
* coplanarity between all the leads : 0.1mm
7/12
TS971-TS972-TS974
TS972IPT
PACKAGE MECHANICAL DATA 8 PINS - THIN SHRINK SMALL OUTLINE PACKAGE (TSSOP)
Dim. A A1 A2 b c D E E1 e k l
Millimeters Min. 0.05 0.80 0.19 0.09 2.90 4.30 0o 0.50 0.60 3.00 6.40 4.40 0.65 8o 0.75 0o 0.09 4.50 0.169 1.00 Typ. Max. 1.20 0.15 1.05 0.30 0.20 3.10 0.01 0.031 0.007 0.003 0.114 Min.
Inches Typ. Max. 0.05 0.006 0.039 0.041 0.15 0.012 0.118 0.252 0.173 0.025 8o 0.0236 0.030 0.177 0.122
8/12
TS971-TS972-TS974
TS974IN
PACKAGE MECHANICAL DATA 14 PINS - PLASTIC DIP
Dim. a1 B b b1 D E e e3
Millimeters Min. 0.51 1.39 0.5 0.25 20 8.5 2.54 15.24 1.65 Typ. Max. Min. 0.020 0.055
Inches Typ. Max. 0.065 0.020 0.010 0.787 0.335 0.100 0.600
9/12
TS971-TS972-TS974
TS974ID
PACKAGE MECHANICAL DATA 14 PINS - PLASTIC MICROPACKAGE (SO)
Dim. A a1 a2 b b1 C c1 D E e e3 F G L M S
Min. 0.1 0.35 0.19
Millimeters Typ.
Max. 1.75 0.2 1.6 0.46 0.25 45o (typ.)
Min. 0.004 0.014 0.007
Inches Typ.
Max. 0.069 0.008 0.063 0.018 0.010
0.5 8.55 5.8 1.27 7.62 3.8 4.6 0.5 4.0 5.3 1.27 0.68 8 (max.)
o
0.020 8.75 6.2 0.336 0.228 0.050 0.300 0.150 0.181 0.020 0.157 0.208 0.050 0.027 0.334 0.244
10/12
TS971-TS972-TS974
TS974IPT
PACKAGE MECHANICAL DATA 14 PINS - THIN SHRINK SMALL OUTLINE PACKAGE (TSSOP)
Dim. A A1 A2 b c D E E1 e k l
Millimeters Min. 0.05 0.80 0.19 0.09 4.90 4.30 0o 0.50 0.60 5.00 6.40 4.40 0.65 8o 0.75 0o 0.09 4.50 0.169 1.00 Typ. Max. 1.20 0.15 1.05 0.30 0.20 5.10 0.01 0.031 0.007 0.003 0.192 Min.
Inches Typ. Max. 0.05 0.006 0.039 0.041 0.15 0.012 0.196 0.252 0.173 0.025 8o 0.0236 0.030 0.177 0.20
11/12
TS971-TS972-TS974
TS971ILT
PACKAGE MECHANICAL DATA 5 PINS -TINY PACKAGE (SOT23)
A E A2
D
b
A1
E1
C
L
Dim. A A1 A2 b C D E E1 L
Millimeters Min. 0.90 0 0.90 0.35 0.09 2.80 2.60 1.50 0.10 Max. 1.45 0.15 1.30 0.50 0.20 3.00 3.00 1.75 0.60 Min. 0.034 0.034 0.013 0.003 0.110 0.102 0.059 0.003
Inches Max. 0.057 0.006 0.051 0.020 0.008 0.118 0.118 0.069 0.024
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infri ngement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publ ication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for useas critical components inlife support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. (c) http://www.st.com
12/12


▲Up To Search▲   

 
Price & Availability of TS971

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X