Part Number Hot Search : 
60200 24010 HIP5061 QMR160 1006LT K3520 MUR80 PT78602
Product Description
Full Text Search
 

To Download TS951 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TS951 TS952 TS954 INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
PIN CONNECTIONS (top view)
TS951ILT
. . . . . . . . .
RAIL TO RAIL INPUT COMMON-MODE VOLTAGE RANGE RAIL TO RAIL OUTPUT VOLTAGE SWING OPERATING FROM 2.7V to 12V HIGH SPEED (3MHz, 1V/s) LOW CONSUMPTION (0.9mA @ 3V) SUPPLY VOLTAGE REJECTION RATIO : 80dB ESD PROTECTION (2kV) LATCH-UP IMMUNITY AVAILABLE IN SOT23-5 MICROPACKAGE
Output
1
5
VCC
VDD
2
Non-inve rting input 3
4
Inve rting input
DESCRIPTION The TS95x family are RAIL TO RAIL BiCMOS operational amplifiers optimized and fully specified for 3V and 5V operation. The TS951 is housed in the space-saving 5 pins SOT23 package that makes it well suited for battery-powered systems. This micropackage simplifies the PC board design because of it's ability to be placed in tight spaces (outside dimensions are : 2.8mm x 2.9mm) APPLICATIONS Set-top boxes Laptop/Notebookcomputers Transformer/Line drivers Personal entertainments (CD players) Portable communication (cell phones, pagers) Instrumentation & sensoring Digital to Analog converter buffers Portable headphone speaker drivers ORDER CODES
Package Part Temperature Number Range NDPL TS951I TS952I TS954I -40, +125 C -40, +125 C -40, +125 oC
o o
TS951ID
N.C.
1
+
8 N.C. 7 VCC 6 Output 2 5 N.C.
Inverting Input 1 2 Non-inverting Input 1
3
V DD 4
. . . . . . . .
TS952IN-TS952ID-TS952IPT
Output 1 Inverting Input 1 Non-inverting Input 1
1 2 3
+ +
8 VCC 7 Output 2 6 Inverting Input 2 5 Non-inverting Input 2
VDD 4
TS954IN-TS954ID-TS954IPT SOT23 Marking K101
Output 1 1 Inve rting Input 1 2 Non-inve rting Input 1 3 VCC 4 Non-inve rting Input 2 5 + + + + 14 Output 4 13 Inve rting Input 4 12 Non-inve rting Input 4 11 VDD 10 Non-inve rting Input 3 9 8 Inve rting Input 3 Output 3
* * * * * * *
*
N = Dual in Line Package (DIP) D = Small Outline Package (SO) - also available in Tape & Reel P = Thin Shrink Small Outline Package (TSSOP) - only available in Tape & Reel (PT) L = Tiny Package (SOT23-5) - only available in Tape & Reel (LT)
Inve rting Input 2 6 Output 2 7
August 1999
1/13
TS951-TS952-TS954
ABSOLUTE MAXIMUM RATINGS
Symbol VCC Vid Vin Toper Tstg Tj R thjc Supply Voltage - note 1 Differential Input Voltage - note 2 Input Voltage Range - note 3 Operating Free Air Temperature Range Storage Temperature Range Maximum Junction Temperation Thermal Resistance Junction to Case - note 4 SOT23-5 SO8 SO14 TSSOP8 TSSOP14 Thermal Resistance Junction to Ambient - SOT23-5 Human Body Model Lead Temperature (soldering, 10sec)
Notes: 1. 2. 3. 4. All voltages values, except differential voltage are with respect to network ground terminal. Differential voltages are non-inverting input terminal with respect to the inverting input terminal. The magnitude of input and output voltages must never exceed VCC +0.3V. Short-circuits can cause excessive heating and destructive dissipation.
Parameter
Value 12 1 -0.3 to 12.3 -40 to +125 -65 to +150 150
Unit V V V
o o o o
C C C
C/W
81 28 22 26 21 256 2 260
o
R thja ESD
C/W kV
o
C
OPERATING CONDITIONS
Symbol VCC Vicm Supply Voltage Range Common Mode Input Voltage Range Parameter Value 2.7 to 12 VDD - 0.2 to VCC + 0.2 Unit V V
2/13
TS951-TS952-TS954
ELECTRICAL CHARACTERISTICS VCC = +3V, VDD = 0V, Tamb = 25oC (unless otherwise specified)
Symbol Vio DV io Iio Iib Input Offset Voltage Tmin. Tamb Tmax. Input Offset Voltage Drift Input Offset Current Tmin. Tamb Tmax. Input Bias Current Vicm = 1.5V Tmin. Tamb Tmax. Common Mode Input Voltage Range Common Mode Rejection Ratio Supply Voltage Rejection Ratio VCC = 2.7V to 3.3V Large Signal Voltage Gain Vo = 2Vpk-pk High Level Output Voltage Low Level Output Voltage Output Short Circuit Current Supply Current (per amplifier) No load, Vo = VCC/2 Gain Bandwidth Product Slew Rate Phase Margin at Unity Gain Gain Margin Equivalent Input Noise Voltage f = 1kHz Total Harmonic Distortion Vo = 4Vpk-pk, f = 10kHz, AV = 2, RL = 10k RL = 600, CL = 100pF R L = 600, CL = 100pF R L = 2k R L = 600 RL = 600 RL = 600 10 0.9 3 1 60 10 25 0.01 1.3 MHz V/s Degrees dB nV Hz % 2.8 50 60 2 1 30 80 100 200 V dB dB 80 dB 80 2.9 80 250 V mV mA mA Parameter Min. Typ. Max. 6 8 Unit mV V/ C nA nA 35
o
Vicm CMR SVR Avd VOH VOL Isc ICC GBP SR m Gm en THD
VDD - 0.2 to VCC + 0.2 80
3/13
TS951-TS952-TS954
ELECTRICAL CHARACTERISTICS VCC = +5V, VDD = 0V, Tamb = 25oC (unless otherwise specified)
Symbol Vio DV io Iio Iib Input Offset Voltage Tmin. Tamb Tmax. Input Offset Voltage Drift Input Offset Current Tmin. Tamb Tmax. Input Bias Current Vicm = 1.5V Tmin. Tamb Tmax. Common Mode Input Voltage Range Common Mode Rejection Ratio Supply Voltage Rejection Ratio VCC = 2.7V to 3.3V Large Signal Voltage Gain Vo = 2Vpk-pk High Level Output Voltage Low Level Output Voltage Output Short Circuit Current Supply Current (per amplifer) No load, Vo = VCC/2 Gain Bandwidth Product Slew Rate Phase Margin at Unity Gain Gain Margin Equivalent Input Noise Voltage f = 1kHz Total Harmonic Distortion Vo = 4Vpk-pk, f = 10kHz, AV = 2, RL = 10k RL = 600, CL = 100pF R L = 600, CL = 100pF R L = 2k R L = 600 RL = 600 RL = 600 10 0.95 3 1 60 10 25 0.01 1.4 MHz V/s Degrees dB nV Hz % 4.7 50 60 2 1 30 80 100 200 V dB dB 80 dB 86 4.8 80 300 V mV mA mA Parameter Min. Typ. Max. 6 8 Unit mV V/ C nA nA 35
o
Vicm CMR SVR Avd VOH VOL Isc ICC GBP SR m Gm en THD
VDD - 0.2 to VCC + 0.2 80
4/13
TS951-TS952-TS954
SUPPLY CURRENT VERSUS SUPPLY VOLTAGE
1,2 1
SUPPLY CURRENT VERSUS TEMPERATURE
Vcc=0/5V 1,1 1 0,9 0,8 0,7 0,6
-40 25 125
Supply Current (mA)
0,8 0,6 0,4 0,2 0 0 2 4 6 8 10 12
no load T=25C
Supply Voltage (V)
Supply Current (mA)
Ambient Temperature (C)
OUTPUT SHORT CIRCUIT CURRENT VERSUS OUTPUT VOLTAGE
OUTPUT SHORT CIRCUIT CURRENT VERSUS TEMPERATURE
30
Vcc=0/5V Output short Circuit Current (mA)
sink Vcc=3V T=25C
30
25
output short circuit current (mA)
20 15 10 5 0 -5 -10 -15 -20 -25 0 0.4 .6
sink
25
20
source
15
source
10 -40 25 125
1.2
1.8
2.4
2.6
2.8
3
Ambient Temperature (C)
output voltage (V )
VOLTAGE GAIN AND PHASE VERSUS FREQUENCY
SLEW RATE VERSUS TEMPERATURE
Vcc=0/3V - Rl=10k
1,3 1,2
SR+
Slew Rate (V/s)
1,1 1
SR0,9 0,8 0,7 -40 25 125
Ambient T emperature (C )
5/13
TS951-TS952-TS954
THD + NOISE VERSUS Vout
1,000
THD + NOISE VERSUS Vout
1,000
THD + Noise (%)
THD + noise (%)
0,100
Vcc=+-1.5V f= 1kHz G=-1 Rl=600ohms
0,100
Vcc=+-1.5 f=1kHz G=- 1 Rl=2k
0,010
0,010
0,001 0 0,1 0,2 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 1,1
0,001 0 0,1 0,2 0,3 0,4 0,5 0,6 0,7 0,8 0,9 1 1,1
V out (V rms)
Vout (Vrms)
THD + NOISE VERSUS FREQUENCY
EQUIVALENT INPUT NOISE VOLTAGE VERSUS FREQUENCY
0,1
0,08
THD + Noise (%)
0,06
Vcc=+-1.5V Rl=600ohms Vo= 2Vpp
0,04
0,02
0 10 100 1000 10000 100000
Frequency (Hz)
6/13
TS951-TS952-TS954
TS952IN
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC PACKAGE
Dimensions A a1 B b b1 D E e e3 e4 F i L Z
Min. 0.51 1.15 0.356 0.204 7.95
Millimeters Typ. 3.32
Max.
Min. 0.020 0.045 0.014 0.008 0.313
Inches Typ. 0.131
Max.
1.65 0.55 0.304 10.92 9.75 2.54 7.62 7.62 6.6 5.08 3.81 1.52
0.065 0.022 0.012 0.430 0.384 0.100 0.300 0.300 0260 0.200 0.150 0.060
3.18
0.125
7/13
TS951-TS952-TS954
TS951ID-TS952ID
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC MICROPACKAGE (SO)
Dim. A a1 a2 a3 b b1 C c1 D E e e3 F L M S
Min. 0.1 0.65 0.35 0.19 0.25 4.8 5.8
Millimeters Typ.
Max. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 45 (typ.) 5.0 6.2
o
Min. 0.004 0.026 0.014 0.007 0.010 0.189 0.228
Inches Typ.
Max. 0.069 0.010 0.065 0.033 0.019 0.010 0.020 0.197 0.244
1.27 3.81 3.8 0.4 4.0 1.27 0.6 8o (max.) 0.150 0.016
0.050 0.150 0.157 0.050 0.024
8/13
TS951-TS952-TS954
TS952IPT
PACKAGE MECHANICAL DATA 8 PINS - THIN SHRINK SMALL OUTLINE PACKAGE
Dim. A A1 A2 b c D E E1 e k l
Millimeters Min. 0.05 0.80 0.19 0.09 2.90 4.30 0o 0.50 0.60 3.00 6.40 4.40 0.65 8o 0.75 0o 0.09 4.50 0.169 1.00 Typ. Max. 1.20 0.15 1.05 0.30 0.20 3.10 0.01 0.031 0.007 0.003 0.114 Min.
Inches Typ. Max. 0.05 0.006 0.039 0.041 0.15 0.012 0.118 0.252 0.173 0.025 8o 0.0236 0.030 0.177 0.122
9/13
TS951-TS952-TS954
TS954IN
PACKAGE MECHANICAL DATA 14 PINS - PLASTIC PACKAGE
Dim. Min. a1 B b b1 D E e e3 F i L Z 1.27 0.51 1.39
Millimeters Typ. Max. Min. 0.020 1.65 0.5 0.25 20 8.5 2.54 15.24 7.1 5.1 3.3 2.54 0.050 0.055
Inches Typ. Max.
0.065 0.020 0.010 0.787 0.335 0.100 0.600 0.280 0.201 0.130 0.100
10/13
TS951-TS952-TS954
TS954ID
PACKAGE MECHANICAL DATA 14 PINS - PLASTIC MICROPACKAGE (SO)
Dim. A a1 a2 b b1 C c1 D E e e3 F G L M S
Min. 0.1 0.35 0.19
Millimeters Typ.
Max. 1.75 0.2 1.6 0.46 0.25 45 (typ.)
o
Min. 0.004 0.014 0.007
Inches Typ.
Max. 0.069 0.008 0.063 0.018 0.010
0.5 8.55 5.8 1.27 7.62 3.8 4.6 0.5 4.0 5.3 1.27 0.68 8o (max.) 0.150 0.181 0.020 8.75 6.2 0.336 0.228
0.020 0.334 0.244 0.050 0.300 0.157 0.208 0.050 0.027
11/13
TS951-TS952-TS954
TS954IPT
PACKAGE MECHANICAL DATA 14 PINS - THIN SHRINK SMALL OUTLINE PACKAGE
Dim. A A1 A2 b c D E E1 e k l
Millimeters Min. 0.05 0.80 0.19 0.09 4.90 4.30 0o 0.50 0.60 5.00 6.40 4.40 0.65 8o 0.75 0o 0.09 4.50 0.169 1.00 Typ. Max. 1.20 0.15 1.05 0.30 0.20 5.10 0.01 0.031 0.007 0.003 0.192 Min.
Inches Typ. Max. 0.05 0.006 0.039 0.041 0.15 0.012 0.196 0.252 0.173 0.025 8o 0.0236 0.030 0.177 0.20
12/13
TS951-TS952-TS954
TS951ILT
PACKAGE MECHANICAL DATA 5 PINS -TINY PACKAGE (SOT23)
A E A2
D
b
A1
E1
C
L
Dim. A A1 A2 b C D E E1 L
Millimeters Min. 0.90 0 0.90 0.35 0.09 2.80 2.60 1.50 0.10 Max. 1.45 0.15 1.30 0.50 0.20 3.00 3.00 1.75 0.60 Min. 0.034 0.034 0.013 0.003 0.110 0.102 0.059 0.003
Inches Max. 0.057 0.006 0.051 0.020 0.008 0.118 0.118 0.069 0.024
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all info rmation previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devicesor systems without express written approval of STMicroelectronics. (c) The ST logo is a trademark of STMicroelectronics (c) 1999 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. (c) http://www.st.com
13/13


▲Up To Search▲   

 
Price & Availability of TS951

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X