Part Number Hot Search : 
D2396 UQFN52 74270030 BG18M C1214 FF0700P BP51L05 ML6695CQ
Product Description
Full Text Search
 

To Download TS941 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS941 TS942 TS944 OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
s s s s s s s s
RAIL TO RAIL OUTPUT VOLTAGE SWING MICROPOWER CONSUMPTION (1.2A) SINGLE SUPPLY OPERATION (2.7V to 10V) CMOS INPUTS ULTRA LOW INPUT BIAS CURRENT (1pA) ESD PROTECTION (2kV) LATCH-UP IMMUNITY (Class A) AVAILABLE IN SOT23-5 MICROPACKAGE PIN CONNECTIONS (top view)
TS941ILT
Output
1
5
VCC
VDD
Non-inverting input
2
DESCRIPTION The TS94x (Single, Dual & Quad) is Operational Amplifier characterized for 2.7V to 10V operation over -40C to +85C temperature range. It is exhibiting an excellent consumption - 1.2A, while featuring 10kHz gain bandwidth product, 1.5mA output capability and output Rail to Rail operation - 2.85V typ @ 3V with RL=10k. The TS94x Op-Amp is ideal for battery-powered systems, where very low supply current and output Rail to Rail are required. Its very low - 1pA typ input bias current and constant supply current over supply voltage enhance TS94x's performance near the end of the life battery charge. APPLICATION
3
4
Inverting input
TS941ID-TS941IDT
N.C. Inve rting Inp u t 1 No n-inve rting Inp ut 1
1 2 3
+
8 N.C. 7 VCC 6 Output 2 5 N.C.
V DD 4
TS942IN-TS942ID-TS942IDT-TS942IPT
s s s s s
Battery-powered systems (Alarm) Portable communication systems (Pagers) Smoke/gas/fire detectors Instrumentation & sensoring PH Meter
Output 1 Inve rting Inp ut 1 Non-inve rting Inp ut 1
1 2 3
+ +
8 VCC 7 Output 2 6 Inve rting Input 2 5 Non-inve rting Inp ut 2
VDD 4
ORDER CODE
Part Number TS941I TS941AI TS941BI TS942I TS942AI TS942BI TS944I TS944AI TS944BI Temperature Range -40, +85C * * * * * * Package NDP * * * * * * * * * L * * * * * * * * * SOT23 Marking K201 K202 K203 TS944IN-TS944ID-TS944IDT-TS944IPT
Ou tpu t 1 1 Inve rting Inpu t 1 2 Non-inve rting Inpu t 1 3 VCC 4 Non -inve rting Inp ut 2 5 Inve rting Inp ut 2 6 Ou tpu t 2 7 + + + + 14 Outp u t 4 13 Inve rting Inpu t 4 12 Non-inve rting Inpu t 4 11 VDD 10 Non-inve rting Inpu t 3 9 8 Inve rting Inpu t 3 Outp u t 3
-40, +85C
-40, +85C
N = Dual in Line Package (DIP) D = Small Outline Package (SO) - also available in Tape & Reel (DT) P = Thin Shrink Small Outline Package (TSSOP) - only available in Tape & Reel (PT) L = Tiny Package (SOT23-5) - only available in Tape & Reel (LT)
May 2000
1/14
TS941-TS942-TS944
ABSOLUTE MAXIMUM RATINGS
Symbol VCC Vid Vin Toper Tstd Tj Rthjc Supply voltage 1) Differential Input Voltage Input Voltage Range
3) 2)
Parameter
Value 12 12 -0.3 to 12.3 -40 to + 85 -65 to +150 150
Unit V V V C C C C/W
Operating Free Air Temperature Range Storage Temperature Range Maximum Junction Temperature Thermal Resistance Junction to Case SOT23-5 DIP8 DIP14 SO8 SO14 TSSOP8 TSSOP14 Human Body Model Latch-up Immunity Lead Temperature (soldering, 10sec)
4)
81 42 32 28 22 26 21 256 2 Class A 260 C/W kV C
R thja ESD
Thermal Resistance Junction to Ambient - SOT23-5
1. All voltages values, except differential voltage are with respect to network terminal. 2. Differential voltages are non-inverting input terminal with respect to the inverting input terminal. 3. The magnitude of input and output voltages must never exceed VCC +0.3V. 4. Short-circuits can cause excessive heating and destructive dissipation.
OPERATING CONDITIONS
Symbol VCC Vicm Supply Voltage Common Mode Input Voltage Range VCCParameter Value 2.7 to 10 -0.2 to VCC+ -1.3 Unit V V
2/14
TS941-TS942-TS944
ELECTRICAL CHARACTERISTICS VCC = +3V, Vee = 0V, RL connected to VCC/2, Tamb = 25C (unless otherwise specified)
Symbol Input Offset Voltage Vio Vio Iio Iib CMR SVR Avd TS941/2/4 TS941/2/4A TS941/2/4B Input Offset Voltage Drift Input Offset Current 1) Input Bias Current 1) Common Mode Rejection Ratio Supply Voltage Rejection Ratio Large Signal Voltage Gain V O = 2Vpp High Level Output Voltage V ID = 100mV Low Level Output Voltage V ID = -100mV R L = 1M R L = 1M R L = 10k R L = 1M R L = 10k 2.9 2.79 7 1 1 85 85 100 2.99 2.85 5 100 1.5 1.3 1.2 RL = 1M, C L = 50pF RL = 1M, C L = 50pF CL = 50pF 10 4 65 2 A kHz V/ms Degrees 50 210 100 150 10 5 2 mV V/C pA pA dB dB dB Parameter Min. Typ. Max. Unit
VOH
V
VOL
mV
Io
Output Source Current V ID = 100mV, VO = VDD Output Sink Current V ID = -100mV, V O = VCC Supply Current (per amplifier) A VCL = 1, no load Gain Bandwith Product Slew Rate Phase Margin
mA
ICC GBP SR m
1. Maximum values including unavoidable inaccurates of the industrial test.
3/14
TS941-TS942-TS944
ELECTRICAL CHARACTERISTICS VCC = +5V, Vee = 0V, RL connected to VCC/2, Tamb = 25C (unless otherwise specified)
Symbol Input Offset Voltage Vio Vio Iio Iib CMR SVR Avd TS941/2/4 TS941/2/4A TS941/2/4B Input Offset Voltage Drift Input Offset Current 1) Input Bias Current 1) Common Mode Rejection Ratio Supply Voltage Rejection Ratio Large Signal Voltage Gain V O = 2Vpp High Level Output Voltage V ID = 100mV Low Level Output Voltage V ID = -100mV R L = 1M R L = 1M R L = 10k R L = 1M R L = 10k 4.9 4.79 7 1 1 85 85 100 4.99 4.85 5 100 5 6 1.2 RL = 1M, C L = 50pF RL = 1M, C L = 50pF CL = 50pF 10 5 65 2 A kHz V/ms Degrees 100 150 10 5 2 mV V/C pA pA dB dB dB Parameter Min. Typ. Max. Unit
VOH
V
VOL
mV
Io
Output Source Current V ID = 100mV, VO = VDD Output Sink Current V ID = -100mV, V O = VCC Supply Current (per amplifier) A VCL = 1, no load Gain Bandwith Product Slew Rate Phase Margin
mA
ICC GBP SR m
1. Maximum values including unavoidable inaccurates of the industrial test.
4/14
TS941-TS942-TS944
Input Offset Voltage Drift vs Temperature
400 Input Offset Voltage Drift (V) 300 200 100 0 -100 -200 -300 -400 -500 -40 Vcc = 3V & 5V
Supply Current/Amplifier vs Supply Voltage
2.0 Tamb = 25C Supply Current (A) 1.5
1.0
0.5
0.0
-20
0
20
40
60
80
0
2
Temperature (C)
4 6 Supply Voltage (V)
8
10
Supply Current/Amplifier vs Supply Voltage in Overdrive
1.5 Tamb = 25C
Supply Current/Amplifier vs Temperature
1.30
Supply Current (A)
Supply Current (A)
1.25 Vcc from 2.6V to 10V 1.20
1.0
Vid = - 100mV Vid = + 100mV
0.5
1.15
0.0 0 2 4 6 8 10 Supply Voltage (V)
1.10 -40
-20
0 20 40 Temperature (C)
60
80
Output Short-Circuit Current vs Temperature
Output Short-circuit Current (mA)
6 4 2 0 -2
Isink, Vcc=5V
Output Short-Circuit Current (mA)
Output Short-Circuit Current vs Supply Voltage
30
Tamb = 25C
20
Sink
Isink, Vcc=3V Isource,Vcc=3V
10 0 -10
Source
Isource, Vcc=5V
-4 -6
-20 -30
-40
-20
0
20
40
60
80
2
4
6
Supply Voltage (V)
8
10
Temperature (C)
5/14
TS941-TS942-TS944
Output Short-circuit Current vs Output Voltage
1.0 Output Short-Circuit Current (mA) T = -40C 0.5 0.0 -0.5 T = +85C -1.0 T = +25C -1.5 T = -40C -2.0 0 1 2 Output Voltage (V) 3 Source
T = +25C T = +25C
2.0 Sink Output Short-Circuit Current (mA)
Output Short-circuit Current vs Output Voltage
T = -40C T = +25C Sink
1.0
T = +85C
T = +85C Vcc = 2.6V
0.0 Vcc = 3V -1.0 T = +85C T = +25C T = -40C -3.0 0 1 2 Output Voltage (V) 3 Source
-2.0
Output Short-circuit Current vs Output Voltage
8.0 Output Short-Circuit Current (mA) Sink 6.0 4.0 T = +85C 2.0 0.0 -2.0 T = +85C -4.0 -6.0 -8.0 0 T = +25C T = -40C 1 Source 2 3 Output Voltage (V) 4 5 Vcc = 5V
Output Short-circuit Current vs Output Voltage
30.0 Output Short-Circuit Current (mA) Sink 20.0 10.0 Vcc = 10V 0.0 -10.0 -20.0 -30.0 0 2 4 6 Output Voltage (V) 8 10 T = +85C T = +25C T = -40C Source T = -40C T = +25C T = +85C
T = -40C T = +25C
High Level Output Voltage vs Supply Voltage
1,000 RL=10k ohm 100 RL tied to Vdd Single Supply Vid = +100mV
Low Level Output Voltage vs Supply Voltage
1,000
Voltage Referenced to Vcc (mV)
Voltage referenced to Vcc (mV)
Voltage referenced to Vdd (mV)
RL=10k ohm 100 RL tied to Vcc Single Supply Vid = -100mV 10 RL=100 ohm
RL=100k ohm
10 RL=1M ohm
RL=1M ohm 1 2 4 6 Supply Voltage (V) 8 10
1 2 4 6 Supply Voltage (V) 8 10
6/14
TS941-TS942-TS944
Gain and Phase vs Frequency
70 60 50
Gain (dB)
Gain and Phase vs Frequency
180
70 60 50
Phase ()
Gain (dB)
180 RL = 1M ohm CL = 100 pF Vcc = 3V & 5V 160 140 Phase () 120 100 phase 80 gain 60 40 1,000 10,000 Frequency (Hz) 100,000
RL = 1M ohm CL = 50 pF Vcc = 3V & 5V
160 140 120
40 30 20 10 0 100 gain phase
40 30 20 10 0 100
100 80 60 40 100,000
1,000 10,000 Frequency (Hz)
Small Signal Transient Response
300 Vcc = +-2.5V Gain = -1 RL = 1M ohm CL = 50 pF 2.5 2.0 Output Voltage (V) 1.5 1.0 0.5 0.0 -0.5 -100 0.0 -1.0 0.0
Large Signal Transient Response
Output Voltage (mV)
200
100
0
Vcc = +-2.5V Gain = -1 RL = 1M ohm CL = 50 pF
0.5
1.0 Time (ms)
1.5
2.0
1.0
2.0 3.0 Time (ms)
4.0
5.0
Slew Rate Positive and Negative vs Temperature
4.8 Slew rate negative 4.6 Slew Rate (V/ms) 4.4 4.2 4.0 3.8 3.6 3.4 -80 Gain = +1 RL = 1M ohm CL = 100pf Vcc = 5V -40 0 40 Temperature (C) 80 120 Slew rate positive
7/14
TS941-TS942-TS944
TS942IN
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC PACKAGE
Millimeters Dim. Min. A a1 B b b1 D E e e3 e4 F i L Z 0.51 1.15 0.356 0.204 7.95 2.54 7.62 7.62 6.6 5.08 3.81 1.52 Typ. 3.32 1.65 0.55 0.304 10.92 9.75 0.020 0.045 0.014 0.008 0.313 Max. Min.
Inches Typ. 0.131 0.065 0.022 0.012 0.430 0.384 0.100 0.300 0.300 0260 0.200 0.150 0.060 Max.
3.18
0.125
8/14
TS941-TS942-TS944
TS941ID - TS942ID
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC MICROPACKAGE (SO)
Millimeters Dim. Min. A a1 a2 a3 b b1 C c1 D E e e3 F L M S 0.1 0.65 0.35 0.19 0.25 4.8 5.8 1.27 3.81 3.8 0.4 4.0 1.27 0.6 8 (max.) 0.150 0.016 Typ. Max. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 45 (typ.) 5.0 6.2 0.189 0.228 Min. 0.004 0.026 0.014 0.007 0.010
Inches Typ. Max. 0.069 0.010 0.065 0.033 0.019 0.010 0.020 0.197 0.244 0.050 0.150 0.157 0.050 0.024
9/14
TS941-TS942-TS944
TS942IPT
PACKAGE MECHANICAL DATA 8 PINS - THIN SHRINK SMALL OUTLINE PACKAGE
k c
0.25mm .010 inch GAGE PLANE
L1
L
L
L1
E1
A A2 A1 5 D b 8
SEATING PLANE
E
4 e 1
PIN 1 IDENTIFICATION
Millimeters Dim. Min. A A1 A2 b c D E E1 e k l 0.05 0.80 0.19 0.09 2.90 4.30 0 0.50 Typ. Max. 1.20 0.15 1.05 0.30 0.20 3.10 4.50 8 0.75 Min. 0.01 0.031 0.007 0.003 0.114 0.169 0 0.09
Inches Typ. Max. 0.05 0.006 0.041 0.15 0.012 0.122 0.177 8 0.030
1.00
0.039
3.00 6.40 4.40 0.65 0.60
0.118 0.252 0.173 0.025 0.0236
10/14
TS941-TS942-TS944
TS944IN
PACKAGE MECHANICAL DATA 14 PINS - PLASTIC PACKAGE
Millimeters Dim. Min. a1 B b b1 D E e e3 F i L Z 0.51 1.39 0.5 0.25 20 8.5 2.54 15.24 7.1 5.1 3.3 1.27 2.54 0.050 Typ. Max. 1.65 Min. 0.020 0.055
Inches Typ. Max. 0.065 0.020 0.010 0.787 0.335 0.100 0.600 0.280 0.201 0.130 0.100
11/14
TS941-TS942-TS944
TS944ID
PACKAGE MECHANICAL DATA 14 PINS - PLASTIC MICROPACKAGE (SO)
L C
G c1
a2 b e3 D M e
A
a1
s
E
14 1
8 7 F
Millimeters Dim. Min. A a1 a2 b b1 C c1 D (1) E e e3 F (1) G L M S 0.1 0.35 0.19 0.5 45 (typ.) 8.55 5.8 1.27 7.62 3.8 4.6 0.5 4.0 5.3 1.27 0.68 8 (max.) 0.150 0.181 0.020 8.75 6.2 0.336 0.228 Typ. Max. 1.75 0.2 1.6 0.46 0.25 Min. 0.004 0.014 0.007
Inches Typ. Max. 0.069 0.008 0.063 0.018 0.010 0.020 0.344 0.244 0.050 0.300 0.157 0.208 0.050 0.027
Note : (1) D and F do not include mold flash or protrusions - Mold flash or protrusions shall not exceed 0.15mm (.066 inc) ONLY FOR DATA BOOK.
12/14
b1
TS941-TS942-TS944
TS944IPT
PACKAGE MECHANICAL DATA 14 PINS - THIN SHRINK SMALL OUTLINE PACKAGE
c
k
L E1 A A2 A1 b
e
E
Millimeters Dim. Min. A A1 A2 b c D E E1 e k l 0.05 0.80 0.19 0.09 4.90 4.30 0 0.50 Typ. Max. 1.20 0.15 1.05 0.30 0.20 5.10 4.50 8 0.75 Min. 0.01 0.031 0.007 0.003 0.192 0.169 0 0.09
D
L1
Inches Typ. Max. 0.05 0.006 0.041 0.15 0.012 0.20 0.177 8 0.030
1.00
0.039
5.00 6.40 4.40 0.65 0.60
0.196 0.252 0.173 0.025 0.0236
13/14
TS941-TS942-TS944
TS941ILT
PACKAGE MECHANICAL DATA 5 PINS - TINY PACKAGE (SOT23)
A E A2
D
b
A1 L C
E1
Millimeters Dim. Min. A A1 A2 B C D D1 e E F L K 0.90 0 0.90 0.35 0.09 2.80 Typ. 1.20 1.05 0.40 0.15 2.90 1.90 0.95 2.80 1.60 0.5 Max. 1.45 0.15 1.30 0.50 0.20 3.00 Min. 0.035 0.035 0.014 0.004 0.110
Inches Typ. 0.047 0.041 0.016 0.006 0.114 0.075 0.037 0.110 0.063 0.014 Max. 0.057 0.006 0.051 0.020 0.008 0.118
2.60 1.50 0.10 0d
3.00 1.75 0.60 10d
0.102 0.059 0.004 0d
0.0118 0.069 0.024 10d
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibil ity for the consequences of use of such information nor for any infring ement of patents or other righ ts of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change witho ut notice. This publ ication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life suppo rt devices or systems withou t express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2000 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom (c) http://www. st.com
14/14


▲Up To Search▲   

 
Price & Availability of TS941

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X