Part Number Hot Search : 
TB019 TSC326 2903002 WD76C31 FE01E 91614 GP2A200 T52C2
Product Description
Full Text Search
 

To Download TS906C2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS906C2 (20A)
LOW LOSS SUPER HIGH SPEED RECTIFIER
( 200V / 20A )
Outline drawings, mm
10 +0.5
0.9 0.3
4.5 0.2 1.32
1.5 Max
9.3 0.5
1.2 0.2 5.08
0.8 --0.1 2.7
+0.2
0.4 +0.2
Features
Surface-mount device Low VF Super high speed switching High reliability by planer design
JEDEC EIAJ
1. Gate 2, 4. Drain 3. Source
Connection diagram
Applications
High speed power switching
1 2 4 3
Maximum ratings and characteristics
Absolute maximum ratings
Item Repetitive peak reverse voltage Average output current Surge current Operating junction temperature Storage temperature Symbol VRRM IO IFSM Tj Tstg Square wave, duty=1/2, Tc=112C Sine wave 10ms Conditions
Rating 200 20* 80 -40 to +150 -40 to +150
Unit V A A C C
*Average forward current of centertap full wave connection
Electrical characteristics (Ta=25C Unless otherwise specified )
Item Forward voltage drop Reverse current Reverse recovery time Thermal resistance Symbol VFM IRRM t rr Rth(j-c) Conditions IFM=10A VR=VRRM IF=0.1A, IR=0.2A, Irec=0.05A Junction to case Max. 0.98 200 35 2.0* Unit V A ns C/W
3.0 0.3
(200V / 20A )
Characteristics
Forward characteristics
100 10000
TS906C2 (20A)
Reverse characteristics
1000 10
IF [A]
1
IR 100 [A]
10
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2
1 0 50 100 150 200
VF [V]
VR [V]
Forward power dissipation
15 200
Output current-case temperature
10
150
WF [W]
5
Tc [C]
100
0 0 5 10
50 0 10 20
Io [A]
Io [A]
Junction capacitance characteristics
100 100 50 30
Surge capability
50
Cj [pF] 10
IFSM [A]
10 5
5
1 3 5 10 30 50 100
1 1 3 5 10 30
VR [V]
[time] (at 50Hz)
(200V / 20A )
Transient thermal impedance
101
TS906C2 (20A)
100
[C/W]
10-1
10-2 -3 10
10-2
10-1
100
101
102
t [sec.]


▲Up To Search▲   

 
Price & Availability of TS906C2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X