Part Number Hot Search : 
00F253 TP1104 SC91314A MC100LV 1100S NTE2416 CIM099A7 93C66A
Product Description
Full Text Search
 

To Download TS902C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS902C3 (10A)
LOW LOSS SUPER HIGH SPEED RECTIFIER
( 300V / 10A )
Outline drawings, mm
10 +0.5
0.9 0.3
4.5 0.2 1.32
9.3 0.5
1.5 Max
1.2 0.2 5.08
0.8 --0.1 2.7
+0.2
0.4 +0.2
Features
Surface-mount device Low VF Super high speed switching High reliability by planer design
JEDEC EIAJ
1. Gate 2, 4. Drain 3. Source
Connection diagram
Applications
High speed power switching
1 2 4 3
Maximum ratings and characteristics
Absolute maximum ratings
Item Repetitive peak reverse voltage Average output current Surge current Operating junction temperature Storage temperature Symbol VRRM IO IFSM Tj Tstg Square wave, duty=1/2, Tc=125C Sine wave 10ms Conditions
Rating 300 10* 40 -40 to +150 -40 to +150
Unit V A A C C
*Average forward current of centertap full wave connection
Electrical characteristics (Ta=25C Unless otherwise specified )
Item Forward voltage drop Reverse current Reverse recovery time Thermal resistance Symbol VFM IRRM t rr Rth(j-c) Conditions IFM=5.0A VR=VRRM IF=0.1A, IR=0.2A, Irec=0.05A Junction to case Max. 1.2 100 35 2.5* Unit V A ns C/W
3.0 0.3
(300V / 10A )
Characteristics
Forward characteristics
TS902C3 (10A)
Reverse characteristics
1000 10 300
IF [A] 3
1 0.5 0.3 0.1 0 0.5 1.0 1.5
5
IR 100 [A]
30 10 3 1 0 100 200 300
VF [V]
VR [V]
Forward power dissipation
Reverse power dissipation
1.0 6
WF 4 [W]
2
WR [W] 0.5
0 0 2 4 6
0 0 100 200 300
Io [A]
VR [V]
Output current-case temperature
150 30
Junction capacitance characteristics
100
Tc [C]
50
Cj 10 [pF]
5 3
0 0 2 4 6 8 10 12 14
1 5 10 30 50 100
Io [A]
VR [V]
(300V / 10A )
Transient thermal impedance
TS902C3 (10A)
101
[C/W]
100
10-1 10-3
10-2
10-1
100
101
102
t [sec.]


▲Up To Search▲   

 
Price & Availability of TS902C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X