|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
TS63 Vishay Sfernice Multi-Turn Surface Mount Miniature 1/4" Square Cermet Trimmers, Fully Sealed FEATURES * 0.25 Watt at 85C * GAM T1 * Industrial grade * Multi-turn operation The TS63 multiturn trimmer has been designed for use in PCB surface mounting applications. Three variations are available according to the positioning of the control screw and contact positions. The cermet track gives a high stability performance with an extended ohmic capacity of 10 to 2M. * A low contact resistance variation * Tight tolerances * Low end contact resistance * Full sealing DIMENSIONS in millimeters TS63X slot 0.5 x 0.5 0.25 O 1.8 c b O 0.45 2.54 2.54 0.20 6.85 max 0.7 5.8 0.10 RECOMMENDED SOLDERING AREAS 5 max 1 0.10 2.54 1 c b a 6.85 max 6.7 max 2.54 7.5 TS63Z 6.85 max slot 0.5 x 0.5 O 1.8 1.3 0.1 5 max 3 b 9.3 0.25 6.85 max 7.6 max 8.85 max 1 0.1 c a 1 O 0.45 2.54 2.54 5.3 max 2.54 2.54 TS63Y 6.85 max c 1.3 0.1 b 2.54 a 1 0.10 8 max O 0.45 2.54 6.85 max O 1.8 6.7 max 0.3 slot 0.5 x 0.5 5 max 2.54 c b a 2.54 1 7.5 3 CIRCUIT DIAGRAM a (1) b (2) cw c (3) www.vishay.com 30 For technical questions, contact: sfer@vishay.com Document Number: 51011 Revision: 05-Aug-04 TS63 Multi-Turn Surface Mount Miniature 1/4" Square Cermet Trimmers, Fully Sealed ELECTRICAL SPECIFICATIONS Resistive Element Electrical Travel Resistance Range Standard Series Tolerance Power Rating Temperature Coefficient Limiting Element Voltage (Linear Law) Contact Resistance Variation End Resistance (Typical) Dielectric Strength (RMS) Insulation Resistance Standard On request Linear Logarithmic Cermet 13 turns 2 10 to 2M 1-2-5 10% 5% 0.25W at 85C not applicable See Standard Resistance Element Data 250V 2% Rn or 2 1 1000V 106M Vishay Sfernice MECHANICAL SPECIFICATIONS Mechanical Travel Operating Torque (max. Ncm) End Stop Torque Unit Weight (max. g) 15 turns 5 1.5 clutch action 0.5 POWER RATING CHART RATED POWER IN WATT 0.25 ENVIRONMENTAL SPECIFICATIONS Temperature Range Climatic Category Sealing - 55C to + 155C 55 / 125 / 56 sealed container solder immersion IP67 0.125 0 0 155 50 85 100 AMBIENT TEMPERATURE IN DEGREES CELSIUS PERFORMANCE CECC 41100 TESTS CONDITIONS Phase A dry heat 125C Phase B damp heat Phase C cold - 55C Phase D damp heat 5 cycles 56 days RT (%) REQUIREMENTS RT R1-2 (%) R1-2 TYPICAL VALUES AND DRIFTS RT (%) RT R1-2 (%) R1-2 Climatic Sequence 2% 3% 0.5% 1% 2% Long Term Damp Heat Rotational Life (Electrical, Mechanical) Load Life Thermal Shock Dielectric strength: 250 V RMS Insulation resistance: > 100 M 2% Contact res. variat.: < 3% Rn 2% Contact res. variat.: < 3% Rn 1.5% V1-2 V1-3 3% 0.5% 1% Dielectric strength: 1000 V RMS Insulation resistance: > 104 M 2% Contact res. variat.: < 1% Rn 4% 1% Contact res. variat.: < 1% Rn 1% 0.5% V1-2 V1-3 < 1% 2% 200 cycles at rated power 1000 h at rated power 90'/30' - ambient temp. 85C 5 cycles - 55C to + 125C 50 g at 11m secs 3 successive shocks in 3 directions 10-55Hz 0.75mm or 10 g for 6 hours Shock 1% V1-2 V1-3 2% 0.1% V1-2 V1-3 0.2% Vibration 1% 2% 0.1 % < 0.2% Document Number: 51011 Revision: 05-Aug-04 For technical questions, contact: sfer@vishay.com www.vishay.com 31 TS63 Vishay Sfernice Multi-Turn Surface Mount Miniature 1/4" Square Cermet Trimmers, Fully Sealed MARKING Printed: VISHAY trademark, series, style, ohmic value (in , k, M), tolerance (in %) only if non standard, manufacturing date, marking of terminal 3. STANDARD RESISTANCE ELEMENT DATA STANDARD RESISTANCE VALUES 10 20 50 100 200 500 1k 2k 5k 10k 20k 25k 50k 100k 200k 250k 500k 1M 2M LINEAR LAW MAX. MAX. MAX. CUR. POWER WORKING THROUGH AT 85C VOLTAGE ELEMENT W 0.25 V 1.58 2.23 3.53 5 7.07 11.2 15.8 22.3 35.3 50 70.7 79 112 158 224 250 250 250 250 mA 158 112 77 50 35 22 15.8 11.2 7.1 5 3.5 3.2 2.2 1.6 1.1 1.1 0.50 0.25 0.125 T.C. -55C +125C ppm/C 0 + 200 SOLDERING RECOMMENDATIONS Soldering cycle: 2 mn at 215C or 5 seconds at 260C or with an IRON 40 W: 3 seconds at 350C. Soldering is recommended by reflow and vapor phase. 100 0.25 0.25 0.13 0.06 0.03 PACKAGING - X, Y and Z types : on tape and reel (Dia. 330mm) of 500 pieces, code TR500. - On request in magazine pack by 50 pieces (Tube) code TU. ORDERING INFORMATION TS63 SERIES Y STYLE 500K OHMIC VALUE 10% TOLERANCE TR500 PACKAGING TR500: Tape and reel On request: TU50: Tube SAP PART NUMBERING GUIDELINES T S 6 3 Y 5 0 4 K R 1 0 MODEL STYLE OHMIC VALUE TOL PACKAGING CODE SPECIAL (IF APPLICABLE) See the end of this data book for conversion tables www.vishay.com 32 For technical questions, contact: sfer@vishay.com Document Number: 51011 Revision: 05-Aug-04 |
Price & Availability of TS63 |