Part Number Hot Search : 
HV9801A 2SK48 IC106 B2000 BD301 AX3967ET BPC5010 MC10E1
Product Description
Full Text Search
 

To Download TS512 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS512,A
HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
. . . . . . . .
LOW OFFSET VOLTAGE : 500V max. LOW POWER CONSUMPTION SHORT CIRCUIT PROTECTION LOW DISTORTION, LOW NOISE HIGH GAIN-BANDWIDTH PRODUCT HIGH CHANNEL SEPARATION ESD INTERNAL PROTECTION MACROMODEL INCLUDED IN THIS SPECIFICATION
DESCRIPTION The TS512 is a high performance dual operational amplifier with frequency and phase compensation built intothe chip. The internal phasecompensation allows stable operation as voltage follower in spite of its high gain-bandwidth products. The circuit presents very stable electrical characteristics over the entire supply voltage range, and is particularlyintended for professional and telecom applications (active filter, etc). PIN CONNECTIONS (top view)
N DIP8 (Plastic Package)
D SO8 (Plastic Micropackage)
ORDER CODES
Part Number TS512I TS512AI Temperature Range -40, +125oC -40, +125 C
o
Package N * * D * *
Output 1 1 Inve rting Input 1 2 Non-inve rting Input 1 3 VCC - 4
8
V+ CC
+
7
Output Inve rting Input 2 Non-inve rting Input 2
+
6 5
March 1998
TS512,A
SCHEMATIC DIAGRAM (1/2 TS512)
Inverting input
Non-inverting input 8
D7
D6
R1
R2
R3
R4 Q13
Q1
Q2 Q4 Q3 D1 Q5 Q6
R5
Q7 Q8 Q10 Q11
Q12 Q9 D2 R7 Q 18 R6
Q 14 O utput
Q17
Q19
C1
Q15 Q 16
D3 Q 21 D5 Q22 C2 D4 R8 R9
Q23
Q20 R10 4
ABSOLUTE MAXIMUM RATINGS
Symbol VCC Vi Vid Toper Ptot Tj Tstg Supply Voltage Input Voltage Differential Input Voltage Operating Free Air Temperature Range Power Dissipation at Tamb = 70 C Junction Temperature Storage Temperature Range
o
Parameter
Value 18 VCC (VCC - 1) -40 to +125 500 150 -65 to +150
Unit V
o
C C C
mW
o o
2/7
TS512,A
ELECTRICAL CHARACTERISTICS (VCC = 15V, Tamb = 25oC, unless otherwise specified)
Symbol ICC Iib Ri Vio Parameter Supply Current Input Bias Current Tmin. < Top < Tmax. Input Resistance Input Offset Voltage Tmin. < Top < Tmax. DV io Iio DIio Ios Avd GBP en Input Offset Voltage Drift Input Offset Current Tmin. < Top < Tmax. Input Offset Current Drift Output Short Circuit Current Large Signal Voltage Gain Gain-bandwidth Product Equivalent Input Noise Voltage RL = 2k f = 100kHz f = 1kHz Rs = 50 Rs = 1k Rs = 10k AV = 20dB VO = 2VPP RL = 2k RL = 10k Unity Gain, R L = 2k Vic = 10V Vic = 1V f = 1kHz f = 100Hz RL = 2k f = 1kHz VCC = 15V VCC = 4V f = 10kHz 0.8 90 90 100 120 13 VCC = 15V VCC = 4V 90 1.8 Tmin. < Top < Tmax. 0.08 23 100 95 3 8 10 18 0.03 3 28 1.5 15 Tmin. < Top < Tmax. f = 1kHz TS512 TS512A TS512 TS512A 2 5 20 40 1 0.5 2.5 0.5 3.5 1.5 Test Conditions Min. Typ. 0.7 50 Max. 1.2 150 300 Unit mA nA nA M mV mV V/ C nA nA nA
o
C
mA dB MHz nV Hz % V VPP V/s dB dB dB
THD Vopp Vopp SR CMR SVR VO1/VO2
Total Harmonic Distortion Output Voltage Swing Large Signal Voltage Swing Slew Rate Common Mode Rejection Ratio Supply Voltage Rejection Ratio Channel Separation
0.1
3/7
TS512,A
. . .
LOW OFFSET VOLTAGE : 500V max. LOW POWER CONSUMPTION SHORT CIRCUIT PROTECTION
. . .
LOW DISTORTION, LOW NOISE HIGH GAIN-BANDWIDTH PRODUCT HIGH CHANNEL SEPARATION
Applies to : TS512I,AI
** Standard Linear Ics Macromodels, 1993. ** CONNECTIONS : * 1 INVERTING INPUT * 2 NON-INVERTING INPUT * 3 OUTPUT * 4 POSITIV E POWER SUPPLY * 5 NEGATIVE POWER SUPPLY .SUBCKT TS512 1 3 2 4 5 (analog) ************************************* ********************* .MODEL MDTH D IS=1E-8 KF=6.565195E-17 CJO=10F * INPUT STAGE CIP 2 5 1.000000E-12 CIN 1 5 1.000000E-12 EIP 10 5 2 5 1 EIN 16 5 1 5 1 RIP 10 11 2.600000E+01 RIN 15 16 2.600000E+01 RIS 11 15 1.061852E+02 DIP 11 12 MDTH 400E-12 DIN 15 14 MDTH 400E-12 VOFP 12 13 DC 0 VOFN 13 14 DC 0 IPOL 13 5 1.000000E-05 CPS 11 15 12.47E-10 DINN 17 13 MDTH 400E-12 VIN 17 5 1.500000e+00 DINR 15 18 MDTH 400E-12 VIP 4 18 1.500000E+00 FCP 4 5 VOFP 3.400000E+01 FCN 5 4 VOFN 3.400000E+01 FIBP 2 5 VOFN 1.000000E-02 FIBN 5 1 VOFP 1.000000E-02 * AMPLIFYING STAGE FIP 5 19 VOFP 9.000000E+02 FIN 5 19 VOFN 9.000000E+02 RG1 19 5 1.727221E+06 RG2 19 4 1.727221E+06 CC 19 5 6.000000E-09 DOPM 19 22 MDTH 400E-12 DONM 21 19 MDTH 400E-12 HOPM 22 28 VOUT 6.521739E+03 VIPM 28 4 1.500000E+02 HONM 21 27 VOUT 6.521739E+03 VINM 5 27 1.500000E+02 GCOMP 5 4 4 5 6.485084E-04 RPM1 5 80 1E+06 RPM2 4 80 1E+06 GAVPH 5 82 19 80 2.59E-03 RAVPHGH 82 4 771 RAVPHGB 82 5 771 RAVPHDH 82 83 1000 RAVPHDB 82 84 1000 CAVPHH 4 83 0.331E-09 CAVPHB 5 84 0.331E-09 EOUT 26 23 82 5 1 VOUT 23 5 0 ROUT 26 3 6.498455E+01 COUT 3 5 1.000000E-12 DOP 19 25 MDTH 400E-12 VOP 4 25 1.742230E+00 DON 24 19 MDTH 400E-12 VON 24 5 1.742230E+00 .ENDS
4/7
TS512,A
ELECTRICAL CHARACTERISTICS VCC = 15V, Tamb = 25oC (unless otherwise specified)
Symbol Vio Avd ICC Vicm VOH VOL Isink Isource GBP SR m R L = 2k R L = 2k VO = 0V VO = 0V R L = 2k, C L = 100pF R L = 2k R L = 2k, C L = 100pF R L = 2k No load, per operator Conditions Value 0 100 350 -13.5 to 13.5 +13 -13 23 23 3 1.4 55 Unit mV V/mV A V V V mA mA MHz V/ms Degrees
5/7
TS512,A
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC DIP
Dim. A a1 B b b1 D E e e3 e4 F i L Z
Millimeters Min. 0.51 1.15 0.356 0.204 7.95 2.54 7.62 7.62 6.6 5.08 3.18 3.81 1.52 0.125 1.65 0.55 0.304 10.92 9.75 0.313 Typ. 3.32 0.020 0.045 0.014 0.008 Max. Min.
Inches Typ. 0.131 0.065 0.022 0.012 0.430 0.384 0.100 0.300 0.300 0260 0.200 0.150 0.060 Max.
6/7
TS512,A
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC MICROPACKAGE (SO)
Dim. A a1 a2 a3 b b1 C c1 D E e e3 F L M S
Min. 0.1 0.65 0.35 0.19 0.25 4.8 5.8
Millimeters Typ.
Max. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 45 (typ.) 5.0 6.2
o
Min. 0.004 0.026 0.014 0.007 0.010 0.189 0.228
Inches Typ.
Max. 0.069 0.010 0.065 0.033 0.019 0.010 0.020 0.197 0.244
1.27 3.81 3.8 0.4 4.0 1.27 0.6 8 (max.)
o
0.050 0.150 0.150 0.016 0.157 0.050 0.024
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without noti ce. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics. (c) 1998 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Morocco The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
7/7


▲Up To Search▲   

 
Price & Availability of TS512

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X