Part Number Hot Search : 
TGP2104 3PMT150A LN01301 ON1319 EMR23D UT9Q512 ON1319 P4NC80
Product Description
Full Text Search
 

To Download TS321 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TS321
LOW POWER SINGLE OPERATIONAL AMPLIFIER
.LARGEOUTPUTVOLTAGESWI .LOWSUPPLYCURRENT:300A .LOWI .LOWI .WI .STABLEWI
0 to 3.5V min. (@VCC = 5V)
NG :
NPUT BIAS CURRENT : 20nA NPUT OFFSET VOLTAGE : 2mV max. DE POWER SUPPLY RANGE : SINGLE SUPPLY : +3V TO +30V DUAL SUPPLIES : 1.5V TO 15V TH HIGH CAPACITIVE LOADS
D SO8 (Plastic Micropackage) L SOT23-5 (Tiny Package)
DESCRIPTION The TS321 is intended for cost sensitive applications where space saving is of great importance. This bipolar Op-Amp offers the benefits of a reduced component size (SOT23-5 package), with specifications that match (or better) industry standard devices (like the popular LM358A, LM324, etc.). The TS321 has an input common mode range (Vicm) that includes ground, therefore can be employed in single supply applications.
ORDER CODES
Part Number TS321I TS321AI Temperature Range -40oC, +125oC Package D * * L * * SOT Marking K401 K402
PIN CONNECTIONS (top view)
SO8
SOT23-5
N.C . Inverting input Non-inverting input
1 2 3
+
8 7 6 5
N.C .
Output
1
5
+ VCC
+ VCC
Output N.C .
V -2 CC
Non-inve rting inp ut 3
4
V
CC
-
4
Inve rting inp ut
December 1998
1/8
TS321
SCHEMATIC DIAGRAM
VCC
6A
4A CC
10 0A Q5 Q6
Inve rting inpu t
Q2 Q1
Q3 Q4 Q11 Output Q13 Q10 Q12 Q7 R SC
Non-inve rting input
Q8
Q9 50A GND
ABSOLUTE MAXIMUM RATINGS
Symbol Vcc Vi Vid Iin Toper Tstg Supply Voltage Input Voltage Differential Input Voltage Output Short-circuit Duration - (note 1) Input Current - (note 5) Operating Free Air Temperature Range Storage Temperature Range Parameter Value 16 or 32 -0.3 to +32 +32 Infinite 50 -40 to +125 -65 to +150 mA
o o
Unit V V V
C C
2/8
TS321
ELECTRICAL CHARACTERISTICS VCC+ = +5V, VCC- = Ground, VO = 1.4V, Tamb = +25oC (unless otherwise specified)
Symbol Vio Parameter Input Offset Voltage (note 3) o Tamb = +25 C Tmin. Tamb Tmax. Iio Input Offset Current Tamb = +25oC Tmin. Tamb Tmax. Input Bias Current (note 2) o Tamb = +25 C Tmin. Tamb Tmax. Large Signal Voltage Gain + (VCC = +15V, R L = 2k, VO = 1.4V to 11.4V) o Tamb = +25 C Tmin. Tamb Tmax. Supply Voltage Rejection Ratio (RS 10k) + (VCC = 5V to 30V) o Tamb = +25 C Supply Current, no load o Tamb = +25 C Tmin. Tamb Tmax. Vicm VCC = +5V VCC = +30V VCC = +5V VCC = +30V TS321A TS321A 2 Min. Typ. 0.5 Max. 4 2 5 3 nA 30 50 nA 20 150 200 V/mV 50 25 100 dB 65 110 A 300 400 350 600 800 800 1000 V 0 0 65 20 10 12 85 mA 40 20 50 40 60 mA A mA VCC -1.5 VCC -2 dB Unit mV
Iib
Avd
SVR
ICC
Input Common Mode Voltage Range (VCC = +30V) - (note 4) o Tamb = +25 C Tmin. Tamb Tmax. Common-mode Rejection Ratio (RS 10k) o Tamb = +25 C Output Current Source (Vid = +1V) VCC = +15V, Vo = +2V Output Sink Current (Vid = -1V) VCC = +15V, Vo = +2V VCC = +15V, Vo = +0.2V Short Circuit to Ground VCC = +15V
CMR Isource Isink
Io
3/8
TS321
ELECTRICAL CHARACTERISTICS VCC+ = +5V, VCC- = Ground, VO = 1.4V, T amb = +25oC (unless otherwise specified)
Symbol VOH Parameter High Level Output Voltage (VCC = +30V) Tamb = +25oC Tmin. Tamb Tmax. o Tamb = +25 C Tmin. Tamb Tmax. (VCC = +5V, R L = 2k) o Tamb = +25 C Tmin. Tamb Tmax. Min. Typ. Max. Unit V RL = 2k RL = 10k 26 25.5 27 26.5 3.5 3 mV 5 15 20 V/s 0.4 MHz 0.8 60 0.015 40 nV Hz Degrees % 27 28
VOL
Low Level Output Voltage (RL = 10k) Tamb = +25oC Tmin. Tamb Tmax. Slew Rate VCC = 15V, VI = 0.5 to 3V, RL = 2k, o CL = 100pF, T amb = +25 C, unity gain) Gain Bandwidth Product VCC = 30V, f = 100kHz, Tamb = +25oC, Vin = 10mV, R L = 2k, CL = 100pF Phase Margin Total Harmonic Distortion f = 1kHz, AV = 20dB, RL = 2k, VO = 2Vpp, CL = 100pF, T amb = +25oC, VCC = 30V Equivalent Input Noise Voltage f = 1kHz, Rs = 100, VCC = 30V
1. 2. 3. 4. 5.
SR GBP m THD en
Notes :
Short-circuits from the output to VCC can cause excessive heating if VCC > 15V. The maximum output current is approximately 40mA independent of the magnitude of VCC. The direction of the input current is out of the IC. This current is essentially constant, independent of the state of the output so no loading change exists on the input lines. Vo = 1.4V, Rs = 0, 5V < VCC+ < 30V, 0 < Vic < VCC+ - 1.5V. The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the common-mode voltage range is VCC+ - 1.5V, but either or both inputs can go to +32V without damage. This input current only exists when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input PNP transistor becoming forward biased and thereby acting as input diodes clamps. In addition to this diode action, there is also NPN parasitic action on the IC chip. this transistor action can cause the output voltages of the Op-amps to go to the VCC voltage level (or to ground for a large overdrive) for the time duration than an input is driven negative. This is not destructive and normal output will set up again for input voltage higher than -0.3V.
4/8
TS321
TYPICAL SINGLE - SUPPLY APPLICATIONS AC COUPLED INVERTING AMPLIFIER AC COUPLED NON-INVERTING AMPLIFIER
Rf 100k
CI
R1 10k
Rf R1 (as shown AV = -10) A V= Co
e o0
R1 100k
R2 1M
C1 0.1F
A V= 1 + R2 R1 (as s hown A = 11) V Co
2V P P
CI
RB 6.2k
e o0
RL 10k
2V P P
eI ~
V CC
R2 100k
RB 6.2k R3 100k
RL 10k
eI ~
R3 1M
R4 100k
C1 10F
V CC
C2 10F R5 100k
NON-INVERTING DC GAIN
DC SUMMING AMPLIFIER
e1
100k
AV= 1 +
R2 R1
10k 1/4 TS324
eO +5V
(As s hown AV = 101)
100k e2 100k 100k 100k
eO
R2 1M R1 10k
e O (V)
e3
0
e I (mV)
e4
100k
eo = e1 + e2 - e3 - e4 where (e1 + e2) (e3 + e4) to keep e o 0V
5/8
TS321
MACROMODEL
** Standard Linear Ics Macromodels, 1998. ** CONNECTIONS : * 1 INVERTING INPUT * 2 NON-INVERTING INPUT * 3 OUTPUT * 4 POSITIVE POWER SUPPLY * 5 NEGATIVE POWER SUPPLY .SUBCKT TS321 1 3 2 4 5 (analog) ********************************************************** .MODEL MDTH D IS=1E-8 KF=3.104131E-15 CJO=10F * INPUT STAGE CIP 2 5 1.000000E-12 CIN 1 5 1.000000E-12 EIP 10 5 2 5 1 EIN 16 5 1 5 1 RIP 10 11 2.600000E+01 RIN 15 16 2.600000E+01 RIS 11 15 2.003862E+02 DIP 11 12 MDTH 400E-12 DIN 15 14 MDTH 400E-12 VOFP 12 13 DC 0 VOFN 13 14 DC 0 IPOL 13 5 1.000000E-05 CPS 11 15 3.783376E-09 DINN 17 13 MDTH 400E-12 VIN 17 5 0.000000e+00 DINR 15 18 MDTH 400E-12 VIP 4 18 2.000000E+00 FCP 4 5 VOFP 3.400000E+01 FCN 5 4 VOFN 3.400000E+01 FIBP 2 5 VOFN 2.000000E-03 FIBN 5 1 VOFP 2.000000E-03 * AMPLIFYING STAGE FIP 5 19 VOFP 3.600000E+02 FIN 5 19 VOFN 3.600000E+02 RG1 19 5 3.652997E+06 RG2 19 4 3.652997E+06 CC 19 5 6.000000E-09 DOPM 19 22 MDTH 400E-12 DONM 21 19 MDTH 400E-12 HOPM 22 28 VOUT 7.500000E+03 VIPM 28 4 1.500000E+02 HONM 21 27 VOUT 7.500000E+03 VINM 5 27 1.500000E+02 EOUT 26 23 19 5 1 VOUT 23 5 0 ROUT 26 3 20 COUT 3 5 1.000000E-12 DOP 19 25 MDTH 400E-12 VOP 4 25 2.242230E+00 DON 24 19 MDTH 400E-12 VON 24 5 7.922301E-01 .ENDS
ELECTRICAL CHARACTERISTICS VCC+ = +5V, VCC- = 0V, Tamb = 25oC (unless otherwise specified)
Symbol Vio Avd ICC Vicm VOH VOL IOS GBP SR m RL = 2k RL = 2k VO = 0V RL = 2k, C L = 100pF RL = 2k, C L = 100pF RL = 2k, C L = 100pF RL = 2k No load, per operator Conditions Value 0 100 300 0 to +3.5 +3.5 5 40 0.8 0.4 60 Unit mV V/mV A V V mV mA MHz V/s Degrees
6/8
TS321
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC MICROPACKAGE (SO)
Dim. A a1 a2 a3 b b1 C c1 D E e e3 F L M S
Millimeters Min. 0.1 0.65 0.35 0.19 0.25 4.8 5.8 1.27 3.81 3.8 0.4 4.0 1.27 0.6 8o (max.) 0.150 0.016 Typ. Max. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 45 (typ.) 5.0 6.2 0.189 0.228
o
Inches Min. 0.004 0.026 0.014 0.007 0.010 Typ. Max. 0.069 0.010 0.065 0.033 0.019 0.010 0.020 0.197 0.244 0.050 0.150 0.157 0.050 0.024
7/8
TS321
PACKAGE MECHANICAL DATA 5 PINS - TINY PACKAGE (SOT23)
A E A2
D
b
A1
E1
C
L
Dim. A A1 A2 b C D E E1 L
Millimeters Min. 0.90 0 0.90 0.35 0.09 2.80 2.60 1.50 0.10 Max. 1.45 0.15 1.30 0.50 0.20 3.00 3.00 1.75 0.60 0.034 0.013 0.003 0.110 0.102 0.059 0.003 Min. 0.034
Inches Max. 0.057 0.006 0.051 0.020 0.008 0.118 0.118 0.069 0.024
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such info rmation nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publ ication are subject to change without notice. Thi s publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for useas critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. (c) http://www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of TS321

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X