Part Number Hot Search : 
BZX85C20 74LVX138 BTS41 ON0196 MBR866 EG2210A 01544 FN3119
Product Description
Full Text Search
 

To Download TS27L2AC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS27L2C,I,M
PRECISION VERY LOW POWER CMOS DUAL OPERATIONAL AMPLIFIERS
s VERY LOW POWER CONSUMPTION :
10A/op
s OUTPUT VOLTAGE CAN SWING TO
GROUND
s EXCELLENT PHASE MARGIN ON
CAPACITIVE LOADS
s STABLE AND LOW OFFSET VOLTAGE s THREE INPUT OFFSET VOLTAGE
SELECTIONS DESCRIPTION These devices are low cost, low power dual operational amplifiers designed to operate with single or dual supplies. These operational amplifiers use the ST silicon gate CMOS process allowing an excellent consumption-speed ratio. These series are ideally suited for low consumption applications. Three power consumptions are available allowing to have always the best consumption-speed ratio:
N DIP8 (Plastic Package)
D SO8 (Plastic Micropackage)
P TSSOP8 (Thin Shrink Small Outline Package)
u ICC = 10A/amp.: TS27L2 (very low power) u ICC = 150A/amp.: TS27M2 (low power) u ICC = 1mA/amp.: TS272 (standard)
These CMOS amplifiers offer very high input impedance and extremely low input currents. The major advantage versus JFET devices is the very low input currents drift with temperature (see figure 2). ORDER CODE
Package Part Number Temperature Range N TS27L2C/AC/BC 0C, +70C TS27L2I/AI/BI -40C, +125C TS27L2M/AM/BM -55C, +125C Example : TS27L2ACN * * * D * * * P * * *
PIN CONNECTIONS (top view)
1 2 3 4 + +
8 7 6 5
N = Dual in Line Package (DIP) D = Small Outline Package (SO) - also available in Tape & Reel (DT) P = Thin Shrink Small Outline Package (TSSOP) - only available in Tape & Reel (PT)
1 - Output 1 2 - Inverting Input 1 3 - Non-inverting Input 1 4 - V CC 5 - Non-inverting Input 2 6 - Inverting Input 2 7 - Output 2 8 - V CC +
November 2001
1/9
TS27L2C,I,M
BLOCK DIAGRAM
VCC
Current source
xI
Input differential
Second stage
Output stage
Output
VCC
E E
ABSOLUTE MAXIMUM RATINGS
Symbol VCC Vid Vi Io Iin Toper Tstg
+
Parameter Supply Voltage
3) 1) 2)
TS27L2C/AC/BC
TS27L2I/AI/BI 18 18 -0.3 to 18 30 5
TS27L2M/AM/BM
Unit V V V mA mA
Differential Input Voltage Input Voltage
Output Current for VCC+ 15V Input Current Operating Free-Air Temperature Range Storage Temperature Range 0 to +70
-40 to +125 -65 to +150
-55 to +125
C C
1. All values, except differential voltage are with respect to network ground terminal. 2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. 3. The magnitude of the input and the output voltages must never exceed the magnitude of the positive supply voltage.
OPERATING CONDITIONS
Symbol VCC+ Vicm Supply Voltage Common Mode Input Voltage Range Parameter Value 3 to 16 0 to VCC+ - 1.5 Unit V V
2/9
VCC
T24
T 25
T 26 T6 T8
T27 T5
T 10 T 15
SCHEMATIC DIAGRAM (for 1/2 TS27L2)
R2 T28 T1
Input
T 18
T2
Input R1 C1
T11
T 12
T17
T7
T 23 T3
Output
T19 T4
T16
T9 T 13 T 14
T20
T 22
T21
T29
VCC
TS27L2C,I,M
3/9
TS27L2C,I,M
ELECTRICAL CHARACTERISTICS VCC+ = +10V, VCC-= 0V, Tamb = +25C (unless otherwise specified)
TS27L2C/AC/BC Symbol Parameter Min. Input Offset Voltage VO = 1.4V, Vic = 0V Vio Tmin Tamb Tmax TS27L2C/I/M TS27L2AC/AI/AM TS27L2B/C/I/M TS27L2C/I/M TS27L2AC/AI/AM TS27L2B/C/I/M Typ. 1.1 0.9 0.25 Max. 10 5 2 12 6.5 3 TS27L2I/AI/BI TS27L2M/AM/BM Min. Typ. Max. 10 5 2 12 6.5 3.5 Unit
1.1 0.9 0.25
mV
DVio Iio
Input Offset Voltage Drift Input Offset Current note 1) Vic = 5V, VO = 5V Tmin Tamb Tmax Input Bias Current - see note 1 Vic = 5V, VO = 5V Tmin Tamb Tmax High Level Output Voltage Vid = 100mV, RL = 1M Tmin Tamb Tmax Low Level Output Voltage Vid = -100mV Large Signal Voltage Gain ViC = 5V, RL = 1M, Vo = 1V to 6V Tmin Tamb Tmax Gain Bandwidth Product Av = 40dB, RL = 1M, CL = 100pF, fin = 100kHz Common Mode Rejection Ratio ViC = 1V to 7.4V, Vo = 1.4V Supply Voltage Rejection Ratio VCC+ = 5V to 10V, Vo = 1.4V Supply Current (per amplifier) Av = 1, no load, Vo = 5V Tmin Tamb Tmax Output Short Circuit Current Vo = 0V, Vid = 100mV Output Sink Current Vo = VCC, Vid = -100mV Slew Rate at Unity Gain RL = 1M, CL = 100pF, Vi = 3 to 7V Phase Margin at Unity Gain Av = 40dB, RL = 1M, CL = 100pF Overshoot Factor Equivalent Input Noise Voltage f = 1kHz, Rs = 100 Channel Separation 65 60 60 45 8.8 8.7
2 1 100 1 150 9 8.8 8.6 50 100 60 40
2 1 200 1 300 9
V/C pA
Iib
pA
VOH VOL Avd
V
50 100
mV
V/mV
GBP CMR SVR
0.1 80 80 10 15 17 65 60
0.1 80 80 10 15 18
MHz dB dB
ICC Io Isink SR m KOV en Vo1/Vo2
1.
A
60 45 0.04 45 30 68 120
60 45 0.04 45 30 68 120
mA mA V/s Degrees % nV ----------Hz dB
Maximum values including unavoidable inaccuracies of the industrial test.
4/9
TS27L2C,I,M
TYPICAL CHARACTERISTICS Figure 1 : Supply Current (each amplifier) versus Supply Voltage
20
Figure 3b : High Level Output Voltage versus High Level Output Current
20
OUTPUT VOLTAGE, V OH (V)
SUPPLY CURRENT, I CC (A)
15
Tamb = 25 C AV = 1 VO = VCC / 2
Tamb = 25 C 16 12 8 4 0 -50 V id = 100mV VCC = 16V
10
VCC = 10V
5
0
4
8
12
16
SUPPLY VOLTAGE, VCC (V)
-40 -30 -20 -10 OUTPUT CURRENT, I OH (mA)
0
Figure 2 : Input Bias Current versus Free Air Temperature
100
Figure 4a : Low Level Output Voltage versus Low Level Output Current
1 .0
O U T P U T V O L T A G E , V O L (V )
INPUT BIAS CURRENT, IIB (pA)
VCC = 10V V i = 5V
0 .8 0 .6 0 .4 0 .2
V
CC
= 3V
V
CC
= 5V
10
T amb = 2 5 C V ic = 0 .5 V V id = -1 0 0 m V 1 2 3
1 25 50 100 TEMPERATURE, Tamb (C) 75 125
0
O U T P U T C U R R E N T , I O L (m A )
Figure 3a : High Level Output Voltage versus High Level Output Current
5
Figure 4b : Low Level Output Voltage versus Low Level Output Current
3
O U T P U T V O L T A G E , V OL (V )
OUTPUT VOLTAGE, VOH (V)
4 3 2 1 0 -10
Tamb = 25 C V id = 100mV VCC= 5V
V C C = 10V
2
VC C = 1 6 V
1 T amb = 2 5 C V i = 0 .5 V Vid = -1 0 0 m V
VCC = 3V
-8
-6
-4
-2
0
0
4
8
12
16
20
OUTPUT CURRENT, I OH (mA)
O U T P U T C U R R E N T , I OL (m A )
5/9
TS27L2C,I,M
Figure 5 : Open Loop Frequency Response and Phase Shift Figure 8 : Phase Margin versus Capacitive Load
P H A S E M A R G IN , m (D e g re e s )
80 T amb = 2 5 C R L = 1M AV = 1 V CC= 1 0 V
50
P H A S E (D e g re e s )
40 G A IN
0 45 Phase Margin 90 135
70
G A IN (d B )
30
PHASE T amb = 2 5 C V CC+ = 1 0 V R L = 1 M C L = 100pF A VCL = 1 0 0 2 3 4
20 10 0 -1 0 10
60 50
Gain Bandwidth Product 10 10 5 10 6 10
180
10
7
40 0 20 40 60 80 (p F ) 100
F R E Q U E N C Y , f (H z )
C A P A C IT A N C E , C L
Figure 6 : Gain Bandwidth Product versus Supply Voltage
G A IN B A N D W . P R O D ., G B P (M H z )
120 100 80
Figure 9 : Slew Rate versus Supply Voltage
S L E W R A T E S , S R (V / s )
T amb = 2 5 C R L = 1M C = 100pF L AV = 1
0 .0 5 T amb = 2 5 C R L = 1M C = 100pF L 0 .0 4 SR
60 40
SR 0 .0 3
0 .0 2
0
4
8
12
16
4
6 8 10 12 14 S U P P L Y V O L T A G E , VCC (V )
16
S U P P L Y V O L T A G E , V CC (V )
Figure 7 : Phase Margin versus Supply Voltage
Figure 10 : Input Voltage Noise versus Frequency
300 VCC = 1 0 V Tamb= 2 5 C 200 R S= 1 0 0
P H A S E M A R G IN , m (D e g re e s )
60 T amb = 2 5 C R L = 1 M C = 100pF L AV = 1
E Q U IV A L E N T IN P U T N O IS E V O L T A G E (n V /V H z )
50
40
100
30 0 4 8 12 16
0 1 10 100 1000 F R E Q U E N C Y (H z )
S U P P L Y V O L T A G E , V CC (V )
6/9
TS27L2C,I,M
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC DIP
Millimeters Dim. Min. A a1 B b b1 D E e e3 e4 F i L Z 0.51 1.15 0.356 0.204 7.95 2.54 7.62 7.62 6.6 5.08 3.81 1.52 Typ. 3.32 1.65 0.55 0.304 10.92 9.75 0.020 0.045 0.014 0.008 0.313 Max. Min.
Inches Typ. 0.131 0.065 0.022 0.012 0.430 0.384 0.100 0.300 0.300 0260 0.200 0.150 0.060 Max.
3.18
0.125
7/9
TS27L2C,I,M
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC MICROPACKAGE (SO)
L C a3 b1 c1
a2 b e3
A
s E
D M
8
5 F
1
4
Millimeters Dim. Min. A a1 a2 a3 b b1 C c1 D E e e3 F L M S 0.1 0.65 0.35 0.19 0.25 4.8 5.8 1.27 3.81 3.8 0.4 4.0 1.27 0.6 8 (max.) 0.150 0.016 Typ. Max. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 45 (typ.) 5.0 6.2 0.189 0.228 Min. 0.004 0.026 0.014 0.007 0.010
a1
Inches Typ. Max. 0.069 0.010 0.065 0.033 0.019 0.010 0.020 0.197 0.244 0.050 0.150 0.157 0.050 0.024
8/9
TS27L2C,I,M
PACKAGE MECHANICAL DATA 8 PINS - THIN SHRINK SMALL OUTLINE PACKAGE (TSSOP)
k c
0.25mm .010 inch GAGE PLANE
L1
L
L
L1
E1
SEATING PLANE
A A2 A1 5 D b 8
8
C
E
4 e
5
PIN 1 IDENTIFICATION
Millimeters Dim. Min. A A1 A2 b c D E E1 e k l L L1 0.05 0.80 0.19 0.09 2.90 4.30 0 0.50 0.45 Typ. Max. 1.20 0.15 1.05 0.30 0.20 3.10 4.50 8 0.75 0.75 Min. 0.01 0.031 0.007 0.003 0.114 0.169 0 0.09 0.018
1
4
1
Inches Typ. Max. 0.05 0.006 0.041 0.15 0.012 0.122 0.177 8 0.030 0.030
1.00
0.039
3.00 6.40 4.40 0.65 0.60 0.600 1.000
0.118 0.252 0.173 0.025 0.0236 0.024 0.039
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States (c) http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of TS27L2AC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X