Part Number Hot Search : 
31005 4C15T PS25451 2SK184BL 1N4148WT 0DPBF PNA4608M 4C15T
Product Description
Full Text Search
 

To Download TS272 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TS272C,I,M
HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
. . . . .
OUTPUT VOLTAGE CAN SWING GROUND EXCELLENT PHASE MARGIN ON CAPACITIVE LOADS GAIN BANDWIDTH PRODUCT / 3.5MHz STABLE AND LOW OFFSET VOLTAGE THREE INPUT OFFSET VOLTAGE SELECTIONS
TO
N DIP8 (Plastic Package)
D SO8 (Plastic Micropackage)
P TSSOP8 (Thin Shrink Small Outline Package)
ORDER CODES
Part Number TS272C/AC/BC TS272I/AI/BI TS272M/AM/BM Example : TS272ACN Temperature Range 0 C, +70 C -40oC, +125oC -55oC, +125oC
o o
Package N
q q q
D
q q q
P
q q q
DESCRIPTION The TS272 series are low cost, low power dual operational amplifiers designed to operate with single or dual supplies. These operational amplifiers use the SGS-THOMSON silicon gate CMOS process allowing an excellent consumption-speed ratio. These series are ideally suited for low consumption applications. Three power consumptions are available allowing to have always the best consumption-speed ratio : q ICC= 10A/amp. : TS27L2 (very low power) q ICC= 150A/amp. : TS27M2 (low power) q ICC= 1mA/amp. : TS272 (high speed) These CMOS amplifiers offer very high input impedance and extremely low input currents. The major advantage versus JFET devices is the very low input currents drift with temperature (see figure 2).
August 1998
PIN CONNECTIONS (top view)
1 2 3 4 + +
8 7 6 5
1 - Output 1 2 - Inverting Input 1 3 - Non-inverting Input 1 4-V
CC
5 - Non-inverting Input 2 6 - Inverting Input 2 7 - Output 2 8 - V CC +
1/9
TS272C,I,M
BLOCK DIAGRAM
VCC
Current source
xI
Input differential
Second stage
Output stage
Output
VCC
E E
MAXIMUM RATINGS
Symbol VCC+ Vid Vi IO Iin Toper Supply Voltage - (note 1) Differential Input Voltage - (note 2) Input Voltage - (note 3) Output Current for VCC+ 15V Input Current Operating Free-Air Temperature Range TS272C/AC/BC TS272I/AI/BI TS272M/AM/BM Tstg Storage Temperature Range 0 to +70 -40 to +125 -55 to +125 -65 to +150
o
Parameter
Value 18 18 -0.3 to 18 30 5
Unit V V V mA mA
o
C
C
Notes : 1. All voltage values, except differential voltage, are with respect to network ground terminal. 2. Differential voltages are at the non-inverting input terminal with respect to the inverting input terminal. 3. The magnitude of the input and the output voltages must never exceed the magnitude of the positive supply voltage.
OPERATING CONDITIONS
Symbol VCC
+
Parameter Supply Voltage Common Mode Input Voltage Range
Value 3 to 16 0 to VCC - 1.5
+
Unit V V
Vicm
2/9
VCC
T24
T 25
T 26 T6 T8 T 28 T1
Input R1 C1 Input
T27 T5 T 10
SCHEMATIC DIAGRAM (for 1/2 TS272)
T 15
R2
T2
T11
T 12
T17
T 18
T7
T 23 T3
Output
T19 T4
T16
T9 T 13 T 14
T20
T 22 T29
T21
VCC
TS272C,I,M
3/9
TS272C,I,M
ELECTRICAL CHARACTERISTICS VCC+ = +10V, VCC- = 0V, Tamb = 25oC (unless otherwise specified)
Symbol Vio Parameter Input Offset Voltage VO = 1.4V, Vic = 0V TS272C/I/M TS272AC/AI/AM TS272BC/BI/BM Tmin. Tamb Tmax. TS272C/I/M TS272AC/AI/AM TS272BC/BI/BM Input Offset Voltage Drift Input Offset Current - (note 1) Vic = 5V, Vo = 5V Tmin. Tamb Tmax. Input Bias Current - (note 1) Vic = 5V, Vo = 5V Tmin. Tamb Tmax. High Level Output Voltage Vid = 100mV, RL = 10k Tmin. Tamb Tmax. Low Level Output Voltage Vid = -100mV Large Signal Voltage Gain Vo = 1V to 6V, RL = 10k, Vic = 5V Tmin. Tamb Tmax. Gain Bandwidth Product Av = 40dB, RL = 10k, CL = 100pF fin = 100kHz Common Mode Rejection Ratio Vo = 1.4V, Vic = 1V to 7.4V Supply Voltage Rejection Ratio + VCC = 5V to 10V ,Vo = 1.4V Supply Current (per amplifier) Av = 1, no load, Vo = 5V Tmin. Tamb Tmax. Output Short Circuit Current Vid = 100mV, Vo = 0V Output Sink Current Vid = -100mV, Vo = VCC Slew-Rate at Unity Gain RL = 10k, CL= 100pF, Vi = 3 to 7V Phase Margin at Unity Gain Av = 40dB, RL = 10k, CL= 100pF Overshoot Factor Equivalent Input Noise Voltage f = 1kHz, RS = 100 Channel Separation 65 60 10 7 15 8.2 8.1 TS272C/AC/BC Min. Typ. 1.1 0.9 0.25 Max. 10 5 2 12 6.5 3 TS272I/AI/BI TS272M/AM/BM Min. Typ. 1.1 0.9 0.25 Max. mV 10 5 2 12 6.5 3.5 V/ C pA 1 100 1 150 8.4 8.2 8 50 10 6 15 MHz 3.5 3.5 dB 80 70 1000 1500 1600 65 60 80 dB 70 1000 1500 1700 A 8.4 mV 50 V/mV 1 300 V 1 200 pA
o
Unit
DVio Iio
2
2
Iib
VOH
VOL Avd
GBP
CMR SVR ICC
Io Isink SR m Kov en VO1/VO2
mA 60 45 5.5 40 30 30 120 60 mA 45 V/s 5.5 Degrees 40 30 30 120 % nV Hz dB
Note : 1. Maximum values including unavoidable inaccuracies of the industrial test.
4/9
TS272C,I,M
TYPICAL CHARACTERISTICS Figure 1 : Supply Current (each amplifier) versus Supply Voltage
SUPPLY CURRENT, I CC (mA)
Figure 2 : Input Bias Current versus Free Air Temperature
INPUT BIAS CURRENT, I IB (pA)
2.0 Tamb = 25C AV = 1 VO = VCC / 2
100 VCC = 10V Vic = 5V
1.5
1.0
10
0.5
1 25 50 75 100 125 TEMPERATURE, T amb (C)
0
4 8 12 SUPPLY VOLTAGE, VCC (V)
16
Figure 3a : High Level Output Voltage versus High Level Output Current
OUTPUT VOLTAGE, V OH (V)
Figure 3b : IHigh Level Output Voltage versus High Level Output Current
OUTPUT VOLTAGE, V OH (V)
5 4 3 2 1 0 VCC = 3V T amb = 25C V id = 100mV VCC = 5V
20 16 12 8 4 0 -50 VCC = 10V T amb = 25C V id = 100mV VCC = 16V
-10
-8 -6 -4 -2 OUTPUT CURRENT, I OH (mA)
0
-40 -30 -20 OUTPUT CURRENT, I
-10
OH (mA)
0
Figure 4a : Low Level Output Voltage versus Low Level Output Current
OUTPUT VOLTAGE, V OL (V)
Figure 4b : ILow Level Output Voltage versus Low Level Output Current
OUTPUT VOLTAGE, V OL (V)
1.0 0.8 0.6 0.4 0.2 T amb = 25C V ic = 0.5V V id = -100mV 1 2 OUTPUT CURRENT, I OL (mA) 3 V CC = 3V V CC = 5V
3 V CC = 10V VCC = 16V
2
1
T amb = 25C V i = 0.5V V id = -100mV 4 8 12 OUTPUT CURRENT, I 16 (mA) 20
0
0
OL
5/9
TS272C,I,M
TYPICAL CHARACTERISTICS (continued) Figure 5 : Open Loop Frequency Response and Phase Shift
50 40 GAIN PHASE Tamb = 25C VCC+ = 10V R L = 10k C L = 100pF A VCL = 100 10
3 4 Phase Margin
Figure 6 : Gain Bandwidth Product versus Supply Voltage
GAIN BANDW. PROD., GBP (MHz)
5 4 3 2 1 T amb = 25C R L = 10k C L = 100pF AV = 1 4 8 12 16
0 45 90 135
GAIN (dB)
30 20 10 0 -10 2 10
Gain Bandwidth Product 6
180
7
10 10 5 10 FREQUENCY, f (Hz)
10
PHASE (Degrees)
0
SUPPLY VOLTAGE, VCC (V)
Figure 7 : Phase Margin versus Supply Voltage
PHASE MARGIN, m (Degrees)
Figure 8 : Phase Margin versus Capacitive Load
(Degrees)
48 44 40 36 32 28 0 4 8 12 SUPPLY VOLTAGE, VCC (V) 16 T amb = 25C R L = 10k C L = 100pF AV = 1
70 Tamb = 25C R L = 10k AV = 1 VCC = 10V
60
PHASE MARGIN,
m
50
40
30
0
20 40 60 80 CAPACITANCE, C L (pF)
100
Figure 9 : Slew Rates versus Supply Voltage
7
SLEW RATES, SR (V/ s)
Figure 10 : Input Voltage Noise versus Frequency
EQUIVALENT INPUT NOISE VOLTAGE (nV/VHz)
300
6 5 4 3 2 4
T amb = 25C RL = 10k C L = 100pF
SR
VCC = 10V Tamb = 25C
200 R S = 100
SR
100
0
6 8 10 12 14 SUPPLY VOLTAGE, VCC (V)
16
1
100 10 FREQUENCY (Hz)
1000
6/9
TS272C,I,M
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC DIP
Dimensions A a1 B b b1 D E e e3 e4 F i L Z
Min. 0.51 1.15 0.356 0.204 7.95
Millimeters Typ. 3.32
Max.
Min. 0.020 0.045 0.014 0.008 0.313
Inches Typ. 0.131
Max.
1.65 0.55 0.304 10.92 9.75 2.54 7.62 7.62 6.6 5.08 3.81 1.52
0.065 0.022 0.012 0.430 0.384 0.100 0.300 0.300 0260 0.200 0.150 0.060
7/9
SO8.TBL
3.18
0.125
PM-DIP8.EPS
TS272C,I,M
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC MICROPACKAGE (SO)
Dimensions A a1 a2 a3 b b1 C c1 D E e e3 F L M S
Min. 0.1 0.65 0.35 0.19 0.25 4.8 5.8
Millimeters Typ.
Max. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 45o (typ.) 5.0 6.2
Min. 0.004 0.026 0.014 0.007 0.010 0.189 0.228
Inches Typ.
Max. 0.069 0.010 0.065 0.033 0.019 0.010 0.020 0.197 0.244
1.27 3.81 3.8 0.4 4.0 1.27 0.6 8o (max.) 0.150 0.016
0.050 0.150 0.157 0.050 0.024
8/9
SO8.TBL
PM-SO8.EPS
TS272C,I,M
PACKAGE MECHANICAL DATA 8 PINS -THIN SHRINK SMALL OUTLINE PACKAGE
Dim. A A1 A2 b c D E E1 e k l
Millimeters Min. 0.05 0.80 0.19 0.09 2.90 4.30 0o 0.50 0.60 3.00 6.40 4.40 0.65 8o 0.75 0o 0.09 4.50 0.169 1.00 Typ. Max. 1.20 0.15 1.05 0.30 0.20 3.10 0.01 0.031 0.007 0.003 0.114 Min.
Inches Typ. Max. 0.05 0.006 0.039 0.041 0.15 0.012 0.118 0.252 0.173 0.025 8o 0.0236 0.030 0.177 0.122
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a trademark of STMicroelectronics (c) 1998 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
ORDER CODE :
9/9


▲Up To Search▲   

 
Price & Availability of TS272

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X