Part Number Hot Search : 
ADM5170 2118M D72020GC 5KP78A DTC144 2N6988 78L24 G13JPF
Product Description
Full Text Search
 

To Download TQ8033 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T
R
I
Q
U
I
N
T
S E M I C O N D U C T O R, I N C .
TQ8033
DATA SHEET
D0-D63 128 Input Buffers
64 x 33 Crosspoint Switch Matrix
Output Buffers
O0-O32 66
1.5 Gbit/sec 64x33 Expandable Crosspoint Switch
SWITCHING PRODUCTS
CONFIGURE
33 6-Bit Configuration Latches
RESETIN LOAD IADD(0:5)
Features
33 6-Bit Program Latches
* >1.5 Gb/s/port data rate >50 Gb/s aggregate bandwidth
5:32 Decoder
MONITOR_LD OADD(0:4)
TQ8033
* Differential PECL data path with 64 inputs and 33 outputs * Non-blocking architecture supports Broadcast and Multicast operation * Data inputs internally biased for AC coupling * Low jitter and signal skew * Double-buffered configuration latches * TTL configuration control inputs
The TQ8033 is a non-blocking 64 x 33 digital crosspoint switch that supports data rates greater than 1.5 gigabits per second per channel. The TQ8033's non-blocking architecture allows any combination of output-to-input programming, supporting both broadcast and multicast applications. Using 33 independent 64:1 multiplexers, each output channel can be programmed to any input without restriction or degradation of signal fidelity. The TQ8033's architecture is ideally suited for building larger switch arrays. By eliminating the need to "wire-or" or buss the outputs to interconnect multiple devices, the maximum system bandwidth and signal fidelity is achived. Designed for use in high-performance / high-capacity switching applications, the TQ8033 data path is fully differential to minimize jitter, skew, and signal distortion. The data path interface levels are PECL and the configuration and control interface levels are TTL. The TQ8033 is the ideal switching solution for HDTV digital video, data communications (Fibre Channel and Gigabit Ethernet) and telecommunications applications.
* 304-pin BGA package * Single +5V supply
Applications
* Telecom/datacom switching including Fibre Channel and Gigabit Ethernet * Hubs and routers * Video switching including High-Definition TV (HDTV)
For additional information and latest specifications, see our website: www.triquint.com
1
TQ8033
DATA SHEET
Circuit Description
Data Inputs The 64 data input channels are differential PECL compatible. All inputs have a 2.5K Thevenin equivalent bias circuit which holds the DC bias at VDD-1.3 Volts simplifying the design of applications requiring AC coupling. Input signals must be properly terminated for maximum performance. Terminate one side (true or complement) of any unused inputs to VTT . Data Outputs The 33 data output channels are differential PECL compatible and designed to be terminated to 50 to VDD -2.0 Volts. Unused outputs can be left unterminated if desired in order to save power. Control Inputs The control inputs interface levels are TTL compatible. Program Registers The configuration data for each of the 33 data channels have two sets, or stages, of configuration storage registers. The first stage, known as the program register, stores a new set of input configurations prior to application to the switch core. The second stage, known as the configuration register, stores the current switch core configurations. The use of two stage configuration storage registers allows new input configurations to be loaded without disturbing the existing configuration. After the new input configurations have been loaded into the program registers, the CONFIGURE input is asserted and the new configurations are applied to the switch core.
To program the TQ8033, the address of the desired output port is applied to the inputs (OADD0:4; where 00000=O0 and 11111=O31). The address of the desired input port is applied to the inputs (IADD0:5; where 000000=I0 and 111111=I63). The new configuration is loaded into the program registers by asserting the LOAD signal high. The data is latched when LOAD is de-asserted. LOAD should remain low and only be asserted for the time necessary to load the new configuration data. The process is repeated for each output port configuration. Only the output ports which are to receive a new input port configuration need to be programmed. The new configurations are not applied to the switch core at this time and there is no disruption of the data flowing through the switch core. After the new configurations have been loaded into the program registers, the CONFIGURE input is asserted and the data in the program registers is loaded into the configuration registers. The data is latched on the falling edge of CONFIGURE. The switch core receives the new configuration as soon as CONFIGURE is asserted. During the time the new configurations are being applied to the switch core, the integrity of the data on output ports which receive a new configuration is unknown for a period of tdcf from the time CONFIGURE is asserted. If desired, the LOAD and CONFIGURE can be asserted simultaneously. In this mode, the new configuration will be applied to the switch core when LOAD is asserted.
2
For additional information and latest specifications, see our website: www.triquint.com
TQ8033
DATA SHEET
Programming the Monitor Port The 33rd output port, called the monitor port, is programmed in the same manner as the other 32 output ports with the exceptions that the LOAD and Output Address inputs are ignored. To program the monitor port, apply the desired input port address to inputs (IADD0:5) and assert the MONITOR_LD input. Like the other 32 output ports, the CONFIGURE input is asserted to apply the new configuration to the switch core. Reset Programming The RESETIN is an active high input which sets all of the switch multiplexers to a defined configuration. There are three RESET modes available when RESETIN is used in conjunction with CONFIGURE and IADD5 inputs. The monitor port is reset to input D0 regardless of the state of CONFIGURE or IADD5.
Mode 1 is broadcast operation. In this mode, the RESETIN signal clears all of the configuration registers immediately forcing all output ports to be connected to input port 0. The device will remain in the Mode 1 reset state as long as the RESETIN input is asserted. Modes 2 and 3 place the device into pass-through configuration. The mode is controlled by the assertion of CONFIGURE immediately following the de-assertion of RESETIN and the state of input IADD5. Mode 2, or low-order pass-through, is set with the assertion of CONFIGURE with IADD5 input low. In this mode, inputs D0 to D31 are configured to outputs O0 to O31 respectively (D0 to O0, D1 to O1,,,D31 to O31). Mode 3, or high-order pass-through, is set with the assertion of CONFIGURE with IADD5 input high. In this mode, inputs D32 to D63 are configured to outputs O0 to O31 respectively (D32 to O0, D33 to O1,,,D63 to O31).
Reset Configuration Modes Mode 1 2 3 RESETIN 1 1 1 CONFIGURE** IADD5** 0 1 1 X 0 1 RESET Configuration Broadcast mode. All outputs programmed to input 0 Low-order Pass-through mode #1. High-order Pass-through mode #2.
** Valid only when asserted immediately following de-assertion of RESETIN and prior to any new program cycles.
For additional information and latest specifications, see our website: www.triquint.com
3
SWITCHING PRODUCTS
TQ8033
DATA SHEET
Building Switch Arrays with the TQ8033 By eliminating the need to "wire-or" the outputs of multiple devices or to add additional switch elements to get the necessary routing channels, the TQ8033 offers the highest performance solution with the least number of devices for implementing larger array sizes. The 33rd output port provides an additional data channel for system data links or for diagnostics system monitoring of each switch element within the array. The following examples show how to interconnect multiple TQ8033 devices to create a 64x64 and a 128x128 switch array. 64x64 Switch Array To implement a 64x64 array (figure 2), only two TQ8033 devices are required and the data passes through only one switch element. For applications with
data rates less than one gigabit per second, a technique known as"fly-by" termination offers good signal fidelity with the minimum number of components. To implemement, both the input signal pairs (true and complement) are routed to both devices and then to the termination network at the end of the signal trace with the minimum number of trace discontinuities. To accomplish this, route the trace from the source device to the first TQ8033 input pad and then continue the signal trace from the input pads to the next device, and finally to the termination network. For applications at data rates above one gigabit per second, it is recommended to use a fan-out buffer to drive each TQ8033 input as shown in figure 3. As with any high speed interconnect, careful attention to the impedance of the signal traces is very important.
D0
O0
TQ8033
D63 O31 Dn/ NDn Connect one driver output to each common TQ8033 input
O32
TQ8033
O63 50 VTT 50
Figure 3. Optional fan-out buffer for array expansion
Figure 2. 64x64 array with "fly-by" termination
4
For additional information and latest specifications, see our website: www.triquint.com
TQ8033
DATA SHEET
128x128 Switch Array To implement a 128x128 switch array, simply extend the design of the 64x64 switch array to include the additional devices. In this configuration, only 12 TQ8033 devices are required and the signal passes through only two switch stages.
Monitor
Again, use "fly-by" interconnection or a fan-out buffer on input signals to connect multiple devices and the far-end termination network. Larger switch arrays can be built by simply adding additional TQ8033 devices.
32
64
TQ8033 64x33 Crosspoint Switch
32
TQ8033 64x33 Crosspoint Switch
32 D0-31 Monitor
Monitor Monitor
TQ8033 64x33 Crosspoint Switch TQ8033 64x33 Crosspoint Switch TQ8033 64x33 Crosspoint Switch TQ8033 64x33 Crosspoint Switch TQ8033 64x33 Crosspoint Switch TQ8033 64x33 Crosspoint Switch
32
64
32
TQ8033 64x33 Crosspoint Switch
32 D32-63 Monitor
Monitor Monitor
32
64
32
TQ8033 64x33 Crosspoint Switch
32 D64-95 Monitor
Monitor Monitor
32
64
32
TQ8033 64x33 Crosspoint Switch
32 D96-127 Monitor
Monitor
64 D0-63
64 D64-127
Figure 4. 128x128 array
For additional information and latest specifications, see our website: www.triquint.com
5
SWITCHING PRODUCTS
TQ8033 64x33 Crosspoint Switch
TQ8033
DATA SHEET
Typical Performance
Data Rate: 1.5Gb/s Data Pattern: 223-1 PRBS Case Temperature: 0 C Jitter: 54 ps pk-pk
Data Rate: 1.5Gb/s Data Pattern: 223-1 PRBS Case Temperature: 85 C Jitter: 56 ps pk-pk
6
For additional information and latest specifications, see our website: www.triquint.com
TQ8033
DATA SHEET
Typical Performance
Crosspint Devices: 2 (Cascaded) Data Rate: 1.5Gb/s Data Pattern: 223-1 PRBS Case Temperature: 85 C Jitter: 110 ps pk-pk
SWITCHING PRODUCTS
Rise and Fall Time Data Rate: 1.5Gb/s Data Pattern: 223-1 PRBS Case Temperature: 85 C Rise/Fall time: 170/166 ps
For additional information and latest specifications, see our website: www.triquint.com
7
TQ8033
DATA SHEET
Specifications
Specifications subject to change without notice
Table 1. DC Characteristics -- PECL I/O 3,4
Parameter Notes/Condition Symbol
VICOM VIN VOUT VOCOM CIN VESD
Minimum
VDD - 1500 800 1200 VDD-1500 -- 1000
Nominal
-- --
Maximum
VDD - 1100 2400 2200 VDD-1100 3.3 --
Unit
mV mV mV mV pF V
Input common mode range Differential pk-pk input voltage swing (1, 2) Differential pk-pk output voltage swing (1, 2) Output common mode range Input capacitance ESD breakdown rating
2.6 --
Table 2. DC Characteristics--TTL I/O 3
Parameter
Input HIGH voltage Input LOW voltage Input HIGH current Input LOW current Input capacitance ESD breakdown rating VIH(MAX) VIL(MIN)
Notes/Condition
Symbol
VIH VIL IIH IIL CIN VESD
Minimum
2.0 0 -- -400 -- 1000
Nominal
-- -- -- -200 -- --
Maximum
VDD 0.8 200 -- 3.3 --
Unit
V V uA uA pF V
Notes (Tables 1 and 2): 1. Defined as (2 x (| VTRUE - VCOMP |)) 2. RLOAD = 50 ohms to VTT = VDD - 2.0V. 3. Specifications apply over recommended operating ranges. 4. Inputs are internally DC-biased to VDD - 1.3V with 2.5K Thevenin input impedance for applicaitons requiring AC coupling.
8
For additional information and latest specifications, see our website: www.triquint.com
TQ8033
DATA SHEET
Table 3. AC Characteristics
Parameter
Maximum Data Rate/port D0-63 minimum pulse width O0-32 Rise/Fall time 20-80% Channel Propagation Delay (mean) Ch-to-Ch Propagation Delay Skew O0-32 Jitter (1) (1) (1) (1) (2) Tpw Tr/f Tpd Tskew Tjitter
Notes/Condition
Symbol
Minimum
1.5 500 -- -- --
Nominal
-- -- -- 200 85
Maximum
-- 250 2.5 500 200
Unit
Gb/s ps ps ns ps ps SWITCHING PRODUCTS
Notes: 1. Min. VOH to max VOL levels 2. Crossing of (On) - (NOn) measured with 223 - 1 PRBS, measured over extended time.
Figure 5. Timing Diagram
Input Address [IADD5:0] Output Address [OADD4:0] Valid Address Valid Address
tsar[IADD] tsar[OADD] Tpwl
thar
tldl
LOAD
Tldh Tpwc
CONFIGURE
Tdcf
D (63:0) O (32:0)
tpd
Data Not Valid **
Data Valid
** Data valid on outputs with unchanged configurations
Table 4. Timing Specifications
Symbol
tsar[OADD] tsar[IADD] thar tpwl tldh tpwc tdcf tldl
Parameter
Output Address to Load Set-up time Input Address to Load Set-up time Address to Load Hold Time Min. Load pulse width Load to Configure delay Min. Configure pulse width Configure to Data Valid Configure to Load delay
Minimum
1 1 2.5 2.5 0 7
Maximum
Unit
ns ns ns ns ns ns ns ns
15 3
For additional information and latest specifications, see our website: www.triquint.com
9
TQ8033
DATA SHEET
Table 5. Absolute Maximum Ratings4
Parameter
Storage Temperature Junction Temperature Case Temperature w/bias Supply Voltage Voltage to any input Voltage to any output Current to any input Current from any output Power Dissipation of output (1) (2) (2) (2) (2) (2) (3)
Condition
Symbol
Tstore TCH TC VDD Vin Vout Iin Iout Pout
Minimum
-65 -65 0 0 -0.5 -0.5 -1.0
Nominal
Maximum
150 150 100 7.0 VDD + 0.5 VDD + 0.5 1.0 40.0 50.0
Unit
C C C V V V mA mA mW
Notes: 1. Tc is measured at case top. 2. All voltages are measured with respect to GND (0V) and are continuous. 3. Pout = (VDD - Vout ) x Iout . 4. Absolute maximum ratings, as detailed in this table, are the ratings beyond which the device's performance may be impaired and/or permanent damage to the device may occur.
Table 6. Recommended Operating Conditions 4
Symbol
TC VDD IDD VTT RLOAD JC
Parameter
Case Operating Temperature Supply Voltage Current Positive Supply Load Termination Supply Voltage Output Termination Load Resistance Thermal Resistance Junction to Case
Min
0 4.75
Typ
-- -- VDD - 2.0 50 2.2
Max
85 5.25 3
Units
C V A V C/W
Notes
1, 3
2 2
Notes: 1. TC measured at case top. Use of adequate heatsink is required. 2. The VTT and RLOAD combination is subject to maximum output current and power restrictions. 3. Contact the Factory for extended temperature range applications. 4. Functionality and/or adherence to electrical specifications is not implied when the device is subjected to conditions that exceed, singularly or in combination, the operating range specified.
10
For additional information and latest specifications, see our website: www.triquint.com
TQ8033
DATA SHEET
Figure 6. Typical high speed measurement
TQ8033 VDD
OUT PECL
Termination OUT VBias
50
GND NOUT
50
VDD
PECL/ECL Termination
GND
OUT - NOUT
NOUT PECL
** PECL/ECL terminations available from Cascade Microtech model 523-0150 and Picosecond Pulse Labs model 5623
For additional information and latest specifications, see our website: www.triquint.com
11
SWITCHING PRODUCTS
PECL/ECL
Scope
TQ8033
DATA SHEET
Figure 7. Pinout --Bottom View
23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 A B C D E F G H J K L M N P R T U V W Y AA AB AC
TQ8033 304-pin BGA bottom view
GND VDD
Table 7. Pin Descriptions
Signal
VDD
Type
Not Connected
Grid Ref.
Description
B7, C1, C8, T3, U2, AA16, AB17 - DO NOT CONNECT - LEAVE OPEN A1, A23, B2, B22, C3, C5, C19, C21, D3, D4, D6, D9, D12, D15, D18, D20, D21, F4, F20 J4, J20, M4, M20, R4, R20, V4, V20, W3, W21, Y4, Y6, Y9, Y12, Y15, Y18, Y20, AA3, AA5, AA19, AA21, AB2, AB22, AC1, AC23 A2, A6, A8, A9, A12, A15, A16, A18, A22, B1, B3, B21, B23, C2, C22, F1, F23, H1, H23, J1, J23, M1, M23, R1, R23, T1, T23, V1, V23, AA2, AA22, AB1, AB3, AB21, AB23, AC2,
GND
RESETIN LOAD CONFIGURE MONITOR_LD IADD0 IADD1 IADD2 IADD3 IADD4 IADD5
TTL Input TTL Input TTL Input TTL Input TTL Input TTL Input TTL Input TTL Input TTL Input TTL Input
AC6, AC8, AC9, AC12, AC15, AC16, AC18, AC22 E20 Active high. Reset loads program registers with default input. C23 Active high, Loads input port data into the selected output port's D22 E4 E21 D23 E22 F21 G20 E23 program registers. Output port definfed by OADD(0:4) Active high. Transfers the data for all program registers into the second stage configure registers and into the switch core. Active High. Directly loads the 33rd output port program register. The OADD(0:5) and LOAD are not used to program this port. Input address LSB. (D0= 000000, D63= 111111) Input address. Input address. Input address. Input address. Input address MSB.
(Continued on next page)
12
For additional information and latest specifications, see our website: www.triquint.com
TQ8033
DATA SHEET
Table 7. Pin Descriptions (cont.)
Signal
OADD0 OADD1 OADD2 OADD3 OADD4
Type
TTL Input TTL Input TTL Input TTL Input TTL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input PECL Input
Grid Ref.
F22 G21 H20 G22 H21 C20, D19 A21, B20 A20, B19 C18, D17 A19, B18 C17, D16 B17, A17 C16, B16 C15, B15 D14, C14 B14, A14 D13, C13 B13, A13 C12, B12 A11, B11 C11, D11 A10, B10 C10, D10 B9, C9 B8, A7 D8, C7 B6, A5 D7, C6 B5, A4 B4, A3 D5, C4 D2, E3 D1, E2 F3, G4 E1, F2 G3, H4 G2, G1
Description
Output address LSB. (O0=00000, O31= 11111) Output address. Output address. Output address. Output address MSB. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement.
Data Inputs D0, ND0 D1, ND1 D2, ND2 D3, ND3 D4, ND4 D5, ND5 D6, ND6 D7, ND7 D8, ND8 D9, ND9 D10, ND10 D11, ND11 D12, ND12 D13, ND13 D14, ND14 D15, ND15 D16, ND16 D17, ND17 D18, ND18 D19, ND19 D20, ND20 D21, ND21 D22, ND22 D23, ND23 D24, ND24 D25, ND25 D26, ND26 D27, ND27 D28, ND28 D29, ND29 D30, ND30 D31, ND31
(Continued on next page)
13
For additional information and latest specifications, see our website: www.triquint.com
SWITCHING PRODUCTS
TQ8033
DATA SHEET
Table 7. Pin Descriptions (cont.)
Signal Type Grid Ref.
W2, Y1 Y2, AA1 W4, Y3 AA4, Y5 AC3, AB4 AC4, AB5 AA6, Y7 AC5, AB6 AA7, Y8 AB7, AC7 AA8, AB8 AA9, AB9 Y10, AA10 AB10, AC10 Y11, AA11 AB11, AC11 AA12, AB12 AC13, AB13 AA13, Y13 AC14, AB14 AA14, Y14 AB15, AA15 AB16, AC17 Y16, AA17 AB18, AC19 Y17, AA18 AB19, AC20 AB20, AC21 Y19, AA20 Y21, W20 AA23, Y22 Y23, W22
Description
High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement. High-speed input and complement.
Data Inputs (cont.) D32, ND32 PECL Input D33, ND33 PECL Input D34, ND34 PECL Input D35, ND35 PECL Input D36, ND36 PECL Input D37, ND37 PECL Input D38, ND38 PECL Input D39, ND39 PECL Input D40, ND40 PECL Input D41, ND41 PECL Input D42, ND42 PECL Input D43, ND43 PECL Input D44, ND44 PECL Input D45, ND45 PECL Input D46, ND46 PECL Input D47, ND47 PECL Input D48, ND48 PECL Input D49, ND49 PECL Input D50, ND50 PECL Input D51, ND51 PECL Input D52, ND52 PECL Input D53, ND53 PECL Input D54, ND54 PECL Input D55, ND55 PECL Input D56, ND56 PECL Input D57, ND57 PECL Input D58, ND58 PECL Input D59, ND59 PECL Input D60, ND60 PECL Input D61, ND61 PECL Input D62, ND62 PECL Input D63, ND63 PECL Input
(Continued on next page)
14
For additional information and latest specifications, see our website: www.triquint.com
TQ8033
DATA SHEET
Table 7. Pin Descriptions (cont.)
Signal Data Outputs O0,NO0 Type
PECL Output
Grid Ref.
H3,H2
Description
High-speed output and complement. O0 and NO0 are addressed by OADD = "00000". O31 and NO31 are addressed by OADD = "11111". High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed output and complement. High-speed monitor output and complement.
O1, NO1 O2, NO2 O3, NO3 O4, NO4 O5, NO5 O6, N06 O7, NO7 O8, NO8 O9, NO9 O10, NO10 O11, NO11 O12, NO12 O13, NO13 O14, NO14 O15, NO14 O16, NO16 O17, NO17 O18, NO18 O19, NO19 O20, NO20 O21, NO21 O22, NO22 O23, NO23 O24, NO24 O25, NO25 O26, NO26 O27, NO27 O28, NO28 O29, NO29 O30, NO30 O31, NO31 O32, NO32
PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output PECL Output
J3, J2 K4, K3 K2, K1 L4, L3 L2, L1 M3, M2 N1, N2 N3, N4 P1, P2 P3, P4 R2, R3 T2, U1 T4, U3 V2, W1 U4, V3 J22, J21 K21, K20 K23, K22 L21, L20 L23, L22 M21, M22 N22, N23 N20, N21 P22, P23 P20, P21 R21, R22 T21, T22 U22, U23 U21, T20 W23, V22 V21, U20 H22, G23
For additional information and latest specifications, see our website: www.triquint.com
15
SWITCHING PRODUCTS
TQ8033
DATA SHEET
Figure 8. Pin assignment - Top view
12 A B C D E F G H J K L M N P R T U V W Y AA AB AC
VCC GND GND VCC
3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
ND24 ND23 ND21 GND ND19 GND GND D16 D14 GND ND12 ND10 GND GND ND6 GND D4 D2 D1 GND VCC GND D24 D23 D21 D19 D18 ND16 ND14 ND13 D12 D10 ND8 ND7 D6 ND4 ND2 ND1 GND VCC GND
GND
VCC
ND25
VCC
ND22
ND20
ND18
D17
D15
D13
ND11
ND9
D8
D7
D5
D3
VCC
D0
DNC
GND
LOAD
D27
D26
VCC
VCC
D25
VCC
D22
D20
VCC
ND17
ND15
VCC
D11
D9
VCC
ND5
ND3
VCC
ND0
VCC
VCC
CONFIG
IADD1
D29
ND27
ND26
MONITOR_LD
RESETIN
IADD0
IADD2
IADD5
GND
ND29
D28
VCC
VCC
IADD3
OADD0
GND
ND31
D31
D30
ND28
IADD4
OADD1
OADD3
NO32
GND
NO0
O0
ND30
OADD2
OADD4
O32
GND
GND
NO1
O1
VCC
NO3
O3
NO2
O2
TQ8033
304-pin SBGA Top View
VCC
NO16
O16
GND
NO17
O17
NO18
O18
NO5
O5
NO4
O4
NO19
O19 O21
NO20
O20
GND
NO6
O6
VCC
VCC
NO21
GND
O7
NO7
O8
NO8
O23
NO23
O22
NO22
O9
NO9
O10
NO10
O25
NO25
O24
NO24
GND
O11
NO11
VCC
VCC
O26
NO26
GND
GND
O12
O13
NO29
O27
NO27
GND
NO12
NO13
O15
NO31
O29
O28
NO28
GND
O14
NO15
VCC
VCC
O31
NO30
GND
NO14
D32
VCC
D34
ND61
VCC
ND63
O30
ND32
D33
ND34
VCC
ND35
VCC
ND38
ND40
VCC
D44
D46
VCC
ND50
ND52
VCC
D55
D57
VCC
D60
VCC
D61
ND62
D63
ND33
GND
VCC
D35
VCC
D38
D40
D42
D43
ND44
ND46
D48
D50
D52
ND53
ND55
ND57
VCC
ND60
VCC
GND
D62
GND
VCC
GND
ND36
ND37
ND39
D41
ND42
ND43
D45
D47
ND48
ND49
ND51
D53
D54
D56
D58
D59
GND
VCC
GND
VCC
GND
D36
D37
D39
GND
ND41
GND
GND
ND45
ND47
GND
D49
D51
GND
GND
ND54
GND
ND56
ND58
ND59
GND
VCC
A B C D E F G H J K L M N P R T U V W Y AA AB AC
12
3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23
= DNC (DO NOT CONNECT. LEAVE OPEN)
= NC (Not Connected)
16
For additional information and latest specifications, see our website: www.triquint.com
TQ8033
DATA SHEET
Figure 9. SBGA Mechanical Dimensions
Table 8. SBGA Dimensions (in millimeters)
Symbol
A A1 A2 D D1 E E1 M,N M1 b d e ddd ccc T S
Parameter
Overall thickness Ball Height Body thickness Body size Ball footprint Body size Ball footprint Ball Matrix Number of Rows Ball diameter Distance encapsulation to balls Ball pitch Coplanarity Encapsulation height Metal back thickness Solder ball placement PCB pad size
Min.
-- 0.50 0.85 -- 27.84 -- 27.84
Nom.
-- 0.60 0.91 31.00 27.94 31.00 27.94 23 x 23 4
Max.
1.70 0.70 1.00 -- 28.04 -- 28.04
0.60 0.5
0.75 -- 1.27
0.90 --
0.15 -- 0.050 -- --
0.30 -- 0.125 0.00 0.63
0.35 0.20 0.175 -- --
For additional information and latest specifications, see our website: www.triquint.com
17
SWITCHING PRODUCTS
TQ8033
DATA SHEET
Thermal Management Most applications will require the use of a heatsink or other thermal management system in order to keep the package case temperature within the recommended operation limits. As long as the package case temperature does not exceed 85 degrees C, the die temperature will remain well within TriQuint's requirements for reliability. Selection of a thermal management device is very dependent on the system mechanical and environmental constrains. Several vendors of heatsink and other thermal management systems support the TQ8033's thermally enhanced Ball Grid Array package. These vendors will work with you to evaluate the system requirements and recommend the best solution.
Heat Sink Vendors Aavid Thermal Technologies One Kool Path P.O. Box 400 Laconia, NH 03247 603-528-3400 Sumitomo Metal (SMI) 2953 Bunker Hill Lane Santa Clara, CA 95054 408-982-0990 Wakefield Engineering, Inc. 60 Audubon Road Wakefield, MA 01880 617-345-5900
Ordering Information
TQ8033
Additional Information
1.5 Gbit/sec 64x33 Crosspoint Switch
For latest specifications, additional product information, worldwide sales and distribution locations, and information about TriQuint: Web: www.triquint.com Email: sales@tqs.com Tel: (503) 615-9000 Fax: (503) 615-8900
For technical questions and additional information on specific applications: Email: applications@tqs.com
The information provided herein is believed to be reliable; TriQuint assumes no liability for inaccuracies or omissions. TriQuint assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. TriQuint does not authorize or warrant any TriQuint product for use in life-support devices and/or systems. Copyright (c) 1998 TriQuint Semiconductor, Inc. All rights reserved. Revision 1.0.A November 1999
18
For additional information and latest specifications, see our website: www.triquint.com


▲Up To Search▲   

 
Price & Availability of TQ8033

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X