Part Number Hot Search : 
XC3064A A627308X 1M188RTA 13003 MAX44007 73120 SSL22 1SS18107
Product Description
Full Text Search
 

To Download TPS434 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Lighting
|
Imaging
|
Telecom
Thermopile Infrared Detectors
Thermopile Detector
Extremely small absorber size for high precision pyrometers Thermistor temperature reference included Low temperature coefficient of sensitivity Applications: ear thermometers and pyrometers
The TPS 434 thermopile sensor in TO 5 type housing employs a chip of 0.5 x 0.5 mm2 absorber size and a 30kV thermistor as temperature reference. The round window opening is equipped with a 5.5mm longpass (standard) infrared filter. The sensor shows a flat sensitivity characteristic over the wavelength. The TPS 434 can be equipped with a G9 (8...14 m) filter for precision pyrometers ( TPS 434 G9).
Parameters
p
TPS 434
DATASHEET
TP S
434
typical units condition
S ensitive area Window size DC sensitivity R esistance Noise NEP
100 Normalized signal in percent
Right for modification reserved / WS /, 2.7.2001
0.5 x 0.5 2.5 35 35 21 0.6 0.84 x 108
mm2 mm V /W kW nV /O Hz nW/O Hz
absorbi ng area diameter 500K BB 5..14m
r.m.s. 300K , 500K BB 5..14m
D*
TPS 434
cmO Hz/W 500K BB 5..14mr
80 60 40 20 0
TC of sensitivity TC of resistance Time constant S torage temperature
-100 -80 -60 -40 -20 0 20 40 60 80 100 Angle of incidence in degree
0.02 0.02 20 -40 -40 30 3964 55 100 100
%/K %/K ms C C kW K non permanent non permanent 25C 25C /100C at 50% poi nts
Operating temperature Thermistor resistance beta Field of view
1.0 TPS 434 Relative signal output 0.8 0.6 0.4 0.2 -3 dB level
1
10 Frequency in Hz
100
Dimensions in mm Asia: PerkinElmer Optoelectronics 47, Ayer Rajah Crescent #06-12 Singapore 139947 Phone +65 775 2022 Fax +65 775 1008
Europe: PerkinElmer Optoelectronics GmbH Wenzel Jaksch Str 31 Wiesbaden / Germany Phone +49(0)611 492 0 Fax +49(0)611 492 170
USA: PerkinElmer Optoelectronics 2175 Mission Colledge Blvd Santa Clara, CA 95054 Phone +408 565 0830 Fax +408 565 0703
www.perkinelmer.com/opto


▲Up To Search▲   

 
Price & Availability of TPS434

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X