Part Number Hot Search : 
21A155M NCP4543 IE2412S CM338 VAL1Z TIC225 2SD17 ML120G10
Product Description
Full Text Search
 

To Download TPC6001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TPC6001
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSII)
TPC6001
Notebook PC Applications Portable Equipment Applications
* * * * Low drain-source ON resistance: RDS (ON) = 22 m (typ.) High forward transfer admittance: |Yfs| = 15 S (typ.) Low leakage current: IDSS = 10 A (max) (VDS = 20 V) Enhancement mode: Vth = 0.5 to 1.2 V (VDS = 10 V, ID = 200 A) Unit: mm
Maximum Ratings (Ta = 25C)
Characteristics Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage Drain current Drain power dissipation Drain power dissipation DC (Note 1) Symbol VDSS VDGR VGSS ID IDP PD PD EAS IAR EAR Tch Tstg Rating 20 20 12 6 24 2.2 0.7 5.8 3 0.22 150 -55 to 150 Unit V V V A W W mJ A mJ C C
Pulse (Note 1) (t = 5 s) (Note 2a) (t = 5 s) (Note 2b)
JEDEC JEITA TOSHIBA
2-3T1A
Single pulse avalanche energy (Note 3) Avalanche current Repetitive avalanche energy (Note 4) Channel temperature Storage temperature range
Weight: 0.011 g (typ.)
Circuit Configuration
6 5 4
Thermal Characteristics
Characteristics Thermal resistance, channel to ambient (t = 5 s) (Note 2a) Thermal resistance, channel to ambient (t = 5 s) (Note 2b) Symbol Rth (ch-a) Rth (ch-a) Max 56.8 178.5 Unit C/W C/W
1
2
3
Note 1, Note 2, Note 3, Note 4 and Note 5: See the next page. This transistor is an electrostatic-sensitive device. Please handle it with caution.
1
2004-07-06
TPC6001
Marking (Note 5)
Lot code (month) Lot No.
Part No. (or abbreviation code)
S2A
Product-specific code Lot code (year) A line indicates lead (Pb)-free package or lead (Pb)-free finish.
Pin #1
Electrical Characteristics (Ta = 25C)
Characteristics Gate leakage current Drain cut-OFF current Drain-source breakdown voltage Gate threshold voltage Symbol IGSS IDSS V (BR) DSS V (BR) DSX Vth RDS (ON) Drain-source ON resistance RDS (ON) RDS (ON) Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Turn-ON time Switching time Fall time Turn-OFF time Total gate charge (gate-source plus gate-drain) Gate-source charge Gate-drain ("miller") charge tf toff Qg Qgs Qgd VDD 16 V, VGS = 5 V, ID = 6 A - |Yfs| Ciss Crss Coss tr ton VGS 5 V 0V 4.7 ID = 3 A RL = 3.3 VDS = 10 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 10 V, VDS = 0 V VDS = 20 V, VGS = 0 V ID = 10 mA, VGS = 0 V ID = 10 mA, VGS = -12 V VDS = 10 V, ID = 200 A VGS = 2.0 V, ID = 3 A VGS = 2.5 V, ID = 3 A VGS = 4.5 V, ID = 3 A VDS = 10 V, ID = 3 A Min 20 8 0.5 7.5 VOUT Typ. 35 28 22 15 755 172 222 6 11 32 64 15 10 5 Max 10 10 1.2 60 45 30 ns nC pF S m Unit A A V V
VDD 10 V - Duty < 1%, tw = 10 s =
2
2004-07-06
TPC6001
Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristics Pulse drain reverse current Forward voltage (diode) (Note 1) Symbol IDRP VDSF Test Condition IDR = 6 A, VGS = 0 V Min Typ. Max 24 -1.2 Unit A V
Note 1: Ensure that the channel temperature does not exceed 150C. Note 2: (a) Device mounted on a glass-epoxy board (a) (b) Device mounted on a glass-epoxy board (b)
FR-4 25.4 x 25.4 x 0.8 Unit: (mm)
FR-4 25.4 x 25.4 x 0.8 Unit: (mm)
(a)
(b)
Note 3: VDD = 16 V, Tch = 25C (initial), L = 0.5 mH, RG = 25 , IAR = 3.0 A Note 4: Repetitive rating: pulse width limited by maximum channel temperature Note 5: . * on lower left of the marking indicates Pin 1.
3
2004-07-06
TPC6001
ID - VDS
10 4 6 8 2.5 2 1.8 1.7 16 10 1.6 6 1.5 4 1.4 2 VGS = 1.3 V 0 0 Common source Ta = 25C Pulse test 0.2 0.4 0.6 0.8 1.0 0 0 20 2.5 4.5
ID - VDS
Common source Ta = 25C Pulse test 2 10, 8, 6 12 1.8
(A)
ID
Drain current
Drain current
ID
(A)
8
1.6
4
1.4 VGS = 1.2 V 2 4 6 8 10
Drain-source voltage
VDS
(V)
Drain-source voltage
VDS
(V)
ID - VGS
14 12 Common source VDS = 10 V Pulse test 0.5
VDS - VGS
Common source Ta = 25C Pulse test
VDS (V) Drain-source voltage
0.4
ID
(A)
10
8 6 4 25C
0.3
Drain current
0.2 ID = 6 A 0.1 3A 1.5 A 0 0
2 100C 0 0 0.5 1 Ta = -55C 1.5 2 2.5 3
2
4
6
8
10
Gate-source voltage
VGS
(V)
Gate-source voltage
VGS
(V)
|Yfs| - ID
100 100
RDS (ON) - ID
|Yfs| (S)
50
Drain-source on resistance RDS (ON) (m)
30
Forward transfer admittance
Ta = -55C 25C 100C
30
2V 2.5 V VGS = 4.5 V
10 5 3
10
Common source VDS = 10 V Pulse test
3
Common source Ta = 25C Pulse test
1 1
3
5
10
30
50
100
1 0.1
0.3
1
3
10
30
100
Drain current ID
(A)
Drain current ID
(A)
4
2004-07-06
TPC6001
RDS (ON) - Ta
100 Common source Pulse test 100
IDR - VDS
(A)
Drain-source on resistance RDS (ON) (m)
80
30
10 V
5V 1V 3V VGS = 0 V
IDR Drain reverse current
60 ID = 3 A, 1.5 A 40 VGS = 2 V 20
6A
10
3
1
VGS = 2.5 V ID = 6 A, 3 A, 1.5 A VGS = 4.5 V ID = 6 A, 3 A, 1.5 A -40 0 40 80 120 160
0.3
0 -80
0.1 0
Common source Ta = 25C Pulse test -0.2 -0.4 -0.6 -0.8 -1 -1.2
Ambient temperature
Ta
(C)
Drain-source voltage
VDS
(V)
Capacitance - VDS
10000 1.4
Vth - Ta
Common source VDS = 10 V ID = 200 A Pulse test
3000
(pF)
Vth Gate threshold voltage
Ciss Coss Crss
(V)
1.2 1 0.8 0.6 0.4 0.2 0 -80
1000
Capacitance
C
300 100 Common source 30 VGS = 0 V f = 1 MHz Ta = 25C 10 0.1 0.3 1
3
10
30
100
-40
0
40
80
120
160
Drain-source voltage
VDS
Ambient temperature
Ta
(C)
PD - Ta
2.5 (1) t = 5 s 30 (1) Device mounted on a glass-epoxy board (a) (Note 2a) (2) Device mounted on a glass-epoxy board (b) (Note 2b) (1) DC 1 (2) t = 5 s 0.5 (2) DC 0 0
Dynamic input/output characteristics
12 Common source ID = 6 A Ta = 25C Pulse test 20 VDS = 16 V 15 8V 10 VGS 5 4V 2 4 VDD = 16 V 4V 8
(W)
(V)
2
PD
VDS
Drain power dissipation
Drain-source voltage
6
40
80
120
160
0 0
4
8
12
16
20
24
0 28
Ambient temperature
Ta
(C)
Total gate charge
Qg
(nC)
5
2004-07-06
Gate-source voltage
1.5
VGS
(V)
25
8V
10
TPC6001
rth - tw
1000
rth (C/W)
300 100
Device mounted on a glassepoxy board (b) (Note 2b)
Transient thermal impedance
30 10 Device mounted on a glassepoxy board (a) (Note 2a)
3 1
0.3 Single pulse 0.1 0.001 0.01 0.1 1 10 100 1000
Pulse
tw (s)
Safe operating area
100 30 10 ID max (pulse)* 1 ms*
(A)
10 ms* 3 1 0.3 0.1 0.03
Drain current
ID
*: Single pulse Ta = 25C Curves must be derated linearly with increase in temperature 0.03 0.1 0.3 1
VDSS max 3 10 30 100
0.01 0.01
Drain-source voltage
VDS
(V)
6
2004-07-06
TPC6001
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
030619EAA
* The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations.
7
2004-07-06


▲Up To Search▲   

 
Price & Availability of TPC6001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X