Part Number Hot Search : 
V103AYLF 78L07 34605 ADP3625 TP3D156 TBB512 74HCU04 A393E
Product Description
Full Text Search
 

To Download TP3005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
The RF Line
SEMICONDUCTOR TECHNICAL DATA
Order this document by TP3005/D
UHF Power Transistor
The TP3005 is designed for 960 MHz base stations in both analog and digital applications. It incorporates high value emitter ballast resistors, gold metallizations and offers a high degree of reliability and ruggedness. * Specified 26 Volts, 960 MHz Characteristics Output Power = 4.0 Watts Minimum Gain = 8.5 dB Class AB IQ = 60 mA * Circuit board photomaster available upon request by contacting RF Tactical Marketing in Phoenix, AZ.
TP3005
4.0 W, 960 MHz UHF POWER TRANSISTOR NPN SILICON
MAXIMUM RATINGS
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current -- Continuous Total Device Dissipation @ TC = 25C Derate above 25C Storage Temperature Range Operating Junction Temperature Symbol VCER VCBO VEBO IC PD Tstg TJ Value 40 48 4.0 2.0 25 0.2 - 65 to +150 200 Unit Vdc Vdc Vdc Adc Watts W/C C C CASE 319-07, STYLE 2
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction to Case (1) at 70C Case Symbol RJC Max 7.0 Unit C/W
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted.)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC = 15 mA, RBE = 75 ) Emitter-Base Breakdown Voltage (IC = 3.0 mAdc) Collector-Base Breakdown Voltage (IE = 15 mAdc) Collector-Emitter Leakage (VCE = 26 V, RBE = 75 ) V(BR)CER V(BR)EBO V(BR)CBO ICER 45 4.0 55 -- -- -- -- -- -- -- -- 3.0 Vdc Vdc Vdc mA
ON CHARACTERISTICS
DC Current Gain (IC = 0.5 Adc, VCE = 10 Vdc) hFE 15 -- 100 -- (continued)
NOTE: 1. Thermal resistance is determined under specified RF operating condition.
REV 6
(c)MOTOROLA RF DEVICE DATA Motorola, Inc. 1994
TP3005 1
ELECTRICAL CHARACTERISTICS -- continued (TC = 25C unless otherwise noted.)
Characteristic Symbol Min Typ Max Unit
DYNAMIC CHARACTERISTICS
Output Capacitance (VCB = 26 V, IE = 0, f = 1.0 MHz) Cob 7.5 -- 12.5 pF
FUNCTIONAL TESTS
Common-Emitter Amplifier Power Gain (VCC = 26 V, Pout = 4.0 W, ICQ = 60 mA, f = 960 MHz) Load Mismatch (VCC = 26 V, Pout = 4.0 W, ICQ = 60 mA, Load VSWR = 5:1, at all phase angles) Collector Efficiency (VCC = 26 V, Pout = 4.0 W, f = 960 MHz) Power Saturation Pin = 1.0 W Gp 8.5 9.5 -- dB
No Degradation in Output Power Before and After Test 50 7.0 55 -- -- -- % W
c Psat
T1 C5
T3 + VCC C9
+ R3
+
C4 D1 R2 D2* C3 R1 C6
C8
C7
D.U.T. RF INPUT 50 C1
C2
RF OUTPUT 50
*Contact with RF Transistor C1 -- Capacitor Chip 0805 22 pF 5% C2, C3, C6, C8 -- Capacitor Chip 0805 330 pF 5% C4, C7 -- Capacitor Chip 0805 15 nF 5% C5, C9 -- Capacitor Chip 0805 6.0, 8.0 nF 35 V D1, D2 -- SMD Diode
R1 -- Chip Resistor 2.2 1206 5% R2 -- Chip Resistor 51 0805 5% R3 -- Chip Resistor 470 0805 5% R3 -- to be adjusted for IQ = 60 mA T1 -- SMD Transistor BCX54 or Similar T3 -- Voltage Regulator 7805 Board Material -- 0.8 mm, Epoxy Glass, Cu Clad, 2 Sides, 35 m Thick
Figure 1. 960 MHz Test Circuit
TP3005 2
MOTOROLA RF DEVICE DATA
8 7 Po, OUTPUT POWER (WATTS) Po, OUTPUT POWER (WATTS) 6 5 4 3 2 1 0 0.2 0.4 0.6 0.8 1 Pin, INPUT POWER (WATTS) f = 960 MHz IQ = 60 mA VCC = 26 V 24 V
8 7 6 5 4 3 0.3 W 2 1 0 900 920 940 960 f, FREQUENCY (MHz) VCC = 26 V IQ = 60 mA 980 Pin = 0.6 W
1.2
1.4
Figure 2. Output Power versus Input Power
Figure 3. Output Power versus Frequency
8 7 6 5 Pin = 0.6 W 4 3 2 1 0 18 20 22 24 26 28 VCC, SUPPLY VOLTAGE (VOLTS) f = 960 MHz IQ = 60 mA 30 32 0.3 W
12 c , COLLECTOR EFFICIENCY (%)
Po, OUTPUT POWER (WATTS)
10 Gp , POWER GAIN (dB) Gp 8 c 50 6 VCC = 26 V IQ = 60 mA 4 900 920 940 960 f, FREQUENCY (MHz) 980 40 60
Figure 4. Output Power versus Supply Voltage
Figure 5. Typical Broadband Circuit Performance
0 f = 950 MHz
5
ZOL* - 25 850
10 15
950
f = 850 MHz ZIN
25
Pout = 4.0 W VCE = 26 V f MHz 850 900 950 ZIN OHMS 8.1 + j17 9.1 + j12.7 13.9 + j4.4 ZOL* OHMS 6.7 - j11 4.0 - j10 3.2 - j6.1
- 50
50
50
100 150
- 20
20
ZOL* = Conjugate of the optimum load ZOL* = impedance. Into which the device ZOL* = operates at a given output power, ZOL* = voltage, and frequency.
Figure 6. Series Equivalent Input/Output Impedances
MOTOROLA RF DEVICE DATA
TP3005 3
T3
C9
C5 R2 C4 C3
T2
D2
D1
R1
C8 C7
C1
INPUT
Figure 7. Test Circuit -- Component Locations
PACKAGE DIMENSIONS
IDENTIFICATION NOTCH 6
-AL
5 4
Q 2 PL 0.15 (0.006)
M
TA
M
N
M
-N1 2 3
K
F D 2 PL 0.38 (0.015) M B J H C E -TSEATING PLANE
TA
M
M
N
M
M
0.38 (0.015)
TA
N
M STYLE 2: PIN 1. 2. 3. 4. 5. 6.
EMITTER (COMMON) BASE (INPUT) EMITTER (COMMON) EMITTER (COMMON) COLLECTOR (OUTPUT) EMITTER (COMMON)
CASE 319-07 ISSUE M
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers: USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England. JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
TP3005 4
A A A
C2
A A A A A A A
AA AA AAA A A A A A A
R1
TP3005
OUTPUT
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.965 0.985 0.355 0.375 0.230 0.260 0.115 0.125 0.102 0.114 0.075 0.085 0.160 0.170 0.004 0.006 0.090 0.110 0.725 BSC 0.225 0.241 0.125 0.135 MILLIMETER MIN MAX 24.52 25.01 9.02 9.52 5.85 6.60 2.93 3.17 2.59 2.90 1.91 2.15 4.07 4.31 0.11 0.15 2.29 2.79 18.42 BSC 5.72 6.12 3.18 3.42
DIM A B C D E F H J K L N Q
*TP3005/D*
TP3005/D MOTOROLA RF DEVICE DATA


▲Up To Search▲   

 
Price & Availability of TP3005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X