Part Number Hot Search : 
ZTX502DC TA0751B IP117AR SZ5250 GRM18 24C04 VM1566 BU40T
Product Description
Full Text Search
 

To Download TP2535 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TP2535 TP2540 Low Threshold P-Channel Enhancement-Mode Vertical DMOS FETs
Ordering Information
BVDSS / BVDGS -350V -400V RDS(ON) (max) 25 25 VGS(th) (max) -2.4V -2.4V ID(ON) (min) -0.4A -0.4A Order Number / Package TO-92 TP2535N3 TP2540N3 TO-243AA* -- TP2540N8 Die -- TP2540ND
* Same as SOT-89.
Product supplied on 2000 piece carrier tape reels. MIL visual screening available.
Product marking for TO-243AA
Features
Low threshold -- -2.4V max. High input impedance Low input capacitance -- 125pF max. Fast switching speeds Low on resistance Free from secondary breakdown Low input and output leakage Complementary N- and P-channel devices
TP5D
Where = 2-week alpha date code
Low Threshold DMOS Technology
These low threshold enhancement-mode (normally-off) transistors utilize a vertical DMOS structure and Supertex's well-proven silicon-gate manufacturing process. This combination produces devices with the power handling capabilities of bipolar transistors and with the high input impedance and positive temperature coefficient inherent in MOS devices. Characteristic of all MOS structures, these devices are free from thermal runaway and thermally-induced secondary breakdown. Supertex's vertical DMOS FETs are ideally suited to a wide range of switching and amplifying applications where very low threshold voltage, high breakdown voltage, high input impedance, low input capacitance, and fast switching speeds are desired.
Applications
Logic level interfaces - ideal for TTL and CMOS Solid state relays Battery operated systems Photo voltaic drives Analog switches General purpose line drivers Telecom switches
Package Options
Absolute Maximum Ratings
Drain-to-Source Voltage Drain-to-Gate Voltage Gate-to-Source Voltage Operating and Storage Temperature Soldering Temperature* BVDSS BVDGS 20V -55C to +150C 300C
D G D S SGD
TO-243AA (SOT-89)
TO-92
* Distance of 1.6 mm from case for 10 seconds.
Note: See Package Outline section for dimensions. 11/12/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
1
TP2535/TP2540
Thermal Characteristics
Package TO-92 TO-243AA
ID (continuous)* -86mA -125mA
ID (pulsed) -0.6A -1.2A
Power Dissipation @ TA = 25C 0.74W 1.6W
jc
ja
IDR* -86mA -125mA
IDRM -0.6A -1.2A
C/W
125 15
C/W
170 78
* ID (continuous) is limited by max rated Tj.
Mounted on FR5 Board, 25mm x 25mm x 1.57mm. Signficant PD increase possible on ceramic substrate.
Electrical Characteristics (@ 25C unless otherwise specified)
Symbol BVDSS VGS(th) VGS(th) IGSS IDSS Parameter Drain-to-Source Breakdown Voltage Gate Threshold Voltage Change in VGS(th) with Temperature Gate Body Leakage Zero Gate Voltage Drain Current TP2540 TP2535 Min -400 -350 -1.0 -2.4 4.8 -100 -10 -1.0 ID(ON) RDS(ON) RDS(ON) GFS CISS COSS CRSS td(ON) tr td(OFF) tf VSD trr ON-State Drain Current Static Drain-to-Source ON-State Resistance Change in RDS(ON) with Temperature Forward Transconductance Input Capacitance Common Source Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Diode Forward Voltage Drop Reverse Recovery Time 300 100 175 60 20 10 125 70 25 10 10 20 13 -1.8 V ns VGS = 0V, ISD = -100mA VGS = 0V, ISD = -100mA ns VDD = -25V ID = -0.4A RGEN = 25 pF -0.2 -0.4 -0.3 -1.1 20 19 30 25 0.75 %/C m Typ Max Unit V V mV/C nA A mA A Conditions VGS = 0V, ID = -2mA VGS = VDS, ID = -1mA VGS = VDS, ID = -1mA VGS = 20V, VDS = 0V VGS = 0V, VDS = Max Rating VGS = 0V, VDS = 0.8 Max Rating TA = 125C VGS = -4.5V, VDS = -25V VGS = -10V, VDS = -25V VGS = -4.5V, ID = -100mA VGS = -10V, ID = -100mA VGS = -10V, ID = -100mA VDS = -25V, ID = -100mA VGS = 0V, VDS = -25V f = 1 MHz
Notes: 1. All D.C. parameters 100% tested at 25C unless otherwise stated. (Pulse test: 300s pulse, 2% duty cycle.) 2. All A.C. parameters sample tested.
Switching Waveforms and Test Circuit
0V
10%
INPUT
-10V
PULSE GENERATOR 90%
t(ON) Rgen
t(OFF) tr td(OFF) tF
INPUT
td(ON)
0V
90% OUTPUT
VDD
90% 10%
10%
2
D.U.T. OUTPUT RL
VDD
TP2535/TP2540
Typical Performance Curves
-2.0 -1.6
Output Characteristics
-1.0 -0.8
Saturation Characteristics
VGS = -10V - 8V - 6V
ID (amperes)
ID (amperes)
-1.2 -0.8 -0.4 0
VGS = -10V -8V -6V -4V
0 -10 -20 -30 VDS (volts) -40 -50
-0.6 -0.4 -0.2 0 0 -2 -4 -6 -8
- 4V
VDS (volts)
-10
0.5 0.4
Transconductance vs. Drain Current
VDS = -25V
2.0
Power Dissipation vs. Ambient Temperature
TO-243AA
GFS (siemens)
PD (watts)
0.3 0.2 0.1 0 0 -0.4 -0.8 -1.2 ID (amperes)
TA = -55C 25C 125C
1.0 TO-92
-1.6
-2.0
0
0
25
50
TA (C)
75
100
125
150
-10
Maximum Rated Safe Operating Area
Thermal Resistance (normalized)
TA = 25C
TO-243AA(pulsed) TO-92 (pulsed) TO-243AA (DC) TO-92 (DC)
1.0 0.8 0.6 0.4 0.2 0 0.001
Thermal Response Characteristics
ID (amperes)
-1.0
TO-243AA TA = 25C PD = 1.6W
-0.1
-0.01
TO-92 P D = 1W T C = 25C
0.01
-1
-10
VDS (volts)
-100
-1000
tp (seconds)
0.1
1
10
3
TP2535/TP2540
Typical Performance Curves
BVDSS Variation with Temperature
1.1 100
On-Resistance vs. Drain Current
80
V GS = -4.5V
BVDSS (normalized)
RDS(ON) (ohms)
60
1.0
40
VGS = -10V
20
0.9 -50 0 50 100 150
0 0 -0.4 -0.8 -1.2 -1.6 -2.0
Tj ( C) Transfer Characteristics
-2 1.2
ID (amperes) V(th) and RDS Variation with Temperature
2.5
VDS = - 25V
-1.6
TA = -55C
RDS(ON) @ -10V, -0.1A
2.0
1.1 1.5 1.0 1.0 0.9
-1.2
25C
-0.8
-0.4
V(th) @ -1mA
125C
0.8
0.5
0 0 -2 -4 -6 -8 -10 -50 0 50 100 150
0
VGS (volts) Capacitance vs. Drain-to-Source Voltage
200 -10
Tj ( C) Gate Drive Dynamic Characteristics
f = 1MHz
-8 150
VDS = - 10V
C (picofarads)
VGS (volts)
-6
100
VDS = - 40V
-4
CISS
50 -2
190 pF
60pF
CRSS
0 0 -10 -20 -30 -40
COSS
0 0 0.4 0.8 1.2 1.6 2.0
VDS (volts)
QG (nanocoulombs)
11/12/01
(c)2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
4
1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 * FAX: (408) 222-4895 www.supertex.com
RDS(ON) (normalized)
VGS(th) (normalized)
ID (amperes)


▲Up To Search▲   

 
Price & Availability of TP2535

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X