Part Number Hot Search : 
2SA186 CTSTR A60CT DP8384 1CZ11V ASM3P 500A1 C0751A
Product Description
Full Text Search
 

To Download TP2104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TP2104 Low Threshold P-Channel Enhancement-Mode Vertical DMOS FETs
Ordering Information
BVDSS / BVDGS -40V RDS(ON) (max) 6.0 VGS(th) (max) -2.0V Order Number/Package TO-236AB* TP2104K1 TO-92 TP2104N3 Die TP2104ND Product marking for SOT-23: P1L where = 2-week alpha date code
*Same as SOT-23. All units shipped on 3,000 piece carrier tape reels.
Features
Free from secondary breakdown Low power drive requirement Ease of paralleling Low CISS and fast switching speeds Excellent thermal stability Integral Source-Drain diode High input impedance and high gain Complementary N- and P-channel devices
Advanced DMOS Technology
These enhancement-mode (normally-off) transistors utilize a vertical DMOS structure and Supertex's well-proven silicon-gate manufacturing process. This combination produces devices with the power handling capabilities of bipolar transistors and with the high input impedance and positive temperature coefficient inherent in MOS devices. Characteristic of all MOS structures, these devices are free from thermal runaway and thermally-induced secondary breakdown. Supertex's vertical DMOS FETs are ideally suited to a wide range of switching and amplifying applications where high breakdown voltage, high input impedance, low input capacitance, and fast switching speeds are desired.
Applications
Logic level interfaces - ideal for TTL and CMOS Solid state relays Battery operated systems Photo voltaic drives Analog switches General purpose line drivers Telecom switches
Package Options
D
Absolute Maximum Ratings
Drain-to-Source Voltage Drain-to-Gate Voltage Gate-to-Source Voltage Operating and Storage Temperature Soldering Temperature* * Distance of 1.6 mm from case for 10 seconds.
11/12/01
GS
SGD
BVDSS BVDGS 20V -55C to +150C 300C
TO-236AB (SOT-23) top view
TO-92
Note: See Package Outline section for dimensions.
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
1
TP2104
Thermal Characteristics
Package SOT-23 TO-92 ID (continuous)* -0.16A -0.25A ID (pulsed) -0.8A -1.0A Power Dissipation @ TA = 25C 0.36W 0.74W
jc
ja
IDR* -0.16A -0.25A
IDRM -0.8A -1.0A
C/W
200 125
C/W
350 170
* ID (continuous) is limited by max rated Tj.
Electrical Characteristics (@ 25C unless otherwise specified)
Symbol BVDSS VGS(th) V GS(th) IGSS IDSS Parameter Drain-to-Source Breakdown Voltage Gate Threshold Voltage Change in VGS(th) with Temperature Gate Body Leakage Zero Gate Voltage Drain Current Min -40 -1.0 5.8 -1.0 -2.0 6.5 -100 -10 -1 ID(ON) RDS(ON) RDS(ON) GFS CISS COSS CRSS td(ON) tr td(OFF) tf VSD trr
Notes: 1. All D.C. parameters 100% tested at 25C unless otherwise stated. (Pulse test: 300s pulse, 2% duty cycle.) 2. All A.C. parameters sample tested.
Typ
Max
Unit V V mV/C nA A mA A
Conditions VGS = 0V, ID = -1.0mA VGS = VDS, ID = -1.0mA VGS = VDS, ID = -1.0mA VGS = 20V, VDS = 0V VGS = 0V, VDS = Max Rating VGS = 0V, VDS = 0.8 Max Rating TA = 125C VGS = -10V, VDS = -25V VGS = -4.5V, ID = -50mA VGS = -10V, ID = -0.5A VGS = -10V, ID = -0.5A VDS = -25V, ID = -0.5A VGS = 0V, VDS = -25V f = 1 MHz
ON-State Drain Current Static Drain-to-Source ON-State Resistance Change in RDS(ON) with Temperature Forward Transconductance Input Capacitance Common Source Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Diode Forward Voltage Drop Reverse Recovery Time
-0.6 10.0 6.0 0.55 150 200 35 22 8 4 4 5 5 -1.2 400 60 30 10 6 8 9 8 -2.0 1.0
%/C m
pF
ns
V ns
Switching Waveforms and Test Circuit
0V
10%
INPUT
-10V
PULSE GENERATOR 90%
t(ON) Rgen
t(OFF) tr td(OFF) tF
INPUT
td(ON)
0V
90% OUTPUT
VDD
90% 10%
10%
2
VDD = -25V ID = -0.5A RGEN = 25 VGS = 0V, ISD = -0.5A VGS = 0V, ISD = -0.5A
D.U.T. OUTPUT RL
VDD
TP2104
Typical Performance Curves
Output Characteristics
-2.0 -2.0
Saturation Characteristics
VGS = -10V
-1.6 -1.6
ID (amperes)
-1.2
ID (amperes)
-8V
-1.2
VGS = -10V -8V
-0.8
-0.8
-6V
-0.4
-6V
-0.4
-4V -3V
0 0 -10 -20 -30 -40 -50 0 0 -2 -4 -6
-4V -3V
-8 -10
VDS (volts) Transconductance vs. Drain Current
0.5 1.0
VDS (volts) Power Dissipation vs. Temperature
VDS = -25V
0.4 0.8 TO-92
GFS (siemens)
0.2
25C 125C
PD (watts)
0.3
TA = -55C
0.6
0.4
SOT-23
0.1
0.2
0 0 -0.2 -0.4 -0.6 -0.8 -1.0
0 0 25 50 75 100 125 150
ID (amperes) Maximum Rated Safe Operating Area
-1.0 SOT-23 (pulsed) 1.0
TA (C) Thermal Response Characteristics
Thermal Resistance (normalized)
SOT-23 (DC)
0.8
ID (amperes)
-0.1
0.6
SOT-23 TA = 25C PD = 0.36W
TA = 25C
-0.01
0.4
0.2
TO-92 P D = 1W T C = 25C
0.01 0.1 1.0 10
-0.001 -0.1
-1.0
-10
-100
0 0.001
VDS (volts)
tp (seconds)
3
TP2104
Typical Performance Curves
BVDSS Variation with Temperature
1.1 20
On-Resistance vs. Drain Current
16
VGS = -4.5V
BVDSS (normalized)
RDS(ON) (ohms)
12
1.0
VGS = -10V
8
4
0.9 -50 0 50 100 150
0 0 -0.4 -0.8 -1.2 -1.6 -2.0
Tj ( C) Transfer Characteristics
-2.0
ID (amperes) VGS(th) and R DS(ON) Variation with Temperature
1.2 1.6 1.1
VDS = -25V
-1.6
RDS(ON) @ -10V, -0.5A
1.4
-1.2
1.0
VGS(th) @ -1mA
0.9
1.2
-0.8
125C
1.0 0.8 0.8
25C
-0.4
0 0 -2 -4 -6 -8 -10
0.7 -50 0 50 100 150
VGS (volts) Capacitance vs. Drain-to-Source Voltage
100 -10
Tj ( C) Gate Drive Dynamic Characteristics
f = 1MHz
-8 75
VDS = -10V
C (picofarads)
VGS (volts)
-6
50
CISS
25
-4
VDS = -40V 125 pF
COSS
CRSS
-2
35 pF
0 0 -10 -20 -30 -40 0 0 0.5 1.0 1.5 2.0 2.5
VDS (volts)
QG (nanocoulombs)
11/12/01
(c)2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
4
1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 * FAX: (408) 222-4895 www.supertex.com
RDS(ON) (normalized)
VGS(th) (normalized)
TA = -55C
ID (amperes)


▲Up To Search▲   

 
Price & Availability of TP2104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X