Part Number Hot Search : 
10E103G PEF22810 E103K 00035 805062W RSFAL1 10180N 8162Z
Product Description
Full Text Search
 

To Download TN2404K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TN2404K/TN2404KL/BS107KL
Vishay Siliconix
N-Channel 240 -V (D-S) MOSFET
PRODUCT SUMMARY
Part Number
TN2404K TN2404KL/BS107KL
VDS Min (V)
240
rDS(on) (W)
4 @ VGS = 10 V 4 @ VGS = 10 V
VGS(th) (V)
0.8 to 2.0 0.8 to 2.0
ID (A)
0.2 0.3
Qg (Typ)
4.87 4 87
FEATURES
D D D D D Low On-Resistance: 4 W Secondary Breakdown Free: 260 V Low Power/Voltage Driven Low Input and Output Leakage Excellent Thermal Stability
BENEFITS
D D D D D Low Offset Voltage Full-Voltage Operation Easily Driven Without Buffer Low Error Voltage No High-Temperature "Run-Away"
TO-226AA (TO-92)
S 3 D G 2 1
APPLICATIONS
D High-Voltage Drivers: Relays, Solenoids, Lamps, Hammers, Displays, Transistors, etc. D Telephone Mute Switches, Ringer Circuits D Power Supply, Converters D Motor Control
TO-92-18RM (TO-18 Lead Form)
Device Marking Front View "S" TN 2404KL xxyy "S" = Siliconix Logo xxyy = Date Code D 1
TO-236 (SOT-23)
G
1
Device Marking Front View "S" BS 107KL xxyy "S" = Siliconix Logo xxyy = Date Code
S
2
G
2
Top View TN2404K Marking Code: K1ywl K1 = Part Number Code for TN2404K y = Year Code w = Week Code l = Lot Traceability
D
3 Top View TN2404KL
S
3 Top View BS107KL
ORDERING INFORMATION
Standard Part Number
TN2404K-T1 TN2404KL-TR1 BS107KL-TR1
Lead (Pb)-Free Part Number
TN2404K-T1--E3 TN2404KL-TR1--E3 BS107KL-TR1--E3
Option
With Tape and Reel Folding Option Spool Option
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C) Pulsed Drain Currenta Power Dissipation Thermal Resistance, Junction-to-Ambient Operating Junction and Storage Temperature Range Notes a. Pulse width limited by maximum junction temperature. b. Surface mounted on an FR4 board. Document Number: 72225 S-41761--Rev. B , 04-Oct-04 www.vishay.com TA= 25_C TA= 70_C TA= 25_C TA= 70_C
Symbol
VDS VGS ID IDM PD RthJA TJ, Tstg
TN2404K
TN2404KL/BS107KL
240 "20
Unit
V
0.2 0.16 0.8 0.36 0.23 350b -55 to 150
0.3 0.25 1.4 0.8 0.51 156 W _C/W _C A
1
TN2404K/TN2404KL/BS107KL
Vishay Siliconix
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current V(BR)DSS VGS(th) IGSS IDSS VGS = 0 V, ID = 100 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 192 V, VGS = 0 V TJ = 55_C VDS = 10 V, VGS =10 V VDS = 10 V, VGS = 4.5 V VGS = 10 V, ID = 0.3 A Drain-Source On-Resistanceb rDS(on) () VGS = 4.5 V, ID = 0.2 A VGS = 2.5 V, ID = 0.1 A Forward Transconductanceb Diode Forward Voltage gfs VSD VDS = 10 V, ID = 0.3 A IS = 0.3 A, VGS = 0 V 0.8 0.5 2.2 2.3 2.4 1.6 0.8 1.2 4 4 6 S V W 240 0.8 257 1.65 2.0 "100 1 10 V nA mA
Symbol
Test Conditions
Min
Typa
Max
Unit
On-State On State Drain Currentb
ID( ) D(on)
A
Dynamica
Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Turn On Time Qg Qgs Qgd td(on) tr td(off) tr VDD = 60 V, RL = 200 W ID ] 0.3 A, VGEN = 10 V, RG = 25 W VDS = 192 V, VGS = 10 V, ID = 0.5 A 4.87 0.56 1.53 5 12 35 16 10 20 60 25 nS 8 nC
turn-Off Time
Notes a. For DESIGN AID ONLY, not subject to production testing. b. Pulse test: PW v300 ms duty cycle v2%. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
www.vishay.com
2
Document Number: 72225 S-41761--Rev. B , 04-Oct-04
TN2404K/TN2404KL/BS107KL
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
1.8 VGS = 10 thru 3 V 1.5 I D - Drain Current (A) 1.2 0.9 0.6 0.3 2V 0.0 0 1 2 3 4 5 VDS - Drain-to-Source Voltage (V) I D - Drain Current (A) 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 1 2 3 4 5 6 VGS - Gate-to-Source Voltage (V) TC = -55_C 25_C 125_C
Transfer Characteristics
2.5 V
On-Resistance vs. Drain Current
5 r DS(on) - On-Resistance ( W ) 300 250 C - Capacitance (pF) 200 150 100 50 0 0.2 0.4 0.6 0.8 1.0 1.2 0 10
Capacitance
4
3
Ciss
VGS = 4.5 V VGS = 10 V
2
1
Crss
Coss 20 30 40 50
0 0.0
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
10 V GS - Gate-to-Source Voltage (V) VDS = 192 V ID = 0.5 A 8 rDS(on) - On-Resiistance (Normalized) 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0 0 1 2 3 4 5 Qg - Total Gate Charge (nC) Document Number: 72225 S-41761--Rev. B , 04-Oct-04 0.4 -50
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 0.3 A
6
VGS = 4.5 V ID = 0.2 A
4
2
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C) www.vishay.com
3
TN2404K/TN2404KL/BS107KL
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Source-Drain Diode Forward Voltage
10 8 7 I S - Source Current (A) 1 r DS(on) - On-Resistance ( W ) 6 5 4 3 2 1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 2 4 6 8 10 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V) ID = 100 mA
On-Resistance vs. Gate-to-Source Voltage
ID = 50 mA
0.1
TJ = -55_C
TJ = 25_C 0.01 TJ = 150_C 0.001 0.0
ID = 10 mA
Threshold Voltage
0.3 0.2 0.1 V GS(th) Variance (V) -0.0 -0.1 -0.2 -0.3 -0.4 -0.5 -50 ID = 250 mA
-25
0
25
50
75
100
125
150
TJ - Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient (TO-236, TN2404K Only)
2 1
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Notes: PDM t1
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA =350_C/W
t1 t2
Single Pulse 0.01 10-4 10-3 10-2 10-1 1 Square Wave Pulse Duration (sec)
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
www.vishay.com
4
Document Number: 72225 S-41761--Rev. B , 04-Oct-04
TN2404K/TN2404KL/BS107KL
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Normalized Effective Transient Thermal Impedance, Junction-to-Ambient (TO-226AA, TN2404KL and TO-92-18RM, BS107KL Only)
1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.05
Notes: PDM t1
0.02 0.01 Single Pulse 0.01 0.1 1 10 100
t2 1. Duty Cycle, D =
2. Per Unit Base = RthJA = 156_C/W 3. TJM - TA = PDMZthJA(t)
t1 t2
1K
10 K
t1 - Square Wave Pulse Duration (sec)
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?72225. Document Number: 72225 S-41761--Rev. B , 04-Oct-04 www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of TN2404K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X