Part Number Hot Search : 
S2222A AD8115 ZEN2901P FZT692B MBRB1 04001 SFH4045N TL594DTB
Product Description
Full Text Search
 

To Download TN0604 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TN0604 Low Threshold N-Channel Enhancement-Mode Vertical DMOS FETs
Ordering Information
BVDSS / BVDGS 40V 40V RDS(ON) (max) 0.75 1.0 ID(ON) (min) 4.0A 4.0A VGS(th) (max) 1.6V 1.6V Order Number / Package TO-92 TN0604N3 -- SOW-20* -- TN0604WG
* Same as SO-20 with 300 mil wide body.
Features
Low threshold -- 1.6V max. High input impedance Low input capacitance -- 140pF typical Fast switching speeds Low on resistance Free from secondary breakdown Low input and output leakage Complementary N- and P-channel devices
Low Threshold DMOS Technology
These low threshold enhancement-mode (normally-off) transistors utilize a vertical DMOS structure and Supertex's well-proven silicon-gate manufacturing process. This combination produces devices with the power handling capabilities of bipolar transistors and with the high input impedance and positive temperature coefficient inherent in MOS devices. Characteristic of all MOS structures, these devices are free from thermal runaway and thermally-induced secondary breakdown. Supertex's vertical DMOS FETs are ideally suited to a wide range of switching and amplifying applications where very low threshold voltage, high breakdown voltage, high input impedance, low input capacitance, and fast switching speeds are desired.
Applications
Logic level interfaces - ideal for TTL and CMOS Solid state relays Battery operated systems Photo voltaic drives Analog switches General purpose line drivers Telecom switches
Package Options
Absolute Maximum Ratings
Drain-to-Source Voltage Drain-to-Gate Voltage Gate-to-Source Voltage Operating and Storage Temperature Soldering Temperature* *
Distance of 1.6 mm from case for 10 seconds.
SGD
BVDSS BVDGS 20V -55C to +150C 300C
TO-92
SOW-20
Notes: 1. See Package Outline section for dimensions. 2. See Array section for quad pinouts.
02/06/02
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
1
TN0604
Thermal Characteristics
Package TO-92 SOW-20 ID (continuous)* 700mA ID (pulsed) 4.6A Power Dissipation @ TC = 25C 1W
jc
ja
IDR* 700mA
IDRM 4.6A
C/W
125
C/W
170
Refer to Enhancement Mode MOSFET Arrays Section.
* ID (continuous) is limited by max rated Tj.
Electrical Characteristics (@ 25C unless otherwise specified)
Symbol BVDSS VGS(th) V GS(th) IGSS IDSS Parameter Drain-to-Source Breakdown Voltage Gate Threshold Voltage Change in VGS(th) with Temperature Gate Body Leakage Zero Gate Voltage Drain Current Min 40 0.6 -3.8 1.6 -4.5 100 10 1.0 ID(ON) RDS(ON) ON-State Drain Current 1.5 4.0 Static Drain-to-Source ON-State Resistance TO-92/SOW-20 TO-92 SOW - 20 RDS(ON) GFS CISS COSS CRSS td(ON) tr td(OFF) tf VSD trr Change in RDS(ON) with Temperature Forward Transconductance Input Capacitance Common Source Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Diode Forward Voltage Drop Reverse Recovery Time 1.2 300 0.5 0.5 0.8 140 75 25 190 110 50 10 6.0 25 20 1.8 V ns VGS = 0V, ISD = 1.5A VGS = 0V, ISD = 1A ns VDD = 20V ID = 0.5A RGEN = 25 pF 2.1 7.0 1.0 0.6 1.6 0.75 1.0 0.75 %/C VGS = 10V, ID = 1.5A VDS = 20V, ID = 1.5A VGS = 0V, VDS = 20V f = 1 MHz Typ Max Unit V V mV/C nA A mA Conditions VGS = 0V, ID = 2.0mA VGS = VDS, ID = 1.0mA VGS = VDS, ID = 2.5mA VGS = 20V, VDS = 0V VGS = 0V, VDS = Max Rating VGS = 0V, VDS = 0.8 Max Rating TA = 125C VGS = 5V, VDS = 20V VGS = 10V, VDS = 20V VGS = 5V, ID = 0.75A VGS = 10V, ID = 1.5A
A
Notes: 1: All D.C. parameters 100% tested at 25C unless otherwise stated. (Pulse test: 300s pulse, 2% duty cycle.) 2: All A.C. parameters sample tested.
VDD
Switching Waveforms and Test Circuit
10V
90%
INPUT 0V
PULSE GENERATOR
Rgen
10%
t(ON)
t(OFF) tr td(OFF) tF
td(ON)
VDD OUTPUT 0V
10%
10%
INPUT
90%
90%
2
RL OUTPUT
D.U.T.
TN0604
Typical Performance Curves
Output Characteristics
10 10
Saturation Characteristics
8
VGS = 10V
8 VGS =
ID (amperes)
ID (amperes)
6
9V 8V
6
10V 9V 8V
4
7V 6V
4
7V 6V
2
5V 4V
2
5V 4V 3V
0 0 10 20 30 40 50
3V
0 0 2 4 6 8 10
VDS (volts) Transconductance vs. Drain Current
2.0 2.0
VDS (volts) Power Dissipation vs. Case Temperature
VDS = 25V DS
GFS (siemens)
PD (watts)
TA = -55C 1.0 TA = 25C TA = 125C
TO-92 1.0
0 0 1 2 3 4 5 6 7
0 0 25 50 75 100 125 150
ID (amperes) Maximum Rated Safe Operating Area
10 1.0
TC ( C) Thermal Response Characteristics
Thermal Resistance (normalized)
TO-92 (pulsed)
0.8
ID (amperes)
1.0
0.6
TO-92 (DC) 0.1
0.4
0.2
TO-92 TC = 25C PD = 1W
T C = 25C 0.01 0.1 1 10 100 0 0.001 0.01 0.1 1 10
VDS (volts)
tp (seconds)
3
TN0604
Typical Performance Curves
BVDSS Variation with Temperature
2.0 1.1
On-Resistance vs. Drain Current
VGS = 5V
BVDSS (normalized)
RDS(ON) (ohms)
VGS = 10V
1.0
1.0
0.9 0 -50 0 50 100 150 0 5.0 10.0
Tj (C) Transfer Characteristics
10
ID (amperes) V(th) and RDS Variation with Temperature
1.4 1.4
VDS = 25V
8
VGS(th) (normalized)
ID (amperes)
6
=
-5
C 5
=
1.2
V(th) @ 1mA
1.2
C 25
TA
4
TA
1.0
R DS @ 10V, 1.5A
1.0
=
12
5
C
0.8
0.8
TA
2
0.6 0 0 2 4 6 8 10 -50 0 50 100 150
0.6
VGS (volts) Capacitance vs. Drain-to-Source Voltage
200 10
Tj (C) Gate Drive Dynamic Characteristics
f = 1MHz
150
8
C ISS
VDS = 10V
C (picofarads)
VGS (volts)
170 pF
6
170 pF
100
COSS
50
4
VDS = 40V
CRSS
2
0 0 10 20 30 40
0 0 1.0 2.0 3.0 4.0 5.0
VDS (volts)
QG (nanocoulombs)
02/06/02
(c)2002 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
4
1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 * FAX: (408) 222-4895 www.supertex.com
RDS(ON) (normalized)


▲Up To Search▲   

 
Price & Availability of TN0604

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X