Part Number Hot Search : 
IDT5T9 16681 F1533A P4SMA91A FLU10XM MAX984 TLP37107 MC100LV
Product Description
Full Text Search
 

To Download TN0106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TN0106 TN0110 Low Threshold N-Channel Enhancement-Mode Vertical DMOS FETs
Ordering Information
BVDSS / BVDGS 60V 100V
RDS(ON) (max) 3.0 3.0
ID(ON) (min) 2A 2A
VGS(th) (max) 2.0V 2.0V
Order Number / Package TO-92 TN0106N3 TN0110N3 Die -- TN0110ND
7
MIL visual screening available
Features
s Low threshold -- 2.0V max. s High input impedance s Low input capacitance -- 50pF typical s Fast switching speeds s Low on resistance s Free from secondary breakdown s Low input and output leakage s Complementary N- and P-channel devices
Low Threshold DMOS Technology
These low threshold enhancement-mode (normally-off) transistors utilize a vertical DMOS structure and Supertex's well-proven silicon-gate manufacturing process. This combination produces devices with the power handling capabilities of bipolar transistors and with the high input impedance and positive temperature coefficient inherent in MOS devices. Characteristic of all MOS structures, these devices are free from thermal runaway and thermally-induced secondary breakdown. Supertex's vertical DMOS FETs are ideally suited to a wide range of switching and amplifying applications where very low threshold voltage, high breakdown voltage, high input impedance, low input capacitance, and fast switching speeds are desired.
Applications
s Logic level interfaces - ideal for TTL and CMOS s Solid state relays s Battery operated systems s Photo voltaic drives s Analog switches s General purpose line drivers s Telecom switches
Package Options
Absolute Maximum Ratings
Drain-to-Source Voltage Drain-to-Gate Voltage Gate-to-Source Voltage Operating and Storage Temperature Soldering Temperature* * Distance of 1.6 mm from case for 10 seconds.
Note: See Package Outline section for dimensions.
BVDSS BVDGS 20V -55C to +150C 300C
SGD
TO-92
7-35
TN0106/TN0110
Thermal Characteristics
Package TO-92 ID (continuous)* 0.5A ID (pulsed) 2.0A Power Dissipation @ TC = 25C 1.0W
C/W
125
jc
C/W
170
ja
IDR* 0.5A
IDRM 2.0A
* ID (continuous) is limited by max rated Tj.
Electrical Characteristics (@ 25C unless otherwise specified)
Symbol BVDSS VGS(th) V GS(th) IGSS IDSS Parameter Drain-to-Source Breakdown Voltage Gate Threshold Voltage Change in VGS(th) with Temperature Gate Body Leakage Zero Gate Voltage Drain Current TN0110 TN0106 Min 100 60 0.6 -3.2 2.0 -5.0 100 10 500 ID(ON) RDS(ON) RDS(ON) GFS CISS COSS CRSS td(ON) tr td(OFF) tf VSD trr ON-State Drain Current 0.75 2.0 Static Drain-to-Source ON-State Resistance Change in RDS(ON) with Temperature Forward Transconductance Input Capacitance Common Source Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Diode Forward Voltage Drop Reverse Recovery Time 225 1.4 3.4 2.0 1.6 0.6 400 50 25 4.0 2.0 3.0 6.0 3.0 1.0 400 60 35 8.0 5.0 5.0 7.0 6.0 1.5 V ns ISD = 0.5A, VGS = 0V ISD = 0.5A, VGS = 0V ns VDD = 25V ID = 1.0A RGEN = 25 pF VGS = 0V, VDS = 25V f = 1 MHz 4.5 3.0 1.1 %/C m A A V mV/C nA VGS = VDS, ID = 0.5mA VGS = VDS, ID = 1.0mA VGS = 20V, VDS = 0V VGS = 0V, VDS = Max Rating VGS = 0V, VDS = 0.8 Max Rating TA = 125C VGS = 5V, VDS = 25V VGS = 10V, VDS = 25V VGS = 4.5V, ID = 250mA VGS = 10V, ID = 500mA ID = 0.5A, VGS = 10V VDS = 25V, ID = 500mA Typ Max Unit V Conditions ID = 1mA, VGS = 0V
Notes: 1. All D.C. parameters 100% tested at 25C unless otherwise stated. (Pulse test: 300s pulse, 2% duty cycle.) 2. All A.C. parameters sample tested.
Switching Waveforms and Test Circuit
10V 90% INPUT 0V 10% t(ON) td(ON) VDD OUTPUT 0V 90% 90% tr t(OFF) td(OFF) tF PULSE GENERATOR Rgen
VDD
RL OUTPUT
D.U.T. 10% 10% INPUT
7-36
TN0106/TN0110
Typical Performance Curves
Output Characteristics
5 5
Saturation Characteristics
4
4
VGS = 10V
ID (amperes)
VGS = 10V 8V
2
ID (amperes)
3
3
8V
2
6V
6V
1
1
4V 2V
0 10 20 30 40 50
4V 2V
0 2 4 6 8 10
0
0
VDS (volts) Transconductance vs. Drain Current
0.5 10
VDS (volts) Power Dissipation vs. Case Temperature
7
TA = -55C
0.4 8
TA = 25C
GFS (siemens)
TA = 150C
0.2
PD (watts)
0.3
6
4
0.1
2
VDS = 25V
0 0 .6 1.2 1.8 2.4 3.0 0
TO-92
0
25
50
75
100
125
150
ID (amperes) Maximum Rated Safe Operating Area
10 1.0
TC ( C) Thermal Response Characteristics
TC = 25C TO-92 (pulsed)
Thermal Resistance (normalized)
0.8
ID (amperes)
1.0
0.6
TO-92 (DC)
0.1
0.4
0.2
TO-92 TC = 25C PD = 1W
0.01 1 10 100 1000
0 0.001 0.01 0.1 1 10
VDS (volts)
tp (seconds)
7-37
TN0106/TN0110
Typical Performance Curves
BVDSS Variation with Temperature
1.3 5.0
On-Resistance vs. Drain Current
VGS = 5V VGS = 10V
1.2
4.0
BVDSS (normalized)
1.1
RDS(ON) (ohms)
3.0
1.0
2.0
0.9
1.0
0.8 -50 0 50 100 150
0
0
1.0
2.0
3.0
4.0
5.0
Tj ( C) Transfer Characteristics
3.0 1.4
ID (amperes) V(th) and RDS Variation with Temperature
1.4
VDS = 25V
2.4
TA = -55C
1.2
V(th)@ 0.5mA
1.2
ID (amperes)
25C
1.8
1.0
150C
1.2
RDS(ON) @ 10V, 0.5A
1.0
0.8
0.8
0.6
0.6
0.6
0
0.4 0 2 4 6 8 10 -50 0 50 100 150
0.4
VGS (volts) Capacitance vs. Drain-to-Source Voltage
100 10
Tj ( C) Gate Drive Dynamic Characteristics
f = 1MHz
8 75
VDS = 10V 55pF
C (picofarads)
VGS (volts)
40V
6
CISS
50
4
COSS
25 2
CRSS
0 0 10 20 30 40 0 0 1.0
50pF
2.0 3.0 4.0 5.0
VDS (volts)
QG (nanocoulombs)
7-38
RDS(ON) (normalized)
VGS(th) (normalized)


▲Up To Search▲   

 
Price & Availability of TN0106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X