Part Number Hot Search : 
TC74VCX 74CBTLV SD230 PT6010 10004 B2309 UT3020 FSJ264R4
Product Description
Full Text Search
 

To Download TMPG06-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TMPG06-6.8 THRU TMPG06-43A
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Breakdown Voltage - 6.8 to 43 Volts
D *
Case Style TMPG-06
Peak Pulse Power - 400 Watts
FEATURES
1.0 (25.4) MIN. 0.100 (2.54) 0.090 (2.29)
0.125 (3.18) 0.115 (2.92)
1.0 (25.4) MIN. 0.025 (0.635) 0.025 (0.559)
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Designed for the hood applications Available in uni-directional only Exclusive patented PARTM oxide passivated chip construction 400W peak pulse power capability on 10/1000s waveform, repetition rate (duty cycle): 1.0% Excellent clamping capability Low incremental surge resistance Fast response time: typically less than 1.0ps from 0 Volts to V(BR) For devices with V(BR)10V, ID are typically less than 1.0A High temperature soldering guaranteed: 300C/10 seconds 0.375 (9.5mm) lead length, 5lbs (2.3 kg) tension
P A T E
N
T E
MECHANICAL DATA
Dimensions in inches and (millimeters)
* Patent #'s
4,980,315 5,166,769 5,278,094
Case: Molded plastic over a passivated junction Terminals: Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes positive end (cathode) Mounting Position: Any Weight: 0.0064 ounce, 0.181 gram
Available in uni-directional only
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNITS
Peak power dissipation with a 10/1000s waveform (NOTE 1, FIG. 1) Peak pulse power current with a 10/1000s waveform (NOTE1,2, FIG. 3) Steady state power dissipation at TL=75C lead lengths 0.25" (6.33mm) (NOTE 2) Peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) (NOTE 3) Maximum instantaneous forward voltage at 25A (NOTE 3) Operating junction and storage temperature range
PPPM IPPM PM(AV)
Minimum 400
SEE TABLE 1
Watts Amps Watts
1.0
IFSM VF TJ, TSTG
40.0 3.5 -65 to +185
Amps Volts C
NOTES: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA=25C per Fig. 2 (2) Mounted on copper pads area of 1.6 x 1.6" (40 x 40mm) (3) Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum
1/25/99
ELECTRICAL CHARACTERISTICS at (TA=25C unless otherwise noted) TABLE 1
Breakdown Voltage V(BR) Volts (NOTE 1) Device Type MIN MAX Test Current at IT (mA) Stand-off Voltage VWm (Volts) Maximum Reverse Leakage at VWM ID (A) Maximum Reverse Leakage at VwM TJ=150C ID (A) Peak Pulse Current IPPM
(NOTE 2)
(Amps)
Maximum Clamping Voltage at lPPM VC (Volts)
Maximum Temperature Coefficient of V(BR) (% / C)
TMPG06-6.8 TMPG06-6.8A TMPG06-7.5 TMPG06-7.5A TMPG06-8.2 TMPG06-8.2A TMPG06-9.1 TMPG06-9.1A TMPG06-10 TMPG06-10A TMPG06-11 TMPG06-11A TMPG06-12 TMPG06-12A TMPG06-13 TMPG06-13A TMPG06-15 TMPG06-15A TMPG06-16 TMPG06-16A TMPG06-18 TMPG06-18A TMPG06-20 TMPG06-20A
6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0
7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.3 15.8 17.6 16.8 19.8 18.9 22.0 21.0
10.0 10.0 10.0 10.0 10.0 10.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.0
300 300 150 150 50.0 50.0 10.0 10.0 5.0 5.0 2.0 2.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
1000 1000 500 500 200 200 50.0 50.0 20.0 20.0 10.0 10.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
27.8 28.6 25.6 26.5 24.0 24.8 21.7 22.4 26.7 27.6 24.7 25.6 23.1 24.0 21.1 22.0 18.2 18.9 17.0 17.8 15.1 15.9 13.7 14.4
10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.5 29.1 27.7
0.057 0.057 0.060 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.076 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090
ELECTRICAL CHARACTERISTICS at (TA=25C unless otherwise noted) TABLE 1 (Cont'd)
Breakdown Voltage V(BR) (Volts) (NOTE 1) Device Type MIN MAX Test Current at IT (mA) Stand-off Voltage VWM (Volts) Maximum Reverse Leakage at VWM ID (A) Maximum Reverse Leakage at VwM TJ=150C ID (A) Peak Pulse Current IPPM
(NOTE 2)
(Amps)
Maximum Clamping Voltage at lPPM VC (Volts)
Maximum Temperature Coefficient of V(BR) (% / C)
TMPG06-22 TMPG06-22A TMPG06-24 TMPG06-24A TMPG06-27 TMPG06-27A TMPG06-30 TMPG06-30A TMPG06-33 TMPG06-33A TMPG06-36 TMPG06-36A TMPG06-39 TMPG06-39A TMPG06-43 TMPG06-43A
19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9
24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
12.5 13.1 11.5 12.0 10.2 10.7 9.2 9.7 8.4 8.8 7.7 8.0 7.1 7.4 6.5 6.7
31.9 30.6 34.2 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3
0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101
NOTES: (1) V(BR) measured after IT applied for 300s, IT=square wave pulse or equivalent (2) Surge current waveform per Fig. 3 and derated per Fig. 2 (3) All terms and symbols are consistent with ANSI/IEEE C62.35
RATING AND CHARACTERISTIC CURVES TMPG06-6.8 THRU TMPG06-43A
FIG. 1 - PEAK PULSE POWER RATING CURVE
FIG. 2 - PULSE DERATING CURVE PEAK PULSE POWER (PPP) or CURRENT (IPP) DERATING IN PERCENTAGE, %
100
PPPM, PEAK PULSE POWER, kW
100
NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG. 3 TA=25C
10
TMPG06-10 - TMPG06-43A
75
50
1.0
TMPG06-6.8 - TMPG06-9.1A
25
0.1 0.1s
1.0s
10s
100s
1.0ms
10ms
td, PULSE WIDTH, sec.
0
0
25
50
75
100
125 150
175 200
TA, AMBIENT TEMPERATURE, C FIG. 3 - PULSE WAVEFORM
150
IPPM PEAK PULSE CURRENT, %
tr=10sec. PEAK VALUE IPPM PULSE WIDTH (td) IS DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of Ipp
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
10,000
TJ=25C f=1 MHz Vsig=50mVp-p
100
CJ, JUNCTION CAPACITANCE, pF
HALF VALUE - IPP 2
1,000
MEASURED at ZERO BIAS
50
10/1000sec. WAVEFORM as DEFINED by R.E.A.
0
td
100
MEASURED at STAND-OFF VOLTAGE, VWM
0
1.0
2.0 t, TIME, ms
3.0
4.0
FIG. 5 - STEADY STATE POWER DERATING CURVE PM(AV) STEADY STATE POWER DISSIPATION, WATTS
1.00
L
0.75
= 0.375" (9.5mm) LEAD LENGTH
60HZ RESISTIVE OR INDUCTIVE LOAD
10 1.0
10
100
200
V(BR), BREAKDOWN VOLTAGE, VOLTS
FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
1.6 x 1.6 x .040" (40 x 40 x 1mm) COPPER HEAT SINKS
IFSM, PEAK FORWARD SURGE CURRENT, AMPERES
0.50
100
TL=75C 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0.25
0
0
25
50
75
100
125
150
175
200
TL, LEAD TEMPERATURE,C
10
1
10
NUMBER OF CYCLES AT 60 HZ
100


▲Up To Search▲   

 
Price & Availability of TMPG06-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X