Part Number Hot Search : 
MAX14 MSM7620 B1086 DT54F 24006 FR2504 KIA317FP NGBBN
Product Description
Full Text Search
 

To Download TM1641S-L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TO-220F 16A Triac
TM1641S-L, TM1661S-L
s Features
qRepetitive peak off-state voltage: VDRM=400, 600V qRMS on-state current: IT(RMS)=16A qGate trigger current: IGT=30mA max (MODE , , qUL approved type available
External Dimensions
(Unit: mm)
3.30.2 16.90.3 8.40.2 4.00.2 10.00.2
4.20.2 C 0.5 2.8
3.90.2 0.80.2
)
qIsolation voltage: VISO=1500V(50Hz Sine wave, RMS)
13.0 min
a b
1.350.15 1.350.15 +0.2 0.85 -0.1 +0.2 0.45 -0.1 2.40.2
a. Part Number b. Lot Number
2.54 2.20.2
2.54
(1). Terminal 1 (T1) (2). Terminal 2 (T2) (3). Gate (G)
(1) (2) (3)
Weight: Approx. 2.1g
sAbsolute Maximum Ratings
Parameter
Repetitive peak off-state voltage RMS on-state current Surge on-state current Peak gate voltage Peak gate current Peak gate power loss Average gate power loss Junction temperature Storage temperature Isolation voltage
Symbol
VDRM IT(RMS) ITSM VGM IGM PGM PG(AV) Tj Tstg VISO
Ratings
TM1641S-L 400 16 150 10 2 5 0.5 - 40 to +125 - 40 to +125 1500 TM1661S-L 600
Unit
V A A V A W W C C Vrms
Conditions
Conduction angle 360, Tc=74C 50Hz full-cycle sinewave, Peak value, Non-repetitive, Tj=125C
50Hz Sine wave, RMS, Terminal to Case, 1 min.
sElectrical Characteristics
Parameter
Off-state current On-state voltage
(Tj=25C, unless otherwise specified)
Symbol
IDRM VTM
Ratings
min typ 0.3 max 2.0 0.1 1.6 0.8 2.0 2.0 2.0 30 30 30 0.7 0.8 1.0 12 16 25 70 0.2 25 3.0
Unit
mA V
Conditions
VD=VDRM, RGK=, Tj=125C VD=VDRM, RGK=, Tj=25C Palse test, ITM=20A T2 , G
+ + - - + -
Gate trigger voltage
VGT
V
VD=6V, RL=10, TC=25C
T2 , G T2 , G T2 , G
+ + - -
- + + -
T2 , G mA VD=6V, RL=10, TC=25C T2 , G T2 , G T2 , G V mA
C/W
Gate trigger current
IGT
- +
Gate non-trigger voltage Holding current Thermal resistance
VGD IH Rth
VD=1/2xVDRM, Tj=125C VD=6V Junction to case
44
TM1641S-L, TM1661S-L
vT - iT Characteristics (max)
100 50 Ambient temperature Ta (C) 125 100 75 50 25 0 1.0 1.5 2.0 2.5 3.0 3.5 0 0.5 1.0 1.5 2.0 2.5 3.0 On-state voltage
IT(RMS) - Ta Ratings
150
Full-cycle sinewave Conduction angle : 360 Self-supporting Natural cooling No wind
IT(RMS) - PT(AV) Characteristics
24 Average on-state power PT(AV) (W) 20 16 12 8 4 0
Full-cycle sinewave Conduction angle =1+ 2 =360 2 1
iT (A)
On-state current
10 Tj=125C 5 Tj=25C 1 0.5
0.1 0.5
0
10 RMS on-state current IT(RMS) (A)
20
vT ( V )
(Typical)
1.4
RMS on-state current IT(RMS) (A)
IT(RMS) - Tc Ratings
150
Full-cycle sinewave Conduction angle :360
VGT temperature characteristics
(VD=6V RL=10 ) Mode
IGT temperature characteristics
100 Gate trigger current IGT (mA) 50 (VD=6V RL=10 ) Mode
Gate trigger voltage VGT (V)
Case temperature TC (C)
125 100 75 50 25 0
1.2 1.0 0.8 0.6 0.4 0.2 0 -40 -25
10 5
0
10 RMS on-state current IT(RMS) (A)
20
0
25
50
75
100
125
1 -40 -25
0
25
50
75
100
125
Junction temperature Tj (C)
Junction temperature Tj (C)
IH temperature Characteristics
(Typical)
100 (RG-K=1k)
IL temperature Characteristics
(Typical)
120 100 Latching current IL (mA) 80 60 40 20 0 -40 -25
Transient thermal resistance Characteristics
rth (C/W)
100 Junction to operating environment 10
Holding current IH (mA)
80
60
Transient thermal resistance
40
Junction to case 1
20
0 -40 -25
0
25
50
75
100
125
0
25
50
75
100
125
0.1 0.1
1
10
102
103
104
105
Junction temperature Tj (C)
Junction temperature Tj (C)
t, Time (ms)
45


▲Up To Search▲   

 
Price & Availability of TM1641S-L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X